Part Number Hot Search : 
74VHC05M VT6T2 2SC507 EN5394QI MKTD05 AWS5502 6705VUQ IS4011
Product Description
Full Text Search
 

To Download SA39-12GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsac0810 rev no: v.10 date: may/15/2007 page: 1 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000402 9.9mm (0.39inch) single digit numeric display part number: SA39-12GWA green features z 0.39 inch digit height. z low current operation. z excellent character appearance. z easy mounting on p.c. boards or sockets. z i.c. compatible. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsac0810 rev no: v.10 date: may/15/2007 page: 2 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000402 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SA39-12GWA green (gap) white diffused 1200 6400 common anode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsac0810 rev no: v.10 date: may/15/2007 page: 3 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000402 green SA39-12GWA
spec no: dsac0810 rev no: v.10 date: may/15/2007 page: 4 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000402 packing & label specifications SA39-12GWA


▲Up To Search▲   

 
Price & Availability of SA39-12GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X