Part Number Hot Search : 
L6393D HVC316 HT6550 TLM2ME2 SHD12 SHD12 B32923 BRA124
Product Description
Full Text Search
 

To Download R8820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  R8820 rdc ? risc dsp communication 16-bit risc microcontroller specifications subject to change without notice, contact your sales representatives for the most update information. rev 1.0 may. 31 2007 page 1 of 9 R8820 brief sheet 16-bit risc micro controller
R8820 rdc ? risc dsp communication 16-bit risc microcontroller specifications subject to change without notice, contact your sales representatives for the most update information. rev 1.0 may. 31 2007 page 2 of 9 1. features l cpu core - rdc s proprietary risc architecture - five-stage pipeline - cpu clock speed up to 25 mhz - supports cpu id - supports 32 pio pins - static & synthesizable design l bus interface - a multiplexed address and data bus which is compatible with the 80c186 microprocessor - supports a non-multiplexed address bus a[19:0] l rom/ram controller and addressing space - 1m-byte memory address space - 64k-byte i/o space l psram interface - psram (pseudo static ram) interface with auto-refresh control l two independent dma channels - supports serial ports with dma transfers l asynchronous serial channels - supports two asynchronous serial channels with hardware handshaking signals l interrupt controller - the interrupt controller with seven maskable external interrupts and one non-maskable external interrupt l programmable chip-select logic - programmable chip-select logic for memory or i/o bus cycle decoder l programmable wait-state generators l counter/timers - three independent 16-bit timers and one independent watchdog timer l software is compatible with the 80c186 microprocessor l operating voltage range - core voltage: 5v 5% - i/o voltage: 5v 10% l operating temperature: -40 ~ +85 c l package type - 100-pin pqfp - 100-pin lqfp l a green product
R8820 rdc ? risc dsp communication 16-bit risc microcontroller specifications subject to change without notice, contact your sales representatives for the most update information. rev 1.0 may. 31 2007 page 3 of 9 2. block diagram dma unit psram control unit chip select unit refresh control unit bus interface unit pio unit timer control unit interrupt control unit clock and power management asynchro- nous serial port0 instruction queue (64bits) instruction decoder register file general, segment, eflag register alu (special, logic, adder, bsf) micro rom ea / la address control signal execution unit x1 x2 clkouta clkoutb int6~4 int0 tmrin0 tmrout0 tmrin1 tmrout1 drq0 drq1 txd0 rxd0 a[19:0] ad[15:0] ale rd_n vcc gnd lcs_n/once0_n mcs3_n/rfsh_n ucs_n/once1_n pcs5_n/a1 pcs6_n/a2 ardy srdy s2_n~s0_n dt/r_n den_n hold hlda s6/clkdiv2_n uzi_n wr_n bhe_n/aden_n wlb_n whb_n asynchro- nous serial port1 rts0_n/rtr0_n cts0_n/enrx0_n txd1 rxd1 rts1_n/rtr1_n cts1_n/enrx1_n int1/select_n int3/inta1_n/irq int2/inta0_n nmi rst_n mcs[2:0] pcs3_n~pcs0_n pio[31:0]
R8820 rdc ? risc dsp communication 16-bit risc microcontroller specifications subject to change without notice, contact your sales representatives for the most update information. rev 1.0 may. 31 2007 page 4 of 9 3. pin placement 3.1 pqfp 100 pins 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 8 1 8 2 8 3 8 4 8 5 8 6 8 7 8 8 8 9 9 0 9 1 9 2 9 3 9 4 9 5 9 6 9 7 9 8 9 9 1 0 0 R8820 rxd0/pio23 txd0/pio22 ale ardy gnd x1 x2 vcc clkouta clkoutb gnd a19/pio9 a18/pio8 vcc a17/pio7 a16 a15 a14 a13 a12 a11 a10 a9 a 8 a 7 a 6 a 5 a 4 a 3 a 2 a 1 v c c a 0 g n d w h b _ n w l b _ n h l d a h o l d s r d y / p i o 6 n m i int4/pio30 int0 vcc gnd vcc gnd tmrin1/pio0 tmrout1/pio1 tmrout0/pio10 tmrin0/pio11 drq1/int6/pio13 drq0/int5/pio12 ad0 ad8 ad1 a d 9 a d 2 a d 1 0 a d 3 a d 1 1 a d 4 a d 1 2 a d 5 g n d a d 1 3 a d 6 v c c a d 1 4 a d 7 a d 1 5 t x d 1 / p i o 2 7 r x d 1 / p i o 2 8 int3/inta1_n/irq ucs_n/once1_n lcs_n/once0_n s 6 / c l k d i v 2 _ n / p i o 2 9 d t / r _ n / p i o 4 d e n _ n / p i o 5 m c s 0 _ n / p i o 1 4 mcs1_n/pio15 int2/inta0_n/pio31 pcs6_n/a2/pio2 pcs5_n/a1/pio3 pcs1_n/pio17 pcs0_n/pio16 mcs2_n/pio24 mcs3_n/rfsh_n/pio25 rst_n u z i _ n / p i o 2 6 bhe_n/aden_n wr_n rd_n s2_n s1_n s0_n int1/select_n pcs2_n/cts1_n/enrx1_n/pio18 pcs3_n/rts1_n/rtr1_n/pio19 rts0_n/rtr0_n/pio20 c t s 0 _ n / e n r x 0 _ n / p i o 2 1
R8820 rdc ? risc dsp communication 16-bit risc microcontroller specifications subject to change without notice, contact your sales representatives for the most update information. rev 1.0 may. 31 2007 page 5 of 9 3.2 lqfp 100 pins R8820 ad0 ad8 ad1 ad9 ad2 ad10 ad3 ad11 ad4 ad12 ad5 gnd ad13 ad6 vcc ad14 ad7 ad15 s6/clkdiv2_n/pio29 uzi_n/pio26 txd1/pio27 rxd1/pio28 rxd0/pio23 txd0/pio22 b h e _ n / a d e n _ n w r _ n r d _ n a l e a r d y s 2 _ n s 1 _ n s 0 _ n g n d x 1 x 2 v c c c l k o u t a c l k o u t b g n d a 1 9 / p i o 9 a 1 8 / p i o 8 v c c a 1 7 / p i o 7 a 1 6 a 1 5 a 1 4 a 1 3 a 1 2 a11 a9 a10 a8 a7 a6 a4 a5 a3 a2 vcc a0 a1 gnd hold hlda srdy/pio6 nmi int4/pio30 i n t 0 v c c g n d v c c g n d t m r i n 1 / p i o 0 t m r o u t 0 / p i o 1 0 t m r i n 0 / p i o 1 1 t m r o u t 1 / p i o 1 d r q 1 / i n t 6 / p i o 1 3 d r q 0 / i n t 5 / p i o 1 2 dt/r_n/pio4 i n t 3 / i n t a 1 _ n / i r q i n t 2 / i n t a 0 _ n / p i o 3 1 i n t 1 / s e l e c t _ n u c s _ n / o n c e 1 _ n l c s _ n / o n c e 0 _ n p c s 6 _ n / a 2 / p i o 2 p c s 5 _ n / a 1 / p i o 3 p c s 1 _ n / p i o 1 7 p c s 0 _ n / p i o 1 6 r s t _ n 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 55 54 53 52 51 60 59 58 57 56 65 64 63 62 61 70 69 68 67 66 75 74 73 72 71 7 6 7 7 7 8 8 0 7 9 8 1 8 2 8 3 8 5 8 4 8 6 8 7 8 8 9 0 8 9 9 1 9 2 9 3 9 5 9 4 9 6 9 7 9 8 1 0 0 9 9 den_n/pio5 m c s 3 _ n / r f s h _ n / p i o 2 5 mcs0_n/pio14 mcs1_n/pio15 m c s 2 _ n / p i o 2 4 cts0_n/enrx0_n/pio21 r t s 0 _ n / r t r 0 _ n / p i o 2 0 whb_n wlb_n p c s 3 _ n / r t s 1 _ n / r t r 1 _ n / p i o 1 9 p c s 2 _ n / c t s 1 _ n / e n r x 1 _ n / p i o 1 8
R8820 rdc ? risc dsp communication 16-bit risc microcontroller specifications subject to change without notice, contact your sales representatives for the most update information. rev 1.0 may. 31 2007 page 6 of 9 4. package information 4.1 pqfp 100 pins 0.10 c seating plane 0.25 min a1 "a" d1 20.00 0.10 d 23.20 0.20 e1 14.00 0.10 e 17.20 0.20 "a" 0.65 bsc 0.25~0.38 unit:mm 1.60 ref 0.25 0.88 0.15 l l1 a2 2.85 0.12 detail a 3.40 max. 7 typ 15 typ detail a
R8820 rdc ? risc dsp communication 16-bit risc microcontroller specifications subject to change without notice, contact your sales representatives for the most update information. rev 1.0 may. 31 2007 page 7 of 9 4.2 lqfp 100 pins sealing plane 1 25 26 50 51 75 76 100 0.127(typ) "a" 0.08(max) 0.50(typ) 1.60(max) 1.00(ref) 0.2s(typ) gauge plane 16.00 0.15 14.00 0.10 16.00 0.15 14.00 0.10 1.40 0.05 0.10 0.05 0.22 0.05 0.60 0.15 0 ~ 7 unit:mm


▲Up To Search▲   

 
Price & Availability of R8820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X