Part Number Hot Search : 
MC145 SM10LZ47 T03GH 2SK1162 LBN08303 TD221I TDA7010T N3055
Product Description
Full Text Search
 

To Download NBC12429FNG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 january, 2009 ? rev. 13 1 publication order number: nbc12429/d nbc12429, nbc12429a 3.3v/5v?programmable pll synthesized clock generator 25 mhz to 400 mhz description the nbc12429 and nbc12429a are general purpose, phase ? lock ? loop (pll) based synthesized clock sources. the vco will operate over a frequency range of 200 mhz to 400 mhz. the vco frequency is sent to the n ? output divider, where it can be configured to provide division ratios of 1, 2, 4, or 8. the vco and output frequency can be programmed using the parallel or serial interfaces to the configuration logic. output frequency steps of 125 khz, 250 khz, 500 khz, or 1.0 mhz can be achieved using a 16 mhz crystal, depending on the output dividers. the pll loop filter is fully integrated and does not require any external components. features ? best ? in ? class output jitter performance, 20 ps peak ? to ? peak ? 25 mhz to 400 mhz programmable differential pecl outputs ? fully integrated phase ? lock ? loop with internal loop filter ? parallel interface for programming counter and output dividers during powerup ? minimal frequency overshoot ? serial 3 ? wire programming interface ? crystal oscillator interface ? operating range: v cc = 3.135 v to 5.25 v ? cmos and ttl compatible control inputs ? pin and function compatible with motorola mc12429 and mpc9229 ? 0 c to 70 c ambient operating temperature (nbc12429) ? ? 40 c to 85 c ambient operating temperature (nbc12429a) ? pb ? free packages are available marking diagrams plcc ? 28 fn suffix case 776 nbc12429xg awlyyww 128 see detailed ordering and shipping information in the package dimensions section on p age 18 of this data sheet. ordering information http://onsemi.com lqfp ? 32 fa suffix case 873a nbc12 429x awlyywwg qfn32 mn suffix case 488am 32 1 nbc12 429x awlyyww   1 x = blank or a a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free package (note: microdot may be in either location) 28 1
nbc12429, nbc12429a http://onsemi.com 2 1 mhz f ref with 16 mhz crystal 9 ? bit sr 2 ? bit sr 3 ? bit sr  16 figure 1. block diagram (plcc ? 28) 10 ? 20 mhz s_load p_load s_data s_clock xtal1 xtal2 osc 4 5 phase detector 28 7 9 ? bit  m counter latch vco  n (1, 2, 4, 8) latch 200 ? 400 mhz f out f out +3.3 or 5.0 v 21, 25 24 23 v cc latch test 20 +3.3 or 5.0 v pll_v cc 01 27 26 01 m[8:0] 9 8 16 n[1:0] 2 17, 18 22, 19 oe 6 1 table 1. output division n[1:0] output division 00 01 10 11 1 2 4 8 table 2. xtal_sel and oe input 0 1 oe outputs disabled outputs enabled
nbc12429, nbc12429a http://onsemi.com 3 n[1] n[0] m[8] m[7] m[6] m[5] m[4] xtal1 nc nc pll_v cc s_load s_data s_clock figure 2. plcc ? 28 (top view) v cc f out f out gnd v cc gnd test xtal2 oe p_load m[0] m[1] m[2] m[3] figure 3. lqfp ? 32 (top view) n/c n[1] n[0] m[8] m[7] m[6] m[5] n/c n/c pll_v cc pll_v cc s_load s_data s_clock f out f out gnd v cc v cc gnd test oe p_load m[0] m[1] m[2] m[3] n/c m[4] xtal1 v cc xtal2 26 27 28 1 2 3 4 18 17 16 15 14 13 12 56 7891011 25 24 23 22 21 20 19 1 2 3 4 5 6 7 8 910111213141516 24 23 22 21 20 19 18 17 32 31 30 29 28 27 26 25 32 31 30 29 28 27 26 25 910111213141516 1 2 3 4 5 6 7 8 24 23 22 21 20 19 18 17 n/c n[1] n[0] m[8] m[7] m[6] m[5] n/c n/c pll_v cc pll_v cc s_load s_data s_clock f out f out gnd v cc v cc gnd test oe p_load m[0] m[1] m[2] m[3] n/c m[4] xtal1 v cc xtal2 figure 4. 32 ? lead qfn (top view) exposed pa d (ep)
nbc12429, nbc12429a http://onsemi.com 4 the following gives a brief description of the functionality of the nbc12429 and nbc12429a inputs and outputs. unless explicitly stated, all inputs are cmos/ttl compatible with either pullup or pulldown resistors. the pecl outputs are capable of driving two series terminated 50  transmission lines on the incident edge. table 3. pin function description pin name function description inputs xtal1, xtal2 crystal inputs these pins form an oscillator when connected to an external series ? resonant crystal. s_load* cmos/ttl serial latch input (internal pulldown resistor) this pin loads the configuration latches with the contents of the shift registers. the latches will be transparent when this signal is high; thus, the data must be stable on the high ? to ? low transition of s_load for proper operation. s_data* cmos/ttl serial data input (internal pulldown resistor) this pin acts as the data input to the serial configuration shift registers. s_clock* cmos/ttl serial clock input (internal pulldown resistor) this pin serves to clock the serial configuration shift registers. data from s_data is sampled on the rising edge. p_load ** cmos/ttl parallel latch input (internal pullup resistor) this pin loads the configuration latches with the contents of the parallel inputs. the latches will be transparent when this signal is low; therefore, the parallel data must be stable on the low ? to ? high transition of p_load for proper opera- tion. m[8:0]** cmos/ttl pll loop divider inputs (internal pullup resistor) these pins are used to configure the pll loop divider. they are sampled on the low ? to ? high transition of p_load . m[8] is the msb, m[0] is the lsb. n[1:0]** cmos/ttl output divider inputs (internal pullup resistor) these pins are used to configure the output divider modulus. they are sampled on the low ? to ? high transition of p_load . oe** cmos/ttl output enable input (internal pullup resistor) active high output enable. the enable is synchronous to eliminate possibility of runt pulse generation on the f out output. outputs f out , f out pecl differential outputs these differential, positive ? referenced ecl signals (pecl) are the outputs of the synthesizer. test cmos/ttl output the function of this output is determined by the serial configuration bits t[2:0]. power v cc positive supply for the logic the positive supply for the internal logic and output buffer of the chip, and is con- nected to +3.3 v or +5.0 v. pll_v cc positive supply for the pll this is the positive supply for the pll and is connected to +3.3 v or +5.0 v. gnd negative power supply these pins are the negative supply for the chip and are normally all connected to ground. ? exposed pad for qfn ? 32 only the exposed pad (ep) on the qfn ? 32 package bottom is thermally connected to the die for improved heat transfer out of package. the exposed pad must be at- tached to a heat ? sinking conduit. the pad is electrically connected to gnd. * when left open, these inputs will default low. ** when left open, these inputs will default high.
nbc12429, nbc12429a http://onsemi.com 5 table 4. attributes characteristics value internal input pulldown resistor 75 k  internal input pullup resistor 37.5 k  esd protection human body model machine model charged device model > 2 kv > 150 v > 1 kv moisture sensitivity (note 1) pb pkg pb ? free pkg plcc lqfp qfn level 1 level 2 level 1 level 3 level 2 level 1 flammability rating oxygen index: 28 to 34 ul 94 v ? 0 @ 0.125 in transistor count 2035 meets or exceeds jedec spec eia/jesd78 ic latchup test 1. for additional information, see application note and8003/d. table 5. maximum ratings symbol parameter condition 1 condition 2 rating unit v cc positive supply gnd = 0 v 6 v v i input voltage gnd = 0 v v i v cc 6 v i out output current continuous surge 50 100 ma ma t a operating temperature range nbc12429 nbc12429a 0 to 70 ? 40 to +85 c t stg storage temperature range ? 65 to +150 c  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm plcc ? 28 plcc ? 28 63.5 43.5 c/w c/w  jc thermal resistance (junction ? to ? case) standard board plcc ? 28 22 to 26 c/w  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm lqfp ? 32 lqfp ? 32 80 55 c/w c/w  jc thermal resistance (junction ? to ? case) standard board lqfp ? 32 12 to 17 c/w  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm qfn ? 32 qfn ? 32 31 27 c/w c/w  jc thermal resistance (junction ? to ? case) 2s2p qfn ? 32 12 c/w t sol wave solder pb pb ? free <3 sec @ 248 c <3 sec @ 260 c 265 265 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability.
nbc12429, nbc12429a http://onsemi.com 6 table 6. dc characteristics (v cc = 3.3 v 5%; t a = 0 c to 70 c (nbc12429), t a = ? 40 c to 85 c (nbc12429a)) symbol characteristic condition min typ max unit v ih lvcmos/ lvttl input high voltage v cc = 3.3 v 2.0 v v il lvcmos/ lvttl input low voltage v cc = 3.3 v 0.8 v i in input current 1.0 ma v oh output high voltage test i oh = ? 0.8 ma 2.5 v v ol output low voltage test i ol = 0.8 ma 0.4 v v oh pecl output high voltage f out f out v cc = 3.3 v (notes 2, 3) 2.155 2.405 v v ol pecl output low voltage f out f out v cc = 3.3 v (notes 2, 3) 1.355 1.605 v i cc power supply current v cc pll_v cc 48 18 58 22 70 26 ma ma note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. f out /f out output levels will vary 1:1 with v cc variation. 3. f out /f out outputs are terminated through a 50  resistor to v cc ? 2.0 v. table 7. dc characteristics (v cc = 5.0 v 5%; t a = 0 c to 70 c (nbc12429), t a = ? 40 c to 85 c (nbc12429a)) symbol characteristic condition min typ max unit v ih cmos/ ttl input high voltage v cc = 5.0 v 2.0 v v il cmos/ ttl input low voltage v cc = 5.0 v 0.8 v i in input current 1.0 ma v oh output high voltage test i oh = ? 0.8 ma 2.5 v v ol output low voltage test i ol = 0.8 ma 0.4 v v oh pecl output high voltage f out f out v cc = 5.0 v (notes 4, 5) 3.855 4.105 v v ol pecl output low voltage f out f out v cc = 5.0 v (notes 4, 5) 3.055 3.305 v i cc power supply current v cc pll_v cc 50 19 60 23 75 27 ma ma note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. f out /f out output levels will vary 1:1 with v cc variation. 5. f out /f out outputs are terminated through a 50  resistor to v cc ? 2.0 v.
nbc12429, nbc12429a http://onsemi.com 7 table 8. ac characteristics (v cc = 3.125 v to 5.25 v; t a = 0 c to 70 c (nbc12429), t a = ? 40 c to 85 c (nbc12429a)) (note 6) symbol characteristic condition min max unit f maxi maximum input frequency s_clock xtal oscillator (note 7) 10 10 20 mhz f maxo maximum output frequency vco (internal) f out 200 25 400 400 mhz t jitter(pd) period jitter @ 3.3 v 10000 wfms (see table 13 for typical values) 25 mhz < f out < 100 mhz, m = 200 25 mhz < f out < 100 mhz, m = 300 25 mhz < f out < 100 mhz, m = 400 100 mhz < f out < 400 mhz, m = 200 100 mhz < f out < 400 mhz, m = 300 100 mhz < f out < 400 mhz, m = 400 25 9.0 6.0 9.0 5.0 4.0 ps rms 25 mhz < f out < 100 mhz, m = 200 25 mhz < f out < 100 mhz, m = 300 25 mhz < f out < 100 mhz, m = 400 100 mhz < f out < 400 mhz, m = 200 100 mhz < f out < 400 mhz, m = 300 100 mhz < f out < 400 mhz, m = 400 146 71 53 125 60 54 ps pp period jitter @ 5.0 v 10000 wfms (see table 13 for typical values) 25 mhz < f out < 100 mhz, m = 200 25 mhz < f out < 100 mhz, m = 300 25 mhz < f out < 100 mhz, m = 400 100 mhz < f out < 400 mhz, m = 200 100 mhz < f out < 400 mhz, m = 300 100 mhz < f out < 400 mhz, m = 400 25 9.0 6.0 10 6.0 5.0 ps rms 25 mhz < f out < 100 mhz, m = 200 25 mhz < f out < 100 mhz, m = 300 25 mhz < f out < 100 mhz, m = 400 100 mhz < f out < 400 mhz, m = 200 100 mhz < f out < 400 mhz, m = 300 100 mhz < f out < 400 mhz, m = 400 168 69 57 133 49 108 ps pp t jitter(cyc ? cyc) cycle ? to ? cycle @ 3.3 v 1000 wfms (see table 13 for typical values) 25 mhz < f out < 100 mhz, m = 200 25 mhz < f out < 100 mhz, m = 300 25 mhz < f out < 100 mhz, m = 400 100 mhz < f out < 400 mhz, m = 200 100 mhz < f out < 400 mhz, m = 300 100 mhz < f out < 400 mhz, m = 400 20 11 8.0 17 10 9.0 ps rms 25 mhz < f out < 100 mhz, m = 200 25 mhz < f out < 100 mhz, m = 300 25 mhz < f out < 100 mhz, m = 400 100 mhz < f out < 400 mhz, m = 200 100 mhz < f out < 400 mhz, m = 300 100 mhz < f out < 400 mhz, m = 400 150 105 77 208 94 89 ps pp cycle ? to ? cycle @ 5.0 v 1000 wfms (see table 13 for typical values) 25 mhz < f out < 100 mhz, m = 200 25 mhz < f out < 100 mhz, m = 300 25 mhz < f out < 100 mhz, m = 400 100 mhz < f out < 400 mhz, m = 200 100 mhz < f out < 400 mhz, m = 300 100 mhz < f out < 400 mhz, m = 400 25 12 8.0 18 11 10 ps rms 25 mhz < f out < 100 mhz, m = 200 25 mhz < f out < 100 mhz, m = 300 25 mhz < f out < 100 mhz, m = 400 100 mhz < f out < 400 mhz, m = 200 100 mhz < f out < 400 mhz, m = 300 100 mhz < f out < 400 mhz, m = 400 192 131 76 164 128 186 ps pp t lock maximum pll lock time 10 ms note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 6. f out /f out outputs are terminated through a 50  resistor to v cc ? 2.0 v. 7. 10 mhz is the maximum frequency to load the feedback divide registers. s_clock can be switched at higher frequencies when use d as a test clock in test_mode 6.
nbc12429, nbc12429a http://onsemi.com 8 table 8. ac characteristics (v cc = 3.125 v to 5.25 v; t a = 0 c to 70 c (nbc12429), t a = ? 40 c to 85 c (nbc12429a)) (note 6) symbol unit max min condition characteristic t s setup time s_data to s_clock s_clock to s_load m, n to p_load 20 20 20 ns t h hold time s_data to s_clock m, n to p_load 20 20 ns t pwmin minimum pulse width s_load p_load 50 50 ns dco output duty cycle 47.5 52.5 % t r , t f output rise/fall f out 20% ? 80% 175 425 ps note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 6. f out /f out outputs are terminated through a 50  resistor to v cc ? 2.0 v. 7. 10 mhz is the maximum frequency to load the feedback divide registers. s_clock can be switched at higher frequencies when use d as a test clock in test_mode 6. functional description the internal oscillator uses the external quartz crystal as the basis of its frequency reference. the output of the reference oscillator is divided by 16 before being sent to the phase detector. with a 16 mhz crystal, this provides a reference frequency of 1 mhz. although this data sheet illustrates functionality only for a 16 mhz crystal, table 9, any crystal in the 10 mhz ? 20 mhz range can be used, table 11. the vco within the pll operates over a range of 200 to 400 mhz. its output is scaled by a divider that is configured by either the serial or parallel interfaces. the output of this loop divider is also applied to the phase detector. the phase detector and the loop filter force the vco output frequency to be m times the reference frequency by adjusting the vco control voltage. note that for some values of m (either too high or too low), the pll will not achieve loop lock. the output of the vco is also passed through an output divider before being sent to the pecl output driver. this output divider (n divider) is configured through either the serial or the parallel interfaces and can provide one of four division ratios (1, 2, 4, or 8). this divider extends the performance of the part while providing a 50% duty cycle. the output driver is driven differentially from the output divider and is capable of driving a pair of transmission lines terminated into 50  to v cc ? 2.0 v. the positive reference for the output driver and the internal logic is separated from the power supply for the pll to minimize noise induced jitter. the configuration logic has two sections: serial and parallel. the parallel interface uses the values at the m[8:0] and n[1:0] inputs to configure the internal counters. normally upon system reset, the p_load input is held low until sometime after power becomes valid. on the low ? to ? high transition of p_load , the parallel inputs are captured. the parallel interface has priority over the serial interface. internal pullup resistors are provided on the m[8:0] and n[1:0] inputs to reduce component count in the application of the chip. the serial interface logic is implemented with a fourteen bit shift register scheme. the register shifts once per rising edge of the s_clock input. the serial input s_data must meet setup and hold timing as specified in the ac characteristics section of this document. with p_load held high, the configuration latches will capture the value of the shift register on the high ? to ? low edge of the s_load input. see the programming section for more information. the test output reflects various internal node values and is controlled by the t[2:0] bits in the serial data stream. see the programming section for more information.
nbc12429, nbc12429a http://onsemi.com 9 table 9. programming vco frequency function table with 16 mhz crystal 200 ? 397 programming interface programming the nbc12429 and nbc12429a is accomplished by properly configuring the internal dividers to produce the desired frequency at the outputs. the output frequency can by represented by this formula: fout  (f xtal  16)  m  n (eq. 1) where f xtal is the crystal frequency, m is the loop divider modulus, and n is the output divider modulus. note that it is possible to select values of m such that the pll is unable to achieve loop lock. to avoid this, always make sure that m is selected to be 200 m 400 for a 16 mhz input reference. assuming that a 16 mhz reference frequency is used the above equation reduces to: f out  m  n (eq. 2) substituting the four values for n (1, 2, 4, 8) yields: table 10. programmable output divider function 0  1 ? 400  2  2 ? 200  4  4 ? 100  8  8 ? 50 the user can identify the proper m and n values for the desired frequency from the above equations. the four output frequency ranges established by n are 200 mhz ? 400 mhz, 100 mhz ? 200 mhz, 50 mhz ? 100 mhz and 25 mhz ? 50 mhz, respectively. from these ranges, the user will establish the value of n required. the value of m can then be calculated based on equation 1. for example, if an output frequency of 131 mhz was desired, the following steps would be taken to identify the appropriate m and n values. 131 mhz falls within the frequency range set by an n value of 2; thus, n [1:0] = 01. for n = 2, f out = m 2 and m = 2 x f out . therefore, m  131  2  262, som[8 : 0]  100000110. following this same procedure, a user can generate any whole frequency desired between 25 and 400 mhz. note that for n > 2, fractional values of f out can be realized. the size of the programmable frequency steps (and thus, the indicator of the fractional output frequencies achievable) will be equal to f xtal 16 n. for input reference frequencies other than 16 mhz, see table 11, which shows the usable vco frequency and m divider range. the input frequency and the selection of the feedback divider m is limited by the vco frequency range and f xtal . m must be configured to match the vco frequency range of 200 mhz to 400 mhz in order to achieve stable pll operation. m min  f vcomin  (f xtal  16) and (eq. 3) m max  f vcomax  (f xtal  16) (eq. 4) the value for m falls within the constraints set for pll stability. if the value for m fell outside of the valid range, a different n value would be selected to move m in the appropriate direction. the m and n counters can be loaded either through a parallel or serial interface. the parallel interface is controlled via the p_load signal such that a low to high transition will latch the information present on the m[8:0] and n[1:0] inputs into the m and n counters. when the p_load signal is low, the input latches will be transparent and any changes on the m[8:0] and n[1:0] inputs will affect the f out output pair. to use the serial port, the
nbc12429, nbc12429a http://onsemi.com 10 s_clock signal samples the information on the s_data line and loads it into a 14 bit shift register. note that the p_load signal must be high for the serial load operation to function. the test register is loaded with the first three bits, the n register with the next two, and the m register with the final nine bits of the data stream on the s_data input. for each register, the most significant bit is loaded first (t2, n1, and m8). a pulse on the s_load pin after the shift register is fully loaded will transfer the divide values into the counters. the high to low transition on the s_load input will latch the new divide values into the counters. figures 5 and 6 illustrate the timing diagram for both a parallel and a serial load of the device synthesizer. m[8:0] and n[1:0] are normally specified once at powerup through the parallel interface, and then possibly again through the serial interface. this approach allows the application to come up at one frequency and then change or fine ? tune the clock as the ability to control the serial interface becomes available. the test output provides visibility for one of the several internal nodes as determined by the t[2:0] bits in the serial configuration stream. it is not configurable through the parallel interface. the t2, t1, and t0 control bits are preset to ?000? when p_load is low so that the pecl f out outputs are as jitter ? free as possible. any active signal on the test output pin will have detrimental affects on the jitter of the pecl output pair. in normal operations, jitter specifications are only guaranteed if the test output is static. the serial configuration port can be used to select one of the alternate functions for this pin.
nbc12429, nbc12429a http://onsemi.com 11  1  2  4  8 160 010100000 200 170 010101010 212.5 180 010110100 202.5 225 190 0101 11110 213.75 237.5 200 011001000 200 225 250 200 100 50 25 210 011010010 210 236.25 262.5 210 105 52.5 26.25 220 011011100 220 247.5 275 220 110 55 27.5 230 011100110 201.25 230 258.75 287.5 230 115 57.5 28.75 240 011110000 210 240 270 300 240 120 60 30 250 011111010 218.75 250 281.25 312.5 250 125 62.5 31.25 260 100000100 227.5 260 292.5 325 260 130 65 32.5 270 100001110 202.5 236.25 270 303.75 337.5 270 135 67.5 33.75 280 100011000 210 245 280 315 350 280 140 70 35 290 100100010 217.5 253.75 290 326.25 362.5 290 145 72.5 36.25 300 100101100 225 262.5 300 337.5 375 300 150 75 37.5 310 100110110 232.5 271.25 310 348.75 387.5 310 155 77.5 38.75 320 101000000 200 240 280 320 360 400 320 160 80 40 330 101001010 206.25 247.5 288.75 330 371.25 330 165 82.5 41.25 340 101010100 212.5 255 297.5 340 382.5 340 170 85 42.5 350 101011110 218.75 262.5 306.25 350 393.75 350 175 87.5 43.75 360 101101000 225 270 315 360 360 180 90 45 370 101110010 231.25 277.5 323.75 370 370 185 92.5 46.25 380 101111100 237.5 285 332.5 380 380 190 95 47.5 390 110000110 243.75 292.5 341.25 390 390 195 97.5 48.75 400 110010000 250 300 350 400 400 200 100 50 410 110011010 256.25 307.5 358.75 420 110100100 262.5 315 367.5 430 110101110 268.75 322.5 376.25 440 110111000 275 330 385 450 111000010 281.25 337.5 393.75 460 111001100 287.5 345 470 111010110 293.75 352.5 480 111100000 300 360 490 111101010 306.25 367.5 500 1111 10100 312.5 375 510 111111110 318.75 382.5
nbc12429, nbc12429a http://onsemi.com 12 most of the signals available on the test output pin are useful only for performance verification of the device itself. however, the pll bypass mode may be of interest at the board level for functional debug. when t[2:0] is set to 110, the device is placed in pll bypass mode. in this mode the s_clock input is fed directly into the m and n dividers. the n divider drives the f out differential pair and the m counter drives the test output pin. in this mode the s_clock input could be used for low speed board level functional test or debug. bypassing the pll and driving f out directly gives the user more control on the test clocks sent through the clock tree. figure 7 shows the functional setup of the pll bypass mode. because the s_clock is a cmos level the input frequency is limited to 250 mhz or less. this means the fastest the f out pin can be toggled via the s_clock is 250 mhz as the minimum divide ratio of the n counter is 1. note that the m counter output on the test output will not be a 50% duty cycle due to the way the divider is implemented. t2 t1 t0 test (pin 20) 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 shift register out high f ref m counter out f out low pll bypass f out  4 figure 5. parallel interface timing diagram m[8:0] n[1:0] p_load figure 6. serial interface timing diagram s_clock s_data s_load last bit c1 c2 c3 c4 c5 c6 c7 c8 c9 c10 c11 c12 t2 t1 t0 n1 n0 m6 m5 m4 m3 m2 m1 m0 first bit ???? ???? ???? ???? figure 7. serial test clock block diagram fdiv4 mcnt low f out mcnt fref high test mux 7 0 test f out (via enable gate) n  (1, 2, 4, 8) 0 1 pll 12430 latch reset pload m counter sload t0 t1 t2 vco_clk shift reg 14 ? bit decode sdata sclock mcnt fref_ext ? t2=t1=1, t0=0: test mode ? sclock is selected, mcnt is on test output, sclock  n is on f out pin. pload acts as reset for test pin latch. when latch reset, t2 data is shifted out test pin.
nbc12429, nbc12429a http://onsemi.com 13 applications information using the on ? board crystal oscillator the nbc12429 and nbc12429a feature a fully integrated on ? board crystal oscillator to minimize system implementation costs. the oscillator is a series resonant, multivibrator type design as opposed to the more common parallel resonant oscillator design. the series resonant design provides better stability and eliminates the need for large load capacitors per figure 8 (do not use cyrstal load caps). the oscillator is totally self contained so that the only external component required is the crystal. as the oscillator is somewhat sensitive to loading on its inputs, the user is advised to mount the crystal as close to the device as possible to avoid any board level parasitics. to facilitate co ? location, surface mount crystals are recommended, but not required. because the series resonant design is affected by capacitive loading on the crystal terminals, loading variation introduced by crystals from different vendors could be a potential issue. for crystals with a higher shunt capacitance, it may be required to place a resistance, optional r shunt , across the terminals to suppress the third harmonic. although typically not required, it is a good idea to layout the pcb with the provision of adding this external resistor. the resistor value will typically be between 500  and 1 k  . figure 8. crystal application the oscillator circuit is a series resonant circuit and thus, for optimum performance, a series resonant crystal should be used. unfortunately, most crystals are characterized in a parallel resonant mode. fortunately, there is no physical difference between a series resonant and a parallel resonant crystal. the difference is purely in the way the devices are characterized. as a result, a parallel resonant crystal can be used with the device with only a minor error in the desired frequency. a parallel resonant mode crystal used in a series resonant c ircuit will exhibit a frequency of oscillation a few hundred ppm lower than specified (a few hundred ppm translates to khz inaccuracies). in a general computer application, this level of inaccuracy is immaterial. table 12 below specifies the performance requirements of the crystals to be used with the device. table 12. crystal specifications parameter value crystal cut fundamental at cut resonance series resonance* frequency tolerance 75 ppm at 25 c frequency/temperature stability 150 ppm 0 to 70 c operating range 0 to 70 c shunt capacitance 5 ? 7 pf equivalent series resistance (esr) 50 to 80  correlation drive level 100  w aging 5 ppm/yr (first 3 years) *see accompanying text for series versus parallel resonant discussion. power supply filtering the nbc12429 and nbc12429a are mixed analog/digital products and as such, exhibit some sensitivities that would not necessarily be seen on a fully digital product. analog circuitry is naturally susceptible to random noise, especially if this noise is seen on the power supply pins. the nbc12429 and nbc12429a provide separate power supplies for the digital circuitry (v cc ) and the internal pll (pll_v cc ) of the device. the purpose of this design technique is to try and isolate the high switching noise of the digital outputs from the relatively sensitive internal analog pll. in a controlled environment such as an evaluation board, this level of isolation is sufficient. however, in a digital system environment where it is more difficult to minimize noise on the power supplies, a second level of isolation may be required. the simplest form of isolation is a power supply filter on the pll_v cc pin for the nbc12429 and nbc12429a. figure 9 illustrates a typical power supply filter scheme. the nbc12429 and nbc12429a are most susceptible to noise with spectral content in the 1 khz to 1 mhz range. therefore, the filter should be designed to target this range. the key parameter that needs to be met in the final filter design is the dc voltage drop that will be seen between the v cc supply and the pll_v cc pin of the nbc12429 and nbc12429a. from the data sheet, the pll_v cc current (the current sourced through the pll_v cc pin) is typically 23 ma (27 ma maximum). assuming that a minimum of 2.8 v must be maintained on the pll_v cc pin, very little dc voltage drop can be tolerated when a 3.3 v v cc supply is used. the resistor shown in figure 9 must have a resistance of 10 ? 15  to meet the voltage drop criteria. the rc filter pictured will provide a broadband filter with approximately 100:1 attenuation for noise whose spectral content is above 20 khz. as the noise frequency crosses the series resonant point of an individual capacitor, it?s overall
nbc12429, nbc12429a http://onsemi.com 14 impedance begins to look inductive and thus increases with increasing frequency. the parallel capacitor combination shown ensures that a low impedance path to ground exists for frequencies well above the bandwidth of the pll. figure 9. power supply filter pll_v cc v cc nbc12429 nbc12429a 0.01  f 22  f l=1000  h r=15  0.01  f 3.3 v or 5.0 v r s = 10 ? 15  3.3 v or 5.0 v a higher level of attenuation can be achieved by replacing the resistor with an appropriate valued inductor. figure 9 shows a 1000  h choke. this value choke will show a significant impedance at 10 khz frequencies and above. because of the current draw and the voltage that must be maintained on the pll_v cc pin, a low dc resistance inductor is required (less than 15  ). generally, the resistor/capacitor filter will be cheaper, easier to implement, and provide an adequate level of supply filtering. the nbc12429 and nbc12429a provide sub ? nanosecond output edge rates and therefore a good power supply bypassing scheme is a must. figure 10 shows a representative board layout for the nbc12429 and nbc12429a. there exists many different potential board layouts and the one pictured is but one. the important aspect of the layout in figure 10 is the low impedance connections between v cc and gnd for the bypass capacitors. combining good quality general purpose chip capacitors with good pcb layout techniques will produce effective capacitor resonances at frequencies adequate to supply the instantaneous switching current for the nbc12429 and nbc12429a outputs. it is imperative that low inductance chip capacitors are used. it is equally important that the board layout not introduce any of the inductance saved by using the leadless capacitors. thin interconnect traces between the capacitor and the power plane should be avoided and multiple large vias should be used to tie the capacitors to the buried power planes. fat interconnect and large vias will help to minimize layout induced inductance and thus maximize the series resonant point of the bypass capacitors. figure 10. pcb board layout (plcc ? 28) c2 1 c3 r1 xtal c1 c1 r1 = 10 ? 15  c1 = 0.01  f c2 = 22  f c3 = 0.1  f ? 1 k  note the dotted lines circling the crystal oscillator connection to the device. the oscillator is a series resonant circuit and the voltage amplitude across the crystal is relatively small. it is imperative that no actively switching signals cross under the crystal as crosstalk energy coupled to these lines could significantly impact the jitter of the device. special attention should be paid to the layout of the crystal to ensure a stable, jitter free interface between the crystal and the on ? board oscillator. note the provisions for placing a resistor across the crystal oscillator terminals as discussed in the crystal oscillator section of this data sheet. although the nbc12429 and nbc12429a have several design features to minimize the susceptibility to power supply noise (isolated power and grounds and fully differential pll), there still may be applications in which overall performance is being degraded due to system power supply noise. the power supply filter and bypass schemes discussed in this section should be adequate to eliminate power supply noise ? related problems in most designs. jitter performance jitter is a common parameter associated with clock generation and distribution. clock jitter can be defined as the deviation in a clock?s output transition from its ideal position. cycle ? to ? cycle jitter is the period variation between two adjacent cycles over a defined number of observed cycles. the number of cycles observed is application
nbc12429, nbc12429a http://onsemi.com 15 dependent but the jedec specification is 1000 cycles. both peak ? to ? peak and rms statistical values were measured. period jitter is the edge placement deviation observed over a long period of consecutive cycles compared to the position of the perfect reference clock?s edge and is specified by the number of cycles over which the jitter is measured. the number of cycles used to look for the maximum jitter varies by application but the jedec spec is 10,000 observed cycles. both peak ? to ? peak and rms value statistical values were measured. figure 11. cycle ? to ? cycle jitter t jitter(cycle ? cycle) = t 1 ? t 0 t 0 t 1 table 13 shows the typical period and cycle ? to ? cycle jitter as a function of the output frequency for selected m and n values using a 16 mhz crystal. typical jitter values for other m and n registers settings may be linearly interpolated. the general trend is that as the vco output frequency is increased, primarily determined by the m register setting, the output jitter will decrease. alternate combinations of m and n register values may produce the same output frequency but with significantly dif ferent jitter performance. table 13. typical jitter performance, 3.3 v, 25 c with 16 mhz crystal input at selected m and n values jitter m value 200 200 200 200 300 300 300 300 400 400 400 400 n value 1 2 4 8 1 2 4 8 1 2 4 8 f out in mhz cycle ? to ? cycle (ps pp ) 25 106 37.5 67 50 91 44 75 55 100 105 51 150 59 200 98 52 300 58 400 43 cycle ? to ? cycle (ps rms ) 25 17 37.5 10 50 13 7 75 9 100 13 8 150 9 200 11 8 300 6 400 6 period (ps pp ) 25 106 37.5 56 50 79 35 75 42 100 66 32 150 39
nbc12429, nbc12429a http://onsemi.com 16 table 13. typical jitter performance, 3.3 v, 25 c with 16 mhz crystal input at selected m and n values 400 400 400 300 400 300 300 300 200 200 200 jitter 200 m value 8 4 2 11 8 4 2 8 4 2 jitter 1 n value jitter f out in mhz 200 65 31 300 38 400 33 period (ps rms ) 25 14 37.5 7 50 10 75 6 5 100 7 4 150 5 200 6 4 300 4 400 4
nbc12429, nbc12429a http://onsemi.com 17 t setup t hold s_clock s_data figure 12. setup and hold t setup t hold s_load s_data figure 13. setup and hold t setup t hold p_ load m[8:0] figure 14. setup and hold t period pulse width f out f out figure 15. output duty cycle n[1:0] dco   pw  period
nbc12429, nbc12429a http://onsemi.com 18 figure 16. typical termination for output driver and device evaluation (see application note and8020/d ? termination of ecl logic devices.) driver device receiver device d f out d z o = 50  z o = 50  50  50  v tt v tt = v cc ? 2.0 v f out ordering information device package shipping ? nbc12429fa lqfp ? 32 250 units / tray nbc12429fag lqfp ? 32 (pb ? free) 250 units / tray nbc12429far2 lqfp ? 32 2000 / tape & reel nbc12429far2g lqfp ? 32 (pb ? free) 2000 / tape & reel nbc12429fn plcc ? 28 37 units / rail NBC12429FNG plcc ? 28 (pb ? free) 37 units / rail nbc12429fnr2 plcc ? 28 500 / tape & reel nbc12429fnr2g plcc ? 28 (pb ? free) 500 / tape & reel nbc12429afa lqfp ? 32 250 units / tray nbc12429afag lqfp ? 32 (pb ? free) 250 units / tray nbc12429afar2 lqfp ? 32 2000 / tape & reel nbc12429afar2g lqfp ? 32 (pb ? free) 2000 / tape & reel nbc12429afn plcc ? 28 37 units / rail nbc12429afng plcc ? 28 (pb ? free) 37 units / rail nbc12429afnr2 plcc ? 28 500 / tape & reel nbc12429afnr2g plcc ? 28 (pb ? free) 500 / tape & reel nbc12429amng qfn ? 32 (pb ? free) 74 units / rail nbc12429amnr4g qfn ? 32 (pb ? free) 1000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
nbc12429, nbc12429a http://onsemi.com 19 resource reference of application notes an1405/d ? ecl clock distribution techniques an1406/d ? designing with pecl (ecl at +5.0 v) an1503/d ? eclinps  i/o spice modeling kit an1504/d ? metastability and the eclinps family an1568/d ? interfacing between lvds and ecl an1672/d ? the ecl translator guide and8001/d ? odd number counters design and8002/d ? marking and date codes and8020/d ? termination of ecl logic devices and8066/d ? interfacing with eclinps and8090/d ? ac characteristics of ecl devices
nbc12429, nbc12429a http://onsemi.com 20 package dimensions 28 lead pllc case 776 ? 02 issue f ? n ? ? m ? ? l ? v w d d y brk 28 1 view s s l-m s 0.010 (0.250) n s t s l-m m 0.007 (0.180) n s t 0.004 (0.100) g1 g j c z r e a seating plane s l-m m 0.007 (0.180) n s t ? t ? b s l-m s 0.010 (0.250) n s t s l-m m 0.007 (0.180) n s t u s l-m m 0.007 (0.180) n s t z g1 x view d ? d s l-m m 0.007 (0.180) n s t k1 view s h k f s l-m m 0.007 (0.180) n s t notes: 1. datums -l-, -m-, and -n- determined where top of lead shoulder exits plastic body at mold parting line. 2. dimension g1, true position to be measured at datum -t-, seating plane. 3. dimensions r and u do not include mold flash. allowable mold flash is 0.010 (0.250) per side. 4. dimensioning and tolerancing per ansi y14.5m, 1982. 5. controlling dimension: inch. 6. the package top may be smaller than the package bottom by up to 0.012 (0.300). dimensions r and u are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 7. dimension h does not include dambar protrusion or intrusion. the dambar protrusion(s) shall not cause the h dimension to be greater than 0.037 (0.940). the dambar intrusion(s) shall not cause the h dimension to be smaller than 0.025 (0.635). dim min max min max millimeters inches a 0.485 0.495 12.32 12.57 b 0.485 0.495 12.32 12.57 c 0.165 0.180 4.20 4.57 e 0.090 0.110 2.29 2.79 f 0.013 0.021 0.33 0.53 g 0.050 bsc 1.27 bsc h 0.026 0.032 0.66 0.81 j 0.020 --- 0.51 --- k 0.025 --- 0.64 --- r 0.450 0.456 11.43 11.58 u 0.450 0.456 11.43 11.58 v 0.042 0.048 1.07 1.21 w 0.042 0.048 1.07 1.21 x 0.042 0.056 1.07 1.42 y --- 0.020 --- 0.50 z 2 10 2 10 g1 0.410 0.430 10.42 10.92 k1 0.040 --- 1.02 ---  
nbc12429, nbc12429a http://onsemi.com 21 package dimensions 1 8 9 17 25 32 ae ae p detail y base n j d f metal section ae ? ae g seating plane r q  w k x 0.250 (0.010) gauge plane e c h detail ad detail ad a1 b1 v1 4x s 4x 9 ? t ? ? z ? ? u ? t-u 0.20 (0.008) z ac t-u 0.20 (0.008) z ab 0.10 (0.004) ac ? ac ? ? ab ? m  8x ? t ? , ? u ? , ? z ? t-u m 0.20 (0.008) z ac 32 lead lqfp case 873a ? 02 issue c notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. datum plane ? ab ? is located at bottom of lead and is coincident with the lead where the lead exits the plastic body at the bottom of the parting line. 4. datums ? t ? , ? u ? , and ? z ? to be determined at datum plane ? ab ? . 5. dimensions s and v to be determined at seating plane ? ac ? . 6. dimensions a and b do not include mold protrusion. allowable protrusion is 0.250 (0.010) per side. dimensions a and b do include mold mismatch and are determined at datum plane ? ab ? . 7. dimension d does not include dambar protrusion. dambar protrusion shall not cause the d dimension to exceed 0.520 (0.020). 8. minimum solder plate thickness shall be 0.0076 (0.0003). 9. exact shape of each corner may vary from depiction. dim a min max min max inches 7.000 bsc 0.276 bsc millimeters b 7.000 bsc 0.276 bsc c 1.400 1.600 0.055 0.063 d 0.300 0.450 0.012 0.018 e 1.350 1.450 0.053 0.057 f 0.300 0.400 0.012 0.016 g 0.800 bsc 0.031 bsc h 0.050 0.150 0.002 0.006 j 0.090 0.200 0.004 0.008 k 0.450 0.750 0.018 0.030 m 12 ref 12 ref n 0.090 0.160 0.004 0.006 p 0.400 bsc 0.016 bsc q 1 5 1 5 r 0.150 0.250 0.006 0.010 v 9.000 bsc 0.354 bsc v1 4.500 bsc 0.177 bsc   b1 3.500 bsc 0.138 bsc a1 3.500 bsc 0.138 bsc s 9.000 bsc 0.354 bsc s1 4.500 bsc 0.177 bsc w 0.200 ref 0.008 ref x 1.000 ref 0.039 ref
nbc12429, nbc12429a http://onsemi.com 22 package dimensions qfn32 5*5*1 0.5 p case 488am ? 01 issue o seating 32 x k 0.15 c (a3) a a1 d2 b 1 9 16 17 32 2 x 2 x e2 32 x 8 24 32 x l 32 x bottom view exposed pad top view side view d a b e 0.15 c pin one location 0.10 c 0.08 c c 25 e a 0.10 b c 0.05 c notes: 1. dimensions and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.25 and 0.30 mm terminal 4. coplanarity applies to the exposed pad as well as the terminals. plane dim min nom max millimeters a 0.800 0.900 1.000 a1 0.000 0.025 0.050 a3 0.200 ref b 0.180 0.250 0.300 d 5.00 bsc d2 2.950 3.100 3.250 e 5.00 bsc e2 e 0.500 bsc k 0.200 ??? ??? l 0.300 0.400 0.500 2.950 3.100 3.250 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* dimensions: millimeters 0.50 pitch 3.20 0.28 3.20 32 x 28 x 0.63 32 x 5.30 5.30 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 nbc12429/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NBC12429FNG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X