Part Number Hot Search : 
AULTI SSF1030D 78E210 HV9308PJ 18629137 LMG6402 ASFLM1 AI4100
Product Description
Full Text Search
 

To Download N1200-96-1331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  output specifications (2) voltage adjustability accessible at front panel 10% remote sense open/reverse sense lead protection compensates for voltage drop of up to 0.5v to the load regulation, line or load all outputs, nl-fl 0.2%; at nominal line or all 10mv min. line variations at fl cross regulation 0.2% max. or 10mv between outputs overshoot/undershoot none at turn on/off transient response main output 2.0% max. dev., 25% step load 200s recovery change at 1a/s to 1.0% temperature coefficient 0.02%/c ripple and noise 0hz to 20mhz 50mv pk-pk or 1% overvoltage protection reset by cycling ac 115 to 130% of nominal overload protection 105-115% full load short circuit protection all outputs auto recovery thermal protection auto shutdown, ac reset current sharing 5.0% 50% to 100% load current monitor (v1) 5vdc at full load 0.5v input specifications input voltage range 90 to 264vac input frequency range 47hz to 63hz input surge current meets ieee std. 587.1980; 3kv ring wave input current 120vac, 1000w 12a power factor 115/230vac, 1kw load 0.995 min. power up time full load 1.0s max. emc characteristics radiated emissions en55022/11, fcc part 15 level a conducted emissions en55022/11, fcc part 15 level a harmonic distortion en61000-3-2 conforms electrostatic discharge en61000-4-2 level 3 rf field susceptibility en61000-4-3 level 3 electrical fast en61000-4-4 level 3 transients/bursts surge susceptibility en61000-4-5 level 3 general specifications hold-up time 90vac, 1kw load 24ms min. efficiency 230vac, full load 73% isolation voltage input/output 3000vac input/chassis 1500vac output/output 500vac switching frequency 100khz approvals and en60950, ul1950, standards csa c22.2 no. 950 weight 6.9kg (15ibs) size 5 x 8 x 11 inches 127 x 203.2 x 279.4 mm mtbf per mil-hdbk-217e 100,000 hours environmental specifications thermal performance operating ambient 0c to +50c non-operating -15c to +85c cooling 60cfm internal dc ball bearing fan relative humidity non-condensing 0% to 95% rh altitude operating 6,000 feet max. non-operating 55,000 feet max. vibration 5hz to 500hz 2.4g rms peak n1000 and n1200 series single, dual, triple and quad output [ 2 year warranty ] ? active harmonic correction to en61000-3-2 ? 90vac to 264vac universal input ? flexible output voltage configuration ? two output power ratings ? forced current sharing, all outputs ? dc ok (including led) ? ul, csa and tv safety approvals ? industry standard 5 x 8 x 11 inch footprint the n1000 and n1200 series are a range of systems-orientated, one to four output power supplies which provide 1000w or 1200w of continuous power at line voltages from 90vac to 264vac. both series are harmonically corrected and carry world wide safety approvals. fully enclosed, fan cooled and in the industry standard 5 x 8 x 11 inch form, the n series is an ideal choice when the economy and predictable performance of a centralized system power supply are desired. a unique dual converter architecture isolates the 5vdc logic output and the peripheral voltages. maximum flexibility is provided as power budgets shift and change during the design cycle or as system upgrades are implemented. this overcomes a major shortfall of many system power supplies which use a single converter. to meet redundancy requirements, each output rail is isolated, individually regulated and features forced current share. system interface signals include ac and dc good, current monitor (v1), overvoltage, ocp, over- temperature protection, remote enable, margin check and inhibit as standard. by combining robust performance and broad range, the n series sets the standard for centralized system power supplies. specification all specifications are typical at nominal input, full load at 25 c unless otherwise stated page 1
international safety standard approvals vde0805/en60950/iec950 file no. r917062 certificate no. r9172062 ul1950 file no. e135734 csa c22.2 no. 950 bulletin no. 1402c tv max. output output v1 output v2 output v3 output v4 model number power (1) voltage/current voltage/current voltage/current voltage/current 1000w 3.3v @ 200a n1000-96-9 1000w 5.0v @ 200a n1000-96-1 1000w 5.0v @ 150a 12v @ 25a 12v @ 20a n1000-96-122 1000w 5.0v @ 150a 12v @ 30a 5.0v @10a n1000-96-121 1000w 5.0v @ 150a 12v @ 25a 12v @ 15a 5v @ 10a n1000-96-1221 1000w 5.0v @ 150a 12v @ 25a 12v @ 10v 24v @ 5.0a n1000-96-1224 1000w 5.0v @ 150a 5.0v @ 30a 12v @ 20v 12v @ 10a n1000-96-1122 1000w 5.0v @ 150a 3.3v @ 30a 12v @ 20a 12v @ 10a n1000-96-1922 1000w 5.0v @ 150a 24v @ 15a 12v @ 10a 12v @ 5.0a n1000-96-1422 1200w 2.0v @ 240a n1200-96-0 1200w 3.3v @ 240a n1200-96-9 1200w 5.0v @ 240a n1200-96-1 1200w 12v @ 100a n1200-96-2 1200w 24v @ 50a n1200-96-4 1200w 28v @ 43a n1200-96-5 1200w 48v @ 25a n1200-96-6 1200w 5.0v @ 200a 12v @ 40a n1200-96-12 1200w 5.0v @ 200a 24v @ 20a n1200-96-14 1200w 48v @ 25a 24v @ 20a n1200-96-64 1200w 5.0v @ 175a 12v @ 30a 12v @ 20a n1200-96-122 1200w 5.0v @ 175a 12v @ 35a 5v @ 20a n1200-96-121 1200w 5.0v @ 175a 12v @ 30a 24v @ 15a n1200-96-124 1200w 5.0v @ 175a 3.3v @ 40a 12v @ 20a n1200-96-192 1200w 5.0v @ 175a 12v @ 30a 12v @ 20a 5v @ 10a n1200-96-1221 1200w 5.0v @ 175a 12v @ 30a 12v @ 10a 24v @ 5a n1200-96-1224 1200w 5.0v @ 175a 15v @ 30a 15v @ 10a 5v @ 10a N1200-96-1331 1200w 5.0v @ 175a 5.0v @ 40a 12v @ 20a 12v @ 10a n1200-96-1122 1200w 5.0v @ 175a 3.3v @ 40a 12v @ 20a 12v @ 10a n1200-96-1922 1200w 5.0v @ 175a 24v @ 20a 12v @ 10a 12v @ 5a n1200-96-1422 1200w 24v @ 42a 5.0v @ 40a 12v @ 20a 12v @ 10a n1200-96-4122 1000 and 1200 watt ac/dc high wattage power supplies with pfc medium to high power ac/dc power supplies | 1000-1200w ac/dc page 2 http://www.artesyn.com
mechanical notes a ac connector is 3 position terminal block (#8 screws included), mating to #8 ring tongue terminal. b dc output is 5/16-18 studs mating to 5/16 terminal lugs. c j1 signal connector is molex 39-30-1140 or equivalent. mating connector is molex 39-01-2140 or equivalent. d j2 signal connector is molex 39-01-1120 or equivalent. mating connector is 39-01-2120 or equivalent. e signal connector contacts are molex 39-00-0039 or equivalent. f auxiliary dc output(s) are 6 position terminal block (#8 screws included) mating to #8 ring tongue terminal. g tb1 and j2 are not installed on single output models. 5.00 (127.00) 12.13 max. (308.10) all dimensions in inches (mm) 6.750 (171.450) 11.00 (279.40) 0.75 (19.05) 4.00 (101.60) 0.50 (12.70) 5.75 (146.05) 1.13 (28.70) 8.00 (203.2) airflow 0.90 (22.86) 1.30 (33.02) 0.90 (22.86) 8-32 x 0.29 (7.37) deep (max.) (4) top and bottom 2.80 (71.12) 8-32 x 0.29 (7.37) deep (max.) (4) both sides j1 pin 1 j2 pin 1 j 1 j 2 + v 2 - + v 3 - + v 4 - v2 v3 v4 v1 _ + v1 main output 5/16 - 18 studs 50 in-lb torque max. auxiliary outputs (# 8 screws) ac input (# 8 screws) t b 1 tb1 and j2 are not installed on single output models ach acn notes 1 1000w or 1200w max. power. 500/600w max. power (v2 thru v4). all outputs isolated. 2 specifications refer to all outputs except as noted (v1). 3 signal referenced to v1 output neg. sense trim. 4 use 20awg or larger twisted pair. 5 reference to logic ground (pin j1-11). 6 see figure 4. 7 see figure 3. 8 see figure 5. output pin connections pin no. j1 j2 1 + sense (v1) (4) + sense (v2) 2 current monitor (v1) (5) - sense (v2) 3 inhibit (5) current share (v2) 4 - sense (v1) (4) + sense (v4) 5 no connection - sense (v4) 6 no connection current share (v4) 7 current share (5) remote adj. (v2) (6) 8 remote adj. (v1) (6) remote adj. (v3) (6) 9 ac good (5) remote adj. (v4) (6) 10 chassis ground current share (v3) 11 logic ground - sense (v3) 12 margin (7) + sense (v3) 13 no connection n/a 14 dc ok (5,8) n/a page 3 1000 and 1200 watt ac/dc high wattage power supplies with pfc 1000-1200w ac/dc | medium to high power ac/dc power supplies
> 10k output voltage sense fig. 4 (j1-p8) j1-p9 ac good, j1-p14 dc ok low = power/output fail high = power/output ok external pull-up required sink current 20ma (on voltage 0.7v) fig. 2 (ref. fig 5) 15v 10k j1-p3 close to enable fig. 1 open = nominal voltage tie to +5v for high margin tie to logic ground (j1-11) for low margin. 5v (j1-p12) margin fig. 3 standard control signals remote enable see figure 1 dc ok signal remains "hi" as long as (see figures 2 and 5) output is 5.0% of nominal. ac power fail signal signal "hi" when ac >85vac and (see figure 5) "lo" when <75vac. margin hi/lo (v1) allows 5.0% change in output (see figure 3) for system margin checking. remote adjust the outputs may be remotely (see figure 4) adjusted linearly 10%. current monitor analog signal indicates load current in single or parallel operation. 50.5vdc represents fl, resistive load 10 3 k . >10ms ac power fail signal/dc ok timing ac input voltage 85vrms 0v >5ms ac good flag dc outputs dc good flag fig. 5 1000 and 1200 watt ac/dc high wattage power supplies with pfc medium to high power ac/dc power supplies | 1000-1200w ac/dc page 4 http://www.artesyn.com ds_n1000/n1200_19980401.pdf


▲Up To Search▲   

 
Price & Availability of N1200-96-1331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X