Part Number Hot Search : 
BZX85C20 74LVX138 BTS41 ON0196 MBR866 EG2210A 01544 FN3119
Product Description
Full Text Search
 

To Download LT1944-1EMSTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 lt1944-1 applicatio s u features descriptio u typical applicatio u dual micropower step-up dc/dc converter the lt ? 1944-1 is a dual micropower step-up dc/dc converter in a 10-pin msop package. one converter is designed with a 100ma current limit and a 400ns off-time; the other with a 175ma current limit and a 1.5 m s off-time. the 1.5 m s off-time converter is ideal for generating an output voltage that is close to the input voltage (i.e. a li- ion to 5v converter, or a two-cell to 3.3v converter). with an input voltage range of 1.2v to 15v, the lt1944-1 is ideal for a wide variety of applications. both converters feature a quiescent current of only 20 m a at no load, which further reduces to 0.5 m a in shutdown. a current limited, fixed off- time control scheme conserves operating current, result- ing in high efficiency over a broad range of load current. tiny, low profile inductors and capacitors can be used to minimize footprint and cost in space-conscious portable applications. n low quiescent current: 20 m a in active mode <1 m a in shutdown mode n operates with v in as low as 1.2v n low v cesat switches: 85mv at 70ma n uses small surface mount components n high output voltage: up to 34v n tiny 10-pin msop package n small tft lcd panels n handheld computers n battery backup n digital cameras , ltc and lt are registered trademarks of linear technology corporation. v in sw2 fb1 lt1944-1 2 3 l1 22 h d1 shdn1 324k 1m c2 4.7 f 5v 40ma 15v 2.5ma ?0v 1ma v in 2.7v to 4.2v 1944-1 ta01 gnd 7 pgnd 9 pgnd 10 86 sw1 4.7pf c1 4.7 f fb2 4 1 5 shdn2 l2 22 h d2 d3 d4 2m 178k c3 1 f 4.7pf c1, c2: taiyo yuden jmk212bj475 c3, c4: taiyo yuden emk212bj105 c5: taiyo yuden emk107bj104 d1, d2, d3, d4: central semi cmdsh3 l1, l2: murata lqh3c220 c5 0.1 f c4 1 f 5v load current (ma) 0.1 efficiency (%) 1 10 100 1944-1 ta01a 90 85 80 75 70 65 60 55 50 v in = 4.2v v in = 2.7v triple output power supply (5v, 15v, C10v) for lcd displays 5v output efficiency
2 lt1944-1 absolute axi u rati gs w ww u package/order i for atio uu w (note 1) v in , shdn1, shdn2 voltage ................................... 15v sw1, sw2 voltage .................................................. 36v fb1, fb2 voltage .......................................................v in current into fb1, fb2 pins ..................................... 1ma junction temperature ........................................... 125 c operating temperature range (note 2) .. C 40 c to 85 c storage temperature range ................. C 65 c to 150 c lead temperature (soldering, 10 sec).................. 300 c order part number lt1944-1ems ms10 part marking electrical characteristics the l denotes the specifications which apply over the full operating parameter conditions min typ max units minimum input voltage 1.2 v quiescent current, each switcher not switching 20 30 m a v shdn = 0v 1 m a fb comparator trip point l 1.205 1.23 1.255 v fb comparator hysteresis 8mv fb voltage line regulation 1.2v < v in < 12v 0.05 0.1 %/v fb pin bias current (note 3) v fb = 1.23v l 30 80 na switch off time, switcher 1 (note 4) v fb > 1v 400 ns v fb < 0.6v 1.5 m s switch off time, switcher 2 (note 4) v fb > 1v 1.5 m s v fb < 0.6v 1.5 m s switch v cesat i sw = 70ma 85 120 mv switch current limit, switcher 1 65 100 125 ma switch current limit, switcher 2 130 175 225 ma shdn pin current v shdn = 1.2v 2 3 m a v shdn = 5v 8 12 m a shdn input voltage high 0.9 v shdn input voltage low 0.25 v switch leakage current switch off, v sw = 5v 0.01 5 m a note 1: absolute maximum ratings are those values beyond which the life of a device may be impaired. note 2: the lt1944-1e is guaranteed to meet performance specifications from 0 c to 70 c. specifications over the C 40 c to 85 c operating t jmax = 125 c, q ja = 160 c/w temperature range, otherwise specifications are at t a = 25 c. v in = 1.2v, v shdn = 1.2v unless otherwise noted. lttu consult ltc marketing for parts specified with wider operating temperature ranges. 1 2 3 4 5 fb1 shdn1 gnd shdn2 fb2 10 9 8 7 6 sw1 pgnd v in pgnd sw2 top view ms10 package 10-lead plastic msop temperature range are assured by design, characterization and correlation with statistical process controls. note 3: bias current flows into the fb pin. note 4: see figure 1 for switcher 1 and switcher 2 locations.
3 lt1944-1 typical perfor a ce characteristics uw switch saturation voltage (v cesat ) quiescent current feedback pin voltage and bias current temperature ( c) ?0 feedback voltage (v) 1944-1 g02 1.25 1.24 1.23 1.22 1.21 1.20 bias current (na) 50 40 30 20 10 0 current voltage 25 0 25 50 75 100 temperature ( c) quiescent current ( a) 1944-1 g03 25 23 21 19 17 15 ?0 ?5 0 25 50 75 100 v in = 12v v in = 1.2v v fb = 1.23v not switching pi fu ctio s uuu fb1 (pin 1): feedback pin for switcher 1. set the output voltage by selecting values for r1 and r2. shdn1 (pin 2): shutdown pin for switcher 1. tie this pin to 0.9v or higher to enable device. tie below 0.25v to turn it off. gnd (pin 3): ground. tie this pin directly to the local ground plane. shdn2 (pin 4): shutdown pin for switcher 2. tie this pin to 0.9v or higher to enable device. tie below 0.25v to turn it off. fb2 (pin 5): feedback pin for switcher 2. set the output voltage by selecting values for r1b and r2b. sw2 (pin 6): switch pin for switcher 2. this is the collector of the internal npn power switch. minimize the metal trace area connected to the pin to minimize emi. pgnd (pins 7, 9): power ground. tie these pins directly to the local ground plane. both pins must be tied. v in (pin 8): input supply pin. bypass this pin with a capacitor as close to the device as possible. sw1 (pin 10): switch pin for switcher 1. this is the collector of the internal npn power switch. minimize the metal trace area connected to the pin to minimize emi. shutdown pin voltage (v) shutdown pin current ( a) 1944-1 g03 25 20 15 10 5 0 0 5 10 15 25 c 100 c switch off time shutdown pin current switch current limit temperature ( c) ?0 switch voltage (v) 0.15 0.13 0.10 0.08 0.05 0.03 0 ?5 02550 1944-1 g01 75 100 i switch = 100ma i switch = 70ma temperature ( c) ?0 switch off time (ns) ?5 0 25 50 75 2000 1800 1600 1400 1200 1000 800 600 400 200 0 100 switcher 2 switcher 1 1944-1 g04 temperature ( c) ?0 peak current (ma) 200 175 150 125 100 75 50 ?5 02550 1944-1 g05 75 100 v in = 12v v in = 1.2v v in = 12v v in = 1.2v switcher 1 switcher 2
4 lt1944-1 block diagra w figure 1. lt1944-1 block diagram operatio u the lt1944-1 uses a constant off-time control scheme to provide high efficiencies over a wide range of output current. operation can be best understood by referring to the block diagram in figure 1. q1 and q2 along with r3 and r4 form a bandgap reference used to regulate the output voltage. when the voltage at the fb1 pin is slightly above 1.23v, comparator a1 disables most of the internal cir- cuitry. output current is then provided by capacitor c2, which slowly discharges until the voltage at the fb1 pin drops below the lower hysteresis point of a1 (typical hysteresis at the fb pin is 8mv). a1 then enables the internal circuitry, turns on power switch q3, and the current in inductor l1 begins ramping up. once the switch current reaches 100ma, comparator a2 resets the one- shot, which turns off q3 for 400ns. l1 then delivers current to the output through diode d1 as the inductor current ramps down. q3 turns on again and the inductor current ramps back up to 100ma, then a2 resets the one- shot, again allowing l1 to deliver current to the output. this switching action continues until the output voltage is charged up (until the fb1 pin reaches 1.23v), then a1 turns off the internal circuitry and the cycle repeats. the lt1944-1 contains additional circuitry to provide protec- tion during start-up and under short-circuit conditions. when the fb1 pin voltage is less than approximately 600mv, the switch off-time is increased to 1.5 m s and the current limit is reduced to around 70ma (70% of its normal value). this reduces the average inductor current and helps minimize the power dissipation in the power switch and in the external inductor and diode. the second switching regulator operates in the same manner, but with a 175ma current limit and an off-time of 1.5 m s. with this longer off-time, switcher 2 is ideal for very low duty cycle applications (i.e. li-ion to 5v boost converters). + + 8 400ns one-shot driver reset driver reset enable 12mv 0.12 a2 a1 q3 9 3 r4 140k r3 30k r6 40k r5 40k q2 x10 q1 1 v in fb1 2 shdn1 10 sw1 pgnd gnd 1944-1 bd l1 c2 v out1 v in d1 r2 (external) r1 (external) v out1 c1 + + 1.5 s one-shot enable 21mv 0.12 a2b a1b q3b 7 r4b 140k r3b 30k r6b 40k r5b 40k q2b x10 q1b 5 v in fb2 4 shdn2 6 sw2 pgnd l2 c3 v out2 v in d2 r2b (external) r1b (external) v out2 switcher 2 switcher 1
5 lt1944-1 choosing an inductor several recommended inductors that work well with the lt1944-1 are listed in table 1, although there are many other manufacturers and devices that can be used. con- sult each manufacturer for more detailed information and for their entire selection of related parts. many different sizes and shapes are available. use the equations and recommendations in the next few sections to find the correct inductance value for your design. table 1. recommended inductors part value ( m h) max dcr ( w ) vendor lqh3c4r7 4.7 0.26 murata lqh3c100 10 0.30 (714) 852-2001 lqh3c220 22 0.92 www.murata.com cd43-4r7 4.7 0.11 sumida cd43-100 10 0.18 (847) 956-0666 cdrh4d18-4r7 4.7 0.16 www.sumida.com cdrh4d18-100 10 0.20 do1608-472 4.7 0.09 coilcraft do1608-103 10 0.16 (847) 639-6400 do1608-223 22 0.37 www.coilcraft.com inductor selectionboost regulator the formula below calculates the appropriate inductor value to be used for a boost regulator using the lt1944-1 (or at least provides a good starting point). this value provides a good tradeoff in inductor size and system performance. pick a standard inductor close to this value. a larger value can be used to slightly increase the available output current, but limit it to around twice the value calculated below, as too large of an inductance will in- crease the output voltage ripple without providing much additional output current. a smaller value can be used (especially for systems with output voltages greater than 12v) to give a smaller physical size. inductance can be calculated as: l vv v i t out in min d lim off = -+ () where v d = 0.4v (schottky diode voltage), i lim = 100ma (or 175ma) and t off = 400ns (or 1.5 m s); for designs with varying v in such as battery powered applications, use the minimum v in value in the above equation. for most applicatio s i for atio wu u u systems with output voltages below 7v, a 10 m h inductor is the best choice, even though the equation above might specify a smaller value. this is due to the inductor current overshoot that occurs when very small inductor values are used (see current limit overshoot section). for higher output voltages, the formula above will give large inductance values. for a 2v to 20v converter (typical lcd bias application), a 74 m h inductor is called for with the above equation, but a 22 m h inductor could be used without excessive reduction in maximum output current. inductor selectionsepic regulator the formula below calculates the approximate inductor value to be used for a sepic regulator using the lt1944-1. as for the boost inductor selection, a larger or smaller value can be used. l vv i t out d lim off = + ? ? ? ? 2 current limit overshoot for the constant off-time control scheme of the lt1944-1, the power switch is turned off only after the current limit is reached. there is a 100ns delay between the time when the current limit is reached and when the switch actually turns off. during this delay, the inductor current exceeds the current limit by a small amount. the peak inductor current can be calculated by: ii vv l ns peak lim in max sat =+ - ? ? ? ? () 100 where v sat = 0.25v (switch saturation voltage). the current overshoot will be most evident for systems with high input voltages and for systems where smaller induc- tor values are used. this overshoot can be beneficial as it helps increase the amount of available output current for smaller inductor values. this will be the peak current seen by the inductor (and the diode) during normal operation. for designs using small inductance values (especially at input voltages greater than 5v), the current limit over- shoot can be quite high. although it is internally current
6 lt1944-1 applicatio s i for atio wu u u limited to 100ma (or 175ma), the power switch of the lt1944-1 can handle larger currents without problem, but the overall efficiency will suffer. best results will be ob- tained when i peak is kept below 400ma for the lt1944-1. capacitor selection low esr (equivalent series resistance) capacitors should be used at the output to minimize the output ripple voltage. multilayer ceramic capacitors are the best choice, as they have a very low esr and are available in very small packages. their small size makes them a good companion to the lt1944-1s ms10 package. solid tantalum capaci- tors (like the avx tps, sprague 593d families) or os-con capacitors can be used, but they will occupy more board area than a ceramic and will have a higher esr. always use a capacitor with a sufficient voltage rating. ceramic capacitors also make a good choice for the input decoupling capacitor, which should be placed as close as possible to the lt1944-1. a 4.7 m f input capacitor is sufficient for most applications. table 2 shows a list of several capacitor manufacturers. consult the manufactur- ers for more detailed information and for their entire selection of related parts. table 2. recommended capacitors capacitor type vendor ceramic taiyo yuden (408) 573-4150 www.t-yuden.com ceramic avx (803) 448-9411 www.avxcorp.com ceramic murata (714) 852-2001 www.murata.com setting the output voltage set the output voltage for each switching regulator by choosing the appropriate values for feedback resistors r1 and r2 (see figure 1). rr v v out 12 123 1 =- ? ? ? ? . diode selection for most lt1944-1 applications, the philips bat54 or central semiconductor cmdsh-3 surface mount schottky diodes are an ideal choice. schottky diodes, with their low forward voltage drop and fast switching speed, are the best match for the lt1944-1. many different manufactur- ers make equivalent parts, but make sure that the compo- nent is rated to handle at least 100ma. lowering output voltage ripple using low esr capacitors will help minimize the output ripple voltage, but proper selection of the inductor and the output capacitor also plays a big role. the lt1944-1 provides energy to the load in bursts by ramping up the inductor current, then delivering that current to the load. if too large of an inductor value or too small of a capacitor value is used, the output ripple voltage will increase because the capacitor will be slightly overcharged each burst cycle. to reduce the output ripple, increase the output capacitor value or add a 4.7pf feed-forward capaci- tor in the feedback network of the lt1944-1 (see the circuits in the typical applications section). adding this small, inexpensive 4.7pf capacitor will greatly reduce the output voltage ripple.
7 lt1944-1 typical applicatio s u dual output (5v, 24v) boost converter package descriptio u msop (ms10) 1100 * dimension does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.006" (0.152mm) per side ** dimension does not include interlead flash or protrusions. interlead flash or protrusions shall not exceed 0.006" (0.152mm) per side 0.021 0.006 (0.53 0.015) 0 ?6 typ seating plane 0.007 (0.18) 0.043 (1.10) max 0.007 ?0.011 (0.17 0.27) 0.005 0.002 (0.13 0.05) 0.034 (0.86) ref 0.0197 (0.50) bsc 12 3 45 0.193 0.006 (4.90 0.15) 8 9 10 7 6 0.118 0.004* (3.00 0.102) 0.118 0.004** (3.00 0.102) ms10 package 10-lead plastic msop (reference ltc dwg # 05-08-1661) v in sw1 fb2 lt1944-1 4 3 l1 22 h d1 shdn2 53.6k 1m c2 1 f 24v 1ma 5v 40ma v in 2.7v to 4.2v c1, c3: taiyo yuden jmk212bj475 c2: taiyo yuden tmk316bj105 d1, d2: central semi cmdsh-3 l1, l2: murata lqh3c220 (408) 573-4150 (408) 573-4150 (631) 435-1110 (814) 237-1431 1944-1 ta02 gnd 7 pgnd 9 pgnd 6 810 sw2 4.7pf c1 4.7 f fb1 2 5 1 shdn1 l2 22 h d2 1m 324k 4.7pf c3 4.7 f information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
8 lt1944-1 linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 l fax: (408) 434-0507 l www.linear.com ? linear technology corporation 2001 19441f lt/tp 0801 2k ? printed in usa related parts part number description comments lt1307 single-cell micropower 600khz pwm dc/dc converter 3.3v at 75ma from one cell, msop package lt1316 burst mode tm operation dc/dc with programmable current limit 1.5v minimum, precise control of peak current limit lt1317 2-cell micropower dc/dc with low-battery detector 3.3v at 200ma from two cells, 600khz fixed frequency lt1610 single-cell micropower dc/dc converter 3v at 30ma from 1v, 1.7mhz fixed frequency lt1611 1.4mhz inverting switching regulator in 5-lead thinsot C 5v at 150ma from 5v input, tiny thinsot package lt1613 1.4mhz switching regulator in 5-lead thinsot 5v at 200ma from 3.3v input, tiny thinsot package lt1615 micropower dc/dc converter in 5-lead thinsot 20v at 12ma from 2.5v input, tiny thinsot package lt1617 micropower inverting dc/dc converter in 5-lead thinsot C15v at 12ma from 2.5v input, tiny thinsot package lt1930a 2.2mhz boost dc/dc converter in thinsot 5v at 450ma from 3.3v, tiny thinsot package lt1944 dual micropower step-up dc/dc converter 5v at 80ma and 30v at 8ma, msop package burst mode is a trademark of linear technology corporation four output power supply ( 5v, 15v) v in sw2 fb1 lt1944-1 2 3 l1 22 h d1 shdn1 324k 1m c2 4.7 f 5v 20ma 15v 2ma ?5v 2ma ?v 20ma v in 2.7v to 4.2v 1944-1 ta03 gnd 7 pgnd 9 pgnd 10 86 sw1 4.7pf c1 4.7 f fb2 4 1 5 shdn2 l2 22 h d2 d3 d4 d6 d5 2m 178k c3 1 f 4.7pf c1, c2, c7: taiyo yuden jmk212bj475 c3, c4: taiyo yuden emk212bj105 c5, c6: taiyo yuden emk107bj104 d1, d2, d3, d4, d5, d6: central semi cmdsh3 l1, l2: murata lqh3c220 c5 0.1 f c6 0.1 f c7 4.7 f c4 1 f u typical applicatio


▲Up To Search▲   

 
Price & Availability of LT1944-1EMSTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X