Part Number Hot Search : 
DHE4AB AME88 M18GXYPQ 19371251 620TG SS4R7 SS4R7 4042B
Product Description
Full Text Search
 

To Download KA78T05TU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2001 fairchild semiconductor corporation www.fairchildsemi.com rev. 1.0.0 features ? output current in excess of 3.0a ? output transistor safe operating area compensation ? power dissipation :25w ? internal short circuit current limiting ? internal thermal overload protection ? output voltage offered in 4% tolerance ? no external components required ? output voltage of 5, 12 and 15v description this family of fixed voltage regulators are monolithic integrated circuit capable of driving loads in excess of 3.0 a. to-220 1.input 2. gnd 3. output 1 internal block diagram ka78txx 3-terminal 3a positive voltage regulator
ka78txx 2 absolute maximum ratings electrical characteristics(ka78t05) (v i = 10v, i o = 3.0 a, 0 c t j +125 c, po p max , unless otherwise specified.) note: 1. load and line regulation are specified at constant junction temperature. change in vo due heating effects must be taken into account separately. pulse testing with low duty is used .( p max = 25w) parameter symbol value unit input voltage (for v o = 5v to 12v) (for v o = 15v) v i 35 40 v v power dissipation pd internally limited - thermal resistance, junction to air tc = +25 c r ja 65 c/w thermal resistance ,junction to case r jc 2.5 c/w operating junction temperature range t j 0 ~ +150 c storage temperature range t stg -65 ~ +150 c parameter symbol conditions min. typ. max. unit output voltage vo 5ma io 3.0a , t j = +25 c 7.3v vi 20v, 5ma io 2.0a 4.8 4.75 5.0 5.0 5.2 5.25 v line regulation (note1) ? v o 7.2v vi 35v , io=5ma, t j =+25 c 7.2v vi 35v , io=1.0a, t j = +25 c 7.5v vi 20v, io =2.0a 8.0v vi 12v, io =3.0a -3.02.5mv load regulation (note1) ? v o 5ma io 3.0a , t j = +25 c 5ma io 3.0a - 10 15 30 80 mv mv thermal regulation reg t pulse =10ms, p = 20w ta = +25 c - 0.002 0.03 %vo/w quiescent current i q 5ma io 3.0a , t j = +25 c 5ma io 3.0a - 3.5 4.0 5.0 6.0 ma ma quiescent current change ? i q 7.2v vi 35v, io = 5ma t j = +25 c ; 7.5v vi 20v, io =2.0a ; 5ma io 3.0a -0.10.8ma ripple rejection rr f = 120hz, 8v v i 18v, i o = 2.0a - 75 - db dropout voltage v d io = 3a ,t j = +25 c-2.22.5v output noise voltage v n t a = +25 c, 10hz f 100khz - 10 - v/vo peak output current i pk t a = +25 c-5.0-a output resistance ro f = 1.0khz - 2.0 - m ? short circuit current limit isc vi = 35v, t j =+25 c-1.52.5a average temperature coefficient of output voltage ? v o / ? t io = 5.0ma - 0.2 - mv/ c
ka78txx 3 electrical characteristics(ka78t12) (v i = 19v, i o = 3.0 a, 0 c t j +125 c, po p max , unless otherwise specified.) note: 1. load and line regulation are specified at constant junction temperature. change in vo due heating effects must be taken into account separately. pulse testing with low duty is used. ( p max = 25w) parameter symbol conditions min. typ. max. unit output voltage vo 5ma io 3.0a , t j =+25 c 14.5v vi 27v, 5ma io 2.0a 11.5 11.4 12 12 12.5 12.8 v line regulation (note1) ? v o 14.5v vi 35v , io=5ma, t j =+25 c 14.5v vi 35v , io=1.0a, t j =+25 c 14.9v vi 28v, io =2.0a 16v vi 22v, io =3.0a -6.045mv load regulation (note1) ? v o 5ma io 3.0a , t j =+25 c 5ma io 3.0a - 10 15 30 80 mv mv thermal regulation reg t pulse =10ms, p = 20w ta = +25 c - 0.002 0.03 %vo/w quiescent current i q 5ma io 3.0a , t j =+25 c 5ma io 3.0a - 3.5 4.0 5.0 6.0 ma ma quiescent current change ? i q 14.5v vi 35v, io = 5ma t j =+25 c ; 14.9v vi 27v, io =2.0a ; 5ma io 3.0a -0.10.8ma ripple rejection rr f = 120hz, 15v v i 25v, io = 2.0a 57 67 - db dropout voltage v d io = 3a ,t j =+25 c-2.22.5v output noise voltage v n t a =+25 c, 10hz f 100khz - 10 - v/vo peak output current i pk t a =+25 c-5.0-a output resistance ro f = 1.0khz - 2.0 - m ? short circuit current limit isc vi = 35v, t j =+25 c-1.52.5a average temperature coefficient of output voltage ? v o / ? t io = 5.0ma - 0.5 - mv/ c
ka78txx 4 electrical characteristics(ka78t15) (v i = 23v, i o = 3.0 a, 0 c t j +125 c, po p max , unless otherwise specified.) note: 1. load and line regulation are specified at constant junction temperature. change in vo due heating effects must be taken into account separately. pulse testing with low duty is used. ( p max = 25w) parameter symbol conditions min. typ. max. unit output voltage vo 5ma io 3.0a , t j =+25 c 17.5v vi 30v, 5ma io 2.0a 14.4 14.25 15 15 15.6 15.75 v line regulation (note1) ? v o 17.6v vi 40v , io=5ma, t j =+25 c 17.6v vi 40v , io=1.0a, t j =+25 c 18v vi 30v, io =2.0a 20v vi 26v, io =3.0a -7.555mv load regulation (note1) ? v o 5ma io 3.0a , t j =+25 c 5ma io 3.0a - 10 15 30 80 mv mv thermal regulation reg t pulse =10ms, p = 20w ta = +25 c - 0.002 0.03 %vo/w quiescent current i q 5ma io 3.0a , t j =+25 c 5ma io 3.0a - 3.5 4.0 5.0 6.0 ma ma quiescent current change ? i q 17.6v vi 40v, io = 5ma t j =+25 c ; 18v vi 30v, io =2.0a ; 5ma io 3.0a -0.10.8ma ripple rejection rr f = 120hz, 18.5v v i 28.5v, io = 2.0a 55 65 - db dropout voltage v d io = 3a ,t j =+25 c-2.22.5v output noise voltage v n t a =+25 c, 10hz f 100khz - 10 - v/vo peak output current i pk t a =+25 c-5.0-a output resistance ro f = 1.0khz - 2.0 - m ? short circuit current limit isc vi = 40v, t j =+25 c-1.02.0a average temperature coefficient of output voltage ? v o / ? t io = 5.0ma - 0.5 - mv/ c
ka78txx 5 typical application notes: 1. to specify an output voltage, substitute voltage value for ?xx?. 2. bypass capacitors are recommend for optimum stability and transient response and should be located as close as possible to the regulator ka78txx input output 3 2 1 0.33 f 0. 1 f
ka78txx 6 mechanical dimensions package 4.50 0.20 9.90 0.20 1.52 0.10 0.80 0.10 2.40 0.20 10.00 0.20 1.27 0.10 ?.60 0.10 (8.70) 2.80 0.10 15.90 0.20 10.08 0.30 18.95max. (1.70) (3.70) (3.00) (1.46) (1.00) (45 ) 9.20 0.20 13.08 0.20 1.30 0.10 1.30 +0.10 ?.05 0.50 +0.10 ?.05 2.54typ [2.54 0.20 ] 2.54typ [2.54 0.20 ] to-220
ka78txx 7 ordering information product number package operating temperature ka78t05 to-220 0 ~ + 125 c ka78t12 ka78t15
ka78txx 6/11/01 0.0m 001 stock#dsxxxxxxxx ? 2001 fairchild semiconductor corporation life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others.
product folder - fairchild p/n ka78t05 - 3-terminal 3a positive voltage regulator fairchild semiconductor space space space search | parametric | cross reference space product folders and datasheets application notes space space space find products home >> find products >> space space space space products groups space analog and mixed signal discrete interface logic microcontrollers non-volatile memory optoelectronics markets and applications new products product selection and parametric search cross-reference search technical information buy products technical support my fairchild company ka78t05 3-terminal 3a positive voltage regulator related links request samples dotted line how to order products dotted line product change notices (pcns) dotted line support dotted line distributor and field sales representatives dotted line quality and reliability dotted line design tools contents general description | features | product status/pricing/packaging general description this family of fixed voltage regulators are monolithic integrated circuit capable of driving loads in excess of 3.0 a. back to top features l output current in excess of 3.0a l output transistor safe operating area compensation l power dissipation: 25w l internal short circuit current limiting l internal thermal overload protection l output voltage offered in 4% tolerance l no external components required l output voltage of 5, 12 and 15v back to top space datasheet download this datasheet pdf e-mail this datasheet [e- mail] this page print version product status/pricing/packaging product product status package type leads packing method ka78t05 full production to-220 3 bulk KA78T05TU full production to-220 3 rail back to top file:///e|/new/html/ka78t05.html (1 of 2) [7/26/02 2:18:07 pm]
product folder - fairchild p/n ka78t05 - 3-terminal 3a positive voltage regulator space space home | find products | technical information | buy products | support | company | contact us | site index | privacy policy ? copyright 2002 fairchild semiconductor space space file:///e|/new/html/ka78t05.html (2 of 2) [7/26/02 2:18:07 pm]


▲Up To Search▲   

 
Price & Availability of KA78T05TU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X