Part Number Hot Search : 
2SC28 2SC3365 ELECT AX3015B FAN3224 E1300 MINISM CSC3420
Product Description
Full Text Search
 

To Download HVL900-16IO1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2000 ixys all rights reserved 1 - 3 v rsm v rrm type v dsm v drm vv 1300 1200 hvl 900 - 12io1 1500 1400 hvl 900 - 14io1 1700 1600 hvl 900 - 16io1 1900 1800 hvl 900 - 18io1 symbol test conditions maximum ratings i rms t water = 17  c; watervolume = 4 l/min 900 a i tsm , i fsm t vj = 45  c; t = 10 ms (50 hz) 9200 a v r = 0 t = 8.3 ms (60 hz) 10100 a t vj = t vjm t = 10 ms (50 hz) 8000 a v r = 0 t = 8.3 ms (60 hz) 8800 a i 2 t t vj = 45  c t = 10 ms (50 hz) 423 000 a 2 s v r = 0 t = 8.3 ms (60 hz) 423 000 a 2 s t vj = t vjm t = 10 ms (50 hz) 320 000 a 2 s v r = 0 t = 8.3 ms (60 hz) 321 000 a 2 s (di/dt) cr t vj = t vjm repetitive, i t = 960 a 100 a/  s f =50 hz, t p = 200  s v d = 2/3 v drm i g = 1 a, di g /dt = 1 a/  s (dv/dt) cr t vj = t vjm ; v dr = 2/3 v drm 1000 v/  s r gk =  ; method 1 (linear voltage rise) p gm t vj = t vjm t p = 30  s 120 w i t = i tavm t p = 500  s60w p gav 20 w v rgm 10 v t vj -40...+140  c t vjm 140  c t stg -40...+125  c v isol 50/60 hz, rms t = 1 min 3000 v~ i isol  1 ma t = 1 s 3600 v~ weight typical including screws 1300 g features  isolation between water and electrical connections with direct copper bonded al 2 o 3 -ceramic  planar passivated chips  isolation voltage 3600 v~  keyed gate/cathode twin pins applications  large resistance welding equipment  large electroplating equipment ac controller with isolated water flow data according to iec 60747 refer to a single thyristor unless otherwise stated. ixys reserves the right to change limits, test conditions and dimensions 013 hvl 900 i rms = 900 a v rrm = 1200-1800 v preliminary data 1 2/3 5 6 4 7
? 2000 ixys all rights reserved 2 - 3 symbol test conditions characteristic values i rrm , i drm t vj = t vjm ; v r = v rrm ; v d = v drm 40 ma v t , v f i t , i f = 600 a; t vj = 25  c 1.32 v v t0 for power-loss calculations only 0.8 v r t 0.68 m  v gt v d = 6 v; t vj = 25  c2v t vj = -40  c3v i gt v d = 6 v; t vj = 25  c 150 ma t vj = -40  c 220 ma v gd t vj = t vjm ;v d = 2/3 v drm 0.25 v i gd t vj = t vjm ;v d = 2/3 v drm 10 ma i l t vj = 25  c; t p = 30  s; v d = 6 v 200 ma i g = 0.45 a; di g /dt = 0.45 a/  s i h t vj = 25  c; v d = 6 v; r gk =  150 ma t gd t vj = 25  c; v d = 1/2 v drm 2  s i g = 1 a; di g /dt = 1 a/  s q s t vj = 125  c; i t , i f = 300 a; -di/dt = 50 a/  s 760  c i rm 275 a r thjw per thyristor ; 180 el; watervolume = 4 l/min 0.203 k/w d s creeping distance on surface 12.7 mm d a creepage distance in air 9.6 mm a maximum allowable acceleration 50 m/s 2 o ptional accessories for modules keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red type zy 180 l (l = left for pin pair 4/5) ul 758, style 1385, type zy 180 r (r = right for pin pair 6/7) csa class 5851, guide 460-1-1 fig. 1 gate trigger characteristics fig. 2 gate trigger delay time hvl 900 0.01 0.1 1 10 1 10 100 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.1 1 10 i g v g a a i g 1: i gt , t vj = 140 c 2: i gt , t vj = 25 c 3: i gt , t vj = -40 c s t gd v 4: p gm = 20 w 5: p gm = 60 w 6: p gm = 120 w i gd , t vj = 140 c 4 2 1 5 6 limit typ. t vj = 25 c 3 (thermoswitch on request)
? 2000 ixys all rights reserved 3 - 3 2 l/min 4 l/min 6 l/min fig. 6 transient thermal impedance vs. time 110 10 4 10 5 10 6 0.001 0.01 0.1 1 0 2000 4000 6000 8000 10000 i 2 t s t ms t a 2 s i tsm a 80 % v rrm t vj = 45 c 50 hz t vj = 140 c t vj = 140 c t vj = 45 c v r = 0v fig. 3 surge overload current i tsm : crest value, t: duration fig. 4 i 2 t versus time (1-10 ms) 1 10 100 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 ed [%] irms [a] fig. 5 rated rms current vs. duty cycle n=1 n=100 n=50 n=25 n=10 n=5 n=2 0.001 0.01 0.1 1 10 100 1 10 3 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.2 0.22 t [s] zth [k/w] hvl 900


▲Up To Search▲   

 
Price & Availability of HVL900-16IO1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X