Part Number Hot Search : 
CLAMP LN526RGA 2SC717 03N60 DFR1A DRD601 10A05 M30621MA
Product Description
Full Text Search
 

To Download HR9-6FR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 8.0ah @ 10 hour rate f.v.(1.75v/cell) t erminals 7.5m 2.4 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) abs(ul94-hb, ul94-v0 is optional) internal resistance length 1511.5 width 341.5 container height 941.5 total height o u te r d im e n s io n s t e r m in a l t y p e 6 v max. charge current container material dimension(mm/inch) 1400g(3.09lbs.) vrla rechargeable battery (HR9-6FR) hr9-6 technology measures innovation values iso 9001 iso14001 ul ce 1002.0 b.b. battery co., ltd. powered by rev. jul. 2 009 a/0 application features specifications iec61056 jis c 8702gb/t 19639 approx. weight max. discharge current 120 a (5 sec.) (fully charged ) operating tem perature range (5.94 0.06) (1.34 0.06) (3.70 0.06) (3.94 0.08) all d ata sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. maintenance free(no water topping-up required) no free acid(non-spillable battery) low self-discharge rate, lower than 3% capacity loss per month can be used in any orientation(excluding used inverted) the battery is designed for high rate usage the power density at 5 min~15min discharging rate is 30% higher than bp series ups power packs laboratory equipment fishing lights t2 (faston tab 250) t1 is optional toy-cars te rm in al t 1 te rm in al t 2 4 . 7 5 ( 0 . 1 9 ) 3.2 (0 .13 ) 3.4 (0 .13 ) 6 . 3 5 ( 0 . 2 5 ) 6.3 5( 0.2 5) 0 . 8 ( 0 . 0 3 ) 7.8 5( 0.3 1) 0 . 8 ( 0 . 0 3 ) 15 1 1.5 (5. 94 0.0 6) 34 1.5 (1. 34 0.0 6) 9 4 1 . 5 ( 3 . 7 0 0 . 0 6 ) 1 0 0 2 ( 3 . 9 4 0 . 0 8 ) (v/cell) f.v. discharge time 5 min 10 min 15 min 20 min unit: w o o const ant po wer di scharg e char acteris tics at 25 c/77 f 30 min 40 min 50 min 60 min 120 min 184.5 220.5 236.3 243.0 247.5 249.8 126.0 140.7 148.0 150.8 152.8 154.2 91.3 99.3 103.8 106.0 107.2 108.0 77.9 82.5 85.5 86.9 87.7 88.2 59.2 61.7 63.0 63.8 64.3 64.6 45.0 46.7 47.8 48.4 48.7 49.0 37.6 38.8 39.6 40.1 40.4 40.6 33.1 33.9 34.5 34.8 35.0 35.1 18.3 18.6 18.9 19.0 19.1 19.1 unit: w (v/cell) f.v. discharge time 5 min 10 min 15 min 20 min unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f 30 min 40 min 50 min 60 min 120 min 32.95 40.0942.95 44.18 45.00 45.41 22.1124.68 25.96 26.45 26.81 27.04 15.7917.17 17.95 18.34 18.55 18.69 13.3514.14 14.67 14.90 15.03 15.13 10.0310.45 10.68 10.81 10.89 10.95 7.577.86 8.04 8.14 8.19 8.23 6.296.49 6.63 6.70 6.76 6.79 5.525.64 5.74 5.79 5.83 5.85 3.043.10 3.15 3.17 3.18 3.18 1.80v 1.70v1.60v 1.50v 1.40v 1.30v 1.80v 1.70v1.60v 1.50v 1.40v 1.30v


▲Up To Search▲   

 
Price & Availability of HR9-6FR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X