Part Number Hot Search : 
8C10DC6 SMB220 00F253 UPD63210 IMT41 SCL4014B 05482 2SC4981
Product Description
Full Text Search
 

To Download DHS4E4F191MCXB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 10 2 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. high voltage ceramic capacitors dc10-40kv mold type dhs n4700 series (dc10-40kv) murata's high voltage ceramic capacitors, dhs n4700 series, are designed to meet the stringent requirements of high voltage applications. these capacitors are especially appropriate for applications which require a low dissipation factor and a small voltage coefficient. features 1. epoxy resin encapsulated 2. small size 3. low dissipation factor and low heating value 4. linear temperature characteristic 5. low dc, ac-voltage coefficient applications ?gas laser ?dc hv power supplies ?lightning arresters, voltage distribution systems ?electron microscopes, synchroscopes ?electrostatic coating machines dc rated voltage (kv) depth of tapped holes (mm) 10, 15 20, 30 40 4 6 8 l 1.5 ? 1.5 (h) (in mm) dhs4e4a561kc2b dhs4e4a122kh2b dhs4e4a282kl2b dhs4e4a502kr2b dhs4e4a802kt2b dhs4e4c371kc2b dhs4e4c112kh2b dhs4e4c192kl2b dhs4e4c342kr2b dhs4e4c532kt2b 560 1200 2800 5000 8000 370 1100 1900 3400 5300 10 20 20 10 10 15 iso m4, p0.7 (metric screw thread) no.8-32, nc-2b (inch screw thread) no.8-32, nc-2b (inch screw thread) iso m4, p0.7 (metric screw thread) 20 30 38 52 60 20 30 38 52 60 16 18 12 14 20 30 38 52 60 20 30 38 52 60 dhs4e4a561mcxb dhs4e4a122mhxb dhs4e4a282mlxb dhs4e4a502mrxb dhs4e4a802mtxb dhs4e4c371mcxb dhs4e4c112mhxb dhs4e4c192mlxb dhs4e4c342mrxb dhs4e4c532mtxb 560 1200 2800 5000 8000 370 1100 1900 3400 5300 continued on the following page. part number capacitance (pf) capacitance tolerance (%) dc rated voltage (kv) terminal type (screw thread type) dimensions (mm) d lh please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
2 1 1 2 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . d h s 4 e 4 g 1 4 1 k c 2 b d h s 4 e 4 g 4 4 1 k h 2 b d h s 4 e 4 g 7 0 1 k l 2 b d h s 4 e 4 g 1 3 2 k r 2 b d h s 4 e 4 g 2 0 2 k t 2 b 1 4 0 4 4 0 7 0 0 1 3 0 0 2 0 0 0 2 0 2 0 1 0 4 0 n o . 8 - 3 2 , n c - 2 b ( i n c h s c r e w t h r e a d ) n o . 8 - 3 2 , n c - 2 b ( i n c h s c r e w t h r e a d ) i s o m 4 , p 0 . 7 ( m e t r i c s c r e w t h r e a d ) 2 0 3 0 3 8 5 2 6 0 3 6 3 2 2 0 3 0 3 8 5 2 6 0 2 0 3 0 3 8 5 2 6 0 d h s 4 e 4 f 1 9 1 m c x b d h s 4 e 4 f 5 9 1 m h x b d h s 4 e 4 f 9 4 1 m l x b d h s 4 e 4 f 1 7 2 m r x b d h s 4 e 4 f 2 7 2 m t x b d h s 4 e 4 g 1 4 1 m c x b d h s 4 e 4 g 4 4 1 m h x b d h s 4 e 4 g 7 0 1 m l x b d h s 4 e 4 g 1 3 2 m r x b d h s 4 e 4 g 2 0 2 m t x b 1 9 0 5 9 0 9 4 0 1 7 0 0 2 7 0 0 1 4 0 4 4 0 7 0 0 1 3 0 0 2 0 0 0 p a r t n u m b e r c a p a c i t a n c e ( p f ) c a p a c i t a n c e t o l e r a n c e ( % ) d c r a t e d v o l t a g e ( k v ) t e r m i n a l t y p e ( s c r e w t h r e a d t y p e ) d i m e n s i o n s ( m m ) d l h c o n t i n u e d f r o m t h e p r e c e d i n g p a g e . d h s 4 e 4 d 2 8 1 k c 2 b d h s 4 e 4 d 8 8 1 k h 2 b d h s 4 e 4 d 1 4 2 k l 2 b d h s 4 e 4 d 2 5 2 k r 2 b d h s 4 e 4 d 4 0 2 k t 2 b 2 8 0 8 8 0 1 4 0 0 2 5 0 0 4 0 0 0 2 0 1 0 2 0 n o . 8 - 3 2 , n c - 2 b ( i n c h s c r e w t h r e a d ) i s o m 4 , p 0 . 7 ( m e t r i c s c r e w t h r e a d ) 2 0 3 0 3 8 5 2 6 0 2 4 2 0 2 0 3 0 3 8 5 2 6 0 d h s 4 e 4 d 2 8 1 m c x b d h s 4 e 4 d 8 8 1 m h x b d h s 4 e 4 d 1 4 2 m l x b d h s 4 e 4 d 2 5 2 m r x b d h s 4 e 4 d 4 0 2 m t x b 2 8 0 8 8 0 1 4 0 0 2 5 0 0 4 0 0 0 d h s 4 e 4 f 1 9 1 k c 2 b d h s 4 e 4 f 5 9 1 k h 2 b d h s 4 e 4 f 9 4 1 k l 2 b d h s 4 e 4 f 1 7 2 k r 2 b d h s 4 e 4 f 2 7 2 k t 2 b 1 9 0 5 9 0 9 4 0 1 7 0 0 2 7 0 0 1 0 3 0 i s o m 4 , p 0 . 7 ( m e t r i c s c r e w t h r e a d ) 2 0 3 0 3 8 5 2 6 0 2 8 2 4 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16


▲Up To Search▲   

 
Price & Availability of DHS4E4F191MCXB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X