Part Number Hot Search : 
ASI10519 LLZ30A SQM85N15 B2566 ASI3001 F9530 C3225M18 2SC40
Product Description
Full Text Search
 

To Download CDBK0540-HF12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i o = 500 ma v r = 40 v olts cdbk0540-hf smd schottky barrier diode +125 o c t stg symbol t yp parameter conditions min ma x unit forward voltage v f v reverse current ma 0.01 o maximum rating (at t a =25 c unless otherwise noted) o electrical characteristics (at t a =25 c unless otherwise noted) t yp i o v r v rm a verage forward rectified current reverse voltage peak reverse voltage forward current,surge peak symbol parameter conditions min max unit v v ma 500 40 40 t j storage temperature junction temperature o c +125 -40 i fsm 8.3 ms single half sine-wave superimposed on rate load (jedec method) 5.5 a o i f = 0.5 a @t a = 25 c o i f = 1 a @t a = 100 c o i f = 1 a @t a = 25 c o i f = 0.5 a @t a = 100 c 0.51 0.62 0.64 0.46 0.02 i r 2 o v r = 40v @t a = 25 c o v r = 20v @t a = 25 c o v r = 40v @t a = 100 c o v r = 20v @t a = 100 c 5 capacitance between terminals f = 1 mhz, and 0 vdc reverse voltage c t pf 170 reverse recovery time i f = i r = 10ma, irr x i r , r l = 100ohm t rr ns 22 page 1 qw -g1092 rev :b features -low forward voltage. -designed for mounting on small surface. -extremely thin / leadless package. -majority carrier conduction. mechanical data -case: sod-123f standard package, molded plastic. -t erminals: gold plated, solderable per mil-std-750,method 2026. -marking code: cathode band & bn -mounting position: any -w eight: 0.01 1 gram(approx.). comchip t echnology co., l td. 0 . 1 4 4 ( 3 . 6 5 ) 0 . 1 3 6 ( 3 . 4 5 ) 0 . 0 2 4 ( 0 . 6 0 ) t y p . 0 . 0 6 9 ( 1 . 7 5 ) 0 . 0 6 1 ( 1 . 5 5 ) 0 . 0 3 5 ( 0 . 9 0 ) 0 . 0 2 7 ( 0 . 7 0 ) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) s o d - 1 2 3 f 0 . 0 1 2 ( 0 . 3 0 ) t y p . 0 . 0 5 7 ( 1 . 4 5 ) t y p . rohs device halogen free
ra ting and characteristic cur ves (cdbk0540-hf) smd schottky barrier diode 5 - 2 5 c 2 5 c 7 5 c 1 2 5 c page 2 qw -g1092 rev :b comchip t echnology co., l td. f=1mhz o t a =25 c c a p a c i t a n c e b e t w e e n t e r m i n a l s ( p f ) reverse voltage (v) f o r w a r d c u r r e n t ( m a ) forward voltage (v) fig. 1 - forward characteristics r e v e r s e c u r r e n t ( a ) reverse voltage (v) fig. 2 - reverse characteristics o ambient temperature (c) a v e r a g e f o r w a r d c u r r e n t ( % ) fig.4 - current derating curve f i g . 3 - c a p a c i t a n c e b e t w e e n t e r m i n a l s c h a r a c t e r i s t i c s 0 0 0 . 1 0 . 1 0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 . 7 1 1 0 1 0 0 1 0 0 0 1 n 0 1 0 n 1 0 0 n 1 u 1 0 u 1 0 0 u 1 m 1 0 m 1 0 2 0 2 0 3 0 4 0 0 0 10 15 20 20 40 60 80 100 120 0 2 0 4 0 6 0 8 0 1 0 0 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 1 2 0
smd schottky barrier diode page 3 qw -g1092 rev :b comchip t echnology co., l td. i n d e x h o l e o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d e f b w a p p 0 p 1 d 1 d 2 d w 1 t c direction of feed polarity reel t aping specification b c d d d 2 d 1 e f p p 0 p 1 t s o d - 1 2 3 f s y m b o l a w w 1 ( m m ) ( i n c h ) 0 . 0 7 5 0 . 0 0 4 0 . 1 5 0 0 . 0 0 4 0 . 0 4 1 0 . 0 0 4 0 . 0 6 1 0 . 0 0 4 7 . 0 0 8 0 . 0 4 2 . 3 6 2 m i n . 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 1 3 8 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 0 0 9 0 . 0 0 2 0 . 3 1 5 0 . 0 0 8 0 . 5 3 1 m a x . 1 . 9 0 0 . 1 0 3 . 8 0 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 1 0 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 6 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 0 5 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 0 . 2 2 0 . 0 5 8 . 0 0 0 . 2 0 1 3 . 5 m a x . 1 7 8 1 s o d - 1 2 3 f
smd schottky barrier diode page 4 qw -g1092 rev :b comchip t echnology co., l td. suggested p ad layout size (inch) 0.136 (mm) 3.45 1.30 1.60 0.051 0.063 sod-123f 4.75 0.187 e 2.15 0.085 standard package case t ype qty per reel (pcs) 3000 sod-123f reel size (inch) 7 a b c d a c b e d marking code part number cdbk0540-hf marking code bn marking code bn


▲Up To Search▲   

 
Price & Availability of CDBK0540-HF12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X