Part Number Hot Search : 
FEDL720 EV0007 K4S51 SAA9740H MP3422GG 405C32BM ITXG71 RF200
Product Description
Full Text Search
 

To Download AM2520PBC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: cda0459 rev no: v.1 date: oct/27/2001 page: 1 of 4 approved:j.lu checked: drawn:m.f.cai description the blue source color devices are made with ingan on sic light emitting diode. subminiature solid state lamp AM2520PBC03 blue notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the lead emerge package. 4. specifications are subject to change without notice. features ! subminiature package. ! wide viewing angle. ! gull wing. ! long life - solid state reliability. ! low package profile. ! package : 1000pcs / reel. package dimensions
spec no: cda0459 rev no: v.1 date: oct/27/2001 page: 2 of 4 approved:j.lu checked: drawn:m.f.cai electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. selection guide note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. l o b m y sl o b m y s l o b m y s l o b m y sl o b m y sr e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pe c i v e de c i v e d e c i v e d e c i v e de c i v e d. p y t. p y t . p y t . p y t. p y t. x a m. x a m . x a m . x a m. x a ms t i n us t i n u s t i n u s t i n us t i n us n o i t i d n o c t s e ts n o i t i d n o c t s e t s n o i t i d n o c t s e t s n o i t i d n o c t s e ts n o i t i d n o c t s e t k a e p h t g n e l e v a w k a e pe u l b8 6 4m na m 0 2 = f i d h t g n e l e v a w e t a n i m o de u l b5 6 4m na m 0 2 = f i ? 2 / 1 h t d i w f l a h e n i l l a r t c e p se u l b5 2m na m 0 2 = f i ce c n a t i c a p a ce u l b5 6f pz h m 1 = f ; v 0 = f v v f e g a t l o v d r a w r o fe u l b5 6 . 32 . 4v a m 0 2 = f i i r t n e r r u c e s r e v e re u l b0 1a uv 5 = r v r e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a p e u l be u l b e u l b e u l be u l bs t i n us t i n u s t i n u s t i n us t i n u n o i t a p i s s i d r e w o p 2 0 1w m t n e r r u c d r a w r o f c d 0 3a m ] 1 [ t n e r r u c d r a w r o f k a e p 0 6 1a m e g a t l o v e s r e v e r 5v e r u t a r e p m e t g n i t a r e p o 0 2 - 0 8 + o t c c e r u t a r e p m e t e g a r o t s 0 3 - 5 8 + o t c c . o n t r a p. o n t r a p . o n t r a p . o n t r a p. o n t r a pe c i de c i d e c i d e c i de c i de p y t s n e le p y t s n e l e p y t s n e l e p y t s n e le p y t s n e l ) d c m ( v i) d c m ( v i ) d c m ( v i ) d c m ( v i) d c m ( v i a m 0 2 @ g n i w e i vg n i w e i v g n i w e i v g n i w e i vg n i w e i v e l g n a . n i m. n i m . n i m . n i m. n i m. p y t. p y t . p y t . p y t. p y t 2 / 1 22 / 1 2 2 / 1 2 2 / 1 22 / 1 2 3 0 c b p 0 2 5 2 m a) n a g n i ( e u l br a e l c r e t a w0 0 10 5 2 0 2
spec no: cda0459 rev no: v.1 date: oct/27/2001 page: 3 of 4 approved:j.lu checked: drawn:m.f.cai blue AM2520PBC03
spec no: cda0459 rev no: v.1 date: oct/27/2001 page: 4 of 4 approved:j.lu checked: drawn:m.f.cai recommended soldering pattern (units : mm) tape specifications (units : mm) AM2520PBC03 smt reflow soldering instructions number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.


▲Up To Search▲   

 
Price & Availability of AM2520PBC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X