Part Number Hot Search : 
11K5FKR3 5602B WD76C31A 1602F SSFP6N70 SCW03 AT16245G HIP0081
Product Description
Full Text Search
 

To Download 8EWF02STRLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94108 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 01-jul-09 1 surface mountable fast soft recovery diode, 8 a 8ewf..spbf soft recovery series vishay high power products features/description the 8ewf..spbf fast soft recovery rectifier series has been optimized for combined short reverse recovery time, low forward voltage drop and low leakage current. the glass passivation ensures stable reliable operation in the most severe temperature and power cycling conditions. this series is designed and qualified for industrial level. compliant to rohs directive 2002/95/ec. applications ? output rectification and free wheeling diode in inverters, choppers and converters ? input rectifications where se vere restrictions on conducted emi should be met product summary v f at 8 a < 1.2 v t rr 55 ns v rrm 200 to 600 v base common cathode + 3 anode 2 1 anode -- d-pak major ratings and characteristics symbol characteristics values units i f(av) sinusoidal waveform 8 a v rrm 200 to 600 v i fsm 170 a v f 8 a, t j = 25 c 1.2 v t rr 1 a, 100 a/s 55 ns t j range - 40 to 150 c voltage ratings part number v rrm , maximum peak reverse voltage v v rsm , maximum non-repetitive peak reverse voltage v i rrm at 150 c ma 8ewf02spbf 200 300 3 8ewf04spbf 400 500 8ewf06spbf 600 700 absolute maximum ratings parameter symbol test conditions values units maximum average forward current i f(av) t c = 96 c, 180 conduction half sine wave 8 a maximum peak one cycle non-repetitive surge current i fsm 10 ms sine pulse, rated v rrm applied 170 10 ms sine pulse, no voltage reapplied 200 maximum i 2 t for fusing i 2 t 10 ms sine pulse, rated v rrm applied 140 a 2 s 10 ms sine pulse, no voltage reapplied 200 maximum i 2 t for fusing i 2 t t = 0.1 ms to 10 ms, no voltage reapplied 2000 a 2 s
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94108 2 revision: 01-jul-09 8ewf..spbf soft recovery series vishay high power products surface mountable fast soft recovery diode, 8 a note (1) when mounted on 1" square (650 mm 2 ) pcb of fr-4 or g-10 materi al 4 oz. (140 m) copper 40 c/w for recommended footprint and soldering techniques refer to application note #an-994 electrical specifications parameter symbol test conditions values units maximum forward voltage drop v fm 8 a, t j = 25 c 1.2 v forward slope resistance r t t j = 150 c 16 m threshold voltage v f(to) 1.13 v maximum reverse leakage current i rm t j = 25 c v r = rated v rrm 0.1 ma t j = 150 c 3 recovery characteristics parameter symbol test conditions values units reverse recovery time t rr i f at 8 apk 25 a/s t j = 25 c 140 ns reverse recovery current i rr 2.6 a reverse recovery charge q rr 0.25 c snap factor s 0.5 i fm t rr di dt i rr q rr t t a t b thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j , t stg - 40 to 150 c soldering temperature t s for 10 seconds 240 maximum thermal resistance, junction to case r thjc dc operation 2.5 c/w typical thermal resistance, junction to ambient (pcb mount) r thja (1) 50 approximate weight 1g 0.03 oz. marking device case style to-252aa (d-pak) 8ewf06s
document number: 94108 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 01-jul-09 3 8ewf..spbf soft recovery series surface mountable fast soft recovery diode, 8 a vishay high power products fig. 1 - current ra ting characteristics fig. 2 - current rating characteristics fig. 3 - forward powe r loss characteristics fig. 4 - forward power loss characteristics fig. 5 - maximum non-repetitive surge current fig. 6 - maximum non-repetitive surge current 60 70 80 90 100 110 120 130 140 150 0123456789 30 60 90 120 180 maximum allowable case temperature (c) conduction angle average forward current (a) 8ewf..s series r (dc) = 2.5 c/ w thjc 70 80 90 100 110 120 130 140 150 02468101214 dc 30 60 90 120 180 maximum allowable case temperature (c) conduction period average forward current (a) 8ewf..s se ries r (dc) = 2.5 c/ w thjc 0 2 4 6 8 10 12 0123456789 rm s li m i t 180 120 90 60 30 conduction angle average forward current (a) maximum average forward power loss (w) 8ewf..s series t = 150c j 0 2 4 6 8 10 12 14 16 02468101214 dc 180 120 90 60 30 rm s li m i t conduction period average forw ard current (a) maximum average forward power loss (w) 8ewf..s se ries t = 1 5 0 c j 50 75 100 125 150 175 200 110100 number of equal amplitude half cycle current pulses (n) peak half sine wave forward current (a) init ia l t = 150c @ 60 hz 0.0083 s @ 50 hz 0.0100 s j 8 ew f. . s se r i e s at any rated load condition and with rated v applied following surge. rrm 40 60 80 100 120 140 160 180 200 0.01 0.1 1 pu l se tra i n d ur a t i o n (s) peak half sine wave forward current (a) versus pulse train duration. init ial t = 150c no vo lta g e rea p p lied ra t e d v re a p p l i e d rrm j maximum non repetitive surge current 8 ew f. . s se r i e s
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94108 4 revision: 01-jul-09 8ewf..spbf soft recovery series vishay high power products surface mountable fast soft recovery diode, 8 a fig. 7 - forward voltage drop characteristics fig. 8 - recovery time characteristics, t j = 25 c fig. 9 - recovery time characteristics, t j = 150 c fig. 10 - recovery char ge characteristics, t j = 25 c fig. 11 - recovery char ge characteristics, t j = 150 c fig. 12 - recovery current characteristics, t j = 25 c 1 10 100 0.5 1 1.5 2 2.5 3 t = 2 5 c j instantaneous forward current (a) in st a n t a n e o u s fo r w a r d v o l t a g e ( v ) t = 1 5 0 c j 8ewf..s series 0 0.1 0.2 0.3 0.4 04080120160200 rate of fall of forward current - di/dt (a/s) 1 a 5 a 10 a ma ximum re ve rse re c o ve ry time - trr (s) 8ewf..s se ries t = 2 5 c j i = 20 a fm 8 a 2 a 0 0.1 0.2 0.3 0.4 0 40 80 120 160 200 ra t e of fa ll of fo rw a rd curre n t - d i/ d t (a/ s) 1 a 5 a 10 a maximum reverse recovery time - trr (s) 8ewf..s series t = 150 c j i = 20 a fm 2 a 8 a 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0 40 80 120 160 200 ra t e of fa ll of fo rw a rd curre nt - d i/ d t (a/ s) 1 a 5 a 10 a maximum reverse recovery charge - qrr (c) 8ewf..s series t = 25 c i = 20 a fm 2 a j 8 a 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 0 40 80 120 160 200 rate of fall of forward current - di/dt (a/s) 1 a 5 a 10 a ma ximum re verse rec overy charg e - qrr (c) 8 ew f. . s se r i e s t = 1 5 0 c j i = 20 a fm 2 a 8 a 0 2 4 6 8 10 12 14 16 04080120160200 ma ximum reverse re c overy current - irr (a) rate of fall of forward current - di/ dt (a/ s) 1 a 5 a 10 a 8 ew f. . s se r i e s t = 2 5 c j i = 20 a fm 2 a 8 a
document number: 94108 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 01-jul-09 5 8ewf..spbf soft recovery series surface mountable fast soft recovery diode, 8 a vishay high power products fig. 13 - recovery current characteristics, t j = 150 c fig. 14 - thermal impedance z thjc characteristics 0 2 4 6 8 10 12 14 16 18 20 04080120160200 maximum reverse re c ove ry current - irr (a) rate of fall of forward current - di/dt (a/s) 1 a 5 a 10 a 8 ew f . . s se r i e s t = 150 c i = 20 a fm 2 a j 8 a 0.1 1 10 1 . 0 1 0 . 0 1 0 0 . 0 1 0 0 0 . 0 square wave pulse duration (s) st e a d y st a t e v a l u e (dc operation) sing le pulse thjc 8ewf..s series d = 0.50 d = 0.33 d = 0.25 d = 0.17 d = 0.08 transient thermal impedance z (c/w)
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94108 6 revision: 01-jul-09 8ewf..spbf soft recovery series vishay high power products surface mountable fast soft recovery diode, 8 a ordering information table 1 - current rating (8 = 8 a) 2 - circuit configuration: e = single diode 3 - package: w = d-pak 4 - type of silicon: f = fast soft recovery rectifier 5 - voltage code x 100 = v rrm 6 - s = surface mountable 7 - tr = tape and reel trr = tape and reel (right oriented) trl = tape and reel (left oriented) - pbf = lead (pb)-free 8 02 = 200 v 04 = 400 v 06 = 600 v device code 5 13 24 678 8 e w f 06 s tr pbf links to related documents dimensions www.vishay.com/doc?95016 part marking information www.vishay.com/doc?95059 packaging information www.vishay.com/doc?95033
document number: 95016 for technical questions concer ning discrete products, cont act: diodes-tech@vishay.com www.vishay.com revision: 04-nov-08 for technical qu estions concerning module products , contact: ind-modules@vishay.com 1 d-pak (to-252aa) outline dimensions vishay high power products notes (1) dimensioning and toleranci ng as per asme y14.5m-1994 (2) lead dimension uncontrolled in l5 (3) dimension d1, e1, l3 and b3 establish a mi nimum mounting surface for thermal pad (4) section c - c dimension apply to the flat section of the lead between 0.13 and 0.25 mm (0.005 and 0.10") from the lead tip (5) dimension d, and e do not include mold flash. mold flash shall not exceed 0.127 mm (0. 005") per side. these dimensions are meas ured at the outermost extremes of the plastic body (6) dimension b1 and c1 applied to base metal only (7) datum a and b to be determined at datum plane h (8) outline conforms to jedec outline to-252aa dimensions in millimeters and inches symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 2.18 2.39 0.086 0.094 e 2.29 bsc 0.090 bsc a1 - 0.13 - 0.005 h 9.40 10.41 0.370 0.410 b 0.64 0.89 0.025 0.035 l 1.40 1.78 0.055 0.070 b2 0.76 1.14 0.030 0.045 l1 2.74 bsc 0.108 ref. b3 4.95 5.46 0.195 0.215 3 l2 0.51 bsc 0.020 bsc c 0.46 0.61 0.018 0.024 l3 0.89 1.27 0.035 0.050 3 c2 0.46 0.89 0.018 0.035 l4 - 1.02 - 0.040 d 5.97 6.22 0.235 0.245 5 l5 1.14 1.52 0.045 0.060 2 d1 5.21 - 0.205 - 3 ? 0 10 0 10 e 6.35 6.73 0.250 0.265 5 ?1 0 15 0 15 e1 4.32 - 0.170 - 3 ?2 25 35 25 35 ? 1 e (5) b 3 (3) 0.010 cab l3 (3) b a c h c l2 d (5) l4 b 2 x e b 2 (2) l5 1 2 3 4 ? 2 a c2 a a h seating plane c detail ?c? (7) seating plane a1 detail ?c? rotated 90 cw scale: 20:1 (l1) c c l ? ga u ge plane lead tip m 0.010 cab m 32 4 1 e1 d1 mi n . 0.265 (6.74) mi n . 0.245 (6.23) mi n . 0.0 8 9 (2.2 8 ) mi n . 0.06 (1.524) 0.4 88 (12.40) 0.409 (10.40) 0.093 (2.3 8 ) 0.0 8 5 (2.1 8 ) pad layout
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 8EWF02STRLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X