this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0481911000 status: active overview: description: 0.80mm (.031") pitch edge card connector, vertical, smt, 60 circuits, 0.38m (15") gold (au) plating, lead free agency certification csa lr 19980 ul e29179 general product family edge card connectors series 48191 component type edgecard to pcb overview edge_card_connectors product name edge card physical circuits (loaded) 60 circuits (maximum) 60 circuits detail all signal durability (mating cycles max) 100 entry angle vertical (top entry) flammability 94v-0 keying to mating part yes material - plating mating gold material - plating termination tin pcb locator yes pcb retention yes packaging type tube pitch - mating interface (in) 0.031 in pitch - mating interface (mm) 0.80 mm pitch - term. interface (in) 0.031 in pitch - term. interface (mm) 0.80 mm plating min: mating (in) 15 plating min: mating (m) 0.38 plating min: termination (in) 100 plating min: termination (m) 2.50 temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 1.7a voltage - maximum 400v ac material info reference - drawing numbers packaging specification pk-48191-001 product specification ps-48191-001 sales drawing sd-48191-001 test summary ts-48191-001 eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 48191 series mates with 1.60mm (.063") thick edge card module this document was generated on 06/04/2010 please check www.molex.com for latest part information
|