Part Number Hot Search : 
INT100 4762A ICS8705I EM9010 0ETTS SA110 UPC4570C UPD78C14
Product Description
Full Text Search
 

To Download 47273-8001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/19/2010 please check www.molex.com for latest part information part number: 0472738001 status: active description: 2.54mm (.100") pitch sim card holder, 6 circuits, smt, 0.25m (10") gold (au) plating, with staggered solder tabs, housing height 2.70mm (.106"), lead free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-47273-001 (pdf) general product family memory card sockets series 47273 button type n/a component type card holder (host) product name sim type n/a physical card detection switch n/a circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 5,000 ejector button side no ejector button present entry angle vertical (top entry) keying to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic pcb locator no pcb mounting side normal pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 10 plating min: mating (m) 0.25 plating min: termination (in) 2 plating min: termination (m) 0.05 ports 1 temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded no voltage - maximum 5v ac (rms)/dc solder process data duration at max. process temperature (seconds) 3 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 250 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47273 series mates with standard sim card
material info reference - drawing numbers product specification ps-47273-001 sales drawing sd-47273-801 this document was generated on 04/19/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 47273-8001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X