Part Number Hot Search : 
C5107M SPX29 37214 54HC112 C5107M SMAJ33A P6KE56 NJM2370
Product Description
Full Text Search
 

To Download 2SD2095 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SD2095 description ? ? with to-3p(h)is package ? built-in damper diode ? high voltage ,high speed ? low collector saturation voltage applications ? for color tv horizontal output applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 600 v v ebo emitter-base voltage open collector 5 v i c collector current 5 a i b base current 2.5 a p c collector power dissipation 50 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3p(h)is) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SD2095 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ebo emitter-base breakdown voltage i e =200ma , i c =0 5 v v cesat collector-emitter saturation voltage i c =3.5a; i b =0.8a 3.0 5.0 v v besat base-emitter saturation voltage i c =3.5a; i b =0.8a 1.5 v i cbo collector cut-off current v cb =500v; i e =0 10 | a h fe dc current gain i c =1a ; v ce =5v 8 f t transition frequency i c =0.1a ; v ce =10v 3 mhz c ob collector output capacitance i e =0 ; v cb =10v;f=1mhz 105 pf v f diode forward voltage i f =5a 1.6 2.0 v t f fall time i cp =3.5a ;i b1 (end) =0.8a 0.5 1.0 | s
inchange semiconductor product specification 3 silicon npn power transistors 2SD2095 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SD2095

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X