Part Number Hot Search : 
MG1002 ML6673 1N540 L1501 H1563P LVCZ16 H1563P B1093
Product Description
Full Text Search
 

To Download 2SA1804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1804 description with to-3pfm package complement to type 2sc4689 applications power amplifier applications recommend for 55w high fidelity audio frequency amplifier output stage pinning(see fig.2) pin description 1 base 2 collector 3 emitter absolute maximum ratings(tc=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -120 v v ceo collector-emitter voltage open base -120 v v ebo emitter-base voltage open collector -5 v i c collector current -8 a i cm collector current-peak -16 a i b base current -0.8 a p c collector power dissipation t c =25 70 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pfm) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1804 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma; i b =0 -120 v v cesat collector-emitter saturation voltage i c =-6a;i b =-0.6 a -2.0 v v be base-emitter voltage i c =-4a ; v ce =-5v -1.5 v i cbo collector cut-off current v cb =-120v i e =0 -5 a i ebo emitter cut-off current v eb =-5v; i c =0 -5 a h fe-1 dc current gain i c =-1a ; v ce =-5v 55 160 h fe-2 dc current gain i c =-4a ; v ce =-5v 35 f t transition frequency i c =-1a ; v ce =-5v 30 mhz c ob output capacitance i e =0; v cb =10v;f=1mhz 420 pf  h fe classifications r o 55-110 80-160
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1804 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon pnp power transistors 2SA1804
savantic semiconductor product specification 5 silicon pnp power transistors 2SA1804


▲Up To Search▲   

 
Price & Availability of 2SA1804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X