Part Number Hot Search : 
MC74LVX XT210F BD778 FS7KM12 MMBTH81 BEMA101A IBP160 M81712
Product Description
Full Text Search
 

To Download 275V224R501A1A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  commercial miniature 5/8" (16mm) diameter composition variable resistors miniature 5/8" (16mm) size versatile mounting styles: bushing twist tab bend tab snap-in pc bracket solder lug or pc terminals (shaft parallel or perpendicular to the panel) 100 ? to 5 meg ? resistance range molded or metal shafts spst power switches single, tandem, or concentric units panel seal rear extended shaft series 270 technical data sheet 1448c cts corporation / manufacturer of reliable electronic components electrical and mechanical specifications resistance range 100 ? through 5 meg ? (linear taper). resistance tolerance standard: ?0% special: other tolerances available in most resistance values. power rating, watts 1 / 4 watt per section through 100k 1 / 5 watt per section above 100k full rating @ 55? derated to no load at 85?, linear taper, bushing mounted control on steel panel 4" x 4" x .050" (101.6mm x 101.6mm x 1.27mm). (derating required on two section controls.) voltage rating bushings to terminals: high pot test, one minute 750 vac operating maximum 500 vdc across end terminals: 350 vdc, load not to exceed listed wattage ratings. resistance tapers standard: linear, 10% audio and 10% ccw audio special tapers available to meet most requirements angle of rotation total rotation without switch: 300 5 with switch: 315 5 effective rotation without switch: 300 (approximate) with switch: 290 (approximate) panel mounting information bushing mount standard: brass (continued on next page) technical data sheet 1270e
electrical and mechanical specifications (continued) all other mounts standard: twist tab (designated by ?? special: bend tab ?2 or 3 ears bracket mounted suggested panel for twist tab .042" thick (1.07mm) locating lugs (bushing mount) standard: .312" (7.9mm) radius from center of control. special: .375" (9.53mm) radius from center of control. standard position: left side supplied unless otherwise specified. other positions: available with lug right side, without lugs, or with lugs both left and right sides. water seal construction controls are also available to prevent water from entering the control through either the o.d. of shaft and/or the bushing. shaft and bushing information bushing lengths available standard: .187" or .250" (4.75mm or 6.35mm) special: .125" increments (3.2mm increments) thread size standard: 1 / 4 " ?32 3 / 8 " ?32 m7 x .75 m8 x .75p special: as required molded shafts available (shown with preferred diameter bushing) bushing mounted or ear mounted metal shafts available (shown with preferred diameter bushing) single or dual units concentric tandem units available in two combinations: a .125" (3.2mm) diameter rear shaft .250" (6.35mm) panel shaft (3/8 32 or m9x.75) b .156" (4.0mm) diameter rear shaft .236" (6.0mm) diameter panel shaft (3/8 ?32 or m8x.75) most metal shaft diameters can be used with twist tab mountings. with bracket mount, only .187 diameter shafts are used, with turn-down available to obtain smaller diameters. metal lengths: minimum .125" (3.2mm) beyond bushing; special lengths as required. trims: plain round screwdriver slotted, flatted, knurled. other trims available upon request. molded flatted and knurled with screwdriver slot available in many lengths and diameters. terminal information standard: t solder lug formed 90 to the rear. special: (see below) t: solder lug perpendicular to shaft. t: solder lug formed 60 to the rear. u: pc terminals formed 90 forward toward mounting surface. terminals extend .187" (4.7mm) beyond mounting surface. v: pc terminals formed 90 to the rear, away from panel mounting. terminals extend .520" (13.2mm) from mounting surface. w: wire wrap terminals ?.156" (4.0mm) terminal extension beyond base, formed 60 to the rear. bx: pc terminals standard .438" (11.1mm) from center line of control to pc board; straight terminals extend .156" (4.0mm) into pc board. x: pc terminals standard .505" (12.8mm) from center line of control to pc board, with .136" (3.4mm) straight terminal extension beyond pc board standoff. y: pc terminals standard .602" (15.3mm) from centerline of control to pc board, with .140" (3.5mm) straight terminal extension beyond pc board standoff. (continued on next page) shaft diameter bushing diameter inch mm inch mm .156 4.0 1/4" ?32 m7x.75 .187 4.7 m7x.75 .236 6.0 3/8" ?32 m8x.75 .250 6.35 3/8" ?32 m9x.75 shaft diameter bushing diameter inch mm inch mm .125 3.2 1/4" ?32 m7x.75 .156 4.0 1/4" ?32 m7x.75 .187 4.7 3/8" ?32 m7x.75 .236 6.0 3/8" ?32 m8x.75 .250 6.35 3/8" ?32 m9x.75
power switches available (all spst) electrical and mechanical specifications (continued) electrical series type rating 057 rotary 5a @ 20 vdc 057 rotary 3a @ 125 vac (ul approved) dimension: mm inch dimension: mm inch electrical series type rating demi push-pull 3a @ 20 vdc demi momentary contact 3a @ 20 vdc push on switch actuating angle -25? switch actuating torque - 2 to 10 in. oz. (144 to 720g-cm)
dimension: mm inch dimension: mm inch dimension: mm inch dimension: mm inch t270 solder lug terminals, metal shaft, bushing mount bx pm270 pc type base ??terminals, 2-ear mount bend tab, molded shaft upe 270re pc type ??terminals, twist tab mount, metal shaft, rear extension xb275re pc type ??terminals, metal shaft, rear extension
dimension: mm inch dimension: mm inch dimension: mm inch dimension: mm inch vpe 270 pc type ??terminals, twist tab mount, metal shaft x057-bx270 pc type terminal spst switch, pc style base ??terminals, metal shaft, bushing mount t2-270 solder lug terminals, straight tandem, metal shaft, bushing mount xp275 pc type ??terminal, metal shaft, twist tab mounting
mounting style bushing length: 1/8" (3.2mm) increments examples: 2 .250" (6.35mm) 3 .375" (9.5mm) 8 1.000" (25.4mm) 1 twist tab mount bushing mount supplied with locating lug left side terminals down shaft length from mounting surface 1/32" (0.8mm) increments examples: metal shafts 20 ?.625" (15.9mm) 24 ?.750" (19.1mm) 28 ?.875" (22.2mm) 32 ?1.000" (25.4mm) moulded shafts limited lengths available, see shaft trim selection 16 ?shaft u,.500" (12.7mm) 28 ?shaft v,.875" (22.2mm) 32 ?shaft w,.1.0" (25mm) terminal style t solder lug x pc* u formed to front v formed to rear w formed to rear order from: cts corporation, resistor/electrocomponents / 1601 mishawaka street / elkhart, indiana 46514 north america toll free (888) 287-4690 / (219) 296-6700 / fax: (219) 293-1240 http://www.ctscorp.com cts components taiwan, ltd. / 7, central 6th road (chung liu road) / p.o. box 26-20 kaohsiung export processing zone / kaohsiung, taiwan, rep. of china (07) 8216145 / fax: (07) 8417642.8110040 03/00 i ordering information 270/275 t 2 20 r 103 b 1 a 1 resist tol a ??0% b ??0% c ??0% switch type a ?none b ?spst rotary shaft trim a .125" diam. round brass b .125" diam. flat brass c .125" diam. sd slot brass r .156" diam. round brass f .156" diam. flat brass s .156" diam. sd slot brass g .187" diam. round brass h .187" diam. flat brass j .187" diam. sd slot brass x .236" diam. round brass l .236" diam. flat brass m .236" diam. sd slot brass n .236" diam. sk brass p .250" diam. round brass d .250" diam. flat brass e .250" diam. sd slot brass t .250" diam. sk brass u .187" diam. .500" fms sk molded v .187" diam. .875" fms flat molded w .236" diam. .984" fms flatted (.472" x .177") molded k .236" diam. .500" fms sk molded (switch only) taper 1 linear 2 10% aud 3 10% ccw aud specials 1 none 2 50% detent 4 locating lug for right side 5 no locating lug resistance code examples code resistance 501 500 ohms 102 1k 252 2.5k 502 5k 103 10k 253 25k 503 50k 104 100k * bx construction and terminal length supplied unless otherwise specified dimension: mm inch t057-c2-270 solder lug terminal spst switch, solder lug terminals, concentric metal shafts, bushing mount notes: 275 series available in ??and ??style pc terminals only. .125?dia. & .156?dia. shaft thickness is .109? .187?dia. shaft flat thickness is .156? .236?dia. shaft flat thickness is .177? .250?dia. shaft flat thickness is .156?


▲Up To Search▲   

 
Price & Availability of 275V224R501A1A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X