Part Number Hot Search : 
10023874 12000 RB156 43200 RB156 CB190 TC201413 78M05
Product Description
Full Text Search
 

To Download 15-91-3300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mx07 c-29 c 2.54mm (.100") pitch pcb and wire connectors www.molex.com/product/cgrid/cgrid.htm l 2.54mm (.100") pitch c-grid ? breakaway header 71308 dual row, smt, vertical with or without peg features and benefts available with or without retention pegs gull wing surface mount tails vapor phase/ir reflow process compatible stackable end-to-end (on unbroken edges) drawn .025" square wire provides 4-sided smooth interface reference information product specification: ps-71308 packaging: tube or tape and reel* ul file no.: e29179 csa file no.: lr19980 mates with: 7859 shunts, c-grid receptacles, sl crimp, ffc and idt housings designed in: inches * contact molex for tape and reel order numbers electrical voltage: 250v current: 3.0a contact resistance: 15 milliohms max. dielectric withstanding voltage: 1500v insulation resistance: 1000 megohms min. mechanical pin retention to header: 17.79n (4 lb) insertion force to pcb: 35.58n (8 lb) per peg durability: tin25 cycles; gold50 cycles physical housing: black high-temperature thermal plastic, ul 94v-0 contact: copper alloy plating: see table operating temperature: -40 to +105?c screened paste thickness: .010 to .015" not for use with molex c-grid iii ? components plating option order no. lead-free without pcb retention pegs with pcb retention pegs 150 m " tin 15-91-2xx0 15-91-1xx1 yes 15 m " gold 15-91-0xx0 15-91-1xx2 30 m " gold 15-91-3xx0 15-91-1xx3 replace xx with no. of circuits, 04-80 (even only). see sales drawing for 82-100. 2.54mm (.100") c-grid ? breakaway header 71764 low profile, dual row right angle, high-temperature features and benefts sizes 4 to 30 circuits low profile: .200" high stackable end-to-end (on unbroken edges) easy breakaway to smaller sizes drawn .025" square wire provides 4-sided smooth surface for quality interface high-temperature wafer for smt compatibility reference information product specification: ps-71764 packaging: tube ul file no.: e29179 mates with: 7859 shunts, c-grid receptacles, sl crimp, ffc and idt housings designed in: inches electrical voltage: 250v current: 3.0a contact resistance: 15 milliohms max. dielectric withstanding voltage: 1500v insulation resistance: 1000 megohms min. mechanical pin retention to header: 17.79n (4 lb) durability: tin25 cycles; gold50 cycles physical housing: black high-temperature thermal plastic, ul 94v-0 contact: copper alloy plating: see table operating temperature: -40 to +105?c not for use with molex c-grid iii ? components plating option order no. lead-free 15 m " min. select gold 71764-01xx yes 30 m " min. select gold 71764-02xx 150 m " tin/lead, nickel overall 71764-00xx replace xx with no. of circuits, 04-30 (even only)


▲Up To Search▲   

 
Price & Availability of 15-91-3300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X