Part Number Hot Search : 
1210M LS301 C2295 AK2364 A105K 1A398 C5886A M27C32
Product Description
Full Text Search
 

To Download 0923152017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0923152017 status: active overview: picoflex description: picoflex? pf-50 idt-to-idt, 20 circuits, 0.17m (6.69") length documents: 3d model product specification ps-99020-0011 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family cable assemblies series 92315 connector to connector picoflex? idt-to-idt overview picoflex product name picoflex? physical cable length 0.17m (6.69") circuits (loaded) 20 color - resin natural gender female-female lock to mating part none material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester packaging type bag pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 80.00 plating min: mating (m) 2.000 plating min: termination (in) 80.00 plating min: termination (m) 2.00 single ended no termination interface: style idt or pierce waterproof / dustproof no wire insulation diameter n/a wire size awg 28 wire/cable type pvc, ribbon cable electrical current - maximum per contact 1.2a voltage - maximum 250v material info reference - drawing numbers product specification ps-99020-0011 sales drawing sd-92315-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 92315 series mates with picoflex? pf-50 header 90325 , 90800 , 90779 , 90715 , 90814 this document was generated on 06/08/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0923152017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X