Part Number Hot Search : 
N74AC 24LT310 1MA14 02241 M52769FP 1A66C LDA201 15100
Product Description
Full Text Search
 

To Download X9116WM8-27T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? fn8160.2 caution: these devices are sensitive to electrosta tic discharge; follow proper ic handling procedures. 1-888-intersil or1-888-468-3774 | intersil (and design) is a registered trademark of intersil americas inc. xdcp is a trademark of intersil americas inc. copyri ght intersil americas inc. 2005-2006. all rights reserved all other trademarks mentioned are the property of their respective owners. x9116 low noise, low power, low cost digitally controlled potentiometer (xdcp?) the intersil x9116 is a digitally controlled nonvolatile potentiometer designed to be used in trimmer applications. the pot consists of 15 equal resistor segments that connect to the wiper pin through programmable cmos switches. the tap position is programmed through a 3-wire up/down serial port. the last position of the wiper is stored in a nonvolatile memory location which is recalled at the time of power up of the device. the wiper moves through sequential tap positions with inputs on the serial port. a falling edge on inc (bar) causes the tap position to increment one position up or down based on whether the u/d (bar) pin is held high or low. the x9116 can be used in many applications requiring a variable resistance. in many cases it can replace a mechanical trimmer and offers many advantages such as temperature and time stability as well as the reliability of a solid state solution. features ? solid-state nonvolatile ? 16 wiper taps ? 3-wire up/down serial interface ?v cc = 2.7v and 5v ? active current < 50a max. ? standby current < 1a max. ?r total = 10k ? packages: 8ldmsop, 8ldsoic ? pb-free plus anneal available (rohs compliant) pinout block diagram v h /r h v cc inc u/d 1 2 3 4 8 7 6 5 x9116 soic/msop v ss cs v l /r l v w /r w control and memory up/down (u/d ) increment (inc ) device select (cs ) v cc (supply voltage) v ss (ground) r h /v h r w /v w r l /v l general r l r h 0 1 2 3 * 13 14 15 r w -r l resistance 10k 9.34k 8.68k * k 2.08k 1.42k 760 100 data sheet september 26, 2006
2 fn8160.2 september 26, 2006 pin descriptions v h /r h and v l /r l the high (v h /r h ) and low (v l /r l ) terminals of the x9116 are equivalent to the fixed terminals of a mechanical potentiometer. the minimum voltage is v ss and the maximum is v cc . v w /r w r w /r w is the wiper terminal and is equivalent to the movable terminal of a mechanical potentiometer. the position of the wiper within the array is determined by the control inputs. the wiper terminal series resistance is typically 200 to 400 depending upon v cc . up/down (u/d ) the u/d input controls the direction of the wiper movement and whether the counter is incr emented (up) or decremented (down). increment (inc ) the inc input is negative-edge triggered. toggling inc will move the wiper and either increment or decrement the counter in the direction indicated by the logic level on the u/d input. chip select (cs ) the device is selected when the cs input is low. the current counter value is stored in nonvolatile memory when cs is returned high while the inc input is also high. after the store operation is complete the x9116 will be placed in the low power standby mode until the device is selected once again. ordering information part number (brand) part marking v cc limits (v) r total (k ) temp. range (c) package pkg. dwg. # x9116wm8t1 aaz 5v 10% 10 0 to +70 8 ld msop tape and reel m8.118 x9116wm8zt1 (note) aky 0 to +70 8 ld msop (pb-free) tape and reel m8.118 x9116wm8i* afl -40 to +85 8 ld msop m8.118 x9116wm8iz* (note) dcg -40 to +85 8 ld msop (pb-free) m8.118 x9116ws8* x9116w 0 to +70 8 ld soic m8.15 x9116ws8z* (note) x9116w z 0 to +70 8 ld soic (pb-free) m8.15 x9116ws8i* x9116w i -40 to +85 8 ld soic m8.15 x9116ws8iz* (note) x9116w zi -40 to +85 8 ld soic (pb-free) m8.15 x9116wm8-2.7** afk -2.7-5.5 0 to +70 8 ld msop m8.118 x9116wm8z-2.7* (note) aoj 0 to +70 8 ld msop (pb-free) m8.118 x9116wm8i-2.7* aba -40 to +85 8 ld msop m8.118 x9116wm8iz-2.7* (note) aks -40 to +85 8 ld msop (pb-free) m8.118 x9116ws8-2.7* x9116w f 0 to +70 8 ld soic m8.15 x9116ws8z-2.7* (note) x9116w zf 0 to +70 8 ld soic (pb-free) m8.15 x9116ws8i-2.7* x9116w g -40 to +85 8 ld soic m8.15 x9116ws8iz-2.7* (note) x9116w zg -40 to +85 8 ld soic (pb-free) m8.15 note: intersil pb-free plus anneal products em ploy special pb-free material sets; mold ing compounds/die attach materials and 100% matte tin plate termination finish, which are rohs comp liant and compatible with both snpb and pb-free soldering operations. intersil pb-free products are msl classified at pb-free peak reflow temper atures that meet or exceed the pb-free requirements of ipc/jedec j std-020. *add "t1" suffix for tape and reel. **add ?t2? suffix for tape and reel. pin descriptions symbol description v h /r h high terminal v w /r w wiper terminal v l /r l low terminal v ss ground v cc supply voltage u/d up/down control input inc increment control input cs chip select input x9116
3 fn8160.2 september 26, 2006 principles of operation there are three sections of th e x9116: the input control, counter and decode section; the nonvolatile memory; and the resistor array. the input co ntrol section operates just like an up/down counter. the output of this counter is decoded to turn on a single electronic switch connecting a point on the resistor array to the wiper output. under the proper conditions the contents of t he counter can be stored in nonvolatile memory and retained for future use. the resistor array is comprised of 15 individual resistors connected in series. at either end of the array and between each resistor is an electronic switch that tr ansfers the potential at that point to the wiper pin. the wiper, when at either fixed terminal, acts like its mechanical equivalent and does not move beyond the last position. that is, the counte r does not wrap around when clocked to either extreme. the electronic switches on the device operate in a ?make before break? mode when the wiper changes tap positions. if the wiper is moved several positions, multiple taps are connected to the wiper for t iw (inc to v w change). the r total value for the device can temporarily be reduced by a significant amount if the wiper is moved several positions. when the device is powered-do wn, the last wiper position stored will be maintained in the nonvolatile memory. when power is restored, the content s of the memory are recalled and the wiper is set to the value last stored. instructions and programming the inc , u/d and cs inputs control the movement of the wiper along the resistor array. with cs set low, the device is selected and enabled to respond to the u/d and inc inputs. high to low transitions on inc will increment or decrement (depending on the state of the u/d input) a four bit counter. the output of this counter is decoded to select one of 16 wiper positions along the resistive array. the value of the counter is st ored in nonvolatile memory whenever cs transitions high while the inc input is also high. the system may select the x9116, move the wiper, and deselect the device without havi ng to store the latest wiper position in nonvolatile memory. after the wiper movement is performed as described above and once the new position is reached, the system must keep inc low while taking cs high. the new wiper position will be maintained until changed by the system or until a power-up/down cycle recalls the previously stored data. this procedure allows the syst em to always power-up to a preset value stored in nonvolatile memory; then during system operation, minor adju stments could be made. the adjustments might be based on user preference, system parameter changes due to temperature drift, etc. the state of u/d may be changed while cs remains low. this allows the host system to enable the device and then move the wiper up and down until the proper trim is attained. symbol table mode selection cs inc u/d mode l h wiper up l l wiper down h x store wiper position h x x standby current l x no store, return to standby waveform inputs outputs must be steady will be steady may change from low to high will change from low to high may change from high to low will change from high to low don?t care: changes allowed changing: state not known n/a center line is high impedance x9116
4 fn8160.2 september 26, 2006 absolute maximum ratings recommended operating conditions temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65c to +135c storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65c to +150c voltage on cs , inc , u/d , v h /r h , v l /r l and v cc with respect to v ss . . . . . . . . . . . . . . . . . . . . . -1v to +7v v = |v h /r h -v l /r l | . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5v lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . +300 c i w (10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10.0ma temperature range commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0c to +70c industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40c to +85c supply voltage (v cc ) limits x9116 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5v 10% x9116-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7v to 5.5v caution: stresses above those listed in ?absolute maximum ratings? may cause permanent damage to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. potentiometer specifications over recommended operating conditi ons unless otherwise stated symbol parameter test condit ions/notes min typ max unit r total end to end resistance variation -20 +20 % v vh v h /r h terminal voltage v ss = 0v v ss v cc v v vl v l /r l terminal voltage v ss = 0v v ss v cc v power rating r total = 10k 10 mw r w wiper resistance i w = 1ma, v cc = 5v 200 400 r w wiper resistance i w = 1ma, v cc = 2.7v 400 1000 i w wiper current -5.0 +5.0 ma noise ref: 1khz -120 dbv hz resolution 6% absolute linearity (note 1) v w(n)(actual) - v w(n)(expected) -1 +1 mi (note 3) relative linearity (note 2) v w(n+1) - [v w(n) + mi ]-0.2 +0.2mi (note 3) r total temperature coefficient 300 ppm/c ratiometric temperature coefficient 20 ppm/c c h /c l /c w potentiometer capacitances see circuit #3 10/10/25 pf notes: 1. absolute linearity is utilized to determine actual wiper voltage ve rsus expected voltage = (v w(n) (actual) - v w(n) (expected)) = 1 ml maximum. 2. relative linearity is a measure of the error in step size between taps = v w(n+1 ) -[v w(n) + ml] = 0.2 ml. 3. 1 ml = minimum increment = r tot /15. x9116
5 fn8160.2 september 26, 2006 dc electrical specifications over recommended operating conditi ons unless otherwise specified symbol parameter test conditions min typ (note 4) max unit i cc1 v cc active current (increment) cs = v il , u/d = v il or v ih and inc = 0.4v/2.4v @ max t cyc 150 a i cc2 v cc active current (store) (eeprom store) cs = v ih , u/d = v il or v ih and inc =v ih @ max t wr 400 a i sb standby supply current cs = v cc ?0.3v, u/d and inc =v ss or v cc ?0.3v 1a i li cs , inc , u/d input leakage current v in = v ss to v cc 10 a v ih cs , inc , u/d input high voltage 2v v cc + 0.5 v v il cs , inc , u/d input low voltage -0.5 0.8 v c in (note 5) cs , inc , u/d input capacitance v cc = 5v, v in = v ss , t a = 25c, f=1mhz 10 pf 4. typical values are for t a = +25c and nominal supply voltage. 5. this parameter is periodically sampled and not 100% tested. endurance and data retention parameter min unit minimum endurance 100,000 data changes per bit data retention 100 years test circuit #1 test circuit #2 circuit #3 spice macro model test point v w /r w v h /r h v l /r l v s force current v l vw v h /r h v w /r w v l /r l test point c h c l r w 10pf 10pf r h r l r total c w 25pf a.c. conditions of test input pulse levels 0v to 3v input rise and fall times 10ns input reference levels 1.5v x9116
6 fn8160.2 september 26, 2006 power up and down requirements there are no restrictions on the powe r-up or power-down conditions of v cc and the voltages applied to the potentiometer pins provided that v cc is always more positive than or equal to v h , v l , and v w , i.e., v cc v h , v l , v w . the v cc ramp rate spec is always in effect. a.c. timing notes: 6. typical values are for t a = +25c and nominal supply voltage. 7. this parameter is not 100% tested. 8. mi in the a.c. timing diagram refers to the minimum incremental change in the v w output due to a change in the wiper position. dc electrical specifications over recommended operating conditi ons unless otherwise specified symbol parameter min typ (note 6) max unit t cl cs to inc setup 100 ns t ld inc high to u/d change 100 ns t di u/d to inc setup 2.9 s t ll inc low period 1 s t lh inc high period 1 s t lc inc inactive to cs inactive 1 s t cph cs deselect time (store) 10 ms t iw inc to vw change 1 5 s t cyc inc cycle time 4 s t r , t f (note 7) inc input rise and fall time 500 s t pu (note 7) power up to wiper stable 5 s t r v cc (note 7) v cc power-up rate 15 50 mv/s t wr store cycle 5 10 ms cs inc u/d v w t ci t il t ih t cyc t id t di t iw mi (note 8) t ic t cph t f t r 10% 90% 90% (store) x9116
7 fn8160.2 september 26, 2006 basic configurations of electronic potentiometers basic circuits v r v w /r w v r i three-terminal potentiometer; variable voltage divider two-terminal variable resistor; variable current v h v l cascading techniques buffered reference voltage ? + +5v r 1 +v ?5v v w v ref v out op-07 v w v w /r w +v +v +v x (a) (b) v out = v w /r w noninverting amplifier + ? v s v o r 2 r 1 v o = (1+r 2 /r 1 )v s lm308a voltage regulator r 1 r 2 i adj v o (reg) = 1.25v (1+r 2 /r 1 )+iadj r 2 v o (reg) v in 317 comparator with hysteresis v ul = {r 1 /(r 1 +r 2 )} v o (max) v ll = {r 1 /(r 1 +r 2 )} v o (min) + ? v s v o r 2 r 1 } } lt311a +5v -5v (for additional circuits, see an115) x9116
8 fn8160.2 september 26, 2006 x9116 small outline plast ic packages (soic) index area e d n 123 -b- 0.25(0.010) c a m bs e -a- l b m -c- a1 a seating plane 0.10(0.004) h x 45 c h 0.25(0.010) b m m notes: 1. symbols are defined in the ?mo series symbol list? in section 2.2 of publication number 95. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. dimension ?d? does not include mold flash, protrusions or gate burrs. mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. dimension ?e? does not include in terlead flash or protrusions. inter- lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 6. ?l? is the length of terminal for soldering to a substrate. 7. ?n? is the number of terminal positions. 8. terminal numbers are shown for reference only. 9. the lead width ?b?, as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. controlling dimension: millimete r. converted inch dimensions are not necessarily exact. m8.15 (jedec ms-012-aa issue c) 8 lead narrow body small outline plastic package symbol inches millimeters notes min max min max a 0.0532 0.0688 1.35 1.75 - a1 0.0040 0.0098 0.10 0.25 - b 0.013 0.020 0.33 0.51 9 c 0.0075 0.0098 0.19 0.25 - d 0.1890 0.1968 4.80 5.00 3 e 0.1497 0.1574 3.80 4.00 4 e 0.050 bsc 1.27 bsc - h 0.2284 0.2440 5.80 6.20 - h 0.0099 0.0196 0.25 0.50 5 l 0.016 0.050 0.40 1.27 6 n8 87 0 8 0 8 - rev. 1 6/05
9 all intersil u.s. products are manufactured, asse mbled and tested utilizing iso9000 quality systems. intersil corporation?s quality certifications ca n be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corpor ation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com fn8160.2 september 26, 2006 x9116 mini small outline pl astic packages (msop) notes: 1. these package dimensions are wi thin allowable dimensions of jedec mo-187ba. 2. dimensioning and tolerancing per ansi y14.5m - 1994. 3. dimension ?d? does not include mold flash, protrusions or gate burrs and are measured at datum plane. mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. dimension ?e1? does not includ e interlead flash or protrusions and are measured at datum plane. interlead flash and protrusions shall not exceed 0.15mm (0.006 inch) per side. 5. formed leads shall be planar wi th respect to one another within 0.10mm (0.004) at seating plane. 6. ?l? is the length of terminal for soldering to a substrate. 7. ?n? is the number of terminal positions. 8. terminal numbers are shown for reference only. 9. dimension ?b? does not include dambar protrusion. allowable dambar protrusion shall be 0.08mm (0.003 inch) total in excess of ?b? dimension at maximum ma terial condition. minimum space between protrusion and adjacent lead is 0.07mm (0.0027 inch). 10. datums and to be determined at datum plane . 11. controlling dimension: millimeter. converted inch dimen- sions are for reference only. l 0.25 (0.010) l1 r1 r 4x 4x gauge plane seating plane e e1 n 12 top view index area -c- -b- 0.20 (0.008) a b c seating plane 0.20 (0.008) c 0.10 (0.004) c -a- -h- side view b e d a a1 a2 -b- end view 0.20 (0.008) c d e 1 c l c a - h - -a - - b - - h - m8.118 (jedec mo-187aa) 8 lead mini small outline plastic package symbol inches millimeters notes min max min max a 0.037 0.043 0.94 1.10 - a1 0.002 0.006 0.05 0.15 - a2 0.030 0.037 0.75 0.95 - b 0.010 0.014 0.25 0.36 9 c 0.004 0.008 0.09 0.20 - d 0.116 0.120 2.95 3.05 3 e1 0.116 0.120 2.95 3.05 4 e 0.026 bsc 0.65 bsc - e 0.187 0.199 4.75 5.05 - l 0.016 0.028 0.40 0.70 6 l1 0.037 ref 0.95 ref - n8 87 r 0.003 - 0.07 - - r1 0.003 - 0.07 - - 05 o 15 o 5 o 15 o - 0 o 6 o 0 o 6 o - rev. 2 01/03
x9116 printer friendly version digitally controlled potentiometer (xdcp?) datasheets, related docs & simulations description key features parametric data related devices ordering information part no. design-in status temp. package msl price us $ x9116wm8 active comm 8 ld msop 1 1.03 x9116wm8-2.7 active comm 8 ld msop 1 1.12 x9116wm8-2.7c7975 active comm 8 ld msop 1 x9116wm8-2.7t1 active comm 8 ld msop t+r 1 1.12 x9116wm8-2.7t1c7975 active comm 8 ld msop t+r 1 x9116wm8-2.7t2 active comm 8 ld msop t+r 3 1.12 x9116wm8i active ind 8 ld msop 1 1.29 x9116wm8i-2.7 active ind 8 ld msop 1 1.41 x9116wm8i-2.7t1 active ind 8 ld msop t+r 1 1.41 x9116wm8i-2.7t2 active ind 8 ld msop t+r 3 1.41 x9116wm8it1 active ind 8 ld msop t+r 1 1.29 x9116wm8iz active ind 8 ld msop 2 1.29 x9116wm8iz-2.7 active ind 8 ld msop 2 1.41 x9116wm8iz-2.7t1 active ind 8 ld msop t+r 2 1.41 x9116wm8izt1 active ind 8 ld msop t+r 2 1.29 x9116wm8t1 active comm 8 ld msop t+r 1 1.03 x9116wm8z active comm 8 ld msop 2 1.03 x9116wm8z-2.7 active comm 8 ld msop 2 1.12 x9116wm8z-2.7t1 active comm 8 ld msop t+r 2 1.12 x9116wm8zt1 active comm 8 ld msop t+r 2 1.03 x9116ws8 active comm 8 ld soic 1 0.87 x9116ws8-2.7 active comm 8 ld soic 1 0.96 x9116ws8-2.7t1 active comm 8 ld soic t+r 1 0.96 x9116ws8i active ind 8 ld soic 1 1.09 x9116ws8i-2.7 active ind 8 ld soic 1 1.20 x9116ws8i-2.7t1 active ind 8 ld soic t+r 1 1.20 x9116ws8it1 active ind 8 ld soic 1 1.09 x9116ws8iz active ind 8 ld soic 1 1.09 x9116ws8iz-2.7 active ind 8 ld soic 1 1.20 x9116ws8iz-2.7t1 active ind 8 ld soic t+r 1 1.20 x9116ws8izt1 active ind 8 ld soic t+r 1 1.09 x9116ws8t1 active comm 8 ld soic t+r 1 0.87 x9116ws8t2 active comm 8 ld soic t+r 3 0.87
x9116ws8z active comm 8 ld soic 1 0.87 x9116ws8z-2.7 active comm 8 ld soic 1 0.96 x9116ws8z-2.7t1 active comm 8 ld soic t+r 1 0.96 x9116ws8zt1 active comm 8 ld soic t+r 1 0.87 x9116wm8iz-2.7t2 coming soon ind 8 ld msop t+r 3 x9116wm8z-2.7t2 coming soon comm 8 ld msop t+r 3 x9116ws8zt2 coming soon comm 8 ld soic t+r 3 x9116wst1 inactive comm 8 ld soic t+r 1 0.87 the price listed is the manufacturer's suggested retail price for quantities between 100 and 999 units. however, prices in today's market are fluid and may change without notice. msl = moisture sensitivity level - per ipc/jedec j-std-020 smd = standard microcircuit drawing description the intersil x9116 is a digitally controlled nonvolatile potentiometer designed to be used in trimmer applications. the pot consists of 15 equal resistor segments that connect to the wiper pin through programmable cmos switches. the tap position is programmed through a 3-wire up/down serial port. the last position of the wiper is stored in a nonvolatile memory location which is recalled at the time of power up of the device. the wiper moves through sequential tap positions with inputs on the serial port. a falling edge on inc (bar) causes the tap position to increment one position up or down based on whether the u/d (bar) pin is held high or low. the x9116 can be used in many applications requiring a variable resistance. in many cases it can replace a mechanical trimmer and offers many advantages such as temperature and time stability as well as the reliability of a solid state solution. key f eatures solid-state nonvolatile 16 wiper taps 3-wire up/down serial interface v cc = 2.7v and 5v active current <50 a max. standby current <1 a max. r total = 10k packages: 8 ld msop, 8 ld soic pb-free plus anneal available (rohs compliant) related documentation
application note(s): a compendium of application circuits for intersil?s digitally-controlled (xdcp) potentiometers a primer on digitally-controlled potentiometers application of intersil digitally controlled potentiometers (xdcp?) as hybrid analog/digital feedback system control elements dc/dc module trim with digital potentiometers designing power supplies using intersil?s xdcp mixed signal products power supply and dc to dc converter control using intersil digitally controlled potentiontiometers (xdcps) putting analog on the bus shaft encoder drives multiple intersil digitally controlled potentiontiometers (xdcps) tone, balance, and volume control using a quad xdcp working with the intersil 3-wire dcp devices datasheet(s): digitally controlled potentiometer (xdcp?) technical brief(s): converting a fixed pwm to an adjustable pwm evaluation board(s): intersil_xdcp_test_utility_manual_rev_3.2.3.pdf labview_xdcp_software.zip labview_xdcp_upgrade_3.2.3.zip readme_xicorlabview_v3.2.3.txt accesshw.zip technical homepage: digitally controlled potentiometers (dcps) and capacitors (dccs) precision analog homepage parametric data number of dcps single number of taps 16 memory type non-volatile bus interface type 3-wire (up/down) resistance options (k ) 10 v cc range (v) 2.7 to 5.5 dcp differential terminal voltage (v) 0 to +5.5 terminal voltage range v l to v h (v) 0 to v cc resistance taper linear wiper current (ma) 1 wiper resistance ( ) 200 standby current i sb ( a) 1 about us | careers | contact us | investors | legal | privacy | site map | subscribe | intranet ?2007. all rights reserved.


▲Up To Search▲   

 
Price & Availability of X9116WM8-27T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X