Part Number Hot Search : 
SPANSION SD540YT RJH60F5 Z3SMB12 MR4045 2SC20 NJU9252P PC1488
Product Description
Full Text Search
 

To Download UWX1H0R1MCR1GB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100t aluminum electrolytic capacitors u 1 w 2 x 3 1 4 c 5 1 6 0 7 0 8 m 9 c 10 r 11 1 12 g 13 b 14 configuration taping code size code capacitance toleranc ( 20%) rated capacitance ( 10 f ) rated voltage ( 16v ) series name type f d 3 4 ~ 8 code 2 1 1. voltage mark for 6.3v is 6v . in case of marking for f 3 units, ??for rated voltage is omitted. 2. in case of marking for f 3 units, lot no.is expressed by a digit (month code). 0.5 ~ 0.8 capacitance 1 voltage 2 lot no. x2 10 16v plastic platform 0.3 max. 5.4 +0.1 0.2 f d 0.5 b 0.2 c 0.2 0.5 max. a 0.2 a 0.2 e positive negative f d 3 a b c e 1.5 3.3 3.3 0.8 1.8 4.3 4.3 1.0 2.1 5.3 5.3 1.3 2.4 6.6 6.6 2.2 45 (mm) 6.3 3.3 8.3 8.3 2.3 8 wx series 5.5mml chip type chip type with 5.5mm height. designed for surface mounting on high density pc board. applicable to automatic mounting machine using carrier tape. load life of 2000 hours at 85 ? . chip type type numbering system (example : 16v 10 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan d stability at low temperature endurance resistance to soldering heat marking performance characteristics item 40 ~ +85? 4 ~ 50v 0.1 ~ 330f 20% at 120hz, 20? after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a) ,whichever is greater. black print on the case top. values in ( ) applicable to wr, f 3 case size. measurement frequency : 120hz after 2000 hours' application of rated voltage at 85?, capacitors meet the characteristic requirements listed at right. shelf life after leaving capacitors under no load at 85? for 1000 hours, they meet the specified value for endurance characteristics listed above. the capacitors shall be kept on the hot plate maintained at 250? for 30 seconds. after removing from the hot plate and restored at room temperature, they meet the characteristic requirements listed at right. rated voltage (v) tan d (max.) 6.3 0.26 (0.30) 10 0.20 (0.24) 16 0.16 (0.19) 25 0.14 (0.16) 35 0.12 (0.14) 50 0.12 (0.14) z 25? / z+20? z 40? / z+20? rated voltage (v) impedance ratio zt / z20 (max.) 4 7 15 6.3 4 8 10 3 8 16 2 4 25 2 4 35 2 3 50 2 3 wx wt bi-polarized wp measurement frequency : 120hz, temperature : 20? 4 0.35 (0.40) high temperature capacitance change leakage current tan d within 20% of initial value (within 25% for 4 v and f 3,wr series units) 200 % or less of initial specified value initial specifed value or less capacitance change leakage current tan d within 10% of initial value initial specified value or less initial specified value or less dimension table in next page. the lead-free product is also available upon request. in this case, will be put at 11th digit of type numbering system. in the case of size f 3 in ( ),parentheses, use wx in the 2nd and 3rd digit and put a in the 12th digit of type numbering system. 2 l zs smaller
cat.8100t wx series dimensions 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 56 100 150 220 330 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 560 101 151 221 331 3 4 4 5 5 6.3 6.3 8 0 19 0 28 0 33 0 42 0 56 0 79 0 96 145 4 (3) 5 5 6.3 6.3 6.3 8 8 28 (21) 37 (34) 45 (40) 52 (46) 70 (47) 71 110 (74) 170 5 5 6.3 6.3 6.3 8 8 33 (30) 41 (34) 52 (47) 57 (50) 76 (54) 111 (76) 135 4 (3) 5 6.3 6.3 6.3 6.3 23 (18) 37 (30) 49 (44) 58 (52) 63 (57) 86 4 (3) 5 6.3 6.3 8 8 8 16 (12) 27 (24) 42 (38) 52 (46) 70 (60) 76 (65) 110 3 3 4 5 6.3 8 8 8.4 10 18 29 (24) 46 (39) 62 (53) 80 4(3) 4(3) 4(3) 4(3) 4(3) 4(3) 4 5 6.3 8 8 1.0 2.0 2.8 4.0 8.4 (8.0) 13 (10) 17 20 (18) 33 (30) 52 (43) 71 rated ripple 4 0g 6.3 0j 10 1a 16 1c 25 1e 35 1v 50 1h v code cap. (f) ( ) is also available with f 3mm upon request. rated ripple (ma rms) at 85? 120hz ( ) = f 3 units and wr series size f 4 is available for capacitors marked. " " size f 5 is available for capacitors marked. " " in such a case, will be put at 2nd and 3rd digit of type numbering system. size f 6.3 is available for capacitors marked. " " r w aluminum electrolytic capacitors frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz~ 0.70 1.00 1.17 1.36 1.50 } in the case of size f 3 in ( ),parentheses, use wx at 2nd and 3rd digit and put at the 12th digit of type numbering system. 2 case size f d (mm) taping specifications are given in page 22. recommended land size are given in page 23 please refer to page 3 for the minimum order quantity.


▲Up To Search▲   

 
Price & Availability of UWX1H0R1MCR1GB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X