Part Number Hot Search : 
01M10 TRLPB FM25L04B ML6411A 26000 TA8025F C9S08 ALVCH163
Product Description
Full Text Search
 

To Download UWJ1C330MCL1GB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u 1 w 2 j 3 1 4 c 5 1 6 0 7 0 8 m 9 c 10 l 11 1 12 g 13 b 14 configuration package code capacitance toleranc ( 20%) rated capacitance ( 10 f ) rated voltage ( 16v ) series name type d a b c e 1.8 4.3 4.3 1.0 2.1 5.3 5.3 1.3 2.4 6.6 6.6 2.2 45 (mm) 6.3 0.5 to 0.8 n2 100a wj plastic platform 0.3 max. 5.4 +0.1 0.2 d 0.5 b 0.2 c 0.2 0.5 max. a 0.2 a 0.2 e positive negative voltage (a:10v) capacitance lot no. series wj series 5.5mml chip type high temperature (260 c) reflow corresponding with 260 c peak reflow soldering recomended reflow condition : 260 c peak 5 sec. 230 c over 60 sec. 2 times chip type with 5.5mm height. designed for surface mounting on high density pc board. applicable to automatic mounting machine fed with carrier tape. load life of 2000 hours at 85 c compliant to the rohs directive (2002/95/ec). chip type type numbering system (example : 16v 10 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance resistance to soldering heat marking performance characteristics item 40 to +85 c 6.3 to 50v 0.1 to 150f 20% at 120hz, 20 c after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a) ,whichever is greater. black print on the case top. measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours at 85 c. shelf life after storing the capacitors under no load at 85 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250 c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20 c. rated voltage (v) tan (max.) z 25 c / z+20 c z 40 c / z+20 c rated voltage (v) impedance ratio zt / z20 (max.) measurement frequency : 120hz, temperature : 20 c capacitance change leakage current tan within 20% of the initial capacitance value 200 % or less than the initial specified value less than or equal to the initial specified value capacitance change leakage current tan within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value dimension table in next page. wj wx 6.3 0.26 10 0.20 16 0.16 25 0.14 35 0.12 50 0.12 6.3 4 8 10 3 8 16 2 4 25 2 4 35 2 3 50 2 3 voltage v 6.3 10 16 25 35 50 code j a c e v h high temperature reflow aluminum electrolytic capacitors cat.8100y
wj series dimensions rated ripple current (marms) at 85 c 120hz v 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 150 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 151 4 5 5 6.3 6.3 28 37 45 70 71 5 5 6.3 6.3 33 41 52 76 4 5 6.3 6.3 6.3 23 37 49 58 86 4 5 6.3 6.3 16 27 42 52 4 5 6.3 18 29 45 4 4 4 4 4 4 4 5 6.3 1.0 2.0 2.8 4.0 8.4 13 17 20 33 0j 6.3 1a 10 1c 16 1e 25 1v 35 1h 50 case size d (mm) rated ripple code cap. (f) taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please refer to page 3 for the minimum order quantity. aluminum electrolytic capacitors frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.70 1.00 1.17 1.36 1.50 cat.8100y


▲Up To Search▲   

 
Price & Availability of UWJ1C330MCL1GB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X