Part Number Hot Search : 
C230M3 APTGT1 SMBJ150 1N522 OPB618 331M1 070906FS OPB618
Product Description
Full Text Search
 

To Download UFM16PL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u fm1 1 pl thru u fm17 pl 1 amp ultra fast recovery silicon rectifier 50 to 1000 volts features x low cost x ultra fast recovery x high reliability maximum ratings x operating temperature: - 65 q c to +150 q c x storage temperature: - 65 q c to +150 q c x maximum thermal resistance; 180 q c/w junction to ambient. mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage u fm1 1 pl u 1 50v 35v 50v u fm1 2 pl u 2 100v 70v 100v u fm1 3 pl u 3 200 v 1 40 v 20 0v u fm1 4 pl u 4 4 00v 28 0v 4 00v u fm1 5 pl u 5 6 00v 42 0v 6 00v electrical characteristics @ 25 q c unless otherwise specified average forward current i f(av) 1.0a t l = 9 0 q c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage u fm1 1 pl -1 3 pl u fm1 4 p l u fm15pl-17pl v f 1.0 v 1. 40 v 1.70v i fm = 1.0a; t a = 25 q c maximum dc reverse current at rated dc blocking voltage i r 10 p a 5 0 p a ta = 25 q c ta = 1 25 q c maximum reverse recovery time typical junction capacitance c j 20pf measured at 1.0mhz, v r =4.0v  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components revision: a 2011/01/01 www. mccsemi .com 1 of 4 sod-123fl 0.036 0.093 0.048 suggested solder pad layout dimensions inches mm dim min m a x min m a x note a .140 .152 3.55 3.85 b .100 .112 2.55 2.85 c .055 .071 1.40 1.80 d .037 .053 0.95 1.35 e .020 .039 0.50 1.00 g .010 ----- 0.25 ----- h ----- .008 ---- .20 a b e c d h g u fm1 1 pl-1 3 pl u fm1 4pl ufm15pl-16pl t rr 35ns 50ns 75ns i f = 0.5a ,i r =1.0a, t rr = 0.25 uf m16pl u6 800v 560v 800v ufm17pl u7 1000v 700v 1000v ufm17pl 100ns epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
revision: a 2011/01/01 www. mccsemi .com 2 of 4 micro commercial components mcc tm u fm1 1 pl pl versus eeerure versus seusrres ure rrrerss s s ure ue ue versus eversees s ; f=1mhz m11m1 m11 m111 =
mcc tm micro commercial components t rr +0.5a 0 -0.25 -1.0 1cm set time base for 20/100ns/cm 25vdc 1  50  10  oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non-inductive figure 5 reverse recovery time characteristic and test circuit diagram 1 100 4 0 5 10 15 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 20 25 30 www. mccsemi .com revision: a 2011/01/01 3 of 4
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 2.5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of UFM16PL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X