Part Number Hot Search : 
TL7700 29LV04 T6250930 YC36SGD SMBJ17CA 65016G M3494EZ C1200
Product Description
Full Text Search
 

To Download TZ150N22KOF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technische information / technical information netz-thyristor-modul phase control thyristor module tz 150 n 18...26 n elektrische eigenschaften / electrical properties h?chstzul?ssige werte / maximum rated values periodische vorw?rts- und rckw?rts-spitzensperrspannung t vj = - 40c...t vj max v drm , v rrm 1800, 2000 v repetitive peak forward off-state and reverse voltages 2200, 2400 v 2600 v vorw?rts-sto?spitzensperrspannung t vj = - 40c...t vj max v dsm 1800, 2000 v non-repetitive peak forward off-state voltage 2200, 2400 v 2600 v rckw?rts-sto?spitzensperrspannung t vj = + 25c...t vj max v rsm 1900, 2100 v non-repetitive peak reverse voltage 2300, 2500 v 2700 v durchla?strom-grenzeffektivwert i trmsm 350 a rms on-state current dauergrenzstrom t c = 85c i tavm 150 a average on-state current t c = 54c 223 a sto?strom-grenzwert t vj = 25c, t p = 10ms i tsm 4500 a surge current t vj = t vj max , t p = 10ms 4000 a grenzlastintegral t vj = 25c, t p = 10ms i2t 101000 a2s i2t-value t vj = t vj max , t p = 10ms 80000 a2s kritische stromsteilheit din iec 747-6 (di t /dt) cr 60 a/s critical rate of rise of on-state current f = 50hz, i gm = 1a, di g /dt = 1a/s kritische spannungssteilheit t vj = t vj max , v d = 0,67 v drm (dv d /dt) cr critical rate of rise of off-state voltage 6. kennbuchstabe / 6th letter c 500 v/s 6. kennbuchstabe / 6th letter f 1000 v/s charakteristische werte / characteristic values durchla?spannung t vj = t vj max , i t = 600a v t max. 2,6 v on-state voltage schleusenspannung t vj = t vj max v (to) 1,2 v threshold voltage ersatzwiderstand t vj = t vj max r t 2,3 m w w slope resistance zndstrom t vj = 25c, v d = 6v i gt max. 200 ma gate trigger current zndspannung t vj = 25c, v d = 6v v gt max. 2,0 v gate trigger voltage nicht zndender steuerstrom t vj = t vj max , v d = 6v i gd max. 10 ma gate non-trigger current t vj = t vj max , v d = 0,5 v drm max. 5 ma nicht zndende steuerspannung t vj = t vj max , v d = 0,5 v drm v gd max. 0,2 v gate non-trigger voltage haltestrom t vj = 25c, v d = 6v, r a = 5 w w i h max. 300 ma holding current einraststrom t vj = 25c, v d = 6v, r gk 3 3 10 w w i l max. 1200 ma latching current i gm = 1a, di g /dt = 1a/s, t g = 20s vorw?rts- und rckw?rts-sperrstrom t vj = t vj max i d , i r max. 50 ma forward off-state and reverse currents v d = v drm , v r = v rrm sz-ma; r. j?rke 29. jul 98 a 110/98 seite/page 1(4)
technische information / technical information netz-thyristor-modul phase control thyristor module tz 150 n 18...26 n elektrische eigenschaften / electrical properties charakteristische werte / characteristic values zndverzug din iec 747-6 t gd max. 4,0 s gate controlled delay time t vj = 25c, i gm = 1a, di g /dt = 1a/s freiwerdezeit t vj = t vj max , i tm = 150a t q circuit commutated turn-off time v rm = 100v, v dm = 0,67 v drm dv d /dt = 20v/s, -di t /dt = 10a/s 5. kennbuchstabe / 5th letter o typ. 300 s isolations-prfspannung rms, f = 50hz, t = 1min v isol 3,0 kv insulation test voltage rms, f = 50hz, t = 1sec 3,6 kv thermische eigenschaften / thermal properties innerer w?rmewiderstand pro modul / per module, q = 180sin r thjc max. 0,130 c/w thermal resistance, junction to case pro modul / per module, dc max. 0,124 c/w bergangs-w?rmewiderstand pro modul / per module r thck max. 0,040 c/w thermal resistance, case to heatsink h?chstzul?ssige sperrschichttemperatur t vj max 125 c max. junction temperature betriebstemperatur t c op - 40...+125 c operating temperature lagertemperatur t stg - 40...+130 c storage temperature mechanische eigenschaften / mechanical properties geh?use, siehe anlage seite 3 case, see appendix page 3 si-elemente mit druckkontakt si-pellets with pressure contact innere isolation aln internal insulation anzugsdrehmoment fr mechanische befestigung toleranz / tolerance 15% m1 5 nm mounting torque anzugsdrehmoment fr elektrische anschlsse toleranz / tolerance +5% / -10% m2 12 nm terminal connection torque gewicht g typ. 900 g weight kriechstrecke 15 mm creepage distance schwingfestigkeit f = 50hz 50 m/s2 vibration resistance mit dieser technischen information werden halbleiterbauelemente spezifiziert, jedoch keine eigenschaften zugesichert. sie gilt in verbindung mit den zugeh?rigen technischen erl?uterungen. / this technical information specifies semiconductor devices but promises no characteristics. it is valid in combination with the belonging technical notes. sz-ma; r. j?rke 29. jul 98 seite/page 2(4)
technische information / technical information netz-thyristor-modul phase control thyristor module tz 150 n 18...26 n sz-ma; r. j?rke 29. jul 98 seite/page 3(4)
technische information / technical information netz-thyristor-modul phase control thyristor module tz 150 n 18...26 n analytische elemente des transienten w?rmewiderstandes z thjc fr dc analytical elements of transient thermal impedance z thjc for dc pos. n 1 2 3 4 5 6 7 0,0031 0,0097 0,0257 0,0429 0,0426 0,0009 0,0080 0,1100 0,6100 3,0600 sz-ma; r. j?rke 29. jul 98 seite/page 4(4) [ ] r c w thn / [ ] t n s analytisch e funktion z r e thjc thn t n n n : max = - ? ? ? ? ? - = ? 1 1 t


▲Up To Search▲   

 
Price & Availability of TZ150N22KOF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X