Part Number Hot Search : 
KA2822 SB200 FS50SM MMSTA92 BI400 74ACT3 0M25V B3A30VD
Product Description
Full Text Search
 

To Download SMCJ28A-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smcj5.0(c)a - smcj170(c)a document number: ds19003 rev. 17 - 2 1 of 5 www.diodes.com june 2009 ? diodes incorporated smcj5.0 ( c ) a - smcj170 ( c ) a 1500w surface mount transient voltage suppressor features ? 1500w peak pulse power dissipation ? 5.0v - 170v standoff voltages ? glass passivated die construction ? unidirectional and bidirect ional versions available ? excellent clamping capability ? fast response time ? lead free finish/rohs compliant (note 1) ? green molding compound (no halogen and antimony) (note 2) mechanical data ? case: smc ? case material: molded plastic. ul flammability classification rating 94v-0 ? terminals: lead free plating (mat te tin finish). solderable per mil-std-202, method 208 ? polarity indicator: cathode band (note: bidirectional devices have no polarity indicator.) ? marking information: see page 4 ? ordering information: see page 4 ? weight: 0.21 grams (approximate) maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit peak pulse power dissipation (non repetitive current pulse derated above t a = 25 c) (note 3) p pk 1500 w peak forward surge current, 8.3ms single half sine wave superimposed on rated load (notes 3, 4, & 5) i fsm 200 a steady state power dissipation @ t l = 75 c pm (av) 5.0 w instantaneous forward voltage @ i pp = 100a (notes 3 & 5) v f see note 6 v thermal characteristics characteristic symbol value unit operating temperature range t j -55 to +150 c storage temperature range t stg -55 to +175 c notes: 1. eu directive 2002/95/ec (rohs). all applicable rohs exemptions applied. please visit our website at http://www.diodes .com/quality/lead_free.html . 2. no purposefully added lead. halogen and antimony free. 3. valid provided that terminals are kept at ambient temperature. 4. measured with 8.3ms single half sine-wave. duty cycle = 4 pulses per minute maximum. 5. unidirectional units only. 6. v f = 3.5v for smcj5.0a through smcj90a, and v f = 5.0v for smcj100a through smcj170a. ? green top view bottom view
smcj5.0(c)a - smcj170(c)a document number: ds19003 rev. 17 - 2 2 of 5 www.diodes.com june 2009 ? diodes incorporated smcj5.0 ( c ) a - smcj170 ( c ) a electrical characteristics @t a = 25c unless otherwise specified part number add c for bidirectional (note 7) reverse standoff voltage breakdown voltage v br @ i t (note 8) test current max. reverse leakage @ v rwm (note 9) max. clamping voltage @ i pp max. peak pulse current i pp marking code v rwm (v) min (v) max (v) i t (ma) i r ( a) v c (v) (a) bi uni smcj5.0(c)a 5.0 6.40 7.07 10 1000 9.2 163.0 bde gde smcj6.0(c)a 6.0 6.67 7.37 10 1000 10.3 145.6 bdg gdg smcj6.5(c)a 6.5 7.22 7.98 10 500 11.2 133.9 bdk gdk smcj7.0(c)a 7.0 7.78 8.60 10 200 12.0 125.0 bdm gdm smcj7.5(c)a 7.5 8.33 9.21 1.0 100 12.9 116.3 bdp gdp smcj8.0(c)a 8.0 8.89 9.83 1.0 50 13.6 110.3 bdr gdr smcj8.5(c)a 8.5 9.44 10.4 1.0 20 14.4 104.2 bdt gdt smcj9.0(c)a 9.0 10.00 11.1 1.0 10 15.4 97.4 bdv gdv smcj10(c)a 10.0 11.10 12.3 1.0 5.0 17.0 88.2 bdx gdx smcj11(c)a 11.0 12.20 13.5 1.0 5.0 18.2 82.4 bdz gdz smcj12(c)a 12.0 13.30 14.7 1.0 5.0 19.9 75.3 bee gee smcj13(c)a 13.0 14.40 15.9 1.0 5.0 21.5 69.7 beg geg smcj14(c)a 14.0 15.60 17.2 1.0 5.0 23.2 64.7 bek gek smcj15(c)a 15.0 16.70 18.5 1.0 5.0 24.4 61.5 bem gem smcj16(c)a 16.0 17.80 19.7 1.0 5.0 26.0 57.7 bep gep smcj17(c)a 17.0 18.90 20.9 1.0 5.0 27.6 53.3 ber ger smcj18(c)a 18.0 20.00 22.1 1.0 5.0 29.2 51.4 bet get smcj20(c)a 20.0 22.20 24.5 1.0 5.0 32.4 46.3 bev gev smcj22(c)a 22.0 24.40 27.0 1.0 5.0 35.5 42.2 bex gex smcj24(c)a 24.0 26.70 29.5 1.0 5.0 38.9 38.6 bez gez smcj26(c)a 26.0 28.90 31.9 1.0 5.0 42.1 35.6 bfe gfe smcj28(c)a 28.0 31.10 34.4 1.0 5.0 45.4 33.0 bfg gfg smcj30(c)a 30.0 33.30 36.8 1.0 5.0 48.4 31.0 bfk gfk smcj33(c)a 33.0 36.70 40.6 1.0 5.0 53.3 28.1 bfm gfm smcj36(c)a 36.0 40.00 44.2 1.0 5.0 58.1 25.8 bfp gfp smcj40(c)a 40.0 44.40 49.1 1.0 5.0 64.5 23.2 bfr gfr smcj43(c)a 43.0 47.80 52.8 1.0 5.0 69.4 21.6 bft gft smcj45(c)a 45.0 50.00 55.3 1.0 5.0 72.7 20.6 bfv gfv smcj48(c)a 48.0 53.30 58.9 1.0 5.0 77.4 19.4 bfx gfx smcj51(c)a 51.0 56.70 62.7 1.0 5.0 82.4 18.2 bfz gfz smcj54(c)a 54.0 60.00 66.3 1.0 5.0 87.1 17.2 bge gge smcj58(c)a 58.0 64.40 71.2 1.0 5.0 93.6 16.0 bgg ggg smcj60(c)a 60.0 66.70 73.7 1.0 5.0 96.8 15.5 bgk ggk smcj64(c)a 64.0 71.10 78.6 1.0 5.0 103.0 14.6 bgm ggm smcj70(c)a 70.0 77.80 86.0 1.0 5.0 113.0 13.3 bgp ggp smcj75(c)a 75.0 83.30 92.1 1.0 5.0 121.0 12.4 bgr ggr smcj78(c)a 78.0 86.70 95.8 1.0 5.0 126.0 11.4 bgt ggt smcj85(c)a 85.0 94.40 104 1.0 5.0 137.0 10.4 bgv ggv smcj90(c)a 90.0 100.00 111 1.0 5.0 146.0 10.3 bgx ggx smcj100(c)a 100.0 111.00 123 1.0 5.0 162.0 9.3 bgz ggz smcj110(c)a 110.0 122.00 135 1.0 5.0 177.0 8.4 bhe ghe smcj120(c)a 120.0 133.00 147 1.0 5.0 193.0 7.9 bhg ghg smcj130(c)a 130.0 144.00 159 1.0 5.0 209.0 7.2 bhk ghk smcj150(c)a 150.0 167.00 185 1.0 5.0 243. 0 6.2 bhm ghm smcj160(c)a 160.0 178.00 197 1.0 5.0 259. 0 5.8 bhp ghp smcj170(c)a 170.0 189.00 209 1.0 5.0 275.0 5.5 bhr ghr notes: 7. suffix c denotes bidirectional device. 8. v br measured with i t current pulse = 300 s. 9. for bidirectional devices having v rwm of 10v and under, the i r is doubled.
smcj5.0(c)a - smcj170(c)a document number: ds19003 rev. 17 - 2 3 of 5 www.diodes.com june 2009 ? diodes incorporated smcj5.0 ( c ) a - smcj170 ( c ) a 10 x 1000 waveform as defined by rea 0 25 50 75 100 125 150 175 200 100 75 50 25 0 t , ambient temperature ( c) fig. 1 pulse derating curve a p eak p u lse de r a t in g in % o f peak power or current 1 10 100 1,000 10 100 1,000 10,000 v , reverse standoff voltage (v) fig. 2 typical total capacitance rwm c , c a p a c i t a n c e (p f ) t measured at zero bias unidirectional bidirectional t = 25 c j f = 1.0 mhz v = 50 mv p-p sig 0.1 1.0 0.1 10 100 1.0 10 1,000 10,000 t = 25 c j p , p eak p u lse p o we r (kw) d 100 non repetitive pulse waveform shown in fig. 4 i , peak pulse current (%i ) pp p t, time (ms) fig. 4 pulse waveform 10 200 100 2 10 5 p eak f o r wa r d s u r g e c u r r e n t , (a) number of cycles at 60hz fig. 5, maximum non-repetitive surge current 20 50 100 1 0.0 1.0 2.0 3.0 0 25 50 75 100 125 150 175 200 p m s t ead y s t a t e p o we r dissi p a t i o n (w) (av), t , lead temperature ( c) fig. 6 steady state power derating curve l 4.0 5.0
smcj5.0(c)a - smcj170(c)a document number: ds19003 rev. 17 - 2 4 of 5 www.diodes.com june 2009 ? diodes incorporated smcj5.0 ( c ) a - smcj170 ( c ) a ordering information (note 10) part number case packaging smcjxxx(c)a-13-f smc 3000/tape & reel *x = device voltage, e.g., smcj170a-13-f. notes: 10. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. marking information package outline dimensions suggested pad layout smc dim min max a 5.59 6.22 b 6.60 7.11 c 2.75 3.18 d 0.15 0.31 e 7.75 8.13 g 0.10 0.20 h 0.76 1.52 j 2.00 2.62 all dimensions in mm dimensions value (in mm) z 9.3 g 4.4 x 3.3 y 2.5 c 6.8 xxx = product type marking code (see page 2) = manufacturers? code marking yww = date code marking y = last digit of year (ex: 2 for 2002) ww = week code 01 to 52 yww xxx a b c d g h e j z x c g y
smcj5.0(c)a - smcj170(c)a document number: ds19003 rev. 17 - 2 5 of 5 www.diodes.com june 2009 ? diodes incorporated smcj5.0 ( c ) a - smcj170 ( c ) a important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2009, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of SMCJ28A-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X