Part Number Hot Search : 
PCA9698 CSDC12V 5KP90 5ZSXI CPC1916Y LTC17 2SC4245 P2301
Product Description
Full Text Search
 

To Download SMCJ18A-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features mechanical data terminals: solderable per mil-std-750, method 2026 polarity: color band denotes positive end( cathode) except bi-directional types. standard packaging: 16mm tape per ( eia 481). weight: 0.007 ounce, 0.21 gram maximum ratings @ 25 o c unless otherwise specified peak pulse current on 10/1000us waveform(note2, fig4) i ppm see table 1 amps peak pulse power disspation on 10/1000us waveform(note2,3,fig1) p ppm minimum 1500 watts peak forward surge current (jedec method) (note 3,4) i fsm) 200.0 amps operation and storage temperature range t j , t stg -55 o c to +150 o c 2. non-repetitive current pulse per fig.3 and derated above ta=25 o c per fig.2. 3. mounted on 8.0mm 2 copper pads to each terminal. 4. 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per. minutes maximum. smcj5.0(c)a thru smcj440(c)a transient voltage suppressor 5.0 to 440 volts 1500 watt dimensions inches mm dim min max min max note a .079 .103 2.00 2.62 b .108 .128 2.75 3.25 c .002 .008 0.051 0.203 d .006 .012 0.152 0.305 e .030 .050 0.76 1.27 f ..305 .320 7.75 8.13 g .260 .280 6.60 7.11 h .220 .245 5.59 6.22 0.070? 0.190 0.125? suggested solder pad layout g h e d f a b c do-214ab (smc) ( lead frame ) 20736 marilla street chatsworth  
      revision : a 2011/01/01 for surface mount application in order to optimize board space built-in strain relief glass passivated junction typical i d less than 1ua above 10v high temperature soldering: 260 o c/10 seconds at terminals plastic package has underwrites laboratory flammability ul recognized file # e331408 micro commercial components www. mccsemi .com 1 of 5 mcc tm micro commercial components ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) notes: 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
100 10 1.0 0 .1 0 . 1 u s 1 . 0 u s 1 0 u s 1 0 0 u s 1 . 0 m s 1 0 m s mountedon5.0mm 2 copper land areas non-repetitive pulse waveform showninfigure3 ta = 25c td, pulse width, sec 100 75 50 25 0 0 25 50 75 100 125 150 175 200 t a , ambient temperature , c fig. 1-peak pulse power rating curve fig. 2-pulse derating curve 150 100 50 0 0 1.0 2.0 3.0 ta = 25c pulse width(td) is defined as the point where the peak current decays to 50% of lpp peak value ippm half value-ipp 2 10/1000usec waveform as defined by r.e.a. e-kt td tf = 10usec t, time , ms fig. 3-pulse waveform 20,000 10,000 1,000 100 10 1.0 2.0 10 20 200 400 measured at stand-o f f voltage(vmw) t j=25c f=1.0mhz v si g =50mv p - p measured at zero bias v ( wm ) , reverse stand-off voltage, volts fig. 4-typical junction capacitance 300 200 100 0 12 46 810 20 60 80 100 tj = tj max 8.3ms single half since-wave jedec method number of cycles at 60hz fig. 5-maximum non-repetitive peak forward surge current peak pulse power(pppm) or current (ipp)derating in percentage % ippm, peak pulse current, % i fs m , peak forward surge current, amperes p ppm , peak pulse power, kw cj, capacitance, pf mcc smcj5.0 thru smcj440ca revision : a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 5
for bi-directional type having vrwm of 10volts and less, the ir limit is double. for parts without a, the vbr is  10% mcc revision : a 2011/01/01 smcj5.0 thru smcj440ca tm micro commercial components uni-polar bi-polar v wm (v) min max i t (ma) v c (v) i pp (a) i d (ua) uni bi smcj5.0a smcj5.0ca 5 6.4 7.0 10 9.2 163.0 800 gde bde smcj6.0a smcj6.0ca 6 6.7 7.4 10 10.3 145.7 800 gdg bdg smcj6.5a smcj6.5ca 6.5 7.2 8.0 10 11.2 134.0 500 gdk bdk smcj7.0a smcj7.0ca 7 7.8 8.6 10 12.0 125.0 200 gdm bdm smcj7.5a smcj7.5ca 7.5 8.3 9.2 1 12.9 116.3 100 gdp bdp smcj8.0a smcj8.0ca 8 8.9 9.8 1 13.6 110.3 50 gdr bdr smcj8.5a smcj8.5ca 8.5 9.4 10.4 1 14.4 104.2 20 gdt bdt smcj9.0a smcj9.0ca 9 10.0 11.1 1 15.4 97.4 10 gdv bdv smcj10a smcj10ca 10 11.1 12.3 1 17.0 88.3 5 gdx bdx smcj11a smcj11ca 11 12.2 13.5 1 18.2 82.5 5 gdz bdz smcj12a smcj12ca 12 13.3 14.7 1 19.9 75.4 5 gee bee smcj13a smcj13ca 13 14.4 15.9 1 21.5 69.8 5 geg beg smcj14a smcj14ca 14 15.6 17.2 1 23.2 64.7 5 gek bek smcj15a smcj15ca 15 16.7 18.5 1 24.4 61.5 5 gem bem smcj16a smcj16ca 16 17.8 19.7 1 26.0 57.7 5 gep bep smcj17a smcj17ca 17 18.9 20.9 1 27.6 54.4 5 ger ber smcj18a smcj18ca 18 20.0 22.1 1 29.2 51.4 5 get bet smcj20a smcj20ca 20 22.2 24.5 1 32.4 46.3 5 gev bev smcj22a smcj22ca 22 24.4 26.9 1 35.5 42.3 5 gex bex smcj24a smcj24ca 24 26.7 29.5 1 38.9 38.6 5 gez bez smcj26a smcj26ca 26 28.9 31.9 1 42.1 35.7 5 gfe bfe smcj28a smcj28ca 28 31.1 34.4 1 45.4 33.1 5 gfg bfg smcj30a smcj30ca 30 33.3 36.8 1 48.4 31.0 5 gfk bfk smcj33a smcj33ca 33 36.7 40.6 1 53.3 28.2 5 gfm bfm smcj36a smcj36ca 36 40.0 44.2 1 58.1 25.9 5 gfp bfp smcj40a smcj40ca 40 44.4 49.1 1 64.5 23.3 5 gfr bfr smcj43a smcj43ca 43 47.8 52.8 1 69.4 21.7 5 gft bft smcj45a smcj45ca 45 50.0 55.3 1 72.7 20.6 5 gfv bfv smcj48a smcj48ca 48 53.3 58.9 1 77.4 19.4 5 gfx bfx smcj51a smcj51ca 51 56.7 62.7 1 82.4 18.2 5 gfz bfz smcj54a smcj54ca 54 60.0 66.3 1 87.1 17.3 5 gge bge smcj58a smcj58ca 58 64.4 71.2 1 93.6 16.1 5 ggg bgg smcj60a smcj60ca 60 66.7 73.7 1 96.8 15.5 5 ggk bgk smcj64a smcj64ca 64 71.1 78.6 1 103.0 14.6 5 ggm bgm smcj70a smcj70ca 70 77.8 86.0 1 113.0 13.3 5 ggp bgp smcj75a smcj75ca 75 83.3 92.1 1 121.0 12.4 5 ggr bgr smcj78a smcj78ca 78 86.7 95.8 1 126.0 11.9 5 ggt bgt smcj85a smcj85ca 85 94.4 104.0 1 137.0 11.0 5 ggv bgv smcj90a smcj90ca 90 100.0 111.0 1 146.0 10.3 5 ggx bgx smcj100a smcj100ca 100 111.0 123.0 1 162.0 9.3 5 ggz bgz test current max. clamping voltage @i pp peak pulse current reverse leakage current@v wm reverse stand -off voltage breakdown voltage v br (v) mcc part number marking code electrical characteristics @25 c 5
electrical characteristics @25 c for bi-directional type having vrwm of 10volts and less, the ir limit is double. for parts without a, the vbr is  10% mcc revision : a 2011/01/01 smcj5.0 thru smcj440ca tm micro commercial components www. mccsemi .com 4 of 5 uni-polar bi-polar v wm (v) min max i t (ma) v c (v) i pp (a) i d (ua) uni bi smcj110a smcj110ca 110 122.0 135.0 1 177 8.5 5 ghe bhe smcj120a smcj120ca 120 133.0 147.0 1 193 7.8 5 ghg bhg smcj130a smcj130ca 130 144.0 159.0 1 209 7.2 5 ghk bhk smcj150a smcj150ca 150 167.0 185.0 1 243 6.2 5 ghm bhm smcj160a smcj160ca 160 178.0 197.0 1 259 5.8 5 ghp bhp smcj170a smcj170ca 170 189.0 209.0 1 275 5.5 5 ghr bhr smcj180a smcj180ca 180 201.0 222.0 1 292 5.1 5 ght bht smcj200a smcj200ca 200 224.0 247.0 1 324 4.6 5 ghv bhv smcj220a smcj220ca 220 246.0 272.0 1 356 4.2 5 ghx bhx smcj250a smcj250ca 250 279.0 309.0 1 405 3.7 5 ghz bhz smcj300a smcj300ca 300 335.0 371.0 1 486 3.1 5 gje bje smcj350a smcj350ca 350 391.0 432.0 1 567 2.6 5 gjg bjg smcj400a smcj400ca 400 447.0 494.0 1 648 2.3 5 gjk bjk smcj440a smcj440ca 440 492.0 543.0 1 713 2.1 5 gjm bjm test current max. clamping voltage @i pp peak pulse current reverse leakage current@v wm mcc part number marking code reverse standard - off voltage breakdown voltage v br (v)
mcc revision : a 2011/01/01 tm micro commercial components www. mccsemi .com 5 of 5 3 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of SMCJ18A-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X