Part Number Hot Search : 
SL5500 2SH17 2SJ636 GRM188F5 AUR13C 2SD1304S M293B1 ZPD30
Product Description
Full Text Search
 

To Download RX-M1006FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7 6 ohmite mfg. co. 1600 golf rd., rolling meadows, il 60008 ? 1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com these hi-meg resistors are designed for use in electrome - ter circuits where a high order of performance is required. these resistors achieve a high degree of accuracy and stability, and operate at this high performance level for an extended period of time. by being vacuum sealed in a glass envelope, these hi-megs are suitable for ultra-high vacuum applications. f e a t u r e s ? glass sealed hermetric resistors ? improved temperature stability ? improved voltage stability ? metal oxide resistive elements ? no outgassing ? rohs compliant ? calibration available rx-1m hi-meg ultra high resistance high stability hermetically sealed a p p l i c a t i o n s ? ultra high vacuum ? medical instrumentation ? current pulse limiters ? avionics s p e c i f i c a t i o n s electrical resistance range: 1m to 10,000,000m power rating: 0.5w at 25c voltage rating: 1.0kv temperature coefficient: as low as 50ppm/c handling and cleaning of rx-1m resistors: these glass encapsulated resistors, espe - cially those of higher resistance value, require extraordinary cleanliness. these resistors should be handled by the termi - nals, unless gloves are worn. fingerprints on the surface of the resistor will attract contaminants and moisture, which will cause a parallel resistance path, reducing the resistance value of the device. if cleaning should become necessary, use isopropyl alcohol and lightly wipe dry with lint free tis - sues such as kimwipes. 1.875"/ 47.63 mm max. 0.9"/ 22.9 mm min. 0.9"/ 22.9 mm min. 0.198"/ 5.0 mm dia. max. o r d e r i n g i n f o r m a t i o n r x - 1 m 1 0 0 6 f e hi-meg series t olerance d = 0.5% f = 1% g = 2% j = 5% k = 10% m = 15% p = 20% ohm s first 3 digits are significant; 4th digit is multiplier (# of zeroes to follow). examples: 10r2 = 10.2 ? 1000 = 100 ? 1503 = 150,000 ? 1506 = 150 m ? 1509 = 150 g ? 150a = 1.5 t ? 100b = 10 t ? rohs compliant check product availability at www.ohmite.com


▲Up To Search▲   

 
Price & Availability of RX-M1006FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X