Part Number Hot Search : 
1N5341B ISL43141 AXX2520 15PFI SGM8521 TA4103F 855728 1N4003
Product Description
Full Text Search
 

To Download RL875-561K-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features formerly model current rating up to 2.9 a inductance range: 10 h to 10,000 h rohs compliant* applications dc/dc converters power supplies desktop notebooks output chokes rl875 series - radial lead rf choke *rohs directive 2002/95/ec jan 27 2003 including annex. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications *rohs compliant j.w. miller electrical speci cations (@ 25 ?) test frequency srf dcr part inductance (mhz) ( ) i dc number (?) tol. q l q typ. max. (ma) rl875-100m-rc 10 20 % 35 2.52 mhz 2.52m 25 0.05 2900 rl875-120m-rc 12 20 % 35 2.52 mhz 2.52m 18 0.06 2500 rl875-150k-rc 15 10 % 30 2.52 mhz 2.52m 17 0.07 2200 rl875-180k-rc 18 10 % 30 2.52 mhz 2.52m 15 0.08 1900 rl875-220k-rc 22 10 % 30 2.52 mhz 2.52m 14 0.09 1800 rl875-270k-rc 27 10 % 30 2.52 mhz 2.52m 13 0.11 1700 rl875-330k-rc 33 10 % 30 2.52 mhz 2.52m 12 0.13 1500 rl875-390k-rc 39 10 % 30 2.52 mhz 2.52m 10 0.14 1300 rl875-470k-rc 47 10 % 26 2.52 mhz 2.52m 10 0.15 1300 rl875-560k-rc 56 10 % 26 2.52 mhz 2.52m 10 0.18 1200 rl875-680k-rc 68 10 % 26 2.52 mhz 2.52m 9.0 0.20 1100 rl875-820k-rc 82 10 % 20 2.52 mhz 2.52m 8.0 0.24 1000 rl875-101k-rc 100 10 % 20 1.0 khz 0.796m 7.0 0.28 890 rl875-121k-rc 120 10 % 18 1.0 khz 0.796m 6.5 0.36 810 rl875-151k-rc 150 10 % 18 1.0 khz 0.796m 5.5 0.42 720 rl875-181k-rc 180 10 % 18 1.0 khz 0.796m 5.5 0.57 660 rl875-221k-rc 220 10 % 18 1.0 khz 0.796m 5.0 0.63 570 rl875-271k-rc 270 10 % 18 1.0 khz 0.796m 4.5 0.88 510 rl875-331k-rc 330 10 % 20 1.0 khz 0.796m 4.5 1.05 460 rl875-391k-rc 390 10 % 20 1.0 khz 0.796m 3.5 1.17 440 rl875-471k-rc 470 10 % 20 1.0 khz 0.796m 3.0 1.34 410 RL875-561K-RC 560 10 % 20 1.0 khz 0.796m 3.0 1.72 360 rl875-681k-rc 680 10 % 20 1.0 khz 0.796m 2.5 1.96 330 rl875-821k-rc 820 10 % 20 1.0 khz 0.796m 2.5 2.56 300 rl875-102k-rc 1000 10 % 35 1.0 khz 0.252m 2.0 2.94 270 rl875-122k-rc 1200 10 % 35 1.0 khz 0.252m 2.0 4.04 240 rl875-152k-rc 1500 10 % 35 1.0 khz 0.252m 1.5 4.70 220 rl875-182k-rc 1800 10 % 35 1.0 khz 0.252m 1.5 5.05 200 rl875-222k-rc 2200 10 % 35 1.0 khz 0.252m 1.5 6.25 180 rl875-272k-rc 2700 10 % 35 1.0 khz 0.252m 1.5 8.72 160 rl875-332k-rc 3300 10 % 35 1.0 khz 0.252m 1.0 10.6 150 rl875-392k-rc 3900 10 % 35 1.0 khz 0.252m 1.0 14.2 140 rl875-472k-rc 4700 10 % 35 1.0 khz 0.252m 1.0 16.7 120 rl875-562k-rc 5600 10 % 35 1.0 khz 0.252m 1.0 18.7 110 rl875-682k-rc 6800 10 % 35 1.0 khz 0.252m 1.0 21.8 100 rl875-822k-rc 8200 10 % 32 1.0 khz 0.252m 0.50 28.7 93 rl875-103k-rc 10,000 10 % 32 1.0 khz 0.0796m 0.50 33.0 84 dimensions: mm (inches) general speci cations rated current ....inductance drop 10 %, or temperature rise of 40 c at i dc operating temperature ............................... -40 c to +105 c storage temperature ............................... -40 c to +105 c materials core material ................................ferrite wire .......................... enameled copper terminal coating .................................sn marking ............ value code on top of inductor packaging standard ......................100 pcs. per bag product dimensions how to order rl875 - 152k - rc model value/tolerance code (see table) compliance code rc = rohs compliant example: rl875-152k-rc = 1500 h, 10 % rev. 09/09 electrical schematic 5.0 0.3 (.197 .012) 7.8 0.5 (.307 .020) 0.7 (.028) dia. 7.5 (.217) max. 5.0 (.197) 391


▲Up To Search▲   

 
Price & Availability of RL875-561K-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X