Part Number Hot Search : 
C100L USB3315 BCR401U 2SB873 0V538 16XXC 74C90 MAX111
Product Description
Full Text Search
 

To Download PI74FCT2193TQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ps2085e 09/14/99 product description pericom semiconductor?s pi74fct series of logic circuits are produced using the company?s advanced 0.6 micron cmos technology, achieving industry leading speed grades. all pi74fct2xxx devices have a built-in 25 ohm series resistor on all outputs to reduce noise due to reflections, thus eliminating the need for an external terminating resistor. the pi74fct193 is a high-speed cmos 4-bit binary up/down counter. it has a single clock with clock enable and up/down control inputs and ripple carry output. the 193 has asynchronous preload inputs which override the count inputs. all inputs have clamp diodes for undershoot noise suppression. all outputs have ground bounce suppression. logic block diagram product features pi74fct193/2193t is pin compatible with bipolar fast? series at a higher speed and lower power consumption 25 w series resistor on all outputs (fct2xxx only) ttl input and output levels low ground bounce outputs (25 w series only) extremely low static power hysteresis on all inputs industrial operating temperature range: ?40c to +85c packages available: ? 16-pin 150 mil wide plastic qsop (q) ? 16-pin 300 mil wide plastic soic (s) q 0 -q 3 tcu 25 w (fct2xxx only) 25 w (fct2xxx only) 25 w (fct2xxx only) =f =0 4-bit register q+cup-cdn cup cdn cpu cpd d 0 -d 3 pl mr tcd 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 212345678901 1 2345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012 1234567890 1 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 212345678901 pi74fct193t (25 w w w w w series) pi74fct2193t high-speed cmos presettable synchronous 4-bit binary counters
2 ps2085e 09/14/99 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi74fct193 (25 w w w w w series) pi74fct2193t high-speed cmos presettable synchronous 4-bit binary counters e m a n n i pn o i t p i r c s e d l p) w o l e v i t c a ( d a o l e r p s u o n o r h c n y s a r m) h g i h e v i t c a ( t e s e r r e t s a m s u o n o r h c n y s a p cu ) e g d e g n i s i r ( k c o l c p u t n u o c d p c) e g d e g n i s i r ( k c o l c n w o d t n u o c d n s t u p t u o a t a d q n s t u p t u o a t a d c tu ) w o l e v i t c a ( t u p t u o ) y r r a c ( p u t n u o c l a n i m r e t c td ) w o l e v i t c a ( t u p t u o ) w o r r o b ( n w o d t n u o c l a n i m r e t d1 q1 q0 cpd cpu q2 q3 gnd product pin description truth table (1) product pin configurations 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 16-pin q16 s16 notes: 1. h = high voltage level l = low voltage level x = irrelevant - = clock transition, low-to-high vcc d0 mr tcd tcu pl d2 d3 s t u p n is t u p t u o n o i t c n u f l pr mu p cd p ci d0 q - 3 qu c td c t xhxlx 0 0 0 0xl t e s e r xhxhx 0 0 0 0xh t e s e r llxx 0 d - 3 d0 d - 3 dxx a t a d d a o l hl - hx 1 + qxx p u t n u o c hl h- x1 ? qxx n w o d t n u o c hllhxflh 1 1 1 1 = p u t n u o c hlhhx e - 0hh p u t n u o c 1 1 1 1 1 hlhlx0hl 0 0 0 0 = n w o d t n u o c hlhhx f - 1hh n w o d t n u o c 1 0 0 0 0
3 ps2085e 09/14/99 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi74fct193 (25 w w w w w series) pi74fct2193t high-speed cmos presettable synchronous 4-bit binary counters dc electrical characteristics (over the operating range, t a = ?40c to +85c, v cc = 5.0v 5%) parameters description test conditions (1) min. typ. (2) max. units v oh output high voltage v cc = min., v in = v ih or v il i oh = ?15.0ma 2.4 3.0 v v ol output low current v cc = min., v in = v ih or v il i ol = 48ma 0.3 0.50 v v ol output low current v cc = min., v in = v ih or v il i ol = 12ma (25 w series) 0.3 0.50 v v ih input high voltage guaranteed logic high level 2.0 v v il input low voltage guaranteed logic low level 0.8 v i ih input high current v cc = max. v in = v cc 1a i il input low current v cc = max. v in = gnd ?1 a v ik clamp diode voltage v cc = min., i in = ?18 ma ?0.7 ?1.2 v i off power down disable v cc = gnd, v out = 4.5v ? ? 100 a i os short circuit current v cc = max. (3) , v out = gnd ?60 ?120 ma v h input hysteresis 200 mv storage temperature ......................................................... ?65c to +150c ambient temperature with power applied ......................... -40c to +85c supply voltage to ground potential (inputs & vcc only) .. ?0.5v to +7.0v supply voltage to ground potential (outputs & d/o only) ?0.5v to +7.0v dc input voltage ................................................................. ?0.5v to +7.0v dc output current ............................................................................ 120ma power dissipation ................................................................................. 0.5w note: stresses greater than those listed under maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. capacitance (t a = 25c, f = 1 mhz) parameters (4) description test conditions typ. max. units c in input capacitance v in = 0v 6 10 pf c out output capacitance v out = 0v 8 12 pf notes: 1. for max. or min. conditions, use appropriate value specified under electrical characteristics for the applicable device type. 2. typical values are at v cc = 5.0v, +25c ambient and maximum loading. 3. not more than one output should be shorted at one time. duration of the test should not exceed one second. 4. this parameter is determined by device characterization but is not production tested. maximum ratings (above which the useful life may be impaired. for user guidelines, not tested.)
4 ps2085e 09/14/99 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi74fct193 (25 w w w w w series) pi74fct2193t high-speed cmos presettable synchronous 4-bit binary counters power supply characteristics parameters description test conditions (1) min. typ. (2) max. units i cc quiescent power v cc = max. v in = gnd = v cc 0.1 500 a supply current freq = 0 d i cc supply current per v cc = max. v in = 3.4v (3) 0.5 2.0 ma input @ ttl high freq = 0 i ccd supply current per v cc = max., v in = v cc 0.15 0.25 ma/ input per mhz (4) outputs open v in = gnd mhz and enabled one bit toggling 50% duty cycle, other input at gnd or v cc notes: 1. for max. or min. conditions, use appropriate value specified under electrical characteristics for the applicable device. 2. typical values are at v cc = 5.0v, +25c ambient. 3. per ttl driven input (v in = 3.4v); all other inputs at v cc or gnd. 4. this parameter is not directly testable, but is derived for use in total power supply calculations. 5. values for these conditions are examples of the icc formula. these limits are guaranteed but not tested. 6. i c =i quiescent + i inputs + i dynamic i c = i cc + d i cc d h n t + i ccd (f cp /2 + f i n i ) i cc = quiescent current d i cc = power supply current for a ttl high input (v in = 3.4v) d h = duty cycle for ttl inputs high n t = number of ttl inputs at d h i ccd = dynamic current caused by an input transition pair (hlh or lhl) f cp = clock frequency for register devices (zero for non-register devices) f i = input frequency n i = number of inputs at f i all currents are in milliamps and all frequencies are in megahertz.
5 ps2085e 09/14/99 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi74fct193 (25 w w w w w series) pi74fct2193t high-speed cmos presettable synchronous 4-bit binary counters switching characteristics (over operating range) notes: 1. see test circuit and waveforms. 2. minimum limits are guaranteed but not tested on propgation delays. 3. this parameter guaranteed but not production tested. l o b m y sn o i t p i r c s e d ) 1 ( s n o i t i d n o c t 3 9 1 t 3 9 1 2 a 3 9 1 a 3 9 1 2 s t i n u . n i m. x a m. n i m. x a m t c t p c y a l e d n o i t a g a p o r p d c t / u c t o t u p c c l f p 0 5 = r l 0 0 5 = w 0 . 20 10 . 25 . 6 s n t q p c y a l e d n o i t a g a p o r p i q o t d / u p c 0 . 25 . 3 10 . 28 . 8 t q d y a l e d n o i t a g a p o r p i q o t i d 0 . 25 . 5 10 . 21 . 0 1 t q l p y a l e d n o i t a g a p o r p i q o t l p 0 . 24 10 . 28 . 8 t q r m y a l e d n o i t a g a p o r p i q o t r m 0 . 35 . 5 10 . 31 . 0 1 t u c t r m y a l e d n o i t a g a p o r p u c t o t r m 0 . 35 . 4 10 . 34 . 9 t d c t r m y a l e d n o i t a g a p o r p d c t o t r m 0 . 35 . 5 10 . 31 . 0 1 t c t l p y a l e d n o i t a g a p o r p d / u c t o t l p 0 . 35 . 6 10 . 3 8 . 0 1 t c t d y a l e d n o i t a g a p o r p d / u c t o t i d 0 . 35 . 5 10 . 31 . 0 1
6 ps2085e 09/14/99 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi74fct193 (25 w w w w w series) pi74fct2193t high-speed cmos presettable synchronous 4-bit binary counters pericom semiconductor corporation 2380 bering drive ? san jose, ca 95131 ? 1-800-435-2336 ? fax (408) 435-1100 ? http://www.pericom.com notes: 1.see test circuit and waveforms. 2. minimum limits are guaranteed but not tested on propagation delays. 3. this parameter guaranteed but not production tested. timing characteristics (over operating range) l o b m y sn o i t p i r c s e ds n o i t i d n o c 3 9 1 3 9 1 2 a 3 9 1 a 3 9 1 2 s t i n u . n i m. x a m. n i m. x a m t s l p d l p o t i d c l f p 0 5 = r l 0 0 5 = w 0 . 50 . 4 s n t h l p d l p o t i d 0 . 25 . 1 t w l p e m i t w o l l p 0 . 60 . 5 t p c e s l u p d / u p c w o l d n a h g i h h t d i w 0 . 50 . 4 t l p c w o l h t d i w e s l u p d / u p c ) n o i t c e r i d f o e g n a h c ( 0 10 . 8 t h r m e m i t h g i h r m 0 . 60 . 5 t r c l p r y r e v o c e r d / u p c o t l p 0 . 60 . 5 t r c r m r y r e v o c e r d / u p c o t r m 0 . 40 . 3


▲Up To Search▲   

 
Price & Availability of PI74FCT2193TQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X