Part Number Hot Search : 
01EDK3 MA11F 06780 13008 2SC3069 2SC454 SMS12 ISL59
Product Description
Full Text Search
 

To Download NTD4856N-35G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2010 june, 2010 -- rev. 1 1 publication order number: ntd4856n/d ntd4856n power mosfet 25 v, 89 a, single n--channel, dpak/ipak features ? trench technology ? low r ds(on) to minimize conduction losses ? low capacitance to minimize driver losses ? optimized gate charge to minimize switching losses ? these are pb--free devices applications ? vcore applications ? dc--dc converters ? low side switching maximum ratings (t j =25 c unless otherwise stated) parameter symbol value unit drain--to--source voltage v dss 25 v gate--to--source voltage v gs 20 v continuous drain current r ja (note 1) steady state t a =25 c i d 16.8 a t a =85 c 13.0 power dissipation r ja (note 1) t a =25 c p d 2.14 w continuous drain current r ja (note 2) t a =25 c id 13.3 a t a =85 c 10.3 power dissipation r ja (note 2) t a =25 c p d 1.33 w continuous drain current r jc (note 1) t c =25 c i d 89 a t c =85 c 69 power dissipation r jc (note 1) t c =25 c p d 60 w pulsed drain current t p =10 m s t a =25 c i dm 179 a current limited by package t a =25 c i dmaxpkg 45 a operating junction and storage temperature t j , t stg -- 5 5 t o +175 c source current (body diode) i s 50 a drain to source dv/dt dv/dt 6 v/ns single pulse drain--t o--source avalanche energy (t j =25 c, v dd =50v,v gs =10v, i l =19a pk ,l=1.0mh,r g =25 ) eas 180.5 mj lead temperature for soldering purposes (1/8? from case for 10 s) t l 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. f unctional operation above the recommended operating conditions is not implied. ex tended exposure to stresses above the recommended operating conditions may affect device reliability. marking diagrams & pin assignments http://onsemi.com v (br)dss r ds(on) max i d max 25 v 4.7 m @10v 89 a 6.8 m @4.5v g s n--channel mosfet d see detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. ordering information yww 48 56ng 1 gate 2 drain 3 source 4 drain 4 drain 2 drain 1 gate 3 source 4 drain 2 drain 1 gate 3 source yww 48 56ng yww 48 56ng y = year ww = work week 4856n = device code g = pb--free package case 369aa dpak (bent lead) style 2 case 369d ipak (straight lead dpak) 1 2 3 4 1 2 3 4 case 369ac 3ipak (straight lead) 1 2 3 4
ntd4856n http://onsemi.com 2 thermal resistance maximum ratings parameter symbol value unit junction--to--case (drain) r jc 2.5 c/w junction--to--tab (drain) r jc--tab 3.5 junction--to--ambient ? steady state (note 1) r ja 70 junction--to--ambient ? steady state (note 2) r ja 113 1. surface--mounted on fr4 board using 1 sq--in pad, 1 oz cu. 2. surface--mounted on fr4 board using the minimum recommended pad size. electrical characteristics (t j =25 c unless otherwise specified) parameter symbol test condition min typ max unit off characteristics drain--to--source breakdown voltage v (br)dss v gs =0v,i d = 250 m a 25 v drain--to--source breakdown voltage temperature coefficient v (br)dss / t j 23 mv/ c zero gate voltage drain current i dss v gs =0v, v ds =20v t j =25 c 1.0 m a t j = 125 c 10 gate--to--source leakage current i gss v ds =0v,v gs = 20 v 100 na on characteristics (note 3) gate threshold voltage v gs(th) v gs =v ds ,i d = 250 m a 1.45 2.5 v negative threshold temperature coefficient v gs(th) /t j 5.9 mv/ c drain--to--source on resistance r ds(on) v gs =10v i d =30a 3.9 4.7 m v gs =4.5v i d =30a 5.3 6.8 forward transconductance g fs v ds =1.5v,i d =15a 73 s charges and capacitances input capacitance c iss v gs =0v,f=1.0mhz,v ds =12v 2241 pf output capacitance c oss 567 reverse transfer capacitance c rss 279 total gate charge q g(tot) v gs =4.5v,v ds =15v,i d =30a 18 27 nc threshold gate charge q g(th) 3.4 gate--to--source charge q gs 6.7 gate--to--drain charge q gd 6.6 total gate charge q g(tot) v gs =10v,v ds =15v,i d =30a 38 nc switching characteristics (note 4) turn--on delay time t d(on) v gs =4.5v,v ds =15v, i d =15a,r g =3.0 15.7 ns rise time t r 22.5 turn--off delay time t d(off) 18.6 fall time t f 7.5 turn--on delay time t d(on) v gs =11.5v,v ds =15v, i d =15a,r g =3.0 8.7 ns rise time t r 17.5 turn--off delay time t d(off) 27.2 fall time t f 4.0 3. pulse test: pulse width 300 m s, duty cycle 2%. 4. switching characteristics are independent of operating junction temperatures.
ntd4856n http://onsemi.com 3 electrical characteristics (t j =25 c unless otherwise specified) parameter unit max typ min test condition symbol drain--source diode characteristics forward diode voltage v sd v gs =0v, i s =30a t j =25 c 0.87 1.2 v t j = 125 c 0.72 reverse recovery time t rr v gs = 0 v, dis/dt = 100 a/ m s, i s =30a 18.7 ns charge time t a 9.3 discharge time t b 9.4 reverse recovery charge q rr 8.0 nc package parasitic values source inductance l s t a =25 c 2.49 nh drain inductance, dpak l d 0.0164 drain inductance, ipak l d 1.88 gate inductance l g 3.46 gate resistance r g 0.6 3. pulse test: pulse width 300 m s, duty cycle 2%. 4. switching characteristics are independent of operating junction temperatures.
ntd4856n http://onsemi.com 4 typical performance curves 10 v v ds , drain--to--source voltage (volts) i d , drain current (amps) v gs , gate--to--source voltage (volts) figure 1. on--region characteristics figure 2. transfer characteristics i d , drain current (amps) figure 3. on--resistance vs. gate--to--source voltage v gs , gate--to--source voltage (volts) figure 4. on--resistance vs. drain current and gate voltage i d , drain current (amps) r ds(on) , drain--to--source resistance ( ) r ds(on) , drain--to--source resistance ( ) figure 5. on--resistance variation with temperature t j , junction temperature ( c) figure 6. drain--to--source leakage current vs. drain voltage v ds , drain--to--source voltage (volts) r ds(on) , drain--to--source resistance (normalized) i dss , leakage (na) v ds 10 v t j =25 c t j =--55 c t j = 125 c v gs =4.5v v gs =0v i d =30a v gs =10v t j = 150 c t j = 125 c t j =25 c 3.8 v 2.6 v 4v 4.2 v 3.6 v 2.8 v 3.2 v 3.4 v i d =30a t j =25 c v gs =11.5v t j =25 c 0 10 20 30 40 50 60 70 012345 80 90 100 0 10 20 30 40 50 60 70 012345 80 90 100 110 120 130 0 0.01 0.02 0.03 0.04 246810 0.002 0.0035 0.005 0.0065 0.008 20 40 60 80 100 30 50 70 90 0.003 0.0045 0.006 0.0075 0.0025 0.004 0.0055 0.007 0.6 0.8 1.0 1.2 1.4 --50 0 50 100 150 1.6 1.8 --25 25 75 125 175 100 1000 510152025 10000
ntd4856n http://onsemi.com 5 typical performance curves c rss 0101525 drain--to--source voltage (volts) c, capacitance (pf) figure 7. capacitance variation 5 v gs =0v t j =25 c c oss c iss v gs figure 8. gate--to--source and drain--to--source voltage vs. total charge v gs , gate--to--source voltage (volts) q g , total gate charge (nc) i d =30a t j =25 c q 2 q 1 q t v sd , source--to--drain voltage (volts) i s , source current (amps) figure 9. resistive switching time variation vs. gate resistance r g , gate resistance (ohms) t, time (ns) v gs =0v figure 10. diode forward voltage vs. current t r t d(off) t d(on) t f v dd =15v i d =30a v gs =11.5v t j =25 c figure 11. maximum rated forward biased safe operating area v ds , drain--to--source voltage (volts) i d , drain current (amps) r ds(on) limit thermal limit package limit v gs =20v single pulse t c =25 c 1ms 100 m s 10 ms dc 10 m s 20 t j , junction temperature ( c) i d =19a figure 12. maximum avalanche energy vs. starting junction temperature eas, single pulse drain--to--source avalanche energy (mj) 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 0162440 832 0 2 4 6 8 10 12 12 20 36 428 1 10 100 1 10 100 1000 0.2 0.6 1.0 0 10 20 30 5 15 25 0.4 0.8 0.1 10 100 1 10 100 1000 0.1 1 25 125 175 40 60 80 20 0 75 140 160 180 200 120 100 100 150 50
ntd4856n http://onsemi.com 6 typical performance curves figure 13. thermal response r(t), effective transient thermal resistance (normalized) t, time ( m s) 0.1 1.0 0.01 0.1 0.2 0.02 d=0.5 0.05 0.01 single pulse r jc (t) = r(t) r jc d curves apply for power pulse train shown read time at t 1 t j(pk) -- t c =p (pk) r jc (t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 1.0e+00 1.0e+01 1.0e--01 1.0e--02 1.0e--03 1.0e--04 1.0e--05 ordering information device package shipping ? ntd4856nt4g dpak (pb--free) 2500 / tape & reel ntd4856n--1g ipak (pb--free) 75 units / rail ntd4856n--35g ipak trimmed lead (3.5 ? 0.15 mm) (pb--free) 75 units / rail ?for information on tape and reel specificat ions, including part orientation and tape si zes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
ntd4856n http://onsemi.com 7 package dimensions dpak (single guage) case 369aa--01 issue b b d e b3 l3 l4 b2 e m 0.005 (0.13) c c2 a c c z dim min max min max millimeters inches d 0.235 0.245 5.97 6.22 e 0.250 0.265 6.35 6.73 a 0.086 0.094 2.18 2.38 b 0.025 0.035 0.63 0.89 c2 0.018 0.024 0.46 0.61 b2 0.030 0.045 0.76 1.14 c 0.018 0.024 0.46 0.61 e 0.090 bsc 2.29 bsc b3 0.180 0.215 4.57 5.46 l4 -- -- -- 0 . 0 4 0 -- -- -- 1 . 0 1 l 0.055 0.070 1.40 1.78 l3 0.035 0.050 0.89 1.27 z 0.155 ------ 3.93 ------ notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inches. 3. thermal pad contour optional within dimensions b3, l3 and z. 4. dimensions d and e do not include mold flash, protrusions, or burrs. mold flash, protrusions, or gate burrs shall not exceed 0.006 inches per side. 5. dimensions d and e are determined at the outermost extremes of the plastic body. 6. datums a and b are determined at datum plane h. 12 3 4 h 0.370 0.410 9.40 10.41 a1 0.000 0.005 0.00 0.13 l1 0.108 ref 2.74 ref l2 0.020 bsc 0.51 bsc a1 h detail a seating plane a b c l1 l h l2 gauge plane detail a rotated 90 cw style 2: pin 1. gate 2. drain 3. source 4. drain 5.80 0.228 2.58 0.102 1.60 0.063 6.20 0.244 3.00 0.118 6.17 0.243 ? mm inches ? scale 3:1 *for additional information on our pb--free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
ntd4856n http://onsemi.com 8 package dimensions 3 ipak, straight lead case 369ac--01 issue o d a k b r v f g 3pl e c j h dim min max min max millimeters inches a 0.235 0.245 5.97 6.22 b 0.250 0.265 6.35 6.73 c 0.086 0.094 2.19 2.38 d 0.027 0.035 0.69 0.88 e 0.018 0.023 0.46 0.58 f 0.037 0.043 0.94 1.09 g 0.090 bsc 2.29 bsc h 0.034 0.040 0.87 1.01 j 0.018 0.023 0.46 0.58 k 0.134 0.142 3.40 3.60 r 0.180 0.215 4.57 5.46 v 0.035 0.050 0.89 1.27 w 0.000 0.010 0.000 0.25 notes: 1.. dimensioning and tolerancing per ansi y14.5m, 1982. 2.. controlling dimension: inch. 3. seating plane is on top of dambar position. 4. dimension a does not include dambar position or mold gate. w seating plane 0.13 (0.005) w style 2: pin 1. gate 2. drain 3. source 4. drain 123 4 v s a k -- t -- seating plane r b f g d 3pl m 0.13 (0.005) t c e j h dim min max min max millimeters inches a 0.235 0.245 5.97 6.35 b 0.250 0.265 6.35 6.73 c 0.086 0.094 2.19 2.38 d 0.027 0.035 0.69 0.88 e 0.018 0.023 0.46 0.58 f 0.037 0.045 0.94 1.14 g 0.090 bsc 2.29 bsc h 0.034 0.040 0.87 1.01 j 0.018 0.023 0.46 0.58 k 0.350 0.380 8.89 9.65 r 0.180 0.215 4.45 5.45 s 0.025 0.040 0.63 1.01 v 0.035 0.050 0.89 1.27 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. z z 0.155 ------ 3.93 ------ ipak (straight lead dpak) case 369d--01 issue b on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further noti ce to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation speci al, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performa nce may vary over time. all operating parameters, including ?typicals? must be validated for each custo mer application by customer?s technical experts. scillc does not conve y any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant int o the body, or other applications intended to support or sustain life, or for any other application in which the f ailure of the scillc product could create a situation where personal inj ury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthoriz ed application, buyer shall indemnify and hold scillc and its officers, em ployees, subsidiaries, affiliates, and distributors harmless against all claims, cos ts, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, an y claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the p art. scillc is an equal opportunity/affirmative action employer. this literature is subj ect to all applicable copyright la ws and is not for resale in any manner. publication ordering information n. american technical support : 800--282--9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81--3--5773--3850 ntd4856n/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303--675--2175 or 800--344--3860 toll free usa/canada fax : 303--675--2176 or 800--344--3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of NTD4856N-35G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X