Part Number Hot Search : 
V640MU LA7629 LA1137 DS1213B ARG07 M3016 CDSUA11 82N06
Product Description
Full Text Search
 

To Download MX26LV004BQC-55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 p/n:pm1099 rev. 1.0, nov. 08, 2004 mx26lv004t/b 4m-bit [512k x 8] cmos single voltage 3v only high speed eliteflash tm memory ? status reply - data# polling & toggle bit for detection of program and erase operation completion.  ready/busy# pin (ry/by#) - provides a hardware method of detecting program or erase operation completion.  2,000 minimum erase/program cycles  latch-up protected to 100ma from -1v to vcc+1v  package type: - 40-pin tsop - 32-pin plcc  compatibility with jedec standard - pinout and software compatible with single-power supply flash  20 years data retention features  extended single - supply voltage range 3.0v to 3.6v  524,288 x 8  single power supply operation - 3.0v only operation for read, erase and program operation  fast access time: 55/70ns  low power consumption - 30ma maximum active current - 30ua typical standby current  command register architecture - byte programming (55us typical) - sector erase (sector structure 16k-byte x1, 8k-byte x2, 32k-byte x1, and 64k-byte x7)  auto erase (chip & sector) and auto program - automatically erase any combination of sectors with erase suspend capability. - automatically program and verify data at specified address general description the mx26lv004t/b is a 4-mega bit flash memory orga- nized as 512k bytes of 8 bits. mxic's flash memories offer the most cost-effective and reliable read/write non- volatile random access memory. the mx26lv004t/b is packaged in 40-pin tsop. it is designed to be repro- grammed and erased in system or in standard eprom programmers. the standard mx26lv004t/b offers access time as fast as 55ns, allowing operation of high-speed microproces- sors without wait states. to eliminate bus contention, the mx26lv004t/b has separate chip enable (ce#) and output enable (oe#) controls. mxic's flash memories augment eprom functionality with in-circuit electrical erasure and programming. the mx26lv004t/b uses a command register to manage this functionality. the command register allows for 100% ttl level control inputs and fixed power supply levels during erase and programming, while maintaining maxi- mum eprom compatibility. mxic flash technology reliably stores memory contents even after 2,000 erase and program cycles. the mxic cell is designed to optimize the erase and programming mechanisms. in addition, the combination of advanced tunnel oxide processing and low internal electric fields for erase and program operations produces reliable cy- cling. the mx26lv004t/b uses a 3.0v~3.6v vcc sup- ply to perform the high reliability erase and auto pro- gram/erase algorithms. the highest degree of latch-up protection is achieved with mxic's proprietary non-epi process. latch-up pro- tection is proved for stresses up to 100 milliamps on address and data pin from -1v to vcc + 1v. macronix nbit tm memory family
2 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 pin configurations pin description symbol pin name a0~a18 address input q0~q7 data input/output ce# chip enable input we# write enable input reset# hardware reset pin oe# output enable input ry/by# ready/busy output vcc power supply pin (3.0v~3.6v) gnd ground pin 40 tsop (standard type) (10mm x 20mm) 32 plcc a16 a15 a14 a13 a12 a11 a9 a8 we# reset# nc ry/by# a18 a7 a6 a5 a4 a3 a2 a1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 a17 gnd nc nc a10 q7 q6 q5 q4 vcc vcc nc q3 q2 q1 q0 oe# gnd ce# a0 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 mx26lv004t/b 1 4 5 9 13 14 17 20 21 25 29 32 30 a14 a13 a8 a9 a11 oe# a10 ce# q7 a7 a6 a5 a4 a3 a2 a1 a0 q0 q1 q2 gnd q3 q4 q5 q6 a12 a15 a16 a18 vcc we# a17 mx26lv004t/b
3 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 block structure table 1: mx26lv004t sector architecture sector sector size address range sector address byte mode byte mode (x8) a18 a17 a16 a15 a14 a13 sa0 64kbytes 00000-0ffff 0 0 0 x x x sa1 64kbytes 10000-1ffff 0 0 1 x x x sa2 64kbytes 20000-2ffff 0 1 0 x x x sa3 64kbytes 30000-3ffff 0 1 1 x x x sa4 64kbytes 40000-4ffff 1 0 0 x x x sa5 64kbytes 50000-5ffff 1 0 1 x x x sa6 64kbytes 60000-6ffff 1 1 0 x x x sa7 32kbytes 70000-77fff 1 1 1 0 x x sa8 8kbytes 78000-79fff 1 11100 sa9 8kbytes 7a000-7bfff 1 11101 sa10 16kbytes 7c000-7ffff 1 1111x sector sector size address range sector address byte mode byte mode (x8) a18 a17 a16 a15 a14 a13 sa0 16kbytes 00000-03fff 0 0000x sa1 8kbytes 04000-05fff 0 00010 sa2 8kbytes 06000-07fff 0 00011 sa3 32kbytes 08000-0ffff 0 0 0 1 x x sa4 64kbytes 10000-1ffff 0 0 1 x x x sa5 64kbytes 20000-2ffff 0 1 0 x x x sa6 64kbytes 30000-3ffff 0 1 1 x x x sa7 64kbytes 40000-4ffff 1 0 0 x x x sa8 64kbytes 50000-5ffff 1 0 1 x x x sa9 64kbytes 60000-6ffff 1 1 0 x x x sa10 64kbytes 70000-7ffff 1 1 1 x x x table 2: mx26lv004b sector architecture
4 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 block diagram control input logic program/erase high voltage write s tat e machine (wsm) s tat e register flash array x-decoder address latch and buffer y-pass gate y-decoder array source hv command data decoder command data latch i/o buffer pgm data hv program data latch sense amplifier q0-q7 a0-a18 ce# oe# we# reset#
5 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 automatic programming the mx26lv004t/b is byte programmable using the au- tomatic programming algorithm. the automatic pro- gramming algorithm makes the external system do not need to have time out sequence nor to verify the data programmed. automatic programming algorithm mxic's automatic programming algorithm requires the user to only write program set-up commands (including 2 unlock write cycle and a0h) and a program command (program data and address). the device automatically times the programming pulse width, provides the pro- gram verification, and counts the number of sequences. a status bit similar to data# polling and a status bit toggling between consecutive read cycles, provide feed- back to the user as to the status of the programming operation. refer to write operation status, table 7, for more information on these status bits. automatic chip erase the entire chip is bulk erased using 10 ms erase pulses according to mxic's automatic chip erase algorithm. the automatic erase algorithm automatically programs the entire array prior to electrical erase. the timing and verification of electrical erase are controlled internally within the device. automatic sector erase the mx26lv004t/b is sector(s) erasable using mxic's auto sector erase algorithm. the automatic sector erase algorithm automatically programs the specified sector(s) prior to electrical erase. the timing and verifi- cation of electrical erase are controlled internally within the device. an erase operation can erase one sector, multiple sectors, or the entire device. automatic erase algorithm mxic's automatic erase algorithm requires the user to write commands to the command register using stan- dard microprocessor write timings. the device will auto- matically pre-program and verify the entire array. then the device automatically times the erase pulse width, provides the erase verification, and counts the number of sequences. a status bit toggling between consecutive read cycles provides feedback to the user as to the sta- tus of the erasing operation. register contents serve as inputs to an internal state- machine which controls the erase and programming cir- cuitry. during write cycles, the command register inter- nally latches address and data needed for the program- ming and erase operations. during a system write cycle, addresses are latched on the falling edge, and data are latched on the rising edge of we# or ce#, whichever happens first. mxic's flash technology combines years of eprom experience to produce the highest levels of quality, reli- ability, and cost effectiveness. the mx26lv004t/b elec- trically erases all bits simultaneously using fowler- nordheim tunneling. the bytes are programmed by us- ing the eprom programming mechanism of hot elec- tron injection. during a program cycle, the state-machine will control the program sequences and command register will not respond to any command set. during a sector erase cycle, the command register will only respond to erase suspend command. after erase suspend is completed, the device stays in read mode. after the state machine has completed its task, it will allow the command regis- ter to respond to its full command set. automatic select the auto select mode provides manufacturer and de- vice identification, through identifier codes output on q7~q0. this mode is mainly adapted for programming equipment on the device to be programmed with its pro- gramming algorithm. when programming by high voltage method, automatic select mode requires vid (11v to 12v) on address pin a9 and other address pin a6, a1 and a0 as referring to table 3. in addition, to access the auto- matic select codes in-system, the host can issue the automatic select command through the command regis- ter without requiring vid, as shown in table 4.
6 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 table 3. mx26lv004t/b auto select mode operation note:sa=sector address, x=don't care, l=logic low, h=logic high a18 a12 a9 a8 a6 a5 a1 a0 description ce# oe# we# | | | | q7~q0 a13 a10 a7 a2 manufacturer code l l h x x vid x l x l l c2h read device id l l h x x vid x l x l h b5h silicon (top boot block) id device id l l h x x vid x l x l h b6h (bottom boot block)
7 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 first bus second bus third bus fourth bus fifth bus sixth bus command bus cycle cycle cycle cycle cycle cycle cycle addr data addr data addr data addr data addr data addr data reset 1 xxxh f0h read 1 ra rd read top boot 4 555h aah 2aah 55h 555h 90h adi ddi silicon id bottom boot 4 555h aah 2aah 55h 555h 90h adi ddi program 4 555h aah 2aah 55h 555h a0h pa pd chip erase 6 555h aah 2aah 55h 555h 80h 555h aah 2aah 55h 555h 10h sector erase 6 555h aah 2aah 55h 555h 80h 555h aah 2aah 55h sa 30h table 4. mx26lv004t/b command definitions note: 1. adi = address of device identifier; a1=0, a0 = 0 for manufacturer code,a1=0, a0 = 1 for device code. a2-a18=do not care. (refer to table 3) ddi = data of device identifier : c2h for manufacture code, b5/b6 (top/bottom boot) for device code. x = x can be vil or vih ra=address of memory location to be read. rd=data to be read at location ra. 2. pa = address of memory location to be programmed. pd = data to be programmed at location pa. sa = address of the sector. 3. address a18-a11 are don't cares for unlock and command cycles. read mode. table 4 defines the valid register command sequences. note that the erase suspend (b0h) and erase resume (30h) commands are valid only while the sector erase operation is in progress. command definitions device operations are selected by writing specific ad- dress and data sequences into the command register. writing incorrect address and data values or writing them in the improper sequence will reset the device to the
8 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 table 5. mx26lv004t/b bus operation notes: 1. manufacturer and device codes may also be accessed via a command register write sequence. refer to table 4. 2. vid is the silicon-id-read high voltage, 11v to 12v. 3. refer to table 4 for valid data-in during a write operation. 4. x can be vil or vih. address description ce# oe# we# reset# a18 a12 a9 a8 a6 a5 a1 a0 q0~q7 a13 a10 a7 a2 read l l h h ain dout write l h l h ain din(3) reset x x x l x high z output disable l h h h x high z standby vcc 0.3v x x vcc 0.3v x high z
9 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 requirements for reading array data to read array data from the outputs, the system must drive the ce# and oe# pins to vil. ce# is the power control and selects the device. oe# is the output control and gates array data to the output pins. we# should remain at vih. the internal state machine is set for reading array data upon device power-up, or after a hardware reset. this ensures that no spurious alteration of the memory content occurs during the power transition. no command is necessary in this mode to obtain array data. standard microprocessor read cycles that assert valid address on the device address inputs produce valid data on the device data outputs. the device remains enabled for read access until the command register contents are altered. write commands/command sequences to program data to the device or erase sectors of memory , the system must drive we# and ce# to vil, and oe# to vih. the "byte program command sequence" section has details on programming data to the device. an erase operation can erase one sector, multiple sectors , or the entire device. table indicates the address space that each sector occupies. a "sector address" consists of the address bits required to uniquely select a sector. the "writing specific address and data commands or sequences into the command register initiates device operations. table 1 defines the valid register command sequences. writing incorrect address and data values or writing them in the improper sequence resets the device to reading array data. section has details on erasing a sector or the entire chip, or suspending/resuming the erase operation. after the system writes the autoselect command sequence, the device enters the autoselect mode. the system can then read autoselect codes from the internal register (which is separate from the memory array) on q7-q0. standard read cycle timings apply in this mode. refer to the autoselect mode and autoselect command sequence section for more information. icc2 in the dc characteristics table represents the active current specification for the write mode. the "ac characteristics" section contains timing specification table and timing diagrams for write operations. standby mode when using both pins of ce# and reset#, the device enter cmos standby with both pins held at vcc 0.3v. if ce# and reset# are held at vih, but not within the range of vcc 0.3v, the device will still be in the standby mode, but the standby current will be larger. during auto algorithm operation, vcc active current (icc2) is required even ce# = "h" until the operation is completed. the device can be read with standard access time (tce) from either of these standby modes, before it is ready to read data. output disable with the oe# input at a logic high level (vih), output from the devices are disabled. this will cause the output pins to be in a high impedance state. reset# operation the reset# pin provides a hardware method of resetting the device to reading array data. when the reset# pin is driven low for at least a period of trp, the device immediately terminates any operation in progress, tristates all output pins, and ignores all read/write commands for the duration of the reset# pulse. the device also resets the internal state machine to reading array data. the operation that was interrupted should be reinitiated once the device is ready to accept another command sequence, to ensure data integrity current is reduced for the duration of the reset# pulse. when reset# is held at vss 0.3v, the device draws cmos standby current (icc4). if reset# is held at vil but not within vss 0.3v, the standby current will be greater. the reset# pin may be tied to system reset circuitry. a system reset would that also reset the flash memory, enabling the system to read the boot-up firm-ware from the flash memory. if reset# is asserted during a program or erase
10 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 read/reset command the read or reset operation is initiated by writing the read/reset command sequence into the command reg- ister. microprocessor read cycles retrieve array data. the device remains enabled for reads until the command register contents are altered. if program-fail or erase-fail happen, the write of f0h will reset the device to abort the operation. a valid com- mand must then be written to place the device in the desired state. silicon-id read command flash memories are intended for use in applications where the local cpu alters memory contents. as such, manu- facturer and device codes must be accessible while the device resides in the target system. prom program- mers typically access signature codes by raising a9 to a high voltage (vid). however, multiplexing high volt- age onto address lines is not generally desired system design practice. the mx26lv004t/b contains a silicon-id-read opera- tion to supple traditional prom programming methodol- ogy. the operation is initiated by writing the read silicon id command sequence into the command register. set-up automatic chip/sector erase commands chip erase is a six-bus cycle operation. there are two "unlock" write cycles. these are followed by writing the "set-up" command 80h. two more "unlock" write cycles are then followed by the chip erase command 10h or sector erase command 30h. the automatic chip erase does not require the device to be entirely pre-programmed prior to executing the au- tomatic chip erase. upon executing the automatic chip erase, the device will automatically program and verify the entire memory for an all-zero data pattern. when the device is automatically verified to contain an all-zero pattern, a self-timed chip erase and verify begin. the erase and verify operations are completed when the data on q7 is "1" at which time the device returns to the read mode. the system is not required to provide any control or timing during these operations. when using the automatic chip erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array (no erase verification command is required). if the erase operation was unsuccessful, the data on q5 is "1"(see table 7), indicating the erase operation exceed internal timing limit. the automatic erase begins on the rising edge of the last we# or ce# pulse, whichever happens first in the command sequence and terminates when the data on q7 is "1" and the data on q6 stops toggling for two con- secutive read cycles, at which time the device returns to the read mode. operation, the ry/by# pin remains a "0" (busy) until the internal reset operation is complete, which requires a time of tready (during embedded algorithms). the system can thus monitor ry/by# to determine whether the reset operation is complete. if reset# is asserted when a program or erase operation is completed within a time of tready (not during embedded algorithms). the system can read data trh after the reset# pin returns to vih. refer to the ac characteristics tables for reset# parameters and to figure 14 for the timing diagram.
11 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 reading array data the device is automatically set to reading array data after device power-up. no commands are required to re- trieve data. the device is also ready to read array data after completing an automatic program or automatic erase algorithm. after the device accepts an erase suspend command, the device enters the erase suspend mode. the sys- tem can read array data using the standard read tim- ings, except that if it reads at an address within erase- suspended sectors, the device outputs status data. af- ter completing a programming operation in the erase suspend mode, the system may once again read array data with the same exception. see erase suspend/erase resume co mmands ? for more infor-mation on this mode. the system must issue the reset command to re-en- able the device for reading array data if q5 goes high, or while in the autoselect mode. see the "reset command" section, next. reset command writing the reset command to the device resets the de- vice to reading array data. address bits are don't care for this command. the reset command may be written between the se- quence cycles in an erase command sequence before erasing begins. this resets the device to reading array data. once erasure begins, however, the device ignores reset commands until the operation is complete. the reset command may be written between the se- quence cycles in a program command sequence be-fore programming begins. this resets the device to reading array data (also applies to programming in erase sus- pend mode). once programming begins, however, the device ignores reset commands until the operation is complete. the reset command may be written between the se- quence cycles in an silicon id read command se- quence. once in the silicon id read mode, the reset command must be written to return to reading array data (also applies to silicon id read during erase sus- pend). if q5 goes high during a program or erase operation, writ- ing the reset command returns the device to read-ing array data (also applies during erase suspend). pins a0 a1 q7 q6 q5 q4 q3 q2 q1 q0 code(hex) manufacture code vil vil 1 1 0 00010c2h device code vih vil 1 0 1 10101b5h for mx26lv004t device code vih vil 1 0 1 10110b6h for mx26lv004b table 6. silicon id code
12 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 sector erase commands the automatic sector erase does not require the de- vice to be entirely pre-programmed prior to executing the automatic sector erase set-up command and au- tomatic sector erase command. upon executing the automatic sector erase command, the device will auto- matically program and verify the sector(s) memory for an all-zero data pattern. the system is not required to provide any control or timing during these operations. when the sector(s) is automatically verified to contain an all-zero pattern, a self-timed sector erase and verify begin. the erase and verify operations are complete when the data on q7 is "1" and the data on q6 stops toggling for two consecutive read cycles, at which time the device returns to the read mode. the system is not required to provide any control or timing during these operations. when using the automatic sector erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array (no erase verification command is required). sector erase is a six-bus cycle operation. there are two "un- lock" write cycles. these are followed by writing the set-up command 80h. two more "unlock" write cycles are then followed by the sector erase command 30h. the sector address is latched on the falling edge of we# or ce#, whichever happens later, while the command (data) is latched on the rising edge of we# or ce#, which- ever happens first. sector addresses selected are loaded into internal register on the sixth falling edge of we# or ce#, whichever happens later. each succes- sive sector load cycle started by the falling edge of we# or ce#, whichever happens later must begin within 50us from the rising edge of the preceding we# or ce#, which- ever happens first. otherwise, the loading period ends and internal auto sector erase cycle starts. (monitor q3 to determine if the sector erase timer window is still open, see section q3, sector erase timer.) any command other than sector erase(30h) or erase suspend(b0h) during the time-out period resets the device to read mode. byte program command sequence the device programs one byte of data for each program operation. the command sequence requires four bus cycles, and is initiated by writing two unlock write cycles, followed by the program set-up command. the program address and data are written next, which in turn initiate the embedded program algorithm. the system is not required to provide further controls or timings. the de- vice automatically generates the program pulses and verifies the programmed cell margin. table 1 shows the address and data requirements for the byte program command sequence. when the embedded program algorithm is complete, the device then returns to reading array data and ad- dresses are no longer latched. the system can deter- mine the status of the program operation by using q7, q6, or ry/by#. see "write operation status" for infor- mation on these status bits. any commands written to the device during the embed- ded program algorithm are ignored. note that a hard- ware reset immediately terminates the programming operation. the byte program command sequence should be reinitiated once the device has reset to reading array data, to ensure data integrity. programming is allowed in any sequence and across sector boundaries. a bit cannot be programmed from a "0" back to a "1". attempting to do so may halt the op- eration and set q5 to "1", or cause the data# polling algorithm to indicate the operation was successful. how- ever, a succeeding read will show that the data is still "0". only erase operations can convert a "0" to a "1". write operation status the device provides several bits to determine the sta- tus of a write operation: q2, q3, q5, q6, q7, and ry/ by#. table 7 and the following subsections describe the functions of these bits. q7, ry/by#, and dq6 each offer a method for determining whether a program or erase operation is complete or in progress. these three bits are discussed first. q7: data# polling the data# polling bit, q7, indicates to the host system whether an automatic algorithm is in progress or com- pleted, or whether the device is in erase suspend. data# polling is valid after the rising edge of the final we# pulse in the program or erase command sequence.
13 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 during the automatic program algorithm, the device out- puts on q7 the complement of the datum programmed to q7. this q7 status also applies to programming dur- ing erase suspend. when the automatic program algo- rithm is complete, the device outputs the datum pro- grammed to q7. the system must provide the program address to read valid status information on q7. during the automatic erase algorithm, data# polling pro- duces a "0" on q7. when the automatic erase algo- rithm is complete, or if the device enters the erase sus- pend mode, data# polling produces a "1" on q7. this is analogous to the complement/true datum out-put de- scribed for the automatic program algorithm: the erase function changes all the bits in a sector to "1" prior to this, the device outputs the "complement," or "0". the system must provide an address within any of the sec- tors selected for erasure to read valid status information on q7. when the system detects q7 has changed from the complement to true data, it can read valid data at q7-q0 on the following read cycles. this is because q7 may change asynchronously with q0-q6 while output en- able (oe#) is asserted low. ry/by#:ready/busy the ry/by# is a dedicated, open-drain output pin that indicates whether an automatic erase/program algorithm is in progress or complete. the ry/by# status is valid after the rising edge of the final we# or ce#, whichever happens first, in the command sequence. since ry/by# is an open-drain output, several ry/by# pins can be tied together in parallel with a pull-up resistor to vcc. if the output is low (busy), the device is actively erasing or programming. (this includes programming in the erase suspend mode.) if the output is high (ready), the de- vice is ready to read array data (including during the erase suspend mode), or is in the standby mode. table 7 shows the outputs for ry/by# during write op- eration. q6:toggle bit i toggle bit i on q6 indicates whether an automatic pro- gram or erase algorithm is in progress or complete. toggle bit i may be read at any address, and is valid after the rising edge of the final we# or ce#, whichever happens first, in the command sequence (prior to the program or erase operation), and during the sector time-out. during an automatic program or erase algorithm opera- tion, successive read cycles to any address cause q6 to toggle. the system may use either oe# or ce# to control the read cycles. when the operation is complete, q6 stops toggling. when the device is actively erasing (that is, the auto- matic erase algorithm is in progress), q6 toggling. how- ever, the system must also use q2 to determine which sectors are erasing. alternatively, the system can use q7. q6 stops toggling once the automatic program algorithm is complete. table 7 shows the outputs for toggle bit i on q6. q2:toggle bit ii the "toggle bit ii" on q2, when used with q6, indicates whether a particular sector is actively erasing (that is, the automatic erase algorithm is in process), or whether that sector is erase-suspended. toggle bit ii is valid after the rising edge of the final we# or ce#, whichever happens first, in the command sequence. q2 toggles when the system reads at addresses within those sectors that have been selected for erasure. (the system may use either oe# or ce# to control the read cycles.) but q2 cannot distinguish whether the sector is actively erasing or is erase-suspended. q6, by com- parison, indicates whether the device is actively eras- ing, or is in erase suspend, but cannot distinguish which sectors are selected for erasure. thus, both status bits are required for sectors and mode information. refer to table 7 to compare outputs for q2 and q6. reading toggle bits q6/ q2 whenever the system initially begins reading toggle bit status, it must read q7-q0 at least twice in a row to determine whether a toggle bit is toggling. typically, the system would note and store the value of the toggle bit after the first read. after the second read, the system
14 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 would compare the new value of the toggle bit with the first. if the toggle bit is not toggling, the device has com- pleted the program or erase operation. the system can read array data on q7-q0 on the following read cycle. however, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the sys- tem also should note whether the value of q5 is high (see the section on q5). if it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as q5 went high. if the toggle bit is no longer toggling, the device has successfully completed the program or erase op- eration. if it is still toggling, the device did not complete the operation successfully, and the system must write the reset command to return to reading array data. the remaining scenario is that system initially determines that the toggle bit is toggling and q5 has not gone high. the system may continue to monitor the toggle bit and q5 through successive read cycles, determining the sta- tus as described in the previous paragraph. alterna- tively, it may choose to perform other system tasks. in this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation. q5 exceeded timing limits q5 will indicate if the program or erase time has ex- ceeded the specified limits (internal pulse count). under these conditions q5 will produce a "1". this time-out condition indicates that the program or erase cycle was not successfully completed. data# polling and toggle bit are the only operating functions of the device under this condition. if this time-out condition occurs during sector erase op- eration, it specifies that a particular sector is bad and it may not be reused. however, other sectors are still func- tional and may be used for the program or erase opera- tion. the device must be reset to use other sectors. write the reset command sequence to the device, and then execute program or erase command sequence. this allows the system to continue to use the other active sectors in the device. if this time-out condition occurs during the chip erase operation, it specifies that the entire chip is bad or com- bination of sectors are bad. if this time-out condition occurs during the byte program- ming operation, it specifies that the entire sector con- taining that byte is bad and this sector maynot be re- used, (other sectors are still functional and can be re- used). the time-out condition will not appear if a user tries to program a non blank location without erasing. please note that this is not a device failure condition since the device was incorrectly used.
15 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 status q7 q6 q5 q3 q2 ry/by# (note1) (note2) in byte program in auto program algorithm q7# toggle 0 n/a no 0 progress toggle auto erase algorithm 0 toggle 0 1 toggle 0 exceeded byte program in auto program algorithm q7# toggle 1 n/a no 0 time toggle limits auto erase algorithm 0 toggle 1 1 toggle 0 table 7. write operation status note: 1. q7 and q2 require a valid address when reading status information. refer to the appropriate subsection for further details. 2. q5 switches to '1' when an auto program or auto erase operation has exceeded the maximum timing limits. see "q5 : exceeded timing limits" for more information.
16 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 pow er supply decoupling in order to reduce power switching effect, each device should have a 0.1uf ceramic capacitor connected be- tween its vcc and gnd. power-up sequence the mx26lv004t/b powers up in the read only mode. in addition, the memory contents may only be altered after successful completion of the predefined command sequences. q3 sector erase timer after the completion of the initial sector erase command sequence, the sector erase time-out will begin. q3 will remain low until the time-out is complete. data# polling and toggle bit are valid after the initial sector erase com- mand sequence. if data# polling or the toggle bit indicates the device has been written with a valid erase command, q3 may be used to determine if the sector erase timer window is still open. if q3 is high ("1") the internally controlled erase cycle has begun; attempts to write subsequent commands to the device will be ignored until the erase operation is completed as indicated by data# polling or toggle bit. if q3 is low ("0"), the device will accept additional sector erase commands. to insure the com- mand has been accepted, the system software should check the status of q3 prior to and following each sub- sequent sector erase command. if q3 were high on the second status check, the command may not have been accepted. data protection the mx26lv004t/b is designed to offer protection against accidental erasure or programming caused by spurious system level signals that may exist during power transi- tion. during power up the device automatically resets the state machine in the read mode. in addition, with its control register architecture, alteration of the memory contents only occurs after successful completion of spe- cific command sequences. the device also incorporates several features to prevent inadvertent write cycles re- sulting from vcc power-up and power-down transition or system noise. write pulse "glitch" protection noise pulses of less than 5ns(typical) on ce# or we# will not initiate a write cycle. logical inhibit writing is inhibited by holding any one of oe# = vil, ce# = vih or we# = vih. to initiate a write cycle ce# and we# must be a logical zero while oe# is a logical one.
17 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 absolute maximum ratings storage temperature plastic packages . . . . . . . . . . . . . ..... -65 o c to +150 o c ambient temperature with power applied. . . . . . . . . . . . . .... -65 o c to +125 o c voltage with respect to ground vcc (note 1) . . . . . . . . . . . . . . . . . -0.5 v to +4.0 v a9, oe#, and reset# (note 2) . . . . . . . . . . . . . . . -0.5 v to +12 v all other pins (note 1) . . . . . . . -0.5 v to vcc +0.5 v output short circuit current (note 3) . . . . . . 200 ma notes: 1. minimum dc voltage on input or i/o pins is -0.5 v. during voltage transitions, input or i/o pins may over- shoot vss to -2.0 v for periods of up to 20 ns. maxi- mum dc voltage on input or i/o pins is vcc +0.5 v. during voltage transitions, input or i/o pins may over- shoot to vcc +2.0 v for periods up to 20 ns. 2. minimum dc input voltage on pins a9, oe#, and reset# is -0.5 v. during voltage transitions, a9, oe#, and reset# may overshoot vss to -2.0 v for periods of up to 20 ns. maximum dc input voltage on pin a9 is +12v which may overshoot to 13.5v for periods up to 20 ns. 3. no more than one output may be shorted to ground at a time. duration of the short circuit should not be greater than one second. stresses above those listed under "absolute maximum ratings" may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those in- dicated in the operational sections of this data sheet is not implied. exposure of the device to absolute maxi- mum rating conditions for extended periods may affect device reliability. operating ratings commercial (c) devices ambient temperature (t a ). . . . . . . . . . . . 0 c to +70 c v cc supply voltages v cc for full voltage range. . . . . . . . . . . +3.0 v to 3.6 v operating ranges define those limits between which the functionality of the device is guaranteed.
18 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 capacitance ta = 25 o c, f = 1.0 mhz symbol parameter min. typ max. unit conditions cin1 input capacitance 8 pf vin = 0v cin2 control pin capacitance 12 pf vin = 0v cout output capacitance 12 pf vout = 0v notes: 1. vil min. = -1.0v for pulse width is equal to or less than 50 ns. vil min. = -2.0v for pulse width is equal to or less than 20 ns. 2. vih max. = vcc + 1.5v for pulse width is equal to or less than 20 ns if vih is over the specified maximum value, read operation cannot be guaranteed. 3. automatic sleep mode enable the low power mode when addresses remain stable for tacc +30ns. table 8. dc characteristics ta = 0 o c to 70 o c, vcc = 3.0v ~ 3.6v symbol p arameter min. typ max. unit conditions ili input leakage current 1 ua vin = vss to vcc ilit a9 input leakage current 100 ua vcc=vcc max; a9=12v ilo output leakage current 1 ua vout = vss to vcc, vcc = vcc max icc1 vcc active read current 20 30 ma ce#=vil, @5mhz 8 14 ma oe#=vih @1mhz icc2 vcc active write current 26 30 ma ce#=vil, oe#=vih icc3 vcc standby current 30 100 ua ce#; reset#=vcc 0.3v icc4 vcc standby current 30 100 ua reset#=vss 0.3v during reset vil input low voltage (note 1) -0.5 0.8 v vih input high voltage 0.7xvcc vcc+ 0.3 v vid voltage for automative 11 12 v vcc=3.3v select vol output low voltage 0.45 v iol = 4.0ma, vcc = vcc min voh1 output high voltage(ttl) 0.85xvcc ioh = -2ma, vcc =vcc min voh2 output high voltage vcc-0.4 ioh = -100ua, vcc min (cmos)
19 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 26l v004t/b-55 26l v004t/b-70 symbol parameter min. max. min. max. unit conditions trc read cycle time (note 1) 55 70 ns tacc address to output delay 55 70 ns ce#=oe#=vil tce ce# to output delay 55 70 ns oe#=vil toe oe# to output delay 25 30 ns ce#=vil tdf oe# high to output float (note1) 0 25 0 30 ns ce#=vil toeh output enable read 0 0 ns hold time toggle and data# polling 10 10 ns toh address to output hold 0 0 ns ce#=oe#=vil note: 1. not 100% tested. 2. tdf is defined as the time at which the output achieves the open circuit condition and data is no longer driven. test conditions:  input pulse levels: 0v/3.0v.  input rise and fall times is equal to or less than 5ns.  output load: 1 ttl gate + 100pf (including scope and jig), for 26lv004t/b-70. 1 ttl gate + 30pf (including scope and jig) for 26lv004t/b-55.  reference levels for measuring timing: 1.5v. ac characteristics ta = 0 o c to 70 o c, vcc = 3.0v~3.6v table 9. read operations
20 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 switching test circuits switching test waveforms test points 3.0v 1.5v 1.5v 0v ac testing: inputs are driven at 3.0v for a logic "1" and 0v for a logic "0". input pulse rise and fall times are < 5ns. output input device under test diodes=in3064 or equivalent cl 6.2k ohm 2.7k ohm +3.3v cl=100pf including jig capacitance for mx26lv004t/b-70 (30pf for mx26lv004t/b-55)
21 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 1. read timing waveforms addresses ce# oe# tacc we# vih vil vih vil vih vil vih vil voh vol vih vil high z high z data valid toe toeh tdf tce tacc trc outputs reset# toh add valid
22 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 ac characteristics ta = 0 o c to 70 o c, vcc = 3.0v~3.6v table 10. erase/program operations 26lv004t/b-55 26lv004t/b-70 symbol parameter min. max. min. max. unit twc write cycle time (note 1) 55 70 ns tas address setup time 0 0 ns tah address hold time 45 45 ns tds data setup time 35 35 ns tdh data hold time 0 0 ns toes output enable setup time 0 0 ns tghwl read recovery time before write 0 0 ns (oe# high to we# low) tcs ce# setup time 0 0 ns tch ce# hold time 0 0 ns twp write pulse width 35 35 ns twph write pulse width high 30 30 ns twhwh1 programming operation (note 2) 55 (typ.) 55 (typ.) us twhwh2 sector erase operation (note 2) 2.4 (typ.) 2.4 (typ.) sec tvcs vcc setup time (note 1) 50 50 us trb recovery time from ry/by# 0 0 ns tbusy program/erase valid to ry/by# delay 90 90 ns tbal sector address load time 50 50 us notes: 1. not 100% tested. 2. see the "erase and programming performance" section for more information.
23 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 26l v004t/b-55 26l v004t/b-70 symbol parameter min. max. min. max. unit twc write cycle time (note 1) 55 70 ns tas address setup time 0 0 ns tah address hold time 45 45 ns tds data setup time 35 45 ns tdh data hold time 0 0 ns toes output enable setup time 0 0 ns tghel read recovery time before write 0 0 ns tws we# setup time 0 0 ns twh we# hold time 0 0 ns tcp ce# pulse width 35 35 ns tcph ce# pulse width high 30 30 ns twhwh1 programming operation(note2) 55(typ.) 55(typ.) us twhwh2 sector erase operation (note2) 2.4(typ.) 2.4(typ.) sec note: 1. not 100% tested. 2. see the "erase and programming performance" section for more information. ac characteristics ta = 0 o c to 70 o c, vcc = 3.0v~3.6v table 11. alternate ce# controlled erase/program operations
24 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 2. command write timing waveform addresses ce# oe# we# din tds tah data tdh tcs tch tcwc twph twp toes tas vcc 3v vih vil vih vil vih vil vih vil vih vil add valid
25 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 automatic programming timing waveform figure 3. automatic programming timing waveform one byte data is programmed. verify in fast algorithm and additional verification by external control are not re- quired because these operations are executed automati- cally by internal control circuit. programming comple- tion can be verified by data# polling and toggle bit check- ing after automatic programming starts. device outputs data# during programming and data# after programming on q7.(q6 is for toggle bit; see toggle bit, data# polling, timing waveform) twc address oe# ce# a0h 555h pa pd status dout pa pa notes: 1.pa=program address, pd=program data, dout is the true data the program address tas tah tghwl tch twp tds tdh twhwh1 read status data (last two cycle) program command sequence(last two cycle) tbusy trb tcs twph tvcs we# data ry/by# vcc
26 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 4. automatic programming algorithm flowchart start write data aah address 555h write data 55h address 2aah write program data/address write data a0h address 555h yes verify byte ok ? yes auto program completed data# poll from system increment address last address ? no no
27 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 5. ce# controlled program timing waveform twc twh tghel twhwh1 or 2 tcp address we# oe# ce# data q7 pa data# polling dout reset# ry/by# notes: 1.pa=program address, pd=program data, dout=data out, q7=complement of data written to device. 2.figure indicates the last two bus cycles of the command sequence. tah tas pa for program sa for sector erase 555 for chip erase trh tdh tds tws a0 for program 55 for erase tcph tbusy pd for program 30 for sector erase 10 for chip erase 555 for program 2aa for erase
28 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 all data in chip are erased. external erase verification is not required because data is verified automatically by internal control circuit. erasure completion can be veri- fied by data# polling and toggle bit checking after auto- matic erase starts. device outputs 0 during erasure and 1 after erasure on q7.(q6 is for toggle bit; see toggle bit, data# polling, timing waveform) figure 6. automatic chip erase timing waveform automatic chip erase timing waveform twc address oe# ce# 55h 2aah 555h 10h in progress complete va va notes: sa=sector address(for sector erase), va=valid address for reading status data(see "write operation status"). tas tah tghwl tch twp tds tdh twhwh2 read status data erase command sequence(last two cycle) tbusy trb tcs twph tvcs we# data ry/by# vcc
29 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 7. automatic chip erase algorithm flowchart start write data aah address 555h write data 55h address 2aah write data aah address 555h write data 80h address 555h yes no data=ffh ? write data 10h address 555h write data 55h address 2aah data pall from system auto chip erase completed
30 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 8. automatic sector erase timing waveform sector indicated by a12 to a18 are erased. external erase verify is not required because data are verified automatically by internal control circuit. erasure comple- tion can be verified by data# polling and toggle bit check- ing after automatic erase starts. device outputs 0 dur- ing erasure and 1 after erasure on q7.(q6 is for toggle bit; see toggle bit, data# polling, timing waveform) automatic sector erase timing waveform twc address oe# ce# 55h 2aah sector address 1 sector address 0 30h in progress complete va va 30h notes: sa=sector address(for sector erase), va=valid address for reading status data(see "write operation status"). sector address n tas tah tbal tghwl tch twp tds tdh twhwh2 read status data erase command sequence(last two cycle) tbusy trb tcs twph tvcs we# data ry/by# vcc 30h
31 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 9. automatic sector erase algorithm flowchart start write data aah address 555h write data 55h address 2aah write data aah address 555h write data 80h address 555h write data 30h sector address write data 55h address 2aah data poll from system auto sector erase completed no last sector to erase yes yes no data=ffh
32 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 10. data# polling algorithm read q7~q0 add.=va(1) read q7~q0 add.=va start q7 = data ? q5 = 1 ? q7 = data ? fail pass no no (2) no ye s ye s ye s note : 1.va=valid address for programming 2.q7 should be re-checked even q5="1" because q7 may change simultaneously with q5. write operation status
33 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 11. toggle bit algorithm read q7-q0 read q7-q0 q5= 1? read q7~q0 twice program/erase operation not complete,write reset command program/erase operation complete toggle bit q6= toggle? toggle bit q6 = toggle ? no (note 1) (note 1,2) yes no no yes yes note:1.read toggle bit twice to determine whether or not it is toggling. 2. recheck toggle bit because it may stop toggling as q5 change to "1". start
34 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 12. data# polling timings (during automatic algorithms) ry/by# notes: 1. va=valid address. figure shows are first status cycle after command sequence, last status read cycle, and array data read cy cle. 2. ce# must be toggled when data# polling. tdf tce tacc trc tch toe toeh toh tbusy address ce# oe# we# q7 q0-q6 status data status data complement complement valid data tr u e va va va high z high z valid data tr u e
35 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 13. toggle bit timings (during automatic algorithms) notes: 1. va=valid address; not required for q6. figure shows first two status cycle after command sequence, last status read cycle, and array data read cycle. 2. ce# must be toggled when toggle bit toggling. tdf tce tacc trc tch toe toeh tbusy high z toh address ce# oe# we# q6/q2 ry/by# valid status (first raed) valid status (second read) (stops toggling) valid data va va va va valid data
36 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 14. reset# timing waveform table 11. ac characteristics parameter std description test setup all speed options unit tready1 reset# pin low (during automatic algorithms) max 20 us to read or write (see note) tready2 reset# pin low (not during automatic max 500 ns algorithms) to read or write (see note) trp reset# pulse width (during automatic algorithms) min 500 ns trh reset# high time before read(see note) min 50 ns trb ry/by# recovery time(to ce#, oe# go low) min 0 ns note:not 100% tested trh trb tready1 trp trp tready2 ry/by# ce#, oe# reset# ry/by# ce#, oe# reset# reset timing not during automatic algorithms reset timing during automatic algorithms
37 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 figure 15. id code read timing waveform tacc tce tacc toe toh toh tdf data out c2h b5h/b6h vid vih vil add a9 add a2-a8 a10-a18 ce# oe# we# add a0 data out data q0-q7 vcc a1 3v vih vil vih vil vih vil vih vil vih vil vih vil vih vil
38 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 limits parameter min. typ.(2) max.(3) units sector erase time 2.4 15 sec chip erase time 20 80 sec byte programming time 55 220 us chip programming time 18 36 sec erase/program cycles 2k (6) cycles erase and programming performance(1) latch-up characteristics note: 1. not 100% tested. 2. typical program and erase times assume the following conditions : 25 c, 3.3v vcc. programming spec. assume that all bits are programmed to checkerboard pattern. 3. maximum values are measured at vcc=3.0v, worst case temperature. maximum values are up to including 2k program/erase cycles. 4. system-level overhead is the time required to execute the command sequences for the all program command. 5. excludes 00h programming prior to erasure. (in the pre-programming step of the embedded erase algorithm, all bits are programmed to 00h before erasure) 6. min. erase/program cycles is under : 3.3v vcc, 25 c, checkerboard pattern conditions, and without baking process. min. max. input voltage with respect to gnd on acc, oe#, reset#, a9 -1.0v 12v input voltage with respect to gnd on all power pins, address pins, ce# and we# -1.0v vcc + 1.0v input voltage with respect to gnd on all i/o pins -1.0v vcc + 1.0v current -100ma +100ma includes all pins except vcc. test conditions: vcc = 3.0v, one pin at a time.
39 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 ordering information plastic package part no. access operating standby package remark time (ns) current max. (ma) current max. (ua) mx26lv004ttc-55 55 30 100 40 pin tsop mx26lv004ttc-70 70 30 100 40 pin tsop mx26lv004btc-55 55 30 100 40 pin tsop mx26lv004btc-70 70 30 100 40 pin tsop mx26lv004tqc-55 55 30 100 32 pin plcc mx26lv004tqc-70 70 30 100 32 pin plcc MX26LV004BQC-55 55 30 100 32 pin plcc mx26lv004bqc-70 70 30 100 32 pin plcc mx26lv004ttc-55g 55 30 100 40 pin tsop pb-free mx26lv004ttc-70g 70 30 100 40 pin tsop pb-free mx26lv004btc-55g 55 30 100 40 pin tsop pb-free mx26lv004btc-70g 70 30 100 40 pin tsop pb-free mx26lv004tqc-55g 55 30 100 32 pin plcc pb-free mx26lv004tqc-70g 70 30 100 32 pin plcc pb-free MX26LV004BQC-55g 55 30 100 32 pin plcc pb-free mx26lv004bqc-70g 70 30 100 32 pin plcc pb-free
40 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 package information
41 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004
42 p/n:pm1099 mx26lv004t/b rev. 1.0, nov. 08, 2004 revision history revision no. description page date 1.0 1. removed "preliminary" p1 nov/08/2004
mx26lv004t/b m acronix i nternational c o., l td . headquarters: tel:+886-3-578-6688 fax:+886-3-563-2888 europe office : tel:+32-2-456-8020 fax:+32-2-456-8021 hong kong office : tel:+86-755-834-335-79 fax:+86-755-834-380-78 japan office : kawasaki office : tel:+81-44-246-9100 fax:+81-44-246-9105 osaka office : tel:+81-6-4807-5460 fax:+81-6-4807-5461 singapore office : tel:+65-6346-5505 fax:+65-6348-8096 taipei office : tel:+886-2-2509-3300 fax:+886-2-2509-2200 m acronix a merica, i nc. tel:+1-408-262-8887 fax:+1-408-262-8810 http : //www.macronix.com macronix international co., ltd. reserves the right to change product and specifications without notice.


▲Up To Search▲   

 
Price & Availability of MX26LV004BQC-55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X