Part Number Hot Search : 
AHS160 12S12 D101E XXXSP ES1879S RS2506 3362M501 10ERB20
Product Description
Full Text Search
 

To Download MIP2F10MS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? lineup featuring built-in protectio n circuits necessary fo r compact power source charger circuitry, while also conserving power during standby! high-performance ipd for ba ttery chargers mip2f series ? overview mip2f series is a high-performance ipd designed for 20w battery chargers. it features built-in protection circuits necessary for compact power source charger circuitry. this allows a significant reduction in externally connected parts. it provides pwm control when a normal load is applied and intermittent control with low load. this results in greater efficiency for very low to maximum loads, while also conserving power during standby. dip7-a1 unit : mm ? feature ? lowering the liability of input voltage ? significantly reduced power consumption with no load 20mw at 100vac (existing lines:25mw) 20mw at 240vac (existing lines:30mw) ? built-in charge protection circuit built-in overcurrent, overheating, load shorting and overvoltage protection circuits ? applications chargers (for cellular phones, etc.), ac adapter new publication, effective from 10 oct. 2008 m00729de 10 0.50 a up to 10 w mip2f30ms 100 khz 31 0.25 a 700 v up to 4 w MIP2F10MS fosc ron ilimit vdss 1.00 a 0.70 a 0.35 a characteristic 3 up to 20 w mip2f50ms 7 up to 15 w mip2f40ms 20 up to 7 w mip2f20ms output* type no. * : the electric power mentioned above depends on the transfor mer specification and ambient c onditions. the information should be used only as a guide. source 8 source 7 ? 6 drain 5 v cc 4 cl 3 fb 2 v dd 1 pin name pin no. www.datasheet.net/ datasheet pdf - http://www..co.kr/
? precautions on the sales of ipds 1) the sale and/or the export of ipd products to any customer or customers located in any country other than japan is expressly prohibited by the agreement made and executed by and between power integrations, inc. and panasonic corporation. 2) ipd products purchased from panasonic corporation, or its authorized agents, hereinafte r referred to as panasonic, shall be used only for production purposes by those parties w ho have duly purchased ipd products. those who have purchased ipd products shall not use such ipd products in unmodified form for re-sale, loan, or sample shipment for evaluation purposes t o any other parties. 3) if a party who has duly purchased ipd products subcontracts its production to any other parties, including its subsidiaries or any other third parties inside and/or aout of japan, and the ipd pr oducts are consigned to such subcontracting parties thereat, such party is obligated to monitor and cont rol the quantity of ipd products to prevent any of the aforementione d re-sale, loan or sample sh ipments from taking place. 4) in the event that any actual or threatened breach or violation of nay of the above mentioned 1, 2, or 3, has occurred or is about to occur, panasonic will hold all shipments of ipd products and may reques t the party alleged to be responsible for such occurrence for necessary. for power supply ? european and american companies ? local asian companies ? other local companies ?domestic japanese companies ? japanesee companies in asia (50% or more owned) mip2f ?? application disable to supply able to supply parts no. ? electrical characteristic vo io 240va c 100va c ? /240vac vo io 240va c 100va c ? /240vac ? 0 20 40 60 80 100 0123456 [w ] [ ] 100v 240v ?`? 0 1 2 3 4 5 6 7 00.51 [a] ?R [v] 100v 240v ilimit input voltage correction c103 4.7u 400v t301 c201 470u 10v 6.0v/0.8a return + d201 60v,3a r102 100k 0.25w c104 2200p 630v d102 700v 1a d101 600v 1a + l201 10u c203 22 u c105 1u 50v d103 200v 0.1a c301 1000p pc301 r106 22 r104 330k c106 0.1uf r205 470 d s vcc cl fb vdd vr101 470v f101 250vac 1a l102 470u line ntrl c107 0.0022u + + c102 4.7u 400v r203 33k f r201 100k f c211 0.1uf r202 100k f r211 4.7k pc301 r105 15k ic1 mip2f2 r204 2.2k ic201 ta76l431ft r103 100k 0.25w ? the example of a adapter circuit 240vac input existing lines 240vac input 100vac input output characteristics output current (a) output voltage (v) power output (w) electric power efficiency efficiency(%) www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of MIP2F10MS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X