Part Number Hot Search : 
EPF8124S R5F21357 ST8024T 7809A 7809A DFB2005 TPS0402 FAN7031
Product Description
Full Text Search
 

To Download MC100EL16D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
 semiconductor technical data 31 rev 2 ? motorola, inc. 1996 12/93   the m c10el/100el1 6 i s a d ifferentia l r eceiver . t h e d evic e i s functionally equivalent to the e1 16 device with higher performance capabilities. with output transition times significantly faster than the e1 16 the el16 is ideally suited for interfacing with high frequency sources. the el16 provides a v bb output for either single-ended use or as a dc bias for ac coupling to the device. the v bb pin should be used only as a bias for the el16 as its current sink/source capability is limited. whenever used, the v bb pin should be bypassed to ground via a 0.01 m f capacitor. under open input conditions (pulled to v ee ) internal input clamps will force the q output low . ? 250ps propagation delay ? high bandwidth output transitions ? 75k w internal input pulldown resistors ? >1000v esd protection 1 2 3 4 5 6 7 8 q v ee v cc logic diagram and pinout assignment d q d v bb nc
 
  pin function d data inputs q data outputs v bb ref. voltage output pin description 1 8 d suffix plastic soic package case 751-05
mc10el16 mc100el16 motorola eclinps and eclinps lite dl140 e rev 3 32 dc characteristics (v ee = v ee (min) to v ee (max); v cc = gnd) 40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit i ee power supply 10el current 100el 18 18 22 22 18 18 22 22 18 18 22 22 18 21 22 26 ma v bb output reference 10el voltage 100el 1.43 1.38 1.30 1.26 1.38 1.38 1.27 1.26 1.35 1.38 1.25 1.26 1.31 1.38 1.19 1.26 v v ee power supply 10el voltage 100el 4.75 4.20 5.2 4.5 5.5 5.5 4.75 4.20 5.2 4.5 5.5 5.5 4.75 4.20 5.2 4.5 5.5 5.5 4.75 4.20 5.2 4.5 5.5 5.5 v i ih input high current 150 150 150 150 m a ac characteristics (v ee = v ee (min) to v ee (max); v cc = gnd) 40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit t plh t phl propagation delay to output (diff) (se) 125 75 250 250 375 425 175 125 250 250 325 375 175 125 250 250 325 375 205 155 280 280 355 405 ps t skew duty cycle skew 1 (diff) 5 5 20 5 20 5 20 ps v pp minimum input swing 2 150 150 150 150 mv v cmr common mode range 3 0.4 see 3 0.4 see 3 0.4 see 3 0.4 see 3 v t r t f output rise/fall times q (20% 80%) 100 225 350 100 225 350 100 225 350 100 225 350 ps 1. duty cycle skew is the dif ference between a tplh and tphl propagation delay through a device. 2. minimum input swing for which ac parameters guaranteed. the device has a dc gain of 40. 3. the cmr range is referenced to the most positive side of the dif ferential input signal. normal operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies between v pp min and 1v . the lower end of the cmr range is dependent on v ee and is equal to v ee + 2.5v.
mc10el16 mc100el16 33 motorola eclinps and eclinps lite dl140 e rev 3 outline dimensions d suffix plastic soic package case 75105 issue p seating plane 1 4 5 8 c k 4x p a 0.25 (0.010) m t b s s 0.25 (0.010) m b m 8x d r m j x 45   f a b t dim min max millimeters a 4.80 5.00 b 3.80 4.00 c 1.35 1.75 d 0.35 0.49 f 0.40 1.25 g 1.27 bsc j 0.18 0.25 k 0.10 0.25 m 0 7 p 5.80 6.20 r 0.25 0.50   g notes: 1. dimensions a and b are datums and t is a datum surface. 2. dimensioning and tolerancing per ansi y14.5m, 1982. 3. dimensions are in millimeter. 4. dimension a and b do not include mold protrusion. 5. maximum mold protrusion 0.15 per side. 6. dimension d does not include mold protrusion. allowable dambar protrusion shall be 0.127 total in excess of the d dimension at maximum material condition. motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty , representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability , including without limitation consequential or incidental damages. at ypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including at ypicalso must be validated for each customer application by customer ' s technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur . should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly , any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. how to reach us: usa/europe/locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 20912; phoenix, arizona 85036. 18004412447 or 6023035454 3142 tatsumi kotoku, tokyo 135, japan. 038135218315 mfax : rmf ax0@email.sps.mot.com t ouchtone 6022446609 asia/pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok road, tai po, n.t., hong kong. 85226629298 mc10el16/d 
  ?


▲Up To Search▲   

 
Price & Availability of MC100EL16D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X