Part Number Hot Search : 
PS4011 C3788 SD101 DSS5320T S30S90CR 2SC3649 S30S90CR Z32RD751
Product Description
Full Text Search
 

To Download M8351318-H02CN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u.s. cage code 06324 micro-d mil-dtl-83513 www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2011 glenair, inc. printed in u.s.a. l l-15 high performance these connectors feature gold-plated twistpin contacts for best performance. pc tails are .020 inch diameter. specify nickel-plated shells or cadmium plated shells for best availability. solder-dipped terminals are coated with sn63/pb37 tin- lead solder for best solderability. how to order m83513/16 thru /21 right angle pcb connecgtors spec number slash number- shell size pc tail length shell finish hardware option m83513 plug (pin contacts) 16 Ca - 9 contacts 16 Cb - 15 contacts 16 Cc - 21 contacts 16 Cd - 25 contacts 16 Ce - 31 contacts 16 Cf - 37 contacts 17Cg - 51 contacts 18 Ch - 100 contacts receptacle (socket contacts) 19 Ca - 9 contacts 19 Cb - 15 contacts 19 Cc - 21 contacts 19 Cd - 25 contacts 19Ce - 31 contacts 19 Cf - 37 contacts 20Cg - 51 contacts 21 Ch - 100 contacts 01 C .109 inch (2.77 mm) 02 C .140 inch (3.56 mm) 03 C .172 inch (4.37 mm) pc tail length .015 (0.38) c C cadmium n C electroless nickel p C passivated sst n C no jackpost p C jackposts installed t C threaded insert in board mount hole (no jackposts) w C threaded insert in board mount hole and jackposts installed (see "hardware options" below for illustrations) shell sizes a (9) through g (51) are #2-56 unc-2 threads. shell size h (100) is #4-40 unc-2 threads. sample part number m83513/ 19-f 02 n p h ardware options n p t w no jackpost jackpost threaded insert jackpost, threaded insert mil-dtl-83513/16 thru /21 micro-d connectors right angle pcb connectors (br) thru hole thru hole threaded inse rt threaded inse rt
u.s. cage code 06324 micro-d mil-dtl-83513 www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2011 glenair, inc. printed in u.s.a. l l-16 dimensions layout a max. b c max. d max. e max. f g max. h j k in. mm. in. .005 mm. 0.10 in. mm. in. mm. in. mm. in. .007 mm. 0.18 in. mm. in. .003 mm. 0.08 in. .015 mm. 0.38 in. .010 mm. 0.25 9p 1.390 35.31 .565 14.35 .333 8.46 .185 4.70 .325 8.26 1.150 29.21 .465 11.81 .183 4.65 .125 3.18 .150 3.81 9s 1.390 35.31 .565 14.35 .400 10.16 .253 6.26 .325 8.26 1.150 29.21 .465 11.81 .195 4.95 .125 3.18 .150 3.81 15p 1.540 39.12 .715 18.16 .483 12.27 .185 4.70 .325 8.26 1.300 33.02 .465 11.81 .183 4.65 .125 3.18 .150 3.81 15s 1.540 39.12 .715 18.16 .551 14.00 .253 6.26 .325 8.26 1.300 33.02 .465 11.81 .195 4.95 .125 3.18 .150 3.81 21p 1.690 42.93 .865 21.97 .633 16.08 .185 4.70 .325 8.26 1.450 36.83 .465 11.81 .183 4.65 .125 3.18 .150 3.81 21s 1.690 42.93 .865 21.97 .701 17.81 .253 6.26 .325 8.26 1.450 36.83 .465 11.81 .195 4.95 .125 3.18 .150 3.81 25p 1.790 45.47 .965 24.51 .733 18.62 .185 4.70 .325 8.26 1.550 39.37 .465 11.81 .183 4.65 .125 3.18 .150 3.81 25s 1.790 45.47 .965 24.51 .801 20.35 .253 6.26 .325 8.26 1.550 39.37 .465 11.81 .195 4.95 .125 3.18 .150 3.81 31p 2.040 51.82 1.115 28.32 .883 22.43 .185 4.70 .325 8.26 1.800 45.72 .465 11.81 .183 4.65 .125 3.18 .150 3.81 31s 2.040 51.82 1.115 28.32 .951 24.16 .253 6.26 .325 8.26 1.800 45.72 .465 11.81 .195 4.95 .125 3.18 .150 3.81 37p 2.340 59.44 1.265 32.13 1.033 26.24 .185 4.70 .325 8.26 2.100 53.34 .465 11.81 .183 4.65 .125 3.18 .150 3.81 37s 2.340 59.44 1.265 32.13 1.101 27.96 .253 6.26 .325 8.26 2.100 53.34 .465 11.81 .195 4.95 .125 3.18 .150 3.81 51p 1.875 47.63 1.215 30.86 .983 24.97 .228 5.79 .360 9.14 1.600 40.64 .565 14.35 .183 4.65 .125 3.18 .150 3.81 51s 1.875 47.63 1.215 30.86 1.051 26.70 .296 7.52 .360 9.14 1.600 40.64 .565 14.35 .195 4.95 .125 3.18 .150 3.81 100p 2.780 70.60 1.800 45.72 1.383 35.13 .271 6.88 .420 10.67 2.500 63.50 .765 19.43 .183 4.65 .225 5.72 .150 3.81 100s 2.780 70.60 1.800 45.72 1.451 36.86 .333 8.64 .420 10.67 2.500 63.50 .765 19.43 .195 4.95 .225 5.72 .150 3.81 e a f b c d .020 (0.5) .002 (0.1 ) 2 x pcb mtng holes 9-51 cont acts .096 .005 (2.43 0.13) 100 cont acts .125 .005 (23.18 0.13) f h j k g ta il lengt h thread sizes 9-51 contacts #2-56 unc 100 contacts #4-40 unc mil-dtl-83513/16 thru /21 micro-d connectors right angle pcb connectors (br)
u.s. cage code 06324 micro-d mil-dtl-83513 www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2011 glenair, inc. printed in u.s.a. l l-17 c l 1.150 (29.21) .375 (9.53) .100 (2.54) typ .100 (2.54) ty p .150 (3.81) .050 (1.27) typ 1 6 7 3 8 9 2 4 5 .100 (2.54) ty p c l 1.300 (33.02) .300 (7.62) .150 (3.81) .100 (2.54) typ .050 (1.27) typ 1 6 7 3 12 10 11 13 14 15 8 9 2 4 5 c l 1.450(36.8) .100 (2.54) typ .050 (1.27) typ .100 (2.54) ty p .150 (3.81) .225 (5.72) 12 13 15 16 14 18 19 20 21 17 1 6 7 3 10 11 8 9 2 4 5 1.550 (39.37) c l .100 (2.54) typ .050 (1.27) typ .100 (2.54) ty p .150 (3.81) 15 16 18 19 20 21 14 17 1 6 7 3 12 10 11 13 8 9 2 4 5 22 24 23 25 .150 (3.81) 1.800 (45.72) c l .100 (2.54) typ .050 (1.27) typ .100 (2.54) ty p 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 9 2 4 5 22 24 23 25 26 27 28 29 30 31 .150 (3.81) 2.100 (53.34) c l .100 (2.54) typ .050 (1.27) typ .100 (2.54) ty p .150 (3.81) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 9 2 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 36 37 c l .100 (2.54) typ .050 (1.27) typ .100 (2.54) ty p .150 (3.81) 2.500 (63.50) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 9 2 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 97 98 99 100 87 88 89 90 91 92 93 94 95 96 .050 (1.27) .175 (4.45) .050 (1.27) mil-dtl-83513/16 thru /21 micro-d connectors right angle pcb connectors (br) .150 (3.81) c l .100 (2.54) typ .050 (1.27) typ . 100 (2.54) ty p .050 ( 1.27 ) 1.600 (40.64) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 9 2 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 m83513/16 thru /18 p cb layouts C pin connectors patterns shown are for connector mounting side of pc board. 9 thru 51 contacts .096 (2.44) diameter mounting holes, 100 pin .125 (3.18) diameter 9 pin m83513/16-a 51 pin m83513/17-g 15 pin m83513/16-b 31 pin m83513/16-e 21 pin m83513/16-c 25 pin m83513/16-d 37 pin m83513/16-f 100 pin m83513/18-h
u.s. cage code 06324 micro-d mil-dtl-83513 www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2011 glenair, inc. printed in u.s.a. l l-18 m83513/19 thru /21 p cb layouts C socket connectors patterns shown are for connector mounting side of pc board. 9 thru 51 contacts .096 (2.44) diameter mounting holes, 100 pin .125 (3.18) diameter 9 socket m83513/19-a 51 socket m83513/20-g 15 socket m83513/19-b 31 socket m83513/19-e 21 socket m83513/19-c 25 socket m83513/19-d 37 socket m83513/19-f 100 socket m83513/21-h c l 1.150 (29.21) .375 (9.53) .100 (2.54) typ .100 (2.54) ty p .150 (3.81) .050 (1.27) typ 1 6 7 3 8 9 2 4 5 .100 (2.54) ty p c l 1.300 (33.02) .300 (7.62) .150 (3.81) .100 (2.54) typ .050 (1.27) typ 1 6 7 3 12 10 11 13 14 15 8 9 2 4 5 c l 1.450(36.8) .100 (2.54) typ .050 (1.27) typ .100 (2.54) ty p .150 (3.81) .225 (5.72) 12 13 15 16 14 18 19 20 21 17 1 6 7 3 1 0 11 8 9 2 4 5 1.550 (39.37) c l .100 (2.54) typ .050 (1.27) typ .100 (2.54) ty p .150 (3.81) 15 16 18 19 20 21 14 17 1 6 7 3 12 10 11 13 8 9 2 4 5 22 24 23 25 .150 (3.81) 1.800 (45.72) c l .100 (2.54) typ .050 (1.27) typ .100 (2.54) ty p .150 (3.81) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 9 2 4 5 22 24 23 25 26 27 28 29 30 31 .150 (3.81) 2.100 (53.34) c l .100 (2.54) typ .050 (1.27) typ .100 (2.54) ty p .150 (3.81) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 9 2 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 36 37 c l .100 (2.54) typ .050 (1.27) typ .100 (2.54) ty p .150 (3.81) 2.500 (63.50) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 9 2 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 97 98 99 100 87 88 89 90 91 92 93 94 95 96 .150 (3.81) c l .100 (2.54) typ .050 (1.27) typ . 100 (2.54) ty p 1.600 (40.64) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 9 2 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 .050 (1.27) .050 (1.27) .175 (4.45) mil-dtl-83513/16 thru /21 micro-d connectors right angle pcb connectors (br)


▲Up To Search▲   

 
Price & Availability of M8351318-H02CN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X