Part Number Hot Search : 
DU2880U LT1397CS DP126 01118 LN524OKS MBR16100 08140 CXOMKHG
Product Description
Full Text Search
 

To Download KMM374F1680BK3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dram module kmm374f160(8)0bk3 revision history version 0.0 (sept, 1997) ? removed two ac parameters t cacp (access time from cas ) and t aap (access time from col. addr.) in ac characteristics .
dram module kmm374f160(8)0bk3 kmm374f160(8)0bk3 edo mode without buffer 16m x 72 dram dimm with ecc using 16mx4, 4k & 8k refresh, 3.3v the samsung kmm374f160(8)0bk3 is a 16mx72bits dynamic ram high density memory module. the samsung kmm374f160(8)0bk3 consists of eighteen cmos 16mx4bits drams in soj 400mil packages and one 1k/2k eeprom for spd in 8-pin sop package mounted on a 168-pin glass- epoxy substrate. a 0.1 or 0.22uf decoupling capacitor is mounted on the printed circuit board for each dram. the kmm374f160(8)0bk3 is a dual in-line memory module and is intended for mounting into 168 pin edge connector sockets. general description features ? part identification ? new jedec standard proposal without buffer ? serial presence detect with eeprom ? extended data out mode operation ? cas -before- ras refresh capability ? ras -only and hidden refresh capability ? lvttl compatible inputs and outputs ? single +3.3v 0.3v power supply ? pcb : height(1000mil), double sided component part number pk ref. cbr ror kmm374f1600bk3 soj 4k 4k/64ms KMM374F1680BK3 soj 8k 4k/64ms 8k/64ms pin configurations note : a12 is used for only KMM374F1680BK3 (8k ref.) pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 front v ss dq0 dq1 dq2 dq3 v cc dq4 dq5 dq6 dq7 dq8 v ss dq9 dq10 dq11 dq12 dq13 v cc dq14 dq15 cb0 cb1 v ss nc nc v cc w0 cas0 pin 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 front cas1 ras0 oe0 v ss a0 a2 a4 a6 a8 a10 a12 v cc v cc du v ss oe2 ras2 cas2 cas3 w2 v cc nc nc cb2 cb3 v ss dq16 dq17 pin 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 front dq18 dq19 v cc dq20 nc du nc v ss dq21 dq22 dq23 v ss dq24 dq25 dq26 dq27 v cc dq28 dq29 dq30 dq31 v ss nc nc nc sda scl v cc pin 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 back v ss dq32 dq33 dq34 dq35 v cc dq36 dq37 dq38 dq39 dq40 v ss dq41 dq42 dq43 dq44 dq45 v cc dq46 dq47 cb4 cb5 v ss nc nc v cc du cas4 pin 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 back cas5 * ras1 du v ss a1 a3 a5 a7 a9 a11 *a13 v cc du du v ss du * ras3 cas6 cas7 du v cc nc nc cb6 cb7 v ss dq48 dq49 pin 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 back dq50 dq51 v cc dq52 nc du nc v ss dq53 dq54 dq55 v ss dq56 dq57 dq58 dq59 v cc dq60 dq61 dq62 dq63 v ss nc nc sa0 sa1 sa2 v cc pin names * these pins are not used in this module. pin name function a0 - a11 address input(4k ref.) a0 - a12 address input(8k ref.) dq0 - dq63 data in/out w0 , w2 read/write enable oe0 , oe2 output enable ras0 , ras2 row address storbe cas0 - cas7 column address strobe v cc power(+3.3v) v ss ground nc no connection du don t use sda serial address /data i/o scl serial clock sa0 - sa2 address in eeprom cb0 - cb7 check bit performance range speed t rac t cac t rc t hpc -5 50ns 13ns 90ns 25ns -6 60ns 15ns 110ns 30ns
dram module kmm374f160(8)0bk3 functional block diagram v cc vss .1 or .22uf capacitor under each dram to all drams ras0 w0 oe0 a0-a11(a12) cas0 cas1 cas2 cas3 dq0 dq1 dq2 dq3 u0 dq0 dq1 dq2 dq3 ras2 w2 oe2 serial pd sda scl a1 a2 a0 sa1 sa2 sa0 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 u1 dq0 dq1 dq2 dq3 u2 dq8 dq9 dq10 dq11 dq0 dq1 dq2 dq3 dq12 dq13 dq14 dq15 u3 dq0 dq1 dq2 dq3 cb0 cb1 cb2 cb3 u4 dq0 dq1 dq2 dq3 u5 dq16 dq17 dq18 dq19 dq0 dq1 dq2 dq3 dq20 dq21 dq22 dq23 u6 dq0 dq1 dq2 dq3 u7 dq24 dq25 dq26 dq27 dq0 dq1 dq2 dq3 dq28 dq29 dq30 dq31 u8 dq0 dq1 dq2 dq3 u9 dq32 dq33 dq34 dq35 dq0 dq1 dq2 dq3 dq36 dq37 dq38 dq39 u10 dq0 dq1 dq2 dq3 u11 dq40 dq41 dq42 dq43 dq0 dq1 dq2 dq3 dq44 dq45 dq46 dq47 u12 dq0 dq1 dq2 dq3 cb4 cb5 cb6 cb7 u13 dq0 dq1 dq2 dq3 u14 dq48 dq49 dq50 dq51 dq0 dq1 dq2 dq3 dq52 dq53 dq54 dq55 u15 dq0 dq1 dq2 dq3 u16 dq56 dq57 dq58 dq59 dq0 dq1 dq2 dq3 dq60 dq61 dq62 dq63 u17 cas4 cas5 cas6 cas7 note : a12 is used for only KMM374F1680BK3 (8k ref.)
dram module kmm374f160(8)0bk3 i cc1 , i cc3 , i cc4 and i cc6 are dependent on output loading and cycle rates. specified values are obtained with the output open. i cc is specified as an average current. in i cc1 and i cc3 , address can be changed maximum once while ras =v il . in i cc4 , address can be changed maximum once within one edo mode cycle time, t hpc . * note : absolute maximum ratings * * permanent device damage may occur if absolute maximum ratings are exceeded. functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for in tended periods may affect device reliability. item symbol rating unit voltage on any pin relative v ss voltage on v cc supply relative to v ss storage temperature power dissipation short circuit output current v in , v out v cc t stg p d i os -0.5 to +4.6 -0.5 to +4.6 -55 to +150 18 50 v v c w ma recommended operating conditions (voltage referenced to v ss , t a = 0 to 70 c) *1 : v cc +1.3v at pulse width 15ns which is measured at v cc . *2 : -1.3v at pulse width 15ns which is measured at v ss . item symbol min typ max unit supply voltage ground input high voltage input low voltage v cc v ss v ih v il 3.0 0 2.0 -0.3 *2 3.3 0 - - 3.6 0 v cc +0.3 *1 0.8 v v v v dc and operating characteristics (recommended operating conditions unless otherwise noted) i cc1 i cc2 i cc3 i cc4 i cc5 i cc6 i( il) i( ol) v oh v ol symbol speed KMM374F1680BK3 kmm374f1600bk3 unit min max min max i cc1 -5 -6 - - 1620 1440 - - 2160 1980 ma ma i cc2 don t care - 36 - 36 ma i cc3 -5 -6 - - 1620 1440 - - 2160 1980 ma ma i cc4 -5 -6 - - 1800 1620 - - 1980 1800 ma ma i cc5 don t care - 9 - 9 ma i cc6 -5 -6 - - 2160 1980 - - 2160 1980 ma ma i i(l) i o(l) don t care -10 -5 10 5 -10 -5 10 5 ua ua v oh v ol don t care 2.4 - - 0.4 2.4 - - 0.4 v v : operating current * ( ras , cas , address cycling @ t rc =min) : standby current ( ras = cas = w =v ih ) : ras only refresh current * ( cas =v ih , ras cycling @ t rc =min) : extended data out mode current * ( ras =v il , cas cycling : t hpc =min) : standby current ( ras = cas = w =v cc -0.2v) : cas -before- ras refresh current * ( ras and cas cycling @ t rc =min) : input leakage current (any input 0 v in v cc +0.3v, all other pins not under test=0 v) : output leakage current(data out is disabled, 0v v out v cc ) : output high voltage level (i oh = -2ma) : output low voltage level (i ol = 2ma)
dram module kmm374f160(8)0bk3 capacitance (t a = 25 c, v cc =3.3v, f = 1mhz) item symbol min max unit input capacitance[a0-a12] input capacitance[ w0 , w2 , oe0 , oe2 ] input capacitance[ ras0 , ras2 ] input capacitance[ cas0 - cas7 ] input/output capacitance[dq0-dq63, cb0-cb7] c in1 c in2 c in3 c in4 cdq - - - - - 100 73 73 31 17 pf pf pf pf pf ac characteristics (0 c t a 70 c, v cc =3.3v 0.3v. see notes 1,2.) test condition : v ih /v il =2.2/0.7v, v oh /v ol =2.0/0.8v, output loading c l =100pf parameter symbol -5 -6 unit note min max min max random read or write cycle time t rc 90 110 ns read-modify-write cycle time t rwc 128 153 ns access time from ras t rac 50 60 ns 3,4,9 access time from cas t cac 13 15 ns 3,4,5 access time from column address t aa 25 30 ns 3,9 cas to output in low-z t clz 3 3 ns 3 oe to output in low-z t olz 3 3 ns 3 output buffer turn-off delay from cas t cez 3 13 3 13 ns 6,10 transition time(rise and fall) t t 1 50 1 50 ns 2 ras precharge time t rp 30 40 ns ras pulse width t ras 50 10k 60 10k ns ras hold time t rsh 8 10 ns cas hold time t csh 38 40 ns cas pulse width t cas 8 10k 10 10k ns ras to cas delay time t rcd 17 37 20 45 ns 4 ras to column address delay time t rad 12 25 15 30 ns 9 cas to ras precharge time t crp 5 5 ns row address set-up time t asr 0 0 ns row address hold time t rah 7 10 ns column address set-up time t asc 0 0 ns column address hold time t cah 7 10 ns column address to ras lead time t ral 25 30 ns read command set-up time t rcs 0 0 ns read command hold referenced to cas t rch 0 0 ns 8 read command hold referenced to ras t rrh 0 0 ns 8 write command hold time t wch 7 10 ns write command pulse width t wp 7 10 ns write command to ras lead time t rwl 8 10 ns write command to cas lead time t cwl 7 10 ns data set-up time t ds 0 0 ns data hold time t dh 7 10 ns refresh period (4k & 8k ref.) t ref 64 64 ms write command set-up time t wcs 0 0 ns 7 cas to w dealy time t cwd 33 38 ns 7 ras to w dealy time t rwd 70 84 ns 7
dram module kmm374f160(8)0bk3 ac characteristics (0 c t a 70 c, v cc =3.3v 0.3v. see notes 1,2.) test condition : v ih /v il =2.2/0.7v, v oh /v ol =2.0/0.8v, output loading c l =100pf parameter symbol -5 -6 unit note min max min max column address to w delay time t awd 45 53 ns 7 cas precharge to w delay time t cpwd 47 58 ns cas setup time ( cas -before- ras refresh) t csr 5 5 ns cas hold time ( cas -before- ras refresh) t chr 10 10 ns ras to cas precharge time t rpc 5 5 ns access time from cas precharge t cpa 28 35 ns 3 hyper page mode cycle time t hpc 25 30 ns 11 hyper page mode read-modify write cycle time t hprwc 67 73 ns 11 cas precharge time (hyper page cycle) t cp 7 10 ns ras pulse width (hyper page cycle) t rasp 50 200k 60 200k ns ras hold time from cas precharge t rhcp 30 35 ns oe access time t oea 13 15 ns oe to data delay t oed 10 13 ns output buffer turn off delay time from oe t oez 3 13 3 13 ns 6 oe command hold time t oeh 5 5 ns output data hold time t doh 5 5 ns output buffer turn off delay from ras t rez 3 13 3 13 ns 6,10 output buffer turn off delay from w t wez 3 13 3 13 ns 6 w to data delay t wed 15 15 ns oe to cas hold time t och 5 5 ns cas hold time to oe t cho 5 5 ns oe precharge time t oep 5 5 ns w pulse width (hyper page cycle) t wpe 5 5 ns
dram module kmm374f160(8)0bk3 notes an initial pause of 200us is required after power-up followed by any 8 ras -only or cas -before- ras refresh cycles before proper device operation is achieved. input voltage levels are v ih /v il . v ih (min) and v il (max) are ref- erence levels for measuring timing of input signals. transi- tion times are measured between v ih (min) and v il (max) and are assumed to be 5ns for all inputs. measured with a load equivalent to 1 ttl loads and 100pf. operation within the t rcd (max) limit insures that t rac (max) can be met. t rcd (max) is specified as a reference point only. if t rcd is greater than the specified t rcd (max) limit, then access time is controlled exclusively by t cac . assumes that t rcd 3 t rcd (max). this parameter defines the time at which the output achieves the open circuit condition and is not referenced to v oh or v ol . t wcs , t rwd , t cwd and t awd are non-restrictive operating parameter. they are inclueded in the data sheet as electrical characteristics only. if t wcs 3 t wcs (min), the cycle is an early write cycle and the data out pin will remain high impedance for the duration of the cycle. if t cwd 3 t cwd (min), t rwd 3 t rwd (min) and t awd 3 t awd (min), then the cycle is a read-write cycle and the data output will contain the data read from the selected address. if neither of the above conti- tions are satisfied, the condition of the data out is indeterni- mated. either t rch or t rrh must be satisfied for a read cycle. operation within the t rad (max) limit insures that t rac (max) can be met. t rad (max) is specified as a reference point only. if t rad is greater than the specified t rad (max) limit, then access time is controlled exclusively by t aa . if ras goes to high before cas high going, the open circuit condtion of the output is achieved by cas high going. if cas goes to high before ras high going, the open circuit cond- tion of the output is achieved by ras high going. t asc 3 6ns. 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11.
dram module kmm374f160(8)0bk3 ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v oh - v ol - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t asr t rah t asc t cah t crp t aa t oea t clz t rac open t rch don t care undefined t rad t rrh data-out t rez t rcs read cycle t oez t cez t wez dq t olz t cac
dram module kmm374f160(8)0bk3 t wcs note : d out = open write cycle ( early write ) ras v ih - v il - v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v ih - v il - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp don t care undefined t wch t wp cas t rwl t cwl t ds t dh data-in dq
dram module kmm374f160(8)0bk3 note : d out = open write cycle ( oe controlled write ) ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v ih - v il - dq column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp t wp don t care undefined cas v ih - v il - t rwl t cwl t dh t oeh t oed data-in t ds
dram module kmm374f160(8)0bk3 read - modify - write cycle ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - dq row addr t ras t rwc t rp t rsh t rcd t cas t csh t rad t asr t rah t asc t cah t crp valid t wp don t care t rwl t cwl t oez t oea t oed t awd t cwd t rwd data-out undefined valid data-in t rac t aa t cac t clz t ds t dh column address t olz
dram module kmm374f160(8)0bk3 t doh hyper page read cycle ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t rcd t asr t crp don t care undefined v oh - v ol - dq t oep column address t cas t cas t cas t cas t cp t cp t cp t hpc t hpc t hpc t rhcp t csh t rad t rah t asc t cah t cah t cah t asc t cah t rcs t aa t rch t asc column address column addr valid data-out t oez t oea t oep t aa t cac t oea t aa t cpa t cac t cpa valid data-out valid data-out t oez t clz t rac t oea t olz t cac t rrh t cho t rez t oez t cac t och t cpa t cac valid data-out ? t asc t aa
dram module kmm374f160(8)0bk3 ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr. t rasp t rp t rcd t asr t crp don t care hyper page write cycle ( early write ) undefined v ih - v il - dq t rhcp t rad t rah t cah t cah t asc t cah t asc valid data-in t ds ? column address column address t cas t cp t cas t cp t cas t rsh ? t csh t asc ? ? t wp t wcs t wch t wp t wcs t wch t wp t wcs t wch ? ? ? valid data-in valid data-in ? ? t dh t ds t dh t ds t dh t cwl t cwl t cwl t rwl note : d out = open t hpc t hpc
dram module kmm374f160(8)0bk3 don t care hyper page read-modify-write cycle undefined ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - row addr t csh t rasp t rp t asr t rah t rcd t cp t rad t cah t wp t dh col. addr col. addr t cas t cas t crp t asc t cah t ral t rcs t cwl t cwd t awd t rwd t wp t cwd t awd t cwl t rac t oea t clz t oez t cpwd t oed t asc t clz t oea t cac t aa t dh t oed t rwl t crp t ds t oez valid data-out valid data-in valid data-out valid data-in t ds dq t rsh t olz t olz t hprwc t cac t aa
dram module kmm374f160(8)0bk3 hyper page read and write mixed cycle ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp don t care undefined v i/oh - v i/ol - dq t wez t cp t cp t hpc t hpc t hpc t rad t rah t asc t cah t cah t cah t asc t cah t rch t rcs t rcs t rch t asc column address col. addr valid data-out t rez t aa t wcs valid data-out valid data-out valid data-in t rac col. addr t cas t asr t cas t cas t cas t asc t cp t rch t wch t wpe t clz t cpa t wed t aa t wez t ds t dh t cac t oea read( t cac ) read( t cpa ) write read( t aa )
dram module kmm374f160(8)0bk3 don t care ras - only refresh cycle* note : w , oe , d in = don t care undefined d out = open ras v ih - v il - cas v ih - v il - a v ih - v il - row addr t rc t rp t asr t crp t ras t rah t rpc t crp open cas - before - ras refresh cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rc t rp t ras t rpc t cp t rpc t csr t chr t cez v oh - v ol - dq t wrp t wrh w v ih - v il - t rp * in ras -only refresh cycle of 64mb a-dile & b-die, when cas signal transits from low to high, the valid data may be cut off.
dram module kmm374f160(8)0bk3 hidden refresh cycle ( read ) t oez data-out t rp ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t chr t rcd t rsh t rad t asr t rah t asc t crp don t care undefined v oh - v ol - dq t wrh t rrh column address t oea t ras t rc t cah t rcs t aa t rac t clz t cac t cez open t rp t wez t rez t olz t wrp
dram module kmm374f160(8)0bk3 t crp t wcs t rp ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t rad t asr t rah t asc don t care hidden refresh cycle ( write ) undefined cas v ih - v il - v ih - v il - dq t rsh t rcd t wrh column address t ras t rc t chr t cah t wrp t ds note : d out = open t wp t wch data-in t dh t rp
dram module kmm374f160(8)0bk3 cas -before- ras refresh counter test cycle ras v ih - v il - cas v ih - v il - a v ih - v il - column address t ras t rsh t chr t ral t csr t cpt t rp t cas t asc t cah read cycle v oh - v ol - data-out dq t rez t clz write cycle v ih - v il - data-in dq t dh t ds w v ih - v il - t wp t cwd t cwl t rwl read-modify-write t awd v ih - v il - oe t oea t aa t cac t ds t dh valid data-out v i/oh - v i/ol - dq don t care undefined v ih - v il - oe t oea t oez oe v ih - v il - t rcs t clz t oez t oed t wrp t wrh t rrh t rch t rcs t cac t aa v ih - v il - w t wrp t wrh t wcs t wch t cwl v ih - v il - w t wp t rwl t wrp t wrh valid data-in note : this timing diagram is applied to all devices besides 64m dram based modules. t cez t wez
dram module kmm374f160(8)0bk3 open cas - before - ras self refresh cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rps t rass t rpc t cp t rpc t csr t cez v oh - v ol - dq t rp don t care undefined t chs t wrp t wrh w v ih - v il - open test mode in cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rp t rc t rpc t cp t rpc t csr t cez v oh - v ol - dq t wts t wth w v ih - v il - t chr t rp t ras
dram module kmm374f160(8)0bk3 package dimensions units : inches (millimeters) 0.050 0.039 .002 0.010max (0.250 max) 0.350max (8.89max ) 0.050 0.0039 tolerances : .005(.13) unless otherwise specified the used device is 16mx4 dram with edo mode, soj dram part no. : KMM374F1680BK3 - km44v16004bk (1.270 0.10) (1.000 . 050) (1.270 ) 0 . 1 0 0 m i n ( 2 . 5 4 0 m i n ) detail c revision history rev 0.0 : sept. 1997 0.250 (6.350 ) detail a 0.1230 .0050 (3.125 .125) 0.250 (6.350 ) detail b 0.1230 .0050 (3.125 .125) 0.079 .0040 (2.000 .100) 0.079 .0040 (2.000 .100) kmm374f1600bk3 - km44v16104bk 5.250 5.014 r 0.079 (r 2.000) 0.250 (6.350) 1.450 (36.830) 2.150 (54.61) 0.350 0 . 1 0 0 m i n ( 2 . 5 4 0 m i n ) 0 . 7 0 0 ( 1 7 . 7 8 0 ) .118dia .004 (3.000dia .100) (8.890) a b c 0.250 (6.350) .450 (11.430) 4.550 (115.57) 0.157 0.004 (4.000 0.100 ) 0.054 (1.372) (127.350) (133.350) 1 . 0 0 ( 2 5 . 4 0 ) 0.118 (3.000) 0 . 1 1 8 ( 3 . 0 0 0 ) ( front view ) ( back view )


▲Up To Search▲   

 
Price & Availability of KMM374F1680BK3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X