Part Number Hot Search : 
080CT MKT367 ALD1712B CQYP75 MAX1391 50002 GS3034 89C516
Product Description
Full Text Search
 

To Download KMD064-176GG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications: terminals: brass - copper alloy(c36000) astm-b-16 contacts: ber yllium copper (c17200) astm-b-194 plating: g - gold over nickelm - matte t in over nickel t - t in/lead over nickel gold per astm-b-488matte t in per astm545-97 t in/lead per mil-p-81728 nickel per qq-n-290 kmc 090 - 165 m terminal plating terminal type body type rohs compliant insulators: kma - single rowkmb - dual row kmc - triple row see options rohs compliant: g - goldm - matte tin t - tin/lead total number of pins(no. of pins per row x no. of rows) std. pins per row = 10, 20, 30, 40 & 50 5 energy w ay , w est w arwick, ri 02893 usa t el: 800.424.9850 | 401.823.5200 fax: 401.823.8723info@advanced.com | www .advanced.com cat alog 16a products shown covered by patents issued and/or pending. specifications subject to change without notice. board to boardconnectors inch/(mm) .079/(2.00mm) pitch board to board connectors peel-a-way ? insulators table of models description: peel-a-w ay ? (kms, kmd, kmt) material: polyimide filmindex: -269c to 400c (-452f to 752f) description: peel-a-w ay ? (kma, kmb, kmc) material: polyimide filmindex: -269c to 400c (-452f to 752f) female single row dual row kms kmd kma kmb male triple row kmt kmc how to order kmt 090 - 85 m g terminal plating terminal type body type rohs compliant insulators: kms - single rowkmd - dual row kmt - triple row total number of pins(no. of pins per row x no. of rows) std. pins per row = 10, 20, 30, 40 & 50 see options rohs compliant: g - goldm - matte tin t - tin/lead contact plating rohs compliant: g - goldt - tin/lead female male features: ? supplied in high temperature peel-a-w ay ? removable terminal carrier . ? male and female connectors aredesigned in mating pairs. ? .079/(2.00mm) row to row pitch. ? high reliability screw-machinedterminals with closed-end construction for 100% anti-wicking of solder . ? for sur face mount board to board options consult factor y. ? reliable mechanical support. ? custom configurations available. .866/(22.00) 1.654/(42.00)2.441/(62.00) 3.228/(82.00) 4.016/(102.00) 1020 30 40 50 020040 060 080 100 030060 090 120 150 # of pins per row 010020 030 040 050 single dual triple total # of pins per connector x in. (mm) y in. (mm) .709/(18.00) 1.496/(38.00)2.283/(58.00) 3.071/(78.00) 3.858/(98.00) dimensional information .079 typ. (2.00) .079 typ. (2.00) x y .100 typ. (2.54) x y .079 typ. (2.00) x y .079 typ. (2.00) .079 typ. (2.00) single row dual row triple row note: t erminals plated with matte t in are available only with gold plated cont act s. multiply number of rows by number of pins per row for tot al pin count in p art number .
kmd020-210mgkmd020-210mg kmd020-85mg kmd020-85mg kmd020-176mg kmd020-176mg kmd020-210mg kmd020-210mg kmd020-85mg kmd020-176mg kmd020-85mg kmd020-176mg kmd020-95mg kmd020-95mg kmd020-95mg kmd020-95mg 5 energy w ay , w est w arwick, ri 02893 usa t el: 800.424.9850 | 401.823.5200 fax: 401.823.8723info@advanced.com | www .advanced.com cat alog 16a products shown covered by patents issued and/or pending. specifications subject to change without notice. board to boardconnectors pcb pcb inch/(mm) .079/(2.00mm) pitch board to board connectors peel-a-way ? insulators .058 dia. (1.47) .034 dia. (.86) .015 (.38) .155 (3.94) standard female terminals type -85 type -176 type -210 type -95 .058 dia. (1.47) .038 dia. (.97) .155 (3.94) .031 (.79) .058 dia. (1.47) .155 (3.94) .031 (.79) .034 dia. (.86) .155 (3.94) .125 (3.18) .020 dia. (.51) .038 dia. (.97) .058 dia. (1.47) additional standard and custom terminals available.see t erminals section or consult factor y. peel-a-w ay ? only .125 (3.18) .125 (3.18) .085 (2.16) .018 dia. (.46) .018 dia. (.46) .058 dia. (1.47) standard male terminals type -165 type -339 type -340 type -525 .125 (3.18) .125 (3.18) .031 (.79) .018 dia. (.46) .018 dia. (.46) .058 dia. (1.47) .125 (3.18) .125 (3.18) .070 (1.78) .018 dia. (.46) .018 dia. (.46) .058 dia. (1.47) .040 dia. (1.02) .018 dia. (.46) .129 (3.28) .031 (.79) .031/(.79).031/(.79) .031/(.79) .031/(.79) .031/(.79) .031/(.79) .070/(1.78) .085/(2.16) .070/(1.78) .070/(1.78) .085/(2.16) .085/(2.16) .031/(.79) .031/(.79) .070/(1.78) .085/(2.16) .046/(1.17).046/(1.17) .062/(1.57) .062/(1.57) .062/(1.57) .062/(1.57) .085/(2.16) .100/(2.54) .101/(2.57) .101/(2.57) .1 16/(2.95) .1 16/(2.95) .186/(4.72).186/(4.72) .225/(5.72) .240/(6.10) kmb020-165gkmb020-525g kmb020-165g kmb020-525g kmb020-165g kmb020-525g kmb020-321g kmb020-322g kmb020-321g kmb020-321g kmb020-322g kmb020-322g kmb020-165g kmb020-525g kmb020-321g kmb020-322g male part # dimensional information female part # 1 2 1 2 1 2 1 1 1 1 1 1 1 2 1 1 fig. # 20 position dual row p art numbers shown. see how t o order section for ordering information. if required ?a? dimension is not shown, consult factory. peel-a-w ay ? only peel-a-w ay ? only order one each male & female to get the required ?a? dim. c a b c b a c a b c a b figure 1 thru-hole figure 2 surface mount b in./(mm) a in./(mm) c in./(mm) peel-a-w ay ? only peel-a-way ? removable carriers 1. place socket on pc board. 2. send pc board and socket throughsoldering operation. 3. peel away polyimide film carrierfor complete solder joint visibility or leave in place for added stability . available online: ? rohs qualification t est report polyimide film peel awayafter soldering to pcb. pcb solder fillets visible both sidesfor inspection and cleaning. .015/(.38).015/(.38) .031/(.79) .031/(.79) .031/(.79) .031/(.79) .015/(.38) .015/(.38) .031/(.79) .031/(.79) .031/(.79) .031/(.79) .155/(3.94) .155/(3.94) .155/(3.94) .155/(3.94) peel-a-w ay ? only peel-a-w ay ? only peel-a-w ay ? only peel-a-w ay ? only


▲Up To Search▲   

 
Price & Availability of KMD064-176GG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X