Part Number Hot Search : 
2SC4613 2SA670 STK479 W6811ISG 2SC4428 30CTQ040 HM51258P BYD57D
Product Description
Full Text Search
 

To Download GRM188R71H223MA01D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2010.11.4 capacitors > monolithic ceramic capacitors o this data sheet is applied for chip monolithic ceramic capacitor used for general electronics equipment for your design. o solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder te mperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use. o use of sn-zn based solder will deteriorate reliability of mlcc. please check with our sales represetatives for the use of sn-zn based solder in advance. ?the rohs compliance means that we judge from eu directive 2002/95/ec the products do not contain lead, cadmium, mercury, hexa valent chromium, pbb and pbde, except exemptions stated in eu directive 2002/95/ec annex and impurities existing in natural world. ?this statement does not insure the compliance of any of the listed parts with any laws or legal imperatives developed by any eu members individually with regards to the rohs directive. monolithic ceramic capacitors grm188r71h223ma01 p (0603, x7r, 22000pf, 50vdc) p : packaging code rohs regulation conformity parts l t w (in mm) e e g  dimensions length l 1.6mm 0.1mm width w 0.8mm 0.1mm thickness t 0.8mm 0.1mm electrode e 0.2 to 0.5mm electrode gap g (min.) 0.5mm  rated value murata pn code spec temperature char. r7 x7r (eia), 15% capacitance 223 22000pf capacitance tol. m 20% rated voltage 1h 50vdc  packaging code packaging minimum quantity d 180mm paper tape 4000 j 330mm paper tape 10000 c bulk case 15000 b bulk(bag) 1000  specifications please refer to 'grm series specifications and test methods (1)' pdf file.


▲Up To Search▲   

 
Price & Availability of GRM188R71H223MA01D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X