Part Number Hot Search : 
NJM082BL D4702BCT 4078B SPN7002D FB2022 SZ5234B FC6251 N4754
Product Description
Full Text Search
 

To Download E5818A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent E5818A lxi class-b trigger box data sheet
2 features ? remote access to instruments via lan ? ieee 1588 time synchronization ? output trigger at precise timing ? input trigger at precise timing ? peer-to-peer messaging ? supports dhcp protocol ? built-in web access ? battery supported rtc ? multiple triggering options ? high precision tcxo ? simpli? es event correlation introduction the agilent E5818A lxi class-b trigger box is a device for handling the ieee 1588 precision time protocol (ptp) synchronization over the ethernet and for managing the precision trigger control signals to the legacy instrument that are not compliant with lxi standards. the ieee 1588 ptp synchronization is performed over the ethernet by the lxi trigger box. the e5818 lxi trigger box utilizes lxi and ieee 1588 to record and control asynchronous events via ttl signal input and output ports. E5818A front and rear panel displays ieee 1588 bene? ts the e5818 is adopting the ieee 1588 precision time protocol (ptp) synchronization over the ethernet network in nanosecond range accuracy with minimal network and local clock computing resources. ieee 1588 provides synchronization accuracy as it meets current user requirements and future user requirements. it is using multicast communications to synchronize time between modules within a system. a new ieee 1588 device on the network listens for the master clock to send out its clock speci? cation. every device on the network compares its speci? cation to the master. ieee 1588 works best during asynchronous events and asynchronous control. ieee 1588 brings a common sense of time to all lxi class-b and devices. ieee 1588 is designed to ? ll a niche, which is not well served by either of the two dominant protocols, ntp and gps. ieee 1588 is designed for local systems that require a very high degree of accuracy which goes beyond what can be provided by ntp. it is also designed for applications that cannot bear the cost of a gps receiver at each node, or for which gps signals are inaccessible. 1 ieee 1588 can accommodate a wide range of systems and is designed for supporting industrial network protocols. 1 from john c. eidson, measurement, control and communication using ieee 1588 .
3 lxi class-b bene? ts the E5818A lxi trigger box is the worlds ? rst lxi class-b triggering device for precise synchronization of non-lxi class-b instruments over lan. the e5818 provides a new type of synchronization by using the ieee 1588 standard for a ptp, which enables precise time triggering and stamping of events in the nanosecond range. the new synchronization is crucial, especially in automated test systems that involve multiple distributed devices with asynchronous events. the e5818 is able to support peer- to-peer messaging and multicast communication which can improve test time, especially when heavy data usage occur between devices. the e5818 also provides ease of use as it has the built-in web access to communicate e5818 from a supported web browser (internet explorer 6.0 or higher or firefox 2.0 or higher). you can use this web access function to con? gure and upgrade the e5818 in lan environment. compared to gpib, lxi, and pxi, the e5818 reduces the overall overhead costs. furthermore, the e5818 provides a more cost-effective solution for demanding industries. the e5818 reduces the test system setup time as it uses standard drivers such as ivi drivers, reusing the existing instruments and software, improving the system throughput via lan and distributed intelligence, reducing the size of the system and building a versatile system to address future needs. application the e5818 is compatible with scpi and can be con? gured via a web browser. for greater ? exibility, it also comes system-ready with a bundled ivi driver so that users can easily automate measurements and triggers in the programming environment of their choice, such as agilent vee, microsoft visual basic, c and labview. the robust design of the e5818 trigger box guarantees reliable operations for demanding industries such as aviation, automotive, test and measurement and telecommunication industries.
4 product speci? cations general requirements minimum system requirements for agilent io libraries suite ? windows 2000/xp/vista ? 450 mhz pentium ii (1 ghz 32-bit is recommended for vista) ? 128 mb ram (512 mb or greater is recommended for vista) (os and microsoft.net framework may require additional resources) ? 400 mb free disk space minimum system requirements (client computers) ? available 10base-t/100base-tx lan port supported web browser ? for e5818 web access: internet explorer 6.0 or higher, or firefox 2.0 or higher (internet explorer 7.0 is recommended for vista) supported standards ? vxi-11 protocol ? ieee-488.2 compatible ? 10base-t/100base-tx networks ? eia-232 ? lxi standard revision 1.1 ? ieee 1588 2002 programming language ? scpi command ? ivi-com ? web controller general characteristics time stamp input input has ttl compatible logic levels time trigger output output provides ttl compatible logic levels periodic trigger of 1 pulse per second (1pps) for synchronization diagnostic use only. issuing 1 hz signal at 1 ttl output level (rising edge). lan allows communication with an external controller ac input input voltage range: 100-240 v 10% @ 47 to 63 hz power: 25 va peak (7.5 watt typical) protection class protection class 1 connectors 9-pin rs-232 (for debugging purposes), rj-45 lan, bnc connectors power cord us/canada: p/n: 8120-1378 (ul listed, csa certi? ed) 10a/250v. all other cord sets: appropriate foreign country approval associated with cord for per country of use. dimensions with bumper: 227.3 mm (w) x 237.4 mm (l) x 59.3 mm (h) without bumper: 212.3 mm (w) x 230.4 mm (l) x 43.25 mm (h) weight 3.085 kg rack mount kit dimensions full rack: 242.8 mm (w) x 238.05 mm (l) x 43.25 mm (h) half rack: 27.5 mm (w) x 226.2 mm (l) x 43.25 mm (h) non-volatile memory battery lithium manganese dioxide, approximate lifetime 5 years at 25 c user memory clear statement: ? all user-con? gurable data may be erased from the system without trace for security purposes ? all lan con? gurations can be reset through the lan reset button ? all trigger box con? gurations are stored in a ? ash ? le system and can be deleted. however, once deleted from the system, the user has to restart all the applications manually. bnc protection circuit all bncs will have its own set of overcurrent protection circuits indicators pwr, lan, 1588 safety compliance certi? ed by: iec 61010-1:2001/en 61010-1:2001, can/csa-c22.2 no. 61010-1- 04, iec 61326-2002/en 61326:1997+a1:1998+a3:2003 warranty 1 year
5 general system specifications input characteristics input impedance 15m ohm input threshold: voltage threshold high +2.3 v voltage threshold low +0.8 v minimum pulse width 20 ns output characteristics output impedance 50 ohm nominal output threshold: output high 1.7 v typical for 50 ohm load; 4.3 v typical for 1m ohm load output low 0 v typical for 50 ohm load; 0 v typical for 1m ohm load output current +/?24 a, max square wave rise/fall time (10 to 90%) for 50 ohm load: 0.95 ns min, 1.15 ns max internal timer resolution 20 ns tcxo characteristics frequency 50 mhz initial accuracy +/?2.0 ppm aging per year +/?1.0 ppm temperature stability (0 to 55 c) +/?2.5 ppm (?30 to 75%) 1588 synchronization accuracy 1 1.5 m ethernet direct connection +/?2 ns mean, 10 ns standard deviation via hirschmann boundary clock 2 +/?3 ns mean, 17 ns standard deviation via switch 3 +/?12 ns mean, 11 ns standard deviation 1 the master unit was con? gured to connect to an external clock source for greater accuracy. the slave unit clock is based on the tcxo. a sync interval for e5818 and boundary clock was set to 1 s. ethernet connection speed is 100 mb/s. for e5818 connection using switch and boundary clock, no 1588 traf? c was present as the network is isolated. measurements were taken in room temperature for a duration of 8 hours for each con? guration. 2 hirschmann mm3-4tx1-rt with ptp precision between 2 modules < 80 ns 3 dlink - des1005d switch used time stamp system specifications time stamp latency 62 ns time stamp input 2 ports event log file 5000 data time stamp resolution min: 100 s max: not applicable time stamp polarity rising or falling edge minimum pulse width 20 ns
6 time trigger system specifications time trigger latency 67 ns trigger pulse width 1 s time trigger output 2 ports event log file 5000 data periodic trigger supported programmability yes (sw) trigger polarity rising or falling edge trigger offset 12 hours (max) trigger period min: 100 s max: 12 hours minimum trigger period and timestamp resolution settings 4 ttl1/ttl2 5 100 s ext1/ext2 5 400 s ttl1/ttl2 + peer-to-peer lan message 6 4.5 ms ext1/ext2 + peer-to-peer lan message 6 1 ms ttl(n) + ext(n), with n ranging from 1 to 2 7 200 s ttl(n) + ext(n), with n ranging from 1 to 2 + peer-to-peer lan message 8 7 ms ttl1 + ttl2 + ext1 + ext2 9 300 s ttl1 + ttl2 + ext1 + ext2 + peer-to-peer lan message 10 14 ms 4 test is carried out on a network without p2p lan messages from other lxi devices besides the device under test. measurements w ere taken in room temperature for duration of 12 hours for each con? guration. these are the typical values for the setting 5 a single port, either ttl or ext of each the e5818, is being exercised 6 a single port, either ttl or ext of each the e5818, is being exercised, and peer-to-peer lan message (wor) generation upon any event happening 7 a combination of either two ports of ttl or ext of the e5818 is being exercised 8 a combination of either two ports of ttl or ext of the e5818 is being exercised, and peer-to-peer lan message (wor) generation upon any event happening 9 all four ports of the e5818 are being exercised 10 all four ports of the e5818 are being exercised, and peer-to-peer lan message (wor) generation upon any event happening external trigger system specifications lxi lan packets based on lan0 to lan7 or custom event id with same domain lan messaging system specifications external trigger based on time stamp 0 or time stamp 1 trigger output response times delay from ext source to ttl output 300 s delay for trigger relating to lan event source or lan event output unknown
7 environmental specifications operating environment 0 c to 55 c indoor use, pollution degree 2 installation category ii (mains input) altitude (operating) 2000 m operating humidity up to 90% at 40 c non-condensing storage humidity up to 90% at 65 c non-condensing storage temperature ?40 c to +70 c operating state continuous connection to supply mains detachable cord degree of mobility portable (bench and cabinet) supported languages and applications applications (with agilent intuilink) microsoft excel 97 and 2000 microsoft word 97 and 2000 check the web for latest supported applications software development visual basic 5.0/6.0 visual c++ 5.0/6.0 visual studio agilent vee 5.0 or greater basic for windows visual studio.net supplementary information maximum number of simultaneous lxi peer-to-peer connections 8 safety
www.agilent.com for more information on agilent technologies products, applications or services, please contact your local agilent of? ce. the complete list is available at: www.agilent.com/? nd/contactus americas canada (877) 894-4414 latin america 305 269 7500 united states (800) 829-4444 asia paci? c australia 1 800 629 485 china 800 810 0189 hong kong 800 938 693 india 1 800 112 929 japan 0120 (421) 345 korea 080 769 0800 malaysia 1 800 888 848 singapore 1 800 375 8100 taiwan 0800 047 866 thailand 1 800 226 008 europe & middle east austria 0820 87 44 11 belgium 32 (0) 2 404 93 40 denmark 45 70 13 15 15 finland 358 (0) 10 855 2100 france 0825 010 700* *0.125 ? xed network rates germany 01805 24 6333** **0.14/minute ireland 1890 924 204 israel 972-3-9288-504/544 italy 39 02 92 60 8484 netherlands 31 (0) 20 547 2111 spain 34 (91) 631 3300 sweden 0200-88 22 55 switzerland (french) 41 (21) 8113811(opt 2) switzerland (german) 0800 80 53 53 (opt 1) united kingdom 44 (0) 118 9276201 other european countries: www.agilent.com/? nd/contactus revised: october 24, 2007 product speci? cations and descriptions in this document subject to change without notice. ? agilent technologies, inc. 2007, 2008 printed in usa, march 15, 2008 5989-7290en www.agilent.com/? nd/emailupdates get the latest information on the products and applications you select. www.agilent.com/? nd/agilentdirect quickly choose and use your test equipment solutions with con? dence. www.agilent.com/? nd/open agilent open simpli? es the process of connecting and programming test systems to help engineers design, validate and manufacture electronic products. agilent offers open connectivity for a broad range of system-ready instruments, open industry software, pc-standard i/o and global support, which are combined to more easily integrate test system development. agilent email updates agilent direc t agilent open www.lxistandard.org lxi is the lan-based successor to gpib, providing faster, more ef? cient connectivity. agilent is a founding member of the lxi consortium. remove all doubt our repair and calibration services will get your equipment back to you, performing like new, when prom- ised. you will get full value out of your agilent equipment through- out its lifetime. your equipment will be serviced by agilent-trained technicians using the latest factory calibration procedures, automated repair diagnostics and genuine parts. you will always have the utmost con? dence in your measurements. agilent offers a wide range of ad- ditional expert test and measure- ment services for your equipment, including initial start-up assistance, onsite education and training, as well as design, system integration, and project management. for more information on repair and calibration services, go to: www.agilent.com/? nd/removealldoubt


▲Up To Search▲   

 
Price & Availability of E5818A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X