Part Number Hot Search : 
CD6282 RH732E ATU18600 M3100 HIN206CB AD642 OHN3177U HIN207IP
Product Description
Full Text Search
 

To Download DZ23C5V1-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds18002 rev. 10 - 2 1 of 3 dz23c2v7-dz23c51 www.diodes.com  diodes incorporated dz23c2v7 - dz23c51 300mw dual surface mount zener diode  dual zeners in common cathode configuration  300 mw power dissipation  ideally suited for automatic insertion   v z for both diodes in one case is  5%  common anode style available see az series  available in lead free/rohs compliant version (note 4) features maximum ratings @t a = 25c unless otherwise specified  case: sot-23  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 3, on page 1  polarity: see diagram  marking: marking code (see page 2)  weight: 0.008 grams (approximate) mechanical data a e j l top view m b c h g d k characteristic symbol value unit power dissipation (note 1) p d 300 mw thermal resistance, junction to ambient air (note 1) r  ja 417 c/w operating and storage temperature range t j ,t stg C65 to +150 c note: 2. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 3. for lead free/rohs compliant version part number, please add "-f" suffix to the part number above. example: dz 23c51-7-f. 4. no purposefully added lead. sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm device packaging shipping (type number)-7* sot-23 3000/tape & reel * add -7 to the appropriate type number in table on page 2 example: 6.2v zener = dz23c6v2-7. (note 2) ordering information note: 1. mounted on fr4 pc board with recommended pad layout which can be found on our website at http://www.diodes.com/da tasheets/ap02001.pdf.
ds18002 rev. 10 - 2 2 of 3 dz23c2v7-dz23c51 www.diodes.com electrical characteristics @t a = 25c unless otherwise noted note: 5. short duration test pulse used to minimize self-heating effect. 6. f = 1khz. type number marking code zener voltage range (note 5) maximum zener impedance (note 6) typical temperature coefficient min. reverse voltage ( note 5) @i zt = 5.0ma z zt @ i zt = 5.0ma z zk @ i zk = 1.0ma @ i r = 0.1a v z (volts) ohms ohms t c (%/c) v r (volts) dz23c2v7 kv1 2.5-2.9 83 500 -0.065 dz23c3v0 kv2 2.8-3.2 95 500 -0.060 dz23c3v3 kv3 3.1-3.5 95 500 -0.055 dz23c3v6 kv4 3.4-3.8 95 500 -0.055 dz23c3v9 kv5 3.7-4.1 95 500 -0.050 dz23c4v3 kv6 4.0-4.6 95 500 -0.035 dz23c4v7 kv7 4.4-5.0 78 500 -0.015 dz23c5v1 kv8 4.8-5.4 60 480 +0.005 0.8 dz23c5v6 kv9 5.2-6.0 40 400 +0.020 1.0 dz23c6v2 kva 5.8-6.6 10 200 +0.030 2.0 dz23c6v8 kvb 6.4-7.2 8.0 150 +0.045 3.0 dz23c7v5 kvc 7.0-7.9 7.0 50 +0.050 5.0 dz23c8v2 kvd 7.7-8.7 7.0 50 +0.055 6.0 dz23c9v1 kve 8.5-9.6 10 50 +0.065 7.0 dz23c10 kvf 9.4-10.6 15 70 +0.065 7.5 dz23c11 kvg 10.4-11.6 20 70 +0.070 8.5 dz23c12 kvh 11.4-12.7 20 90 +0.075 9.0 dz23c13 kvi 12.4-14.1 25 110 +0.080 10.0 dz23c15 kvj 13.8-15.6 30 110 +0.080 11.0 dz23c16 kvk 15.3-17.1 40 170 +0.090 12.0 dz23c18 kvl 16.8-19.1 50 170 +0.090 14.0 dz23c20 kvm 18.8-21.2 50 220 +0.090 15.0 dz23c22 kvn 20.8-23.3 55 220 +0.090 17.0 dz23c24 kvo 22.8-25.6 80 220 +0.090 18.0 dz23c27 kvp 25.1-28.9 80 250 +0.090 20.0 dz23c30 kvq 28-32 80 250 +0.090 22.5 dz23c33 kvr 31-35 80 250 +0.090 25.0 dz23c36 kvs 34-38 90 250 +0.090 27.0 dz23c39 kvt 37-41 90 300 +0.110 29.0 dz23c43 v30/kvu 40-46 100 700 +0.110 32.0 dz23c47 v31/kvv 44-50 100 750 +0.110 35.0 dz23c51 v32/kvw 48-54 100 750 +0.110 38.0 month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code jklmnpr st u vw date code key xxx = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information
ds18002 rev. 10 - 2 3 of 3 dz23c2v7-dz23c51 www.diodes.com 0 2 4 6 8 10 10 20 30 40 50 60 70 80 90 100 i , zener current (ma) z v , zener voltage (v) z fi g . 4 zener breakdown characteristics tj = 25c te s t c u r r e n t i z 5ma c39 c43 c47 c51 0 10 20 30 0 i , zener current (ma) z v , zener voltage (v) z fi g . 3 zener breakdown characteristics 10 20 30 40 t = 25c j test current i z 5ma c10 c12 c18 c22 c27 c33 c36 c15 0 10 20 30 40 5 0 01 2 3 4 5 6 7 8910 i , zener current (ma) z v , zener voltage (v) z fi g . 2 zener breakdown characteristics t = 25c j c2v7 c3v3 c3v9 c4v7 c5v6 c6v8 c8v2 c9v1 test current i z 5.0ma t , ambient temperature, (c) a fi g . 1 power deratin g curve p , power dissipation (mw) d 200 100 300 0 400 5 00 0 100 200 c , total capacitance (pf) t 10 100 1000 10 100 1 v , nominal zener voltage (v) z fig. 5 total capacitance vs nominal zener voltage t=25c j v=1v r v=2v r v=1v r v=2v r


▲Up To Search▲   

 
Price & Availability of DZ23C5V1-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X