Part Number Hot Search : 
WMN6T B2405S C1000 9F800BT 0N40CL C0BFWE33 AD7804BN 20S100CT
Product Description
Full Text Search
 

To Download CY7C1474V25-250BGXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  72-mbit(2m x 36/4m x 18/1m x 72) pi p elined sram with nobl? architecture cy7c1470v25 cy7c1472v25 cy7c1474v25 cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 38-05290 rev. *i revised june 21, 2006 features ? pin-compatible and functionally equivalent to zbt? ? supports 250-mhz bus operations with zero wait states ? available speed grades are 250, 200 and 167 mhz ? internally self-time d output buffer cont rol to eliminate the need to use asynchronous oe ? fully registered (inputs and outputs) for pipelined operation ? byte write capability ? single 2.5v power supply ? 2.5v/1.8v i/o supply (v ddq ) ? fast clock-to-output times ? 3.0 ns (for 250-mhz device) ? clock enable (cen ) pin to suspend operation ? synchronous self-timed writes ? cy7c1470v25, cy7c1472v25 available in jedec-standard lead-free 100-pin tqfp, lead-free and non-lead-free 165-ball fbga package. cy7c1474v25 available in lead-free and non-lead-free 209 ball fbga package ? ieee 1149.1 jtag boun dary scan compatible ? burst capability?linear or interleaved burst order ? ?zz? sleep mode option and stop clock option functional description the cy7c1470v25/cy7c1472v25/cy7c1474v25 are 2.5v, 2m x 36/4m x 18/1m x 72 synchronous pipelined burst srams with no bus latency? (nobl ?) logic, respectively. they are designed to support unlimited true back-to-back read/write operations with no wait states. the cy7c1470v25/cy7c1472v25/cy 7c1474v25 are equipped with the advanced (nobl) logic required to enable consec- utive read/write operations with data being transferred on every clock cycle. this feature dramatically improves the throughput of data in systems th at require frequ ent write/read transitions. the cy7c1470v25/cy7c1472v25/cy7c1474v25 are pin-compatible and functionally equivalent to zbt devices. all synchronous inputs pass through input registers controlled by the rising edge of the clock. all data outputs pass through output registers controlled by t he rising edge of the clock. the clock input is qualified by the clock enable (cen ) signal, which when deasserted suspends operation and extends the previous clock cycle. write oper ations are controlled by the byte write selects (bw a ?bw h for cy7c1474v25, bw a ?bw d for cy7c1470v25 and bw a ?bw b for cy7c1472v25) and a write enable (we ) input. all writes are conducted with on-chip synchronous self-timed write circuitry. three synchronous chip enables (ce 1 , ce 2 , ce 3 ) and an asynchronous output enable (oe ) provide for easy bank selection and output tri-state control. in order to avoid bus contention, the output driver s are synchronously tri-stated during the data portion of a write sequence. a0, a1, a c mode bw a bw b we ce1 ce2 ce3 oe read logic dqs dqp a dqp b dqp c dqp d d a t a s t e e r i n g o u t p u t b u f f e r s memory array e e input register 0 address register 0 write address register 1 write address register 2 write registry and data coherency control logic burst logic a0' a1' d1 d0 q1 q0 a0 a1 c adv/ld adv/ld e input register 1 s e n s e a m p s e c lk c en write drivers bw c bw d zz sleep control o u t p u t r e g i s t e r s logic block diagram-cy7c1470v25 (2m x 36) [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 2 of 28 a0, a1, a c mode bw a bw b we ce1 ce2 ce3 oe read logic dqs dqp a dqp b d a t a s t e e r i n g o u t p u t b u f f e r s memory array e e input register 0 address register 0 write address register 1 write address register 2 write registry and data coherency control logic burst logic a0' a1' d1 d0 q1 q0 a0 a1 c adv/ld adv/ld e input register 1 s e n s e a m p s o u t p u t r e g i s t e r s e c lk c en write drivers zz sleep control logic block diagram-cy7c1472v25 (4m x 18) logic block diagram-cy7c1474v25 (1m x 72) a0, a1, a c mode ce1 ce2 ce3 oe read logic dq s dq p a dq p b dq p c dq p d dq p e dq p f dq p g dq p h d a t a s t e e r i n g o u t p u t b u f f e r s memory array e e input register 0 address register 0 write address register 1 write address register 2 burst logic a0' a1' d1 d0 q1 q0 a0 a1 c adv/ld adv/ld e input register 1 s e n s e a m p s o u t p u t r e g i s t e r s e c lk c en write drivers bw a bw b we zz sleep control bw c write registry and data coherency control logic bw d bw e bw f bw g bw h selection guide 250 mhz 200 mhz 167 mhz unit maximum access time 3.0 3.0 3.4 ns maximum operating current 450 450 400 ma maximum cmos standby current 120 120 120 ma [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 3 of 28 pin configurations a a a a a 1 a 0 v ss v dd a a a a a a v ddq v ss dqb dqb dqb v ss v ddq dqb dqb v ss nc v dd dqa dqa v ddq v ss dqa dqa v ss v ddq v ddq v ss dqc dqc v ss v ddq dqc v dd v ss dqd dqd v ddq v ss dqd dqd dqd v ss v ddq a a ce 1 ce 2 bw a ce 3 v dd v ss clk we cen oe a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 a a adv/ld zz cy7c1470v25 100-pin tqfp pinout a a a a a 1 a 0 v ss v dd a a a a a a a nc nc v ddq v ss nc dqp a dqa dqa v ss v ddq dqa dqa v ss nc v dd dqa dqa v ddq v ss dqa dqa nc nc v ss v ddq nc nc nc nc nc nc v ddq v ss nc nc dqb dqb v ss v ddq dqb dqb v dd v ss dqb dqb v ddq v ss dqb dqb dqpb nc v ss v ddq nc nc nc a a ce 1 ce 2 nc nc bw b bw a ce 3 v dd v ss clk we cen oe a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 a a adv/ld zz mode cy7c1472v25 bw d mode bw c dqc dqc dqc dqc dqpc dqd dqd dqd dqpb dqb dqa dqa dqa dqa dqpa dqb dqb (2m 36) (4m 18) bw b nc nc nc dqc nc nc(288) nc(144) nc(288) nc(144) dqpd a a a a a a [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 4 of 28 pin configurations (continued) 234 567 1 a b c d e f g h j k l m n p r tdo nc/576m nc/1g dqp c dq c dqp d nc dq d a ce 1 bw b ce 3 bw c cen a ce2 dq c dq d dq d mode nc dq c dq c dq d dq d dq d a v ddq bw d bw a clk we v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss nc v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck a0 v ss tdi a a dq c v ss dq c v ss dq c dq c nc v ss v ss v ss v ss nc v ss a1 dq d dq d nc/144m nc v ddq v ss tms 891011 nc/288m a a adv/ld nc oe a a nc v ss v ddq nc dqp b v ddq v dd dq b dq b dq b nc dq b nc dq a dq a v dd v ddq v dd v ddq dq b v dd nc v dd dq a v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq dq a v ddq a a v ss a a a dq b dq b dq b zz dq a dq a dqp a dq a a v ddq a 234 567 1 a b c d e f g h j k l m n p r tdo nc/576m nc/1g nc nc dqp b nc dq b a ce 1 ce 3 bw b cen a ce2 nc dq b dq b mode nc dq b dq b nc nc nc a v ddq bw a clk we v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss nc v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck a0 v ss tdi a a dq b v ss nc v ss dq b nc nc v ss v ss v ss v ss nc v ss a1 dq b nc nc/144m nc v ddq v ss tms 891011 nc/288m a a adv/ld a oe a a nc v ss v ddq nc dqpa v ddq v dd nc dq a dq a nc nc nc dq a nc v dd v ddq v dd v ddq dq a v dd nc v dd nc v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq nc v ddq a a v ss a a a dq a nc nc zz dq a nc nc dq a a v ddq a cy7c1472v25 (4m x 18) cy7c1470v25 (2m x 36) 165-ball fbga (15 x 17 x 1.4 mm) pinout a a nc nc [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 5 of 28 pin configurations (continued) a b c d e f g h j k l m n p r t u v w 1 2 34 56 78 9 11 10 dqg dqg dqg dqg dqg dqg dqg dqg dqc dqc dqc dqc nc dqpg dqh dqh dqh dqh dqd dqd dqd dqd dqpd dqpc dqc dqc dqc dqc nc dqh dqh dqh dqh dqph dqd dqd dqd dqd dqb dqb dqb dqb dqb dqb dqb dqb dqf dqf dqf dqf nc dqpf dqa dqa dqa dqa dqe dqe dqe dqe dqpa dqpb dqf dqf dqf dqf nc dqa dqa dqa dqa dqpe dqe dqe dqe dqe aaaa nc nc nc/144m a a nc/288m a aa aa a a1 a0 a aa aa a nc/576m nc nc nc nc nc bws b bws f bws e bws a bws c bws g bws d bws h tms tdi tdo tck nc nc mode nc cen v ss nc clk nc v ss v dd v dd v dd v dd v dd v dd v dd v dd v dd v dd v dd v dd v dd v ss v ss v ss v ss v ss v ss v ss v ss nc/1g v dd nc oe ce 3 ce 1 ce 2 adv/ld we v ss v ss v ss v ss v ss v ss v ss zz v ss v ss v ss v ss nc v ddq v ss v ss nc v ss v ss v ss v ss v ss v ss nc v ss v ddq v ddq v ddq v ddq v ddq nc v ddq v ddq v ddq v ddq nc v ddq v ddq v ddq v ddq nc v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq 209-ball fbga (14 x 22 x 1.76 mm) pinout cy7c1474v25 (1m x 72) pin definitions pin name i/o type pin description a0 a1 a input- synchronous address inputs used to select one of the address locations . sampled at the rising edge of the clk. bw a bw b bw c bw d bw e bw f bw g bw h input- synchronous byte write select inputs, active low . qualified with we to conduct writes to the sram. sampled on the rising edge of clk. bw a controls dq a and dqp a , bw b controls dq b and dqp b , bw c controls dq c and dqp c , bw d controls dq d and dqp d , bw e controls dq e and dqp e, bw f controls dq f and dqp f, bw g controls dq g and dqp g, bw h controls dq h and dqp h . we input- synchronous write enable input, active low . sampled on the rising edge of clk if cen is active low. this signal must be asserted low to initiate a write sequence. [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 6 of 28 adv/ld input- synchronous advance/load input used to advance the on-chip address counter or load a new address . when high (and cen is asserted low) the internal burst counter is advanced. when low, a new address can be loaded into the device for an access. after being deselected, adv/ld should be driven low in order to load a new address. clk input- clock clock input . used to capture all synchronous inputs to the device. clk is qualified with cen . clk is only recognized if cen is active low. ce 1 input- synchronous chip enable 1 input, active low . sampled on the rising edge of clk. used in conjunction with ce 2 and ce 3 to select/deselect the device. ce 2 input- synchronous chip enable 2 input, active high . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 3 to select/deselect the device. ce 3 input- synchronous chip enable 3 input, active low . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 2 to select/deselect the device. oe input- asynchronous output enable, active low . combined with the synchronous logic block inside the device to control the direction of the i/o pins. when low, t he i/o pins are allowed to behave as outputs. when deasserted high, i/o pins are tri-stated, and act as input data pins. oe is masked during the data portion of a write sequence, during the fi rst clock when emerging from a deselected state and when the device has been deselected. cen input- synchronous clock enable input, active low . when asserted low the clock signal is recognized by the sram. when deasserted high the clock signal is masked. since deasserting cen does not deselect the device, cen can be used to extend th e previous cycle when required. dq s i/o- synchronous bidirectional data i/o lines . as inputs, they feed into an on-chip data register that is triggered by the rising edge of clk. as outputs, they deliver the data contained in the memory location specified by a [18:0] during the previous clock rise of the read cycle. the direction of the pins is controlled by oe and the internal control logic. when oe is asserted low, the pins can behave as outputs. when high, dq a ?dq h are placed in a tri-state cond ition. the outputs are automat- ically tri-stated during the data portion of a wr ite sequence, during the first clock when emerging from a deselected state, and when the device is deselected, regardless of the state of oe . dqp x i/o- synchronous bidirectional data parity i/o lines . functionally, these signals are identical to dq [71:0] . during write sequences, dqp a is controlled by bw a , dqp b is controlled by bw b , dqp c is controlled by bw c , and dqp d is controlled by bw d , dqp e is controlled by bw e, dqp f is controlled by bw f, dqp g is controlled by bw g, dqp h is controlled by bw h . mode input strap pin mode input . selects the burst order of the device. tied high selects the interleaved burst order. pulled low selects the linear burst order. mode should not change states during operation. when left floating mode will default high, to an interleaved burst order. tdo jtag serial output synchronous serial data-out to the jtag circuit . delivers data on the negative edge of tck. tdi jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tck. tms test mode select synchronous this pin controls the test access port state machine . sampled on the rising edge of tck. tck jtag clock clock input to th e jtag circuitry . v dd power supply power supply inputs to the core of the device . v ddq i/o power supply power supply for the i/o circuitry . v ss ground ground for the device . should be connected to ground of the system. nc ? no connects . this pin is not connected to the die. nc(144m, 288m, 576m, 1g) ? these pins are not connected . they will be used for expansion to the 144m, 288m, 576m and 1g densities. zz input- asynchronous zz ?sleep? input . this active high input places the device in a non-time critical ?sleep? condition with data integrity preserved. for normal operation, this pin has to be low or left floating. zz pin has an internal pull-down. pin definitions (continued) pin name i/o type pin description [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 7 of 28 functional overview the cy7c1470v25/cy7c1472v25/cy7c1474v25 are synchronous-pipelined burst nobl srams designed specifi- cally to eliminate wait states during write/read transitions. all synchronous inputs pass through input registers controlled by the rising edge of the clock. the clock signal is qualified with the clock enable input signal (cen ). if cen is high, the clock signal is not recognized and all internal states are maintained. all synchronous operations are qualified with cen . all data outputs pass through output registers controlled by the rising edge of the clock. maximum access delay from the clock rise (t co ) is 3.0 ns (250-mhz device). accesses can be initiated by asserting all three chip enables (ce 1 , ce 2 , ce 3 ) active at the rising edge of the clock. if clock enable (cen ) is active low and adv/ld is asserted low, the address presented to the device will be latched. the access can either be a read or write operation, depending on the status of the write enable (we ). bw [x] can be used to conduct byte write operations. write operations are qualified by the write enable (we ). all writes are simplified with on-chip synchronous self-timed write circuitry. three synchronous chip enables (ce 1 , ce 2 , ce 3 ) and an asynchronous output enable (oe ) simplify depth expansion. all operations (reads, writes, and deselects) are pipelined. adv/ld should be driven low once the device has been deselected in order to load a new address for the next operation. single read accesses a read access is initiated when the following conditions are satisfied at clo ck rise: (1) cen is asserted low, (2) ce 1 , ce 2 , and ce 3 are all asserted active, (3) the write enable input signal we is deasserted high, and (4) adv/ld is asserted low. the address presented to the address inputs is latched into the address register and presented to the memory core and control logic. the control logic determines that a read access is in progress and allows the requested data to propagate to the input of the ou tput register. at the rising edge of the next clock the requested data is allowed to propagate through the output register and onto the data bus within 2.6 ns (250-mhz device) provided oe is active low. after the first clock of the read access the output buffers are controlled by oe and the internal control logic. oe must be driven low in order for the device to drive out the requested data. during the second clock, a subsequent oper ation (read/write/deselect) can be initiated. deselecting the device is also pipelined. therefore, when the sram is deselected at clock rise by one of the chip enable signals, its output will tri-state following the next clock rise. burst read accesses the cy7c1470v25/cy7c1472v25/cy7c1474v25 have an on-chip burst counter that allows the user the ability to supply a single address and conduct up to four reads without reasserting the address inputs. adv/ld must be driven low in order to load a new address into the sram, as described in the single read access section above. the sequence of the burst counter is determined by the mode input signal. a low input on mode selects a linear burst mode, a high selects an interleaved burst sequence. both burst counters use a0 and a1 in the burst sequence, an d will wrap-around when incre- mented sufficiently. a high input on adv/ld will increment the internal burst counter r egardless of the state of chip enables inputs or we . we is latched at the beginning of a burst cycle. therefore, the type of access (read or write) is maintained throughout the burst sequence. single write accesses write accesses are initiated when the following conditions are satisfied at clock rise: (1) cen is asserted low, (2) ce 1 , ce 2 , and ce 3 are all asserted active, and (3) the write signal we is asserted low. the address presented to the address inputs is loaded into the address register. the write signals are latched into the control logic block. on the subsequent clock rise the data lines are automatically tri-stated regardless of the state of the oe input signal. this allows the external logic to present the data on dq and dqp (dq a,b,c,d,e,f,g,h /dqp a,b,c,d,e,f,g,h for cy7c1474v25, dq a,b,c,d /dqp a,b,c,d for cy7c1470v25 and dq a,b /dqp a,b for cy7c1472v25). in addition, the address for the subsequent access (read/write/deselect) is latched into the address register (provided the appr opriate control signals are asserted). on the next clock rise the data presented to dq and dqp (dq a,b,c,d,e,f,g,h /dqp a,b,c,d,e,f,g,h for cy7c1474v25, dq a,b,c,d /dqp a,b,c,d for cy7c1470v25 & dq a,b /dqp a,b for cy7c1472v25) (or a subset for byte write operations, see write cycle description table for details) inputs is latched into the device and the write is complete. the data written during the writ e operation is controlled by bw (bw a,b,c,d,e,f,g,h for cy7c1474v25, bw a,b,c,d for cy7c1470v25 and bw a,b for cy7c1472v25) signals. the cy7c1470v25/cy7c1472v25/cy 7c1474v25 provides byte write capability that is described in the write cycle description table. asserting the write enable input (we ) with the selected byte write select (bw ) input will selectively write to only the desired bytes. bytes not selected during a byte write operation will remain unaltered. a synchronous self-timed write mechanism has been provided to simplify the write operations. byte write capabilit y has been included in order to greatly simplify read/modify/w rite sequences, which can be reduced to simple byte write operations. because the cy7c1470v25/cy7c1472v25/cy7c1474v25 are common i/o devices, data should not be driven into the device while the outputs are active. the output enable (oe ) can be deasserted high befor e presenting data to the dq and dqp (dq a,b,c,d,e,f,g,h /dqp a,b,c,d,e,f,g,h for cy7c1474v25, dq a,b,c,d /dqp a,b,c,d for cy7c1470v25 and dq a,b /dqp a,b for cy7c1472v25) inputs. doing so will tri-state the output drivers. as a safety precaution, dq and dqp (dq a,b,c,d,e,f,g,h /dqp a,b,c,d,e,f,g,h for cy7c1474v25, dq a,b,c,d /dqp a,b,c,d for cy7c1470v25 and dq a,b /dqp a,b for cy7c1472v25) are automatically tri-stated during the data portion of a write cycle, re gardless of the state of oe . burst write accesses the cy7c1470v25/cy7c1472v25/cy7c1474v25 has an on-chip burst counter that allows the user the ability to supply a single address and conduct up to four write operations without reasserting the address inputs. adv/ld must be driven low in order to load t he initial address, as described in the single write access section above. when adv/ld is driven high on the subsequent clock rise, the chip enables (ce 1 , ce 2 , and ce 3 ) and we inputs are ignored and the burst counter is incremented. the correct bw (bw a,b,c,d,e,f,g,h for [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 8 of 28 cy7c1474v25, bw a,b,c,d for cy7c1470v25 and bw a,b for cy7c1472v25) inputs must be dr iven in each cycle of the burst write in order to writ e the correct bytes of data. sleep mode the zz input pin is an asynchronous input. asserting zz places the sram in a power conservation ?sleep? mode. two clock cycles are required to enter into or exit from this ?sleep? mode. while in this mode, da ta integrity is guaranteed. accesses pending when entering the ?sleep? mode are not considered valid nor is the completion of the operation guaranteed. the device must be deselected prior to entering the ?sleep? mode. ce 1 , ce 2 , and ce 3 , must remain inactive for the duration of t zzrec after the zz input returns low. linear burst address table (mode = gnd) first address second address third address fourth address a1,a0 a1,a0 a1,a0 a1,a0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 interleaved burst address table (mode = floating or v dd ) first address second address third address fourth address a1,a0 a1,a0 a1,a0 a1,a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 zz mode electrical characteristics parameter description test conditions min. max. unit i ddzz sleep mode standby current zz > v dd ? 0.2v 120 ma t zzs device operation to zz zz > v dd ? 0.2v 2t cyc ns t zzrec zz recovery time zz < 0.2v 2t cyc ns t zzi zz active to sleep current t his parameter is sampled 2t cyc ns t rzzi zz inactive to exit sleep curre nt this parameter is sampled 0 ns truth table [1, 2, 3, 4, 5, 6, 7] operation address used ce zz adv/ld we bw x oe cen clk dq deselect cycle none h l l x x x l l-h tri-state continue deselect cycle none x l h x x x l l-h tri-state read cycle (begin burst) exte rnal l l l h x l l l-h data out (q) read cycle (continue burst) next x l h x x l l l-h data out (q) nop/dummy read (begin burst) external l l l h x h l l-h tri-state dummy read (continue burst) next x l h x x h l l-h tri-state write cycle (begin burst) external l l l l l x l l-h data in (d) write cycle (continue burst) next x l h x l x l l-h data in (d) nop/write abort (begin burst) none l l l l h x l l-h tri-state write abort (continue burst) next x l h x h x l l-h tri-state ignore clock edge (stall) current x l x x x x h l-h ? sleep mode none x h x x x x x x tri-state notes: 1. x = ?don't care?, h = logic high, l = logic low, ce stands for all chip enables active. bw x = l signifies at least one byte write select is active, bw x = valid signifies that the desired byte write selects are asserted, see write cycle description table for details. 2. write is defined by we and bw [a:d] . see write cycle description table for details. 3. when a write cycle is detected, all i/os are tri-stated, even during byte writes. 4. the dq and dqp pins are controlled by the current cycle and the oe signal. 5. cen = h inserts wait states. 6. device will power-up deselected and the i/os in a tri-state condition, regardless of oe . 7. oe is asynchronous and is not sampled with t he clock rise. it is masked internally during write cycles.during a read cycle dq s and dqp [a:d] = tri-state when oe is inactive or when the device is deselected, and dq s = data when oe is active. [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 9 of 28 partial write cycle description [1, 2, 3, 8] function (cy7c1470v25) we bw d bw c bw b bw a read h x x x x write ? no bytes written l h h h h write byte a ? (dq a and dqp a ) lhhhl write byte b ? (dq b and dqp b )lhhlh write bytes b, a l h h l l write byte c ? (dq c and dqp c )lhlhh write bytes c, a l h l h l write bytes c, b l h ll l h write bytes c, b, a l h l l l write byte d ? (dq d and dqp d )llhhh write bytes d, a l l h h l write bytes d, b llhlh write bytes d, b, a l l h l l write bytes d, c l l l h h write bytes d, c, a l l l h l write bytes d, c, b l l l l h write all bytes l l l l l function (cy7c1472v25) we bw b bw a read h x x write ? no bytes written l h h write byte a ? (dq a and dqp a )lhl write byte b ? (dq b and dqp b )llh write both bytes l l l function (cy7c1474v25) we bw x read hx write ? no bytes written l h write byte x ? (dq x and dqp x) ll write all bytes lall bw = l note: 8. table only lists a partial listing of the byte write combinations. any combination of bw [a:d] is valid. appropriate write will be done based on which byte write is active. [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 10 of 28 ieee 1149.1 serial boundary scan (jtag) the cy7c1470v25/cy7c1472v25/cy7c1474v25 incorpo- rates a serial boundary scan test access port (tap). this port operates in accordance with ieee standard 1149.1-1990 but does not have the set of functions required for full 1149.1 compliance. these functions fr om the ieee specification are excluded because their inclusion places an added delay in the critical speed path of the sram . note that the tap controller functions in a manner that does not conflict with the operation of other devices using 1149.1 fully compliant taps. the tap operates using jedec-standard 2. 5v or 1.8v i/o logic levels. the cy7c1470v25/cy7c1472v 25/cy7c1474v25 contains a tap controller, instruction register, boundary scan register, bypass register, and id register. disabling the jtag feature it is possible to operate the sram without using the jtag feature. to disable the tap controller, tck must be tied low (v ss ) to prevent clocking of the device. tdi and tms are inter- nally pulled up and may be unconnected. they may alternately be connected to v dd through a pull-up resistor. tdo should be left unconnected. upon power-up, the device will come up in a reset state which will not interfere with the operation of the device. tap controller state diagram the 0/1 next to each state repr esents the value of tms at the rising edge of tck. test access port (tap) test clock (tck) the test clock is used only with the tap controller. all inputs are captured on the rising edge of tck. all outputs are driven from the falling edge of tck. test mode select (tms) the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. it is allowable to leave this ball unconnected if the tap is not used. the ball is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi ball is used to serially input information into the registers and can be connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. for information on loading the instruction register, see the tap controller state diagram. tdi is internally pulled up and can be unconnected if the tap is unused in an application. tdi is connected to the most significant bit (msb) of any register. (see tap controller block diagram.) test data-out (tdo) the tdo output ball is used to serially clock data-out from the registers. the output is active depending upon the current state of the tap state machine. the output changes on the falling edge of tck. tdo is connected to the least significant bit (lsb) of any register. (see tap controller state diagram.) tap controller block diagram performing a tap reset a reset is performed by forcing tms high (v dd ) for five rising edges of tck. this reset does not affect the operation of the sram and may be performed while the sram is operating. at power-up, the tap is reset internally to ensure that tdo comes up in a high-z state. tap registers registers are connected between the tdi and tdo balls and allow data to be scanned into and out of the sram test circuitry. only one register can be selected at a time through the instruction register. data is serially loaded into the tdi ball on the rising edge of tck. data is output on the tdo ball on the falling edge of tck. test-logic reset run-test/ idle select dr-scan select ir-scan capture-dr shift-dr capture-ir shift-ir exit1-dr pause-dr exit1-ir pause-ir exit2-dr update-dr exit2-ir update-ir 1 1 1 0 1 1 0 0 1 1 1 0 0 0 0 0 0 0 0 0 1 0 1 1 0 1 0 1 1 1 1 0 bypass register 0 instruction register 0 1 2 identification register 0 1 2 29 30 31 . . . boundary scan register 0 1 2 . . x . . . s election circuitr y selection circuitry tck t ms tap controller tdi td o [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 11 of 28 instruction register three-bit instructions can be serially loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo balls as shown in the tap controller block diagram. upon power-up, the instruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is placed in a reset state as described in the previous section. when the tap controller is in the capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to allow for fault isolation of the board-level serial test data path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that can be placed between the tdi and tdo balls. this allows data to be shifted through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. boundary scan register the boundary scan register is connected to all the input and bidirectional balls on the sram. the boundary scan register is lo aded with the contents of the ram i/o ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo balls when the controller is moved to the shift-dr state. the extest, sample/preload and sample z instructions can be used to capture the contents of the i/o ring. the boundary scan order tables show the order in which the bits are connected. each bit corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor-specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction regi ster. the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id register has a vendor code and other information described in the identification register definitions table. tap instruction set overview eight different instructions are possible with the three-bit instruction register. all combinations are listed in the instruction codes table. three of these instructions are listed as reserved and should not be used. the other five instruc- tions are described in detail below. the tap controller used in this sram is not fully compliant to the 1149.1 convention because some of the mandatory 1149.1 instructions are not fully implemented. the tap controller cannot be used to load address data or control signals into the sram and cannot preload the i/o buffers. the sram does not implement the 1149.1 commands extest or intest or the preload portion of sample/preload; rather, it per forms a capture of the i/o ring when these instructions are executed. instructions are loaded into the tap controller during the shift-ir state when the instruction register is placed between tdi and tdo. during this stat e, instructions are shifted through the instruction register through the tdi and tdo balls. to execute the instruction once it is shifted in, the tap controller needs to be moved into the update-ir state. extest extest is a mandatory 1149.1 instruction which is to be executed whenever the instructi on register is loaded with all 0s. extest is not implemented in this sram tap controller, and therefore this device is not compliant to 1149.1. the tap controller does recognize an all-0 instruction. when an extest instruction is loaded into the instruction register, the sram responds as if a sample/preload instruction has been loaded. there is one difference between the two instructions. un like the sample/preload instruction, extest places the sram outputs in a high-z state. idcode the idcode instruction causes a vendor-specific, 32-bit code to be loaded into the instruction register. it also places the instruction register between the tdi and tdo balls and allows the idcode to be shifted out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded into the instruction register upon power-up or whenever the tap controller is given a test logic reset state. sample z the sample z instruction causes the boundary scan register to be connected between the tdi and tdo balls when the tap controller is in a shift-dr state. it also places all sram outputs into a high-z state. sample/preload sample/preload is a 1149.1 m andatory instruction. the preload portion of this instru ction is not implemented, so the device tap controller is not fully 1149.1 compliant. when the sample/preload instruction is loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the inputs and bidirectional balls is captured in the boundary scan register. the user must be aware that th e tap controller clock can only operate at a frequency up to 20 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output will undergo a transition. the ta p may then try to capture a signal while in transition (metastable state). this will not harm the device, but there is no guar antee as to the value that will be captured. repeatable results may not be possible. to guarantee that the boundary scan register will capture the correct value of a signal, the sram signal must be stabilized long enough to meet the tap controller?s capture set-up plus hold time (t cs plus t ch ). the sram clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a sample/preload instruction. if th is is an issue, it is still [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 12 of 28 possible to capture all other signals and simply ignore the value of the clk captured in the boundary scan register. once the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo balls. note that since the preload part of the command is not implemented, putting the tap to the update-dr state while performing a sample/preload instruction will have the same effect as the pause-dr command. bypass when the bypass instruction is loaded in t he instruction register and the tap is placed in a shift-dr state, the bypass register is placed between the tdi and tdo balls. the advantage of the bypass instructio n is that it shortens the boundary scan path when multiple devices are connected together on a board. reserved these instructions are not im plemented but are reserved for future use. do not use these instructions. tap timing t tl test clock (tck) 123456 t est mode select (tms) t th test data-out (tdo) t cyc test data-in (tdi) t tmsh t tmss t tdih t tdis t tdox t tdov don?t care undefined tap ac switching characteristics over the operating range [9, 10] parameter description min. max. unit clock t tcyc tck clock cycle time 50 ns t tf tck clock frequency 20 mhz t th tck clock high time 20 ns t tl tck clock low time 20 ns output times t tdov tck clock low to tdo valid 10 ns t tdox tck clock low to tdo invalid 0 ns set-up times t tmss tms set-up to tck clock rise 5 ns t tdis tdi set-up to tck clock rise 5 ns t cs capture set-up to tck rise 5 ns hold times t tmsh tms hold after tck clock rise 5 ns t tdih tdi hold after clock rise 5 ns t ch capture hold after clock rise 5 ns notes: 9. t cs and t ch refer to the set-up and hold time requirements of latching data from the boundary scan register. 10. test conditions are specified using t he load in tap ac test conditions. t r /t f = 1 ns. [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 13 of 28 2.5v tap ac test conditions input pulse levels ................................................ v ss to 2.5v input rise and fall time........... .......................................... 1 ns input timing referenc e levels .........................................1.25v output reference levels.................................................1.25v test load termination supply vo ltage.............................1.25v 2.5v tap ac output load equivalent 1.8v tap ac test conditions input pulse levels.............. ....................... 0.2v to v ddq ? 0.2 input rise and fall time .....................................................1 ns input timing reference levels...... ..................................... 0.9v output reference levels ............. ..................................... 0.9v test load termination supply vo ltage .............................. 0.9v 1.8v tap ac output load equivalent t do 1.25v 20p f z = 50 ? o 50 ? t do 0.9v 20p f z = 50 ? o 50 ? tap dc electrical characteristics and operating conditions (0c < t a < +70c; v dd = 2.5v 0.125v unless otherwise noted) [11] parameter description test conditions min. max. unit v oh1 output high voltage i oh = ?1.0 ma v ddq = 2.5v 1.7 v v oh2 output high voltage i oh = ?100 av ddq = 2.5v 2.1 v v ddq = 1.8v 1.6 v v ol1 output low voltage i ol = 1.0 ma v ddq = 2.5v 0.4 v v ol2 output low voltage i ol = 100 av ddq = 2.5v 0.2 v v ddq = 1.8v 0.2 v v ih input high voltage v ddq = 2.5v 1.7 v dd + 0.3 v v ddq = 1.8v 1.26 v dd + 0.3 v v il input low voltage v ddq = 2.5v ?0.3 0.7 v v ddq = 1.8v ?0.3 0.36 v i x input load current gnd v i v ddq ?5 5 a identification register definitions instruction field cy7c1470v25 (2m x 36) cy7c1472v25 (4m x 18) cy7c1474v25 (1m x 72) description revision number (31:29) 000 000 000 describes the version number device depth (28:24) 01011 01011 01011 reserved for internal use architecture/memory type(23:18) 001000 001000 001000 defines memory type and archi- tecture bus width/density(17:12) 100100 010100 110100 defines width and density cypress jedec id code (11:1) 00000110100 00000110100 00000110100 allows unique identification of sram vendor id register presence indicator (0) 1 1 1 indicates the presence of an id register note: 11. all voltages referenced to v ss (gnd). [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 14 of 28 scan register sizes register name bit size (x36) bit size (x18) bit size (x72) instruction 333 bypass 111 id 32 32 32 boundary scan order?165fbga 71 52 ? boundary scan order?209bga ? ? 110 identification codes instruction code description extest 000 captures i/o ring contents. places the boundary scan register between tdi and tdo. forces all sram outputs to high-z state. this instruction is not 1149.1-compliant. idcode 001 loads the id register with the vendor id code and places the register between tdi and tdo. this operation does not affect sram operations. sample z 010 captures i/o ring contents. places the boundary scan register between tdi and tdo. forces all sram output drivers to a high-z state. reserved 011 do not use: this instruct ion is reserved for future use. sample/preload 100 captures i/o ring contents. places the boundary scan register between tdi and tdo. does not affect sram operation. this instruct ion does not implement 1149.1 preload function and is therefore not 1149.1-compliant. reserved 101 do not use: this instruct ion is reserved for future use. reserved 110 do not use: this instruct ion is reserved for future use. bypass 111 places the bypass register between tdi and tdo. this operation does not affect sram opera- tions. [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 15 of 28 boundary scan exit order (2m x 36) bit # 165-ball id bit # 165-ball id bit # 165-ball id bit # 165-ball id 1c1 21 r3 41j11 61b7 2 d1 22 p2 42 k10 62 b6 3e1 23 r4 43j10 63a6 4d2 24 p6 44h11 64b5 5e2 25 r6 45g11 65a5 6f1 26 r8 46f11 66a4 7g1 27 p3 47e11 67b4 8f2 28 p4 48d10 68b3 9g2 29 p8 49d11 69a3 10 j1 30 p9 50 c11 70 a2 11 k1 31 p10 51 g10 71 b2 12 l1 32 r9 52 f10 13 j2 33 r10 53 e10 14 m1 34 r11 54 a9 15 n1 35 n11 55 b9 16 k2 36 m11 56 a10 17 l2 37 l11 57 b10 18 m2 38 m10 58 a8 19 r1 39 l10 59 b8 20 r2 40 k11 60 a7 boundary scan exit order (4m x 18) bit # 165-ball id bit # 165-ball id bit # 165-ball id bit # 165-ball id 1d2 14 r4 27l10 40b10 2e2 15 p6 28k10 41a8 3f2 16 r6 29j10 42b8 4g2 17 r8 30h11 43a7 5j1 18 p3 31g11 44b7 6k1 19 p4 32f11 45b6 7l1 20 p8 33e11 46a6 8m1 21 p9 34d11 47b5 9 n1 22 p10 35 c11 48 a4 10 r1 23 r9 36 a11 49 b3 11 r2 24 r10 37 a9 50 a3 12 r3 25 r11 38 b9 51 a2 13 p2 26 m10 39 a10 52 b2 [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 16 of 28 boundary scan exit order (1m x 72) bit # 209-ball id bit # 209-ball id bit # 209-ball id bit # 209-ball id 1 a1 29 t1 57 u10 85 b11 2a2 30t2 58t11 86b10 3b1 31u1 59t10 87a11 4b2 32u2 60r11 88a10 5 c1 33 v1 61 r10 89 a7 6c2 34v2 62p11 90a5 7 d1 35 w1 63 p10 91 a9 8d2 36w2 64n11 92u8 9 e1 37 t6 65 n10 93 a6 10 e2 38 v3 66 m11 94 d6 11 f1 39 v4 67 m10 95 k6 12 f2 40 u4 68 l11 96 b6 13 g1 41 w5 69 l10 97 k3 14 g2 42 v6 70 p6 98 a8 15 h1 43 w6 71 j11 99 b4 16 h2 44 v5 72 j10 100 b3 17 j1 45 u5 73 h11 101 c3 18 j2 46 u6 74 h10 102 c4 19 l1 47 w7 75 g11 103 c8 20 l2 48 v7 76 g10 104 c9 21 m1 49 u7 77 f11 105 b9 22 m2 50 v8 78 f10 106 b8 23 n1 51 v9 79 e10 107 a4 24 n2 52 w11 80 e11 108 c6 25 p1 53 w10 81 d11 109 b7 26 p2 54 v11 82 d10 110 a3 27 r2 55 v10 83 c11 28 r1 56 u11 84 c10 [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 17 of 28 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ............. .............. ...... ?65c to +150c ambient temperature with power applied........... .............. .............. ...... ?55c to +125c supply voltage on v dd relative to gnd........ ?0.5v to +3.6v supply voltage on v ddq relative to gnd ...... ?0.5v to +v dd dc to outputs in tri-state ................... ?0.5v to v ddq + 0.5v dc input voltage....................................?0.5v to v dd + 0.5v current into outputs (low).... ..................................... 20 ma static discharge voltage......... ........... ............ .......... > 2001v (per mil-std-883, method 3015) latch-up current.................................................... > 200 ma operating range range ambient temperature v dd v ddq commercial 0c to +70c 2.5v ?5%/+5% 1.7v to v dd industrial ?40c to +85c electrical characteristics over the operating range [12, 13] parameter description test conditions min. max. unit v dd power supply voltage 2.375 2.625 v v ddq i/o supply voltage for 2.5v i/o 2.375 v dd v for 1.8v i/o 1.7 1.9 v v oh output high voltage for 2.5v i/o, i oh = ? 1.0 ma 2.0 v for 1.8v i/o, i oh = ?100 a1.6 v v ol output low voltage for 2.5v i/o, i ol = 1.0 ma 0.4 v for 1.8v i/o, i ol = 100 a0.2 v v ih input high voltage [12] for 2.5v i/o 1.7 v dd + 0.3v v for 1.8v i/o 1.26 v dd + 0.3v v v il input low voltage [12] for 2.5v i/o ?0.3 0.7 v for 1.8v i/o ?0.3 0.36 v i x input leakage current except zz and mode gnd v i v ddq ?5 5 a input current of mode input = v ss ?30 a input = v dd 5 a input current of zz input = v ss ?5 a input = v dd 30 a i oz output leakage current gnd v i v ddq, output disabled ?5 5 a i dd v dd operating supply v dd = max., i out = 0 ma, f = f max = 1/t cyc 4.0-ns cycle, 250 mhz 450 ma 450 ma 5.0-ns cycle, 200 mhz 6.0-ns cycle, 167 mhz 400 ma i sb1 automatic ce power-down current?ttl inputs max. v dd , device deselected, v in v ih or v in v il , f = f max = 1/t cyc 4.0-ns cycle, 250mhz 200 ma 5.0-ns cycle, 200 mhz 200 ma 6.0-ns cycle, 167 mhz 200 ma i sb2 automatic ce power-down current?cmos inputs max. v dd , device deselected, v in 0.3v or v in > v ddq ? 0.3v, f = 0 all speed grades 120 ma i sb3 automatic ce power-down current?cmos inputs max. v dd , device deselected, v in 0.3v or v in > v ddq ? 0.3v, f = f max = 1/t cyc 4.0-ns cycle, 250 mhz 200 ma 5.0-ns cycle, 200 mhz 200 ma 6.0-ns cycle, 167 mhz 200 ma i sb4 automatic ce power-down current?ttl inputs max. v dd , device deselected, v in v ih or v in v il , f = 0 all speed grades 135 ma notes: 12. overshoot: v ih (ac) < v dd +1.5v (pulse width less than t cyc /2), undershoot: v il (ac)> ?2v (pulse width less than t cyc /2). 13. t power-up : assumes a linear ramp from 0v to v dd (min.) within 200 ms. during this time v ih < v dd and v ddq < v dd . [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 18 of 28 capacitance [14] parameter description test conditions 100 tqfp max. 165 fbga max. 209 fbga max. unit c address address input capacitance t a = 25 c, f = 1 mhz, v dd = 2.5v v ddq = 2.5v 6 6 6 pf c data data input capacitance 5 5 5 pf c ctrl control input capacitance 8 8 8 pf c clk clock input capacitance 6 6 6 pf c i/o input/output capacitance 5 5 5 pf thermal resistance [14] parameter description test conditions 100 tqfp package 165 fbga package 209 fbga package unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, per eia/jesd51. 24.63 16.3 15.2 c/w jc thermal resistance (junction to case) 2.28 2.1 1.7 c/w ac test loads and waveforms note: 14. tested initially and after any design or proce ss changes that may affect these parameters. output r = 1667 ? r = 1538 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v l = 1.25v 2.5v all input pulses v ddq gnd 90% 10% 90% 10% 1 ns 1 ns (c) 2.5v i/o test load output r = 14 k ? r = 14 k ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v l =0.9v 1.8v all input pulses v ddq - 0.2 0.2 90% 10% 90% 10% 1 ns 1 ns (c) 1.8v i/o test load [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 19 of 28 switching characteristics over the operating range [15, 16] parameter description ?250 ?200 ?167 unit min. max. min. max. min. max. t power [17] v cc (typical) to the first access read or write 1 1 1 ms clock t cyc clock cycle time 4.0 5.0 6.0 ns f max maximum operating frequency 250 200 167 mhz t ch clock high 2.0 2.0 2.2 ns t cl clock low 2.0 2.0 2.2 ns output times t co data output valid after clk rise 3.0 3.0 3.4 ns t oev oe low to output valid 3.0 3.0 3.4 ns t doh data output hold after clk rise 1.3 1.3 1.5 ns t chz clock to high-z [18, 19, 20] 3.0 3.0 3.4 ns t clz clock to low-z [18, 19, 20] 1.3 1.3 1.5 ns t eohz oe high to output high-z [18, 19, 20] 3.0 3.0 3.4 ns t eolz oe low to output low-z [18, 19, 20] 0 0 0 ns set-up times t as address set-up be fore clk rise 1.4 1.4 1.5 ns t ds data input set-up before clk rise 1.4 1.4 1.5 ns t cens cen set-up before clk rise 1.4 1.4 1.5 ns t wes we , bw x set-up before clk rise 1.4 1.4 1.5 ns t als adv/ld set-up before clk rise 1.4 1.4 1.5 ns t ces chip select set-up 1.4 1.4 1.5 ns hold times t ah address hold after clk rise 0.4 0.4 0.5 ns t dh data input hold after clk rise 0.4 0.4 0.5 ns t cenh cen hold after clk rise 0.4 0.4 0.5 ns t weh we , bw x hold after clk rise 0.4 0.4 0.5 ns t alh adv/ld hold after clk rise 0.4 0.4 0.5 ns t ceh chip select hold after clk rise 0.4 0.4 0.5 ns notes: 15. timing reference is 1.25v when v ddq = 2.5v and 0.9v when v ddq = 1.8v. 16. test conditions shown in (a) of ac test loads unless otherwise noted. 17. this part has a voltage regulator internally; t power is the time power needs to be supplied above v dd minimum initially, before a read or write operation can be initiated. 18. t chz , t clz , t eolz , and t eohz are specified with ac test conditions shown in (b) of ac test loads. transition is meas ured 200 mv from steady-state voltage . 19. at any given voltage and temperature, t eohz is less than t eolz and t chz is less than t clz to eliminate bus contention between srams when sharing the same data bus. these specifications do not impl y a bus contention condition, but reflect parameters guaranteed over worst case user conditions. device is designed to achieve high-z prior to low-z under the same system conditions. 20. this parameter is sampled and not 100% tested. [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 20 of 28 switching waveforms read/write/timing [21, 22, 23] notes: 21. for this waveform zz is tied low. 22. when ce is low, ce 1 is low, ce 2 is high and ce 3 is low. when ce is high,ce 1 is high or ce 2 is low or ce 3 is high. 23. order of the burst sequence is determined by the status of the mode (0 = linear, 1 = interleaved).burst operations are optio nal. write d(a1) 123 456789 clk t cyc t cl t ch 10 ce t ceh t ces we cen t cenh t cens bw x adv/ld t ah t as address a1 a2 a3 a4 a5 a6 a7 t dh t ds data i n-out (dq) t clz d(a1) d(a2) d(a5) q(a4) q(a3) d(a2+1) t doh t chz t co write d(a2) burst write d(a2+1) read q(a3) read q(a4) burst read q(a4+1) write d(a5) read q(a6) write d(a7) deselect oe t oev t oelz t oehz t doh don?t care undefined q(a6) q(a4+1) [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 21 of 28 nop, stall and deselect cycles [21, 22, 24] zz mode timing [25, 26] notes: 24. the ignore clock edge or stall cycle (clock 3) illustrated cen being used to create a pause. a write is not performed during this cycle. 25. device must be deselected when entering zz mode. see cycle descr iption table for all possible signal conditions to deselect the device. 26. i/os are in high-z when exiting zz sleep mode. switching waveforms (continued) read q(a3) 456 78910 clk ce we cen bwx adv/ld address a3 a4 a5 d(a4) data in-out (dq) a1 q(a5) write d(a4) stall write d(a1) 123 read q(a2) stall nop read q(a5) deselect continue deselect don?t care undefined t chz a2 d(a1) q(a2) q(a3) t zz i supply clk zz t zzrec a ll inputs (except zz) don?t care i ddzz t zzi t rzzi outputs (q) high-z deselect or read only [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 22 of 28 ordering information not all of the speed, package and temperature ranges are available. please co ntact your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram part and package type operating range 167 cy7c1470v25-167axc 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free commercial cy7c1472v25-167axc cy7c1470v25-167bzc 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4mm) cy7c1472v25-167bzc cy7c1470v25-167bzxc 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4mm) lead-free cy7c1472v25-167bzxc cy7c1474v25-167bgc 51-85167 209-ball fine-pitc h ball grid array (14 22 1.76 mm) cy7c1474v25-167bgxc 209-ball fine-pitch ball grid array (14 22 1.76 mm) lead-free cy7c1470v25-167axi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free lndustrial cy7c1472v25-167axi cy7c1470v25-167bzi 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4mm) cy7c1472v25-167bzi cy7c1470v25-167bzxi 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4mm) lead-free cy7c1472v25-167bzxi cy7c1474v25-167bgi 51-85167 209-ball fine-pitc h ball grid array (14 22 1.76 mm) cy7c1474v25-167bgxi 209-ball fine-pitch ball grid array (14 22 1.76 mm) lead-free 200 cy7c1470v25-200axc 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free commercial cy7c1472v25-200axc cy7c1470v25-200bzc 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4mm) cy7c1472v25-200bzc cy7c1470v25-200bzxc 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4mm) lead-free cy7c1472v25-200bzxc cy7c1474v25-200bgc 51-85167 209-ball fine-pitc h ball grid array (14 22 1.76 mm) cy7c1474v25-200bgxc 209-ball fine-pitch ball grid array (14 22 1.76 mm) lead-free cy7c1470v25-200axi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free lndustrial cy7c1472v25-200axi cy7c1470v25-200bzi 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4mm) cy7c1472v25-200bzi cy7c1470v25-200bzxi 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4mm) lead-free cy7c1472v25-200bzxi cy7c1474v25-200bgi 51-85167 209-ball fine-pitc h ball grid array (14 22 1.76 mm) cy7c1474v25-200bgxi 209-ball fine-pitch ball grid array (14 22 1.76 mm) lead-free [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 23 of 28 250 cy7c1470v25-250axc 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free commercial cy7c1472v25-250axc cy7c1470v25-250bzc 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4 mm) cy7c1472v25-250bzc cy7c1470v25-250bzx c 51-85165 165-ball fi ne-pitch ball grid array (15 x 17 x 1.4 mm) lead-free cy7c1472v25-250bzxc cy7c1474v25-250bgc 51-85167 209-ball fine-pitc h ball grid array (14 22 1.76 mm) cy7c1474v25-250bgxc 209-ball fine-pitch ball grid array (14 22 1.76 mm) lead-free cy7c1470v25-250axi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free industrial cy7c1472v25-250axi cy7c1470v25-250bzi 51-85165 165-ball fine-pitch ball grid array (15 x 17 x 1.4 mm) cy7c1472v25-250bzi cy7c1470v25-250bzx i 51-85165 165-ball fi ne-pitch ball grid array (15 x 17 x 1.4 mm) lead-free cy7c1472v25-250bzxi cy7c1474v25-250bgi 51-85167 209-ball fine-pitc h ball grid array (14 22 1.76 mm) CY7C1474V25-250BGXI 209-ball fine-pitch ball grid array (14 22 1.76 mm) lead-free ordering information (continued) not all of the speed, package and temperature ranges are available. please co ntact your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram part and package type operating range [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 24 of 28 package diagrams note: 1. jedec std ref ms-026 2. body length dimension does not include mold protrusion/end flash mold protrusion/end flash shall not exceed 0.0098 in (0.25 mm) per side 3. dimensions in millimeters body length dimensions are max plastic body size including mold mismatch 0.300.08 0.65 20.000.10 22.000.20 1.400.05 121 1.60 max. 0.05 min. 0.600.15 0 min. 0.25 0-7 (8x) stand-off r 0.08 min. typ. 0.20 max. 0.15 max. 0.20 max. r 0.08 min. 0.20 max. 14.000.10 16.000.20 0.10 see detail a detail a 1 100 30 31 50 51 80 81 gauge plane 1.00 ref. 0.20 min. seating plane 100-pin thin plastic quad flat pack (14 x 20 x 1.4 mm) (51-85050) 51-85050-*b [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 25 of 28 package diagrams (continued) a 1 pin 1 corner 17.000.10 15.000.10 7.00 1.00 ?0.450.05(165x) ?0.25 m c a b ?0.05 m c b a 0.15(4x) 0.35 1.40 max. seating plane 0.530.05 0.25 c 0.15 c pin 1 corner top view bottom view 2 3 4 5 6 7 8 9 10 10.00 14.00 b c d e f g h j k l m n 11 11 10 9 8 67 5 4 3 2 1 p r p r k m n l j h g f e d c b a c 1.00 5.00 0.36 +0.05 -0.10 165-ball fbga (15 x 17 x 1.4 mm) (51-85165) 51-85165-*a [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 26 of 28 ? cypress semiconductor corporation, 2006. the information contained herein is subject to change without notice. cypress semic onductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agr eement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to re sult in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. nobl and no bus latency are trademarks of cypress semiconduc tor corporation. zbt is a trademark of integrated device technology, inc. all product and company names mentioned in this document are the trademarks of their respective holders. package diagrams (continued) 209-ball fbga (14 x 22 x 1.76 mm) (51-85167) 51-85167-** [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 27 of 28 document history page document title: cy7c1470v25/cy7c1472v25/cy 7c1474v25 72-mbit(2m x 36/4m x 18/1m x 72) pipelined sram with nobl? architecture document number: 38-05290 rev. ecn no. issue date orig. of change description of change ** 114677 08/06/02 pks new data sheet *a 121519 01/27/03 cjm updated feat ures for package offering removed 300-mhz offering changed tco, teov, tchz, teohz from 2.4 ns to 2.6 ns (250 mhz), tdoh, tclz from 0.8 ns to 1.0 ns (250 mhz), tdoh, tclz from 1.0 ns to 1.3 ns (200 mhz) updated ordering information changed advanced information to preliminary *b 223721 see ecn njy changed timing diagrams changed logic block diagrams modified functional description modified ?functional overview? section added boundary scan order for all packages included thermal numbers and capacitance values for all packages included idd and isb values removed 250-mhz offering and included 225-mhz speed bin changed package outline for 165fbga package and 209-ball bga package removed 119-bga package offering *c 235012 see ecn ryq minor change: the data sheets do not ma tch on the spec system and external web *d 243572 see ecn njy changed ball c11,d11,e11,f11,g11 from dqpb,dqb,dqb,dqb,dqb to dqpa,dqa,dqa,dqa,dqa in page 4 modified capacitance values in page 19 *e 299511 see ecn syt removed 225-mhz offering and included 250-mhz speed bin changed t cyc from 4.4 ns to 4.0 ns for 250-mhz speed bin changed ja from 16.8 to 24.63 c/w and jc from 3.3 to 2.28 c/w for 100 tqfp package on page # 19 added lead-free information for 100- pin tqfp and 165 fbga packages added comment of ?lead-free bg packages availability? below the ordering information *f 320197 see ecn pci corrected typo in part numbers on page# 9 and 10 *g 331513 see ecn pci address expansion pins/balls in the pinouts for all packages are modified as per jedec standard added address expansion pins in the pin definitions table added industrial operating range modified v ol , v oh test conditions updated ordering information table *h 416221 see ecn rxu converted from preliminary to final changed address of cypress semiconduc tor corporation on page# 1 from ?3901 north first street? to ?198 champion court? changed three-state to tri-state changed the description of i x from input load current to input leakage current on page# 17 changed the i x current values of mode on page # 17 from ?5 a and 30 a to ?30 a and 5 a changed the i x current values of zz on page # 17 from ?30 a and 5 a to ?5 a and 30 a changed v ddq < v dd to v ddq < v dd on page #17 replaced package name column with package diagram in the ordering infor- mation table updated ordering information table [+] feedback
cy7c1470v25 cy7c1472v25 cy7c1474v25 document #: 38-05290 rev. *i page 28 of 28 *i 472335 see ecn vkn corrected the typo in the pi n configuration for 209-ball fbga pinout (corrected the ball name for h9 to v ss from v ssq ). added the maximum rating for supply voltage on v ddq relative to gnd. changed t th , t tl from 25 ns to 20 ns and t tdov from 5 ns to 10 ns in tap ac switching characteristics table. updated the ordering information table. document title: cy7c1470v25/cy7c1472v25/cy 7c1474v25 72-mbit(2m x 36/4m x 18/1m x 72) pipelined sram with nobl? architecture document number: 38-05290 [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1474V25-250BGXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X