Part Number Hot Search : 
20040 LTC3456 01208 LV5813TT LV5813TT 15012452 622K2 STB30
Product Description
Full Text Search
 

To Download AD7788ARMZ-REEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low power, 16-/24-bit, sigma-delta adcs ad7788/ad7789 rev. b information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. specifications subject to change without notice. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781.329.4700 www.analog.com fax: 781.461.3113 ?2006 analog devices, inc. all rights reserved. features ad7788: 16-bit resolution ad7789: 24-bit resolution power supply: 2.5 v to 5.25 v operation normal: 75 a maximum power-down: 1 a maximum rms noise: 1.5 v ad7788: 16-bit p-p resolution ad7789: 19-bit p-p resolution (21.5 bits effective) integral nonlinearity: 3.5 ppm typical simultaneous 50 hz and 60 hz rejection internal clock oscillator v dd monitor channel 10-lead msop interface 3-wire serial spi?-, qspi?-, microwire?-, and dsp-compatible schmitt trigger on sclk applications smart transmitters battery applications portable instrumentation sensor measurement temperature measurement pressure measurement weigh scales 4 to 20 ma loops functional block diagram 03539-001 serial interface and control logic clock *ad7788: 16-bit adc ad7789: 24-bit adc a in(+) ain(?) gnd - adc* ad7788/ ad7789 refin(+) refin(?) v dd dout/rdy din sclk cs figure 1. general description the ad7788/ad7789 are low power, low noise, analog front ends for low frequency measurement applications. the ad7789 contains a low noise, 24-bit, - adc with one differential input. the ad7788 is a 16-bit version of the ad7789. the devices operate from an internal clock. therefore, the user does not have to supply a clock source to the devices. the output data rate is 16.6 hz, which gives simultaneous 50 hz/60 hz rejection. the parts operate with a single power supply from 2.5 v to 5.25 v. when operating from a 3 v supply, the power dissi- pation for the part is 225 w maximum. the ad7788/ad7789 are available in a 10-lead msop.
ad7788/ad7789 rev. b | page 2 of 20 table of contents features .............................................................................................. 1 interface ............................................................................................. 1 applications....................................................................................... 1 functional block diagram .............................................................. 1 general description ......................................................................... 1 revision history ............................................................................... 2 specifications..................................................................................... 3 ad7789 .......................................................................................... 3 ad7788 .......................................................................................... 4 ad7788/ad7789.......................................................................... 5 timing characteristics ................................................................ 6 timing diagrams.......................................................................... 7 absolute maximum ratings............................................................ 8 esd caution.................................................................................. 8 pin configuration and function descriptions............................. 9 typical performance characteristics ........................................... 10 on-chip registers .......................................................................... 11 communications register......................................................... 11 status register............................................................................. 12 mode register ............................................................................. 13 data register............................................................................... 13 adc circuit information.............................................................. 14 noise performance ..................................................................... 14 digital interface.......................................................................... 14 circuit description......................................................................... 17 analog input channel ............................................................... 17 bipolar/unipolar configuration .............................................. 17 data output coding .................................................................. 17 reference input........................................................................... 17 v dd monitor ................................................................................ 18 grounding and layout .............................................................. 18 outline dimensions ....................................................................... 19 ordering guide .......................................................................... 19 revision history 3/06rev. a to rev. b changes to ordering guide .......................................................... 19 11/04rev. 0 to rev. a updated format..................................................................universal added footnote 2 to integral nonlinearity a grade................... 4 changes to figure 5.......................................................................... 9 updated outline dimensions ....................................................... 19 changes to ordering guide .......................................................... 19 8/03revision 0: initial version
ad7788/ad7789 rev. b | page 3 of 20 specifications ad7789 v dd = 2.5 v to 5.25 v; refin(+) = 2.5 v; refin(?) = gnd; gnd = 0 v; all specifications t min to t max , unless otherwise noted. table 1. parameter 1 ad7789b unit test conditions/comments adc channel specification output update rate 16.6 hz nom adc channel no missing codes 2 24 bits min resolution 19 bits p-p output noise 1.5 v rms typ integral nonlinearity 15 ppm of fsr max offset error 3 v typ offset error drift vs. temperature 10 nv/c typ full-scale error 3 10 v typ gain drift vs. temperature 0.5 ppm/c typ power supply rejection 90 db min 100 db typ, ain = 1 v analog inputs differential input voltage ranges refin v nom refin = refin(+) ? refin(?) absolute ain voltage limits 2 gnd ? 30 mv v min v dd + 30 mv v max analog input current input current varies with input voltage average input current 2 400 na/v typ average input current drift 50 pa/v/c typ normal-mode rejection 2 @ 50 hz, 60 hz 65 db min 50 hz 1 hz, 60 hz 1 hz common-mode rejection ain = 1 v @ dc 90 db min 100 db typ @ 50 hz, 60 hz 2 100 db min 50 hz 1 hz, 60 hz 1 hz reference input refin voltage 2.5 v nom refin = refin(+) ? refin(?) reference voltage range 2 0.1 v min v dd v max absolute refin voltage limits 2 gnd ? 30 mv v min v dd + 30 mv v max average reference input current 0.5 a/v typ average reference input current drift 0.03 na/v/c typ normal-mode rejection 2 @ 50 hz, 60 hz 65 db min 50 hz 1 hz, 60 hz 1 hz common-mode rejection ain = 1 v @ dc 110 db typ @ 50 hz, 60 hz 110 db typ 50 hz 1 hz, 60 hz 1 hz 1 temperature range: ? 40c to +105c. 2 specification is not production tested but is supported by characterization data at initial product release. 3 full-scale error applies to both positive and negative full scale and applies at the fact ory calibration conditions (v dd = 4 v).
ad7788/ad7789 rev. b | page 4 of 20 ad7788 v dd = 2.5 v to 5.25 v (b grade); v dd = 2.7 v to 5.25 v (a grade); refin(+) = 2.5 v; refin( ? ) = gnd; gnd = 0 v; all specifications t min to t max , unless otherwise noted. table 2. parameter 1 ad7788 a, ad7788b unit test conditions/comments adc channel specification output update rate 16.6 hz nom adc channel no missing codes 2 16 bits min resolution 16 bits p-p output noise 1.5 v rms typ integral nonlinearity 15 ppm of fsr max b grade 50 ppm of fsr max a grade 2 offset error 3 v typ offset error drift vs. temperature 10 nv/c typ full-scale error 3 10 v typ gain drift vs. temperature 0.5 ppm/c typ power supply rejection 90 db min b grade 90 db typ a grade analog inputs differential input voltage ranges refin v nom refin = refin(+) ? refin(?) absolute ain voltage limits 2 gnd ? 30 mv v min v dd + 30 mv v max analog input current input current varies with input voltage average input current 2 400 na/v typ average input current drift 50 pa/v/c typ normal-mode rejection 2 @ 50 hz, 60 hz 65 db min b grade, 50 hz 1 hz, 60 hz 1 hz 60 db min a grade, 50 hz 1 hz, 60 hz 1 hz common-mode rejection ain = 1 v @ dc 90 db min b grade, 100 db typ 90 db typ a grade @ 50 hz, 60 hz 2 100 db min b grade, 50 hz 1 hz, 60 hz 1 hz 100 db typ a grade, 50 hz 1 hz, 60 hz 1 hz reference input refin voltage 2.5 v nom refin = refin(+) ? refin(?) reference voltage range 2 0.1 v min v dd v max absolute refin voltage limits 2 gnd ? 30 mv v min v dd + 30 mv v max average reference input current 0.5 a/v typ average reference input current drift 0.03 na/v/c typ normal-mode rejection 2 @ 50 hz, 60 hz 65 db min b grade, 50 hz 1 hz, 60 hz 1 hz 60 db min a grade common-mode rejection ain = 1 v @ dc 100 db typ @ 50 hz, 60 hz 110 db typ 50 hz 1 hz, 60 hz 1 hz 1 temperature range: b grade: ? 40c to +105c; a grade: ? 40c to +85c. 2 specification is not production tested but is supported by characterization data at initial product release. 3 full-scale error applies to both positive and negative full scale and applies at the fact ory calibration conditions (v dd = 4 v).
ad7788/ad7789 rev. b | page 5 of 20 ad7788/ad7789 table 3. parameter ad7788a, ad7788b/ad7789b unit test conditions/comments logic inputs all inputs except sclk 1 v inl , input low voltage 0.8 v max v dd = 5 v 0.4 v max v dd = 3 v v inh , input high voltage 2.0 v min v dd = 3 v or 5 v sclk only (schmitt-triggered input) 1 v t (+) 1.4/2 v min/v max v dd = 5 v v t ( ? ) 0.8/1.4 v min/v max v dd = 5 v v t (+) ? v t ( ? ) 0.3/0.85 v min/v max v dd = 5 v v t (+) 0.9/2 v min/v max v dd = 3 v v t ( ? ) 0.4/1.1 v min/v max v dd = 3 v v t (+) ? v t ( ? ) 0.3/0.85 v min/v max v dd = 3 v input currents 1 a max v in = v dd input capacitance 10 pf typ all digital inputs logic outputs v oh , output high voltage 1 v dd ? 0.6 v min v dd = 3 v, i source = 100 a v ol , output low voltage 1 0.4 v max v dd = 3 v, i sink = 100 a v oh , output high voltage 1 4 v min v dd = 5 v, i source = 200 a v ol , output low voltage 1 0.4 v max v dd = 5 v, i sink = 1.6 ma floating-state leakage current 1 a max floating-state output capacitance 10 pf typ data output coding offset binary power requirements 2 power supply voltage v dd ? gnd 2.5/5.25 v min/max ad7789, ad7788 b grade 2.7/5.25 v min/max ad7788 a grade power supply currents i dd current 75 a max 65 a typ, v dd = 3.6 v 80 a max 73 a typ, v dd = 5.25 v i dd (power-down mode) 1 a max 1 specification is not production tested but is supported by characterization data at initial product release. 2 digital inputs equal to v dd or gnd.
ad7788/ad7789 rev. b | page 6 of 20 timing characteristics v dd = 2.5 v to 5.25 v (ad7788b and ad7789); v dd = 2.7 v to 5.25 v (ad7788a); gnd = 0 v; refin(+) = 2.5 v; refin(?) = gnd; input logic 0 = 0 v; input logic 1 = v dd , unless otherwise noted. table 4. parameter 1 , 2 limit at t min , t max (b version) unit description t 3 100 ns min sclk high pulse width t 4 100 ns min sclk low pulse width read operation t 1 0 ns min cs falling edge to dout/ rdy active time 60 ns max v dd = 4.75 v to 5.25 v 80 ns max v dd = 2.7 v to 3.6 v t 2 3 0 ns min sclk active edge to data valid delay 4 60 ns max v dd = 4.75 v to 5.25 v 80 ns max v dd = 2.7 v to 3.6 v t 5 5 , 6 10 ns min bus relinquish time after cs inactive edge 80 ns max t 6 0 ns min sclk inactive edge to cs inactive edge t 7 10 ns min sclk inactive edge to dout/ rdy high write operation t 8 0 ns min cs falling edge to sclk active edge setup time 4 t 9 30 ns min data valid to sclk edge setup time t 10 25 ns min data valid to sclk edge hold time t 11 0 ns min cs rising edge to sclk edge hold time 1 sample tested during initial release to ensure compliance. all input signals are specified with t r = t f = 5 ns (10% to 90% of v dd ) and timed from a voltage level of 1.6 v. 2 see figure 3 and figure 4. 3 these numbers are measured with the load circuit of, and de fined as, the time required for the output to cross the v ol or v oh limits. 4 sclk active edge is the falling edge of sclk. 5 these numbers are derived from the measured time taken by the data output to change 0.5 v when loaded with the circuit of figu re 2. the measured number is then extrapolated back to remove the effects of charging or discharging the 50 pf capacitor. this means that the times quoted in the timing characteristics are the true bus relinquish times of the part and, as such, are independent of external bus loading capacitances. 6 rdy returns high after a read of the adc. in single-conversion mode and continuous-conversion mode, the same data can be read agai n, if required, while rdy is high, although care should be taken to ensure that subsequent reads do not occur close to the next output update. in continuous read mode, the digital word can be read only once.
ad7788/ad7789 rev. b | page 7 of 20 timing diagrams 03539-002 i sink (1.6ma with v dd = 5v, 100a with v dd = 3v) i source (200a with v dd = 5v, 100a with v dd = 3v) 1.6v t o output pin 50pf figure 2. load circuit for timing characterization 03539-003 t 2 t 3 t 4 t 1 t 6 t 5 t 7 cs (i) dout/rdy (o) sclk (i) i = input, o = output msb lsb figure 3. read cycle timing diagram 03539-004 i = input, o = output cs (i) sclk (i) din (i) msb lsb t 8 t 9 t 10 t 11 figure 4. write cycle timing diagram
ad7788/ad7789 rev. b | page 8 of 20 absolute maximum ratings t a = 25c, unless otherwise noted. table 5. parameter rating v dd to gnd ?0.3 v to +7 v analog input voltage to gnd ?0.3 v to v dd + 0.3 v reference input voltage to gnd ?0.3 v to v dd + 0.3 v total ain/refin current (indefinite) 30 ma digital input voltage to gnd ?0.3 v to v dd + 0.3 v digital output voltage to gnd ?0.3 v to v dd + 0.3 v operating temperature range b grade ?40c to +105c a grade ?40c to +85c storage temperature range ?65c to +150c maximum junction temperature 150c 10-lead msop ja thermal impedance 206c/w jc thermal impedance 44c/w lead temperature, soldering (10 sec) 300c ir reflow, peak temperature 220c stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. esd caution esd (electrostatic discharge) sensitive device. electros tatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge wi thout detection. although this product features proprietary esd protection circuitry, permanent dama ge may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd pr ecautions are recommended to avoid performance degradation or loss of functionality.
ad7788/ad7789 rev. b | page 9 of 20 pin configuration and fu nction descriptions 03539-005 ad7788/ ad7789 top view (not to scale) sclk 1 cs 2 ain(+) 3 ain(?) 4 refin(+) 5 din dout/rdy v dd gnd refin(?) 10 9 8 7 6 figure 5. pin configuration table 6. pin function descriptions pin no. mnemonic description 1 sclk serial clock input for data transfers to and from the ad c. the sclk has a schmitt-triggered input, making the interface suitable for opto-isolated appl ications. the serial clock can be continuous, with all data transmitted in a continuous train of pulses. alternatively, it can be a noncontinuous clock with the information being trans- mitted to or from the adc in smaller batches of data. 2 cs chip select input. this is an active low logic input used to select the adc. cs can be used to select the adc in systems with more than one device on the serial bus or as a frame synchronization signal in communicating with the device. cs can be hardwired low, allowing the adc to operate in 3-wire mode with sclk, din, and dout/ rdy used to interface with the device. 3 ain(+) analog input. ain(+) is the positive te rminal of the fully differential analog input. 4 ain(?) analog input. ain(C) is the negative terminal of the fully differential analog input. 5 refin(+) positive reference input. refin(+) can lie anywhere between v dd and gnd + 0.1 v. the nominal reference voltage (refin(+) ? refin(?)) is 2.5 v, but the part functions with a reference from 0.1 v to v dd . 6 refin(?) negative reference input. this re ference input can lie anywhere between gnd and v dd ? 0.1 v. 7 gnd ground reference point. 8 v dd supply voltage. 3 v or 5 v nominal. 9 dout/ rdy the dout/ rdy falling edge can be used as an interrupt to a pr ocessor, indicating that valid data is available. with an external serial clock, th e data can be read using the dout/ rdy pin. with cs low, the data/control word information is placed on the dout/ rdy pin on the sclk falling edge and is valid on the sclk rising edge. the end of a conversion is also indicated by the rdy bit in the status register. when cs is high, the dout/ rdy pin is three-stated, but the rdy bit remains active. 10 din serial data input to the input shift register on the adc. data in this shift register is transferred to the control registers within the adc; the register selection bits of the communications register identify the appropriate register.
ad7788/ad7789 rev. b | page 10 of 20 typical performance characteristics 03539-007 ?120 ?110 ?100 ?90 ?80 ?70 ?60 ?50 ?40 ?30 ?20 ?10 04 08 0 20 60 100 120 140 db 160 0 frequency (hz) figure 6. frequency response with 16.6 hz update rate 03539-008 0 10 20 30 40 50 60 70 8388591 occurence 8388625 code v dd = 3v v ref = 2.048v t a = 25c rms noise = 1.25v figure 7. ad7789 noise histogram 03539-009 8388591 0 200 400 600 800 code 1000 8388625 read no. v dd = 3v, v ref = 2.048v, t a = 25c, rms noise = 1.25v figure 8. ad7789 noise plot 03539-013 0 0.5 1.0 1.5 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 rms noise (v) 5.0 3.0 2.5 2.0 v ref (v) v dd = 5v update rate = 16.6hz t a = 25c figure 9. ad7788/ad7789 noise vs. v ref
ad7788/ad7789 rev. b | page 11 of 20 on-chip registers the adc is controlled and configured via a number of on-chip registers, which are described on the following pages. in the following descriptions, set implies a logic 1 state and cleared implies a logic 0 state, unless otherwise stated. communications register (rs1, rs0 = 0, 0) the communications register is an 8-bit, write only register. all communications to the part must start with a write operation to the communications register. the data written to the commun- ications register determines whether the next operation is a read or write operation, and to which register this operation takes place. for read or write operations, once the subsequent read or write operation to the selected register is complete, the interface returns to where it expects a write operation to the communications register. this is the default state of the interface and, on power-up or after a reset, the adc is in this default state waiting for a write operation to the communications register. in situations where the interface sequence is lost, a write operation of at least 32 serial clock cycles with din high returns the adc to this default state by resetting the entire part. tabl e 7 outlines the bit designations for the communications register. cr0 through cr7 indicate the bit location, cr denoting the bits are in the communications register. cr7 denotes the first bit of the data stream. the number in brackets indicates the power-on/reset default status of that bit. cr7 cr6 cr5 cr4 cr3 cr2 cr1 cr0 wen [0] 0[0] rs1[0] rs0[0] r/ w [0] cread[0] ch1[0] ch0[0] table 7. communications re gister bit designations bit location bit name description cr7 wen write enable bit. a 0 must be written to this bit so that the write to the commu nications register actually occurs. if a 1 is the first bit written, the part does not clock on to subsequent bits in the register. it stays at this bit location until a 0 is written to this bit. once a 0 is written to the wen bit, the next seven bits are loaded to the communications register. cr6 0 this bit must be programmed with a logic 0 for correct operation. cr5 to cr4 rs1 to rs0 register address bits. these address bits are used to select which of the adc registers are being selected during this serial interface communication (see table 8 ). cr3 r/ w a 0 in this bit location indicates that the next operatio n is a write to a specified register. a 1 in this position indicates that the next operation is a read from the designated register. cr2 cread continuous read of the data register. when this bit is se t to 1 (and the data register is selected), the serial interface is configured so that the data register can be continuously read, that is, the contents of the data register are placed on the dout/ rdy pin automatically when the sclk pulses are applied. the communications register does not have to be written to for data reads. to enable continuous read mode, the instruction 001111xx must be written to the communi cations register. to exit the continuous read mode, the instruction 001110xx must be written to the communications register while the dout/ rdy pin is low. while in continuous read mode, the adc monitors activity on the din line so that it can receive the instruction to exit continuous read mode. additionally, a reset occurs if 32 consecutive 1s are seen on din. therefore, din should be held low in continuous read mode until an instruction is to be written to the device. cr1 to cr0 ch1 to ch0 these bits are used to select the analog input channel. the differential channel can be selected ain(+)/ain(? ) or an internal short ain(?)/ain(?) can be selected. alternatively, the power supply can be selected, that is, the adc can measure the voltage on the power supply, which is useful for monitoring power supply variation. the power supply voltage is divided by 5 and then applied to the modulator for conversion. the adc uses a 1.17 v 5% on-chip reference as the reference source for the analog-to-digital conversion. any change in channel resets the filter and a new conversion is started.
ad7788/ad7789 rev. b | page 12 of 20 table 8. register selection rs1 rs0 register register size 0 0 communications register during a write operation 8-bit 0 0 status register during a read operation 8-bit 0 1 mode register 8-bit 1 0 reserved 8-bit 1 1 data register 16-bit (ad7788) 24-bit (ad7789) table 9. channel selection ch1 ch0 channel 0 0 ain(+) ? ain(?) 0 1 reserved 1 0 ain(?) ? ain(?) 1 1 v dd monitor status register (rs1, rs0 0, 0 power-on/reset 0x88 for ad7788 and 0x8c for ad7789) the status register is an 8-bit, read only register. to access the adc status register, the user must write to the communicatio ns register, select the next operation to be a read, and load bit rs1 and bit rs0 with 0. tabl e 10 outlines the bit designations for the status register. sr0 through sr7 indicate the bit locations, sr denoting the bits are in the status register. sr7 denotes the first bit of the d ata stream. the number(s) in brackets indicates the power-on/reset default status of that bit. m s b l s b sr7 sr6 sr5 sr4 sr3 sr2 sr1 sr0 rdy [1] err[0] 0[0] 0[0] 1[1] wl[1/0] ch1[0] ch0[0] table 10. status register bit designations bit location bit name description sr7 rdy ready bit for adc. cleared when data is written to the adc data register. the rdy bit is set automatically after the adc data register has been read or a period of time before the data register is updated with a new conversion result to tell the user not to read the conversion data. it is also set when the part is placed in power-down mode. the end of a conversion is indicated by the dout/ rdy pin. this pin can be used as an alternative to the status register for monitoring the adc for conversion data. sr6 err adc error bit. this bit is written to at the same time as the rdy bit. set to indicate that the result written to the adc data register has been clamped to all 0s or all 1s. error sources include overrange, under- range. cleared by a write operation to start a conversion. sr5 0 this bit is cleared automatically. sr4 0 this bit is cleared automatically. sr3 1 this bit is set automatically. sr2 wl ad7788/ad7789 identifier. this bit is cleared automati cally if the device is an ad7788 and it is set automatically if the device is an ad7789. this bit is used to distinguish between the ad7788 and ad7789. sr1 to sr0 ch1 to ch0 these bits indicate which channel is being converted by the adc.
ad7788/ad7789 rev. b | page 13 of 20 mode register (rs1, rs0 = 0, 1; power-on/reset = 0x02) the mode register is an 8-bit register from which data can be re ad from or written to. this register is used to configure the a dc for range, to set unipolar or bipolar mode, to enable or disable the buffer, or to place the device into power-down mode. table 11 outlines the bit designations for the mode register. mr0 through mr7 indicate the bit locations, mr denoting the bits are in the mode regist er. mr7 denotes the first bit of the data stream. the number in brackets indicates the power-on/reset default status of that bit. any w rite to the setup register resets the modulator and filter, and sets the rdy bit. m s b l s b mr7 mr6 mr5 mr4 mr3 mr2 mr1 mr0 md1[0] md0[0] 0[0] 0[0] 0[0] u/ b [0] 1[1] 0[0] table 11. mode register bit designations bit location bit name description mr7 to mr6 md1 to md0 mode select bits. these bits select between continuous conversion mode, single conversion mode, and standby mode. in continuous conversion mode, the adc continuously performs conversions and places the result in the data register. dout/ rdy goes low when a conversion is complete. the user can read these conversions by placing the device in continuous read mode whereby the conversions are automatically placed on the dout/ rdy line when sclk pulses are applied. altern atively, the user can instruct the adc to output the conversion by writing to the communication s register. after power-on, the first conversion is available after a period 2/ f adc while subsequent conversions are available at a frequency of f adc . in single conversion mode, the adc is placed in power-down mode when conversions are not being performed. when single conversion mode is selected, the adc powers up (which takes 1 ms) and performs a single conversion, requiring a duration of 2/f adc . the conversion result is placed in the data register, dout/ rdy goes low, and the adc returns to power-down mode. the conversion remains in the data register and dout/ rdy remains active (low) until the data is re ad or another conversion is performed (see table 12 ). mr5 to mr3 0 these bits must be progra mmed with a logic 0 for correct operation. mr2 u/ b unipolar/bipolar bit. set by user to enable unipolar coding; that is, zero differential input results in 000000 output, and a full-scale differential input results in 111111 output. cleared by the user to enable bipolar coding. negative full-scale differenti al input results in an output code of 000000, zero differential input results in an output code of 100000, and a positive full-scale diff erential input results in an output code of 111111. mr1 1 this bit must be programmed with a logic 1 for correct operation. mr0 0 this bit must be programmed with a logic 0 for correct operation. table 12. operating modes md1 md0 mode 0 0 continuous conver sion mode (default) 0 1 reserved 1 0 single conversion mode 1 1 power-down mode data register (rs1, rs0 = 1, 1; power-on/reset = 0x0000 for the ad7788 and 0x000000 for the ad7789) the conversion result from the adc is stored in this data register. this is a read only register. on completion of a read opera tion from this register, the rdy bit/pin is set.
ad7788/ad7789 rev. b | page 14 of 20 adc circuit information the ad7788/ad7789 are low power adcs that incorporate a - modulator and on-chip digital filtering intended for the measurement of wide dynamic range, low frequency signals, such as those in pressure transducers, weigh scales, and temper- ature measurement applications. the part has one unbuffered differential input. the device requires an external reference voltage between 0.1 v and v dd . figure 10 shows the basic connections required to operate the part. 03539-006 in+ 10f 0.1f in? out? power supply out+ refin(+) cs dout/rdy sclk v dd gnd ain(+) ain(?) refin(?) ad7788/ ad7789 microcontroller figure 10. basic connection diagram the output rate of the ad7788/ad7789 (f adc ) is 16.6 hz with the settling time equal to 2 t adc (120.4 ms). normal-mode rejection is the major function of the digital filter. simultaneous 50 hz and 60 hz rejection is optimized as notches are placed at both 50 hz and 60 hz with this update rate (see figure 6 ). noise performance typically, the devices have an rms noise of 1.5 v rms that corresponds to a peak-to-peak resolution of 16 bits for the ad7788 and 19 bits (equivalent to an effective resolution of 21.5 bits) for the ad7789. these numbers are for the bipolar input range with a reference of 2.5 v. the noise was measured with a differential input voltage of 0 v. the peak-to-peak resolution figures represent the resolution for which there is no code flicker within a six-sigma limit. the output noise comes from two sources. the first is the electrical noise in the semi- conductor devices (device noise) used in the implementation of the modulator. the second is quantization noise, added when the analog input is converted into the digital domain. digital interface as previously outlined, the ad7788/ad7789 programmable functions are controlled using a set of on-chip registers. data is written to these registers via the serial interface and read access to the on-chip registers is also provided by this interface. all communications with the devices must start with a write to the communications register. after power-on or reset, the devices expect a write to the communications register. the data written to this register determines whether the next operation is a read operation or a write operation, and also determines to which register this read or write operation occurs. therefore, write access to any of the other registers on the devices begins with a write operation to the communications register followed by a write to the selected register. a read operation from any other register (except when continuous read mode is selected) starts with a write to the communications register followed by a read operation from the selected register. the ad7788/ad7789 serial interface consists of four signals: cs , din, sclk, and dout/ rdy . the din line is used to transfer data into the on-chip registers and dout/ rdy is used for accessing data from the on-chip registers. sclk is the serial clock input for the device, and all data transfers (either on din or dout/ rdy ) occur with respect to the sclk signal. the dout/ rdy pin operates as a data ready signal also, the line goes low when a new data-word is available in the output register. it is reset high when a read operation from the data register is complete. it also goes high prior to the data register update to indicate when not to read from the device; this ensures that a data read is not attempted while the register is being updated. cs is used to select a device. it can be used to decode the ad7788/ad7789 in systems where several compo- nents are connected to the serial bus. figure 3 and figure 4 show timing diagrams for interfacing to the ad7788/ad7789 with cs being used to decode the devices. figure 3 shows the timing for a read operation from the output shift register, while figure 4 shows the timing for a write opera- tion to the input shift register. in all modes except continuous read mode, it is possible to read the same word from the data register several times even though the dout/ rdy line returns high after the first read operation. however, care must be taken to ensure that the read operations have been completed before the next output update occurs. in continuous read mode, the data register can be read only once. the serial interface can operate in 3-wire mode by tying cs low. in this case, the sclk, din, and dout/ rdy lines are used to communicate with the ad7788/ad7789. the end of conversion can be monitored using the rdy bit in the status register. this scheme is suitable for interfacing to microcontrollers. if cs is required as a decoding signal, it can be generated from a port pin. for microcontroller interfaces, it is recommended that sclk idles high between data transfers. the ad7788/ad7789 can operate with cs being used as a frame synchronization signal. this scheme is useful for dsp interfaces. in this case, the first bit (msb) is effectively clocked out by cs , because cs normally occurs after the falling edge of sclk in dsps. the sclk can continue to run between data transfers, provided the timing numbers are obeyed.
ad7788/ad7789 rev. b | page 15 of 20 the serial interface can be reset by writing a series of 1s on the din input. if a logic 1 is written to the ad7788/ad7789 for at least 32 serial clock cycles, the serial interface is reset. this ensures that the interface can be reset to a known state if the interface gets lost due to a software error or a glitch in the system. reset returns the interface to the state in which it is expecting a write to the communications register. this oper- ation resets the contents of all registers to their power-on values. the ad7788/ad7789 can be configured to continuously convert or to perform a single conversion. see figure 11 through figure 13. single conversion mode in single-conversion mode, the ad7788/ad7789 are placed in power-down mode between conversions. when a single conver- sion is initiated by setting md1 to 1 and md0 to 0 in the mode register, the ad7788/ad7789 power up, perform a single con- version, and then return to power-down mode. the devices require 1 ms to power up and settle. the ad7788/ad7789 then perform a conversion, requiring a time period of 2 t adc . dout/ rdy goes low to indicate the completion of a conversion. when the data-word has been read from the data register, dout/ rdy goes high. if cs is low, dout/ rdy remains high until another conversion is initiated and completed. the data register can be read several times, if required, even when dout/ rdy has gone high. continuous conversion mode this is the default power-up mode. the ad7788/ad7789 continuously convert, the rdy pin in the status register going low each time a conversion is complete. if cs is low, the dout/ rdy line also goes low when a conversion is complete. to read a conversion, the user can write to the communications register, indicating that the next operation is a read of the data register. the digital conversion is placed on the dout/ rdy pin as soon as sclk pulses are applied to the adc. dout/ rdy returns high when the conversion is read. the user can read this register additional times, if required. however, the user must ensure that the data register is not being accessed at the completion of the next conversion or else the new conversion word is lost. 03539-010 din 0x10 0x82 data sclk dout/rdy cs 0x38 figure 11. single conversion 03539-012 din sclk dout/rdy cs 0x38 0x38 data data figure 12. continuous-conversion mode
ad7788/ad7789 rev. b | page 16 of 20 continuous read mode rather than write to the communications register each time a conversion is complete to access the data, the ad7788/ad7789 can be placed in continuous read mode. by writing 001111xx to the communications register, the user needs only to apply the appropriate number of sclk cycles to the adc and the data- word is automatically placed on the dout/ rdy line when a conversion is complete. when dout/ rdy goes low to indicate the end of a conver- sion, sufficient sclk cycles must be applied to the adc and the data conversion is placed on the dout/ rdy line. when the conversion is read, dout/ rdy returns high until the next conversion is available. in this mode, the data can be read only once. also, the user must ensure that the data-word is read before the next conversion is complete. if the data-word has not read the conversion before the completion of the next conversion, or if insufficient serial clocks are applied to the ad7788/ad7789 to read the word, the serial output register is reset when the next conversion is complete and the new conversion is placed in the output serial register. to exit continuous read mode, the instruction 001110xx must be written to the communications register while the dout/ rdy pin is low. while in continuous read mode, the adc monitors activity on the din line so that it can receive the instruction to exit continuous read mode. additionally, a reset occurs if 32 consecutive 1s are seen on din. therefore, din should be held low in continuous read mode until an instruction is to be written to the device. 03539-011 din sclk dout/rd y cs 0x3c data data data figure 13. continuous-read mode
ad7788/ad7789 rev. b | page 17 of 20 circuit description analog input channel the ad7788/ad7789 have one differential analog input channel that is connected to the modulator, thus, the input is unbuffered. note that this unbuffered input path provides a dynamic load to the driving source. therefore, resistor/capacitor combinations on the input pins can cause dc gain errors, depending on the output impedance of the source that is driving the adc input. table 13 shows the allowable external resistance/capacitance values such that no gain error at the 16-bit level is introduced (ad7788). table 14 shows the allowable external resistance/capacitance values such that no gain error at the 20-bit level is introduced (ad7789). table 13. external r-c combination for no 16-bit gain error (ad7788) c (pf) r () 50 22.8 k 100 13.1 k 500 3.3 k 1000 1.8 k 5000 360 table 14. external r-c combination for no 20-bit gain error (ad7789) c (pf) r () 50 16.7 k 100 9.6 k 500 2.2 k 1000 1.1 k 5000 160 the absolute input voltage includes the range between gnd ? 30 mv and v dd + 30 mv. the negative absolute input voltage limit does allow the possibility of monitoring small true bipolar signals with respect to gnd. bipolar/unipolar configuration the analog input to the devices can accept either unipolar or bipolar input voltage ranges. a bipolar input range does not imply that the parts can tolerate large negative voltages with respect to system gnd. unipolar and bipolar signals on the ain(+) input are referenced to the voltage on the ain(?) input. for example, if ain(?) is 2.5 v and the adc is configured for unipolar mode, the input voltage range on the ain(+) pin is 2.5 v to 5 v. if the adc is configured for bipolar mode, the analog input range on the ain(+) input is 0 v to 5 v. the bipolar/unipolar option is chosen by programming the u/ b bit in the mode register. data output coding when the adc is configured for unipolar operation, the output code is natural (straight) binary with a zero differential input voltage resulting in a code of 000...000, a midscale voltage resulting in a code of 100...000, and a full-scale input voltage resulting in a code of 111...111. the output code for any analog input voltage can be represented as code = 2 n ( ain / v ref ) when the adc is configured for bipolar operation, the output code is offset binary with a negative full-scale voltage resulting in a code of 000...000, a zero differential input voltage resulting in a code of 100...000, and a positive full-scale input voltage resulting in a code of 111...111. the output code for any analog input voltage can be represented as code = 2 n C 1 [( ain / v ref ) + 1] where: ain is the analog input voltage. n = 16 for the ad7788, 24 for the ad7789. reference input the ad7788/ad7789 have a fully differential input capability for the channel. the common-mode range for these differential inputs is from gnd to v dd . the reference input is unbuffered and, therefore, excessive r-c source impedances introduce gain errors. the reference voltage refin [refin(+) ? refin(?)] is 2.5 v nominal, but the ad7788/ad7789 are functional with reference voltages from 0.1 v to v dd . in applications where the excitation (voltage or current) for the transducer on the analog input also drives the reference voltage for the parts, the effect of the low frequency noise in the excitation source is removed because the application is ratiometric. if the ad7788/ad7789 are used in a nonratiometric application, a low noise reference should be used. recommended 2.5 v reference voltage sources for the ad7788/ ad7789 include the adr381 and adr391, because they are low noise, low power references. if the analog circuitry uses a 2.5 v power supply, the reference voltage source requires some headroom. in this case, a 2.048 v reference such as the adr380 or adr390 can be used. again, these are low power, low noise references. also note that the reference inputs provide a high impedance, dynamic load. because the input impedance of each reference input is dynamic, resistor/capacitor combinations on these inputs can cause dc gain errors, depending on the output impedance of the source that is driving the reference inputs.
ad7788/ad7789 rev. b | page 18 of 20 reference voltage sources like those recommended in the pre- vious section (for example, adr391) typically have low output impedances and are, therefore, tolerant to having decoupling capacitors on refin(+) without introducing gain errors in the system. deriving the reference input voltage across an external resistor means that the reference input sees a significant exter- nal source impedance. external decoupling on the refin pins is not recommended in this type of circuit configuration. v dd monitor along with converting external voltages, the analog input channel can be used to monitor the voltage on the v dd pin. when bit ch1 and bit ch0 in the communications register are set to 1, the voltage on the v dd pin is internally attenuated by 5 and the resultant voltage is applied to the - modulator using an internal 1.17 v reference for analog-to-digital conversion. this is useful because variations in the power supply voltage can be monitored. grounding and layout because the analog inputs and reference inputs of the adc are differential, most of the voltages in the analog modulator are common-mode voltages. the excellent common-mode rejection of the part removes common-mode noise on these inputs. the digital filter provides rejection of broadband noise on the power supply, except at integer multiples of the modulator sampling frequency. the digital filter also removes noise from the analog and reference inputs, provided that these noise sources do not saturate the analog modulator. as a result, the ad7788/ad7789 are more immune to noise interference than conventional high resolution converters. however, because the resolution of the ad7788/ad7789 is so high, and the noise levels from the ad7788/ad7789 are so low, care must be taken with regard to grounding and layout. the printed circuit board that houses the ad7788/ad7789 should be designed such that the analog and digital sections are separated and confined to certain areas of the board. a minimum etch technique is generally best for ground planes because it gives the best shielding. it is recommended that the ad7788/ad7789 gnd pins be tied to the agnd plane of the system. in any layout, it is important that the user consider the flow of currents in the system, ensuring that the return paths for all currents are as close as possible to the paths the currents took to reach their destinations. avoid forcing digital currents to flow through the agnd sections of the layout. the ad7788/ad7789 ground plane should be allowed to run under the devices to prevent noise coupling. the power supply lines to the ad7788/ad7789 should use as wide a trace as possible to provide low impedance paths and reduce the effects of glitches on the power supply line. fast switching signals, such as clocks, should be shielded with digital ground to avoid radiating noise to other sections of the board, and clock signals should never be run near the analog inputs. avoid crossover of digital and analog signals. traces on opposite sides of the board should run at right angles to each other. this reduces the effects of feedthrough through the board. a microstrip technique is by far the best, but it is not always possible with a double-sided board. in this technique, the component side of the board is dedicated to ground planes, with signals placed on the solder side. good decoupling is important when using high resolution adcs. v dd should be decoupled with a 10 f tantalum in parallel with 0.1 f capacitors to gnd. to achieve the best from these decoupling components, they should be placed as close as possible to the device, ideally right up against the device. all logic chips should be decoupled with 0.1 f ceramic capacitors to dgnd.
ad7788/ad7789 rev. b | page 19 of 20 outline dimensions compliant to jedec standards mo-187-ba 0.23 0.08 0.80 0.60 0.40 8 0 0.15 0.05 0.33 0.17 0.95 0.85 0.75 seating plane 1.10 max 10 6 5 1 0.50 bsc pin 1 coplanarity 0.10 3.10 3.00 2.90 3.10 3.00 2.90 5.15 4.90 4.65 figure 14. 10-lead mini small outline package [msop] (rm-10) dimensions shown in millimeters ordering guide model temperature range package description package option branding ad7788brm ?40c to +105c 10-lead mini sm all outline package [msop] rm-10 cox ad7788brm-reel ?40c to +105c 10-lead mini small outline package [msop] rm-10 cox ad7788brmz 1 ?40c to +105c 10-lead mini small outline package [msop] rm-10 c3g ad7788brmz-reel 1 ?40c to +105c 10-lead mini small outline package [msop] rm-10 c3g ad7788arm ?40c to +85c 10-lead mini sm all outline package [msop] rm-10 coz ad7788arm-reel ?40c to +85c 10-lead mini small outline package [msop] rm-10 coz ad7788armz 1 ?40c to +85c 10-lead mini small outline package [msop] rm-10 c4t ad7789brm ?40c to +105c 10-lead mini small outline package [msop] rm-10 coy ad7789brm-reel ?40c to +105c 10-lead mini small outline package [msop] rm-10 coy ad7789brmz 1 ?40c to +105c 10-lead mini small outline package [msop] rm-10 c43 ad7789brmz-reel 1 ?40c to +105c 10-lead mini small outline package [msop] rm-10 c43 eval-ad7788eb evaluation board eval-ad7789eb evaluation board 1 z = pb-free part.
ad7788/ad7789 rev. b | page 20 of 20 notes ?2006 analog devices, inc. all rights reserved. trademarks and registered trademarks are the property of their respective owners. c 03539-0-3/06(b)


▲Up To Search▲   

 
Price & Availability of AD7788ARMZ-REEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X