Part Number Hot Search : 
STZ8027B OP262GS BSW66 M108I 74LVC86 P6KE47 CD214A 2N2369AU
Product Description
Full Text Search
 

To Download A-41672-A15A102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/22/2010 please check www.molex.com for latest part information part number: 0026481156 status: active description: 3.96mm (.156") pitch kk? header, breakaway, right angle, with friction lock, 15 circuits, tin (sn) plating documents: 3d model product specification ps-08-50 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 41672 application wire-to-board product name kk? physical breakaway yes circuits (loaded) 15 circuits (maximum) 15 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation right angle pc tail length (in) 0.212 in pc tail length (mm) 5.38 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm plating min: mating (in) 200 plating min: mating (m) 5 plating min: termination (in) 200 plating min: termination (m) 5 polarized to mating part no polarized to pcb yes shrouded no stackable no temperature range - operating 0c to +75c termination interface: style through hole electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 41672 series mates with 3069 , 3215 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , 41815
current - maximum per contact 7a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number A-41672-A15A102 reference - drawing numbers product specification ps-08-50 sales drawing sd-41672-001, sd-41672-002 this document was generated on 03/22/2010 please check www.molex.com for latest part information

rev: ecr/ecn information: sheet no. ec no.: ucp2009-2938 ab4 date: 6/15/2009 title: kk 156 header assembly friction lock breakaway right angle - 2 - document number: created / revised by: checked by: approved by: sd - 41672 - 001 mkipper ssousek fsmith template filename: product_spec[size_a](v.1).doc header no: 41186-a-an header no: 41186-a-an head er no: 41186-a-an header no: 41186-a-an pin no: 2161-37(102) pin no: 43294-0569 pin no: 43294-0570 pin no: 2161-37(501) pin length l 1.100 / 27.90 pin length l 1.1 00 / 27.90 pin length l 1.100 / 27.90 pin leng th l 1.100 / 27.90 mating m .450 / 11.43 mating m .450 / 11.43 mating m .450 / 11.43 matin g m .450 / 11.43 gold: na gold: .270 / 6.86 gold: .270 / 6.86 go ld: overall bend height: y .213 / 5.41 bend height: y .213 / 5.41 bend height: y .213 / 5.41 bend height: y .2 13 / 5.41 pc tail p .212 / 5.38 pc tail p . 212 / 5.38 pc tail p .212 / 5.38 pc tail p .212 / 5.38 tin: overall tin: .200 / 5.08 tin: . 200 / 5.08 tin: na pack per pk-41672-001 pack per pk-41672-001 pac k per pk-41672-001 pack per pk-41672-001 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 026481026 a-41672-a02a102 41672-0001 a-41672-b02a208 41672-0024 a-41672-b02a228 026482026 a-41672-a02a501 3 026481036 a-41672-a03a102 41672-0002 a-41672-b03a208 41672-0025 a-41672-b03a228 026482036 a-41672-a03a501 4 026481046 a-41672-a04a102 41672-0003 a-41672-b04a208 41672-0026 a-41672-b04a228 026482046 a-41672-a04a501 5 026481056 a-41672-a05a102 41672-0004 a-41672-b05a208 41672-0027 a-41672-b05a228 026482056 a-41672-a05a501 6 026481066 a-41672-a06a102 41672-0005 a-41672-b06a208 41672-0028 a-41672-b06a228 026482066 a-41672-a06a501 7 026481076 a-41672-a07a102 41672-0006 a-41672-b07a208 41672-0029 a-41672-b07a228 026482076 a-41672-a07a501 8 026481086 a-41672-a08a102 41672-0007 a-41672-b08a208 41672-0030 a-41672-b08a228 026482086 a-41672-a08a501 9 026481096 a-41672-a09a102 41672-0008 a-41672-b09a208 41672-0031 a-41672-b09a228 026482096 a-41672-a09a501 10 026481106 a-41672-a10a102 41672-0009 a-41672-b10a208 41672-0032 a-41672-b10a228 026482106 a-41672-a10a501 11 026481116 a-41672-a11a102 41672-0010 a-41672-b11a208 41672-0033 a-41672-b11a228 026482116 a-41672-a11a501 12 026481126 a-41672-a12a102 41672-0011 a-41672-b12a208 41672-0034 a-41672-b12a228 026482126 a-41672-a12a501 13 026481136 a-41672-a13a102 41672-0012 a-41672-b13a208 41672-0035 a-41672-b13a228 026482136 a-41672-a13a501 14 026481146 a-41672-a14a102 41672-0013 a-41672-b14a208 41672-0036 a-41672-b14a228 026482146 a-41672-a14a501 15 026481156 A-41672-A15A102 41672-0014 a-41672-b15a208 41672-0037 a-41672-b15a228 026482156 a-41672-a15a501 16 026481166 a-41672-a16a102 41672-0015 a-41672-b16a208 41672-0038 a-41672-b16a228 026482166 a-41672-a16a501 17 026481176 a-41672-a17a102 41672-0016 a-41672-b17a208 41672-0039 a-41672-b17a228 026482176 a-41672-a17a501 18 026481186 a-41672-a18a102 41672-0017 a-41672-b18a208 41672-0040 a-41672-b18a228 026482186 a-41672-a18a501 19 026481196 a-41672-a19a102 41672-0018 a-41672-b19a208 41672-0041 a-41672-b19a228 026482196 a-41672-a19a501 20 026481206 a-41672-a20a102 41672-0019 a-41672-b20a208 41672-0042 a-41672-b20a228 026482206 a-41672-a20a501 21 026481216 a-41672-a21a102 41672-0020 a-41672-b21a208 41672-0043 a-41672-b21a228 026482216 a-41672-a21a501 22 026481226 a-41672-a22a102 41672-0021 a-41672-b22a208 41672-0044 a-41672-b22a228 026482226 a-41672-a22a501 23 026481236 a-41672-a23a102 41672-0022 a-41672-b23a208 41672-0045 a-41672-b23a228 026482236 a-41672-a23a501 24 026481246 a-41672-a24a102 41672-0023 a-41672-b24a208 41672-0046 a-41672-b24a228 026482246 a-41672-a24a501
rev: ecr/ecn information: sheet no. ec no.: ucp2009-2938 ab4 date: 6/15/2009 title: kk 156 header assembly friction lock breakaway right angle - 3 - document number: created / revised by: checked by: approved by: sd - 41672 - 001 mkipper ssousek fsmith template filename: product_spec[size_a](v.1).doc header no: 41186-a-an header no: header no: 411 86-a-an header no: 41186-a-an pin no: 2161-37(102) pin no: pin no: 2161-37(50 3) pin no: 2161-64(102) pin length l 1.100 / 27.90 pin length l p in length l 1.100 / 27.90 pin length l 1.175 / 29.85 mating m .523 / 13.28 mating m mating m .450 / 11.43 mating m .523 / 13.28 gold: na gold: gold: overall gold: na bend height: y .213 / 5.41 bend height: y bend height: y .213 / 5.41 bend height: y .217 / 5.51 pc tail p .136 / 3.45 pc tail p pc tail p .212 / 5.38 pc tail p . 207 / 5.26 tin: overall tin: tin: na tin: overall pack per pk-41672-001 pack per pack per pk-416 72-001 pack per pk-41672-001 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 026582021 a-41672-a02c102 41672-0088 a-41672-a02a503 026486024 a-41672-a02b102 3 41672-0050 a-41672-a03c102 41672-0089 a-41672-a03a503 026486034 a-41672-a03b102 4 026582041 a-41672-a04c102 41672-0090 a-41672-a04a503 026486044 a-41672-a04b102 5 41672-0051 a-41672-a05c102 41672-0091 a-41672-a05a503 026486054 a-41672-a05b102 6 41672-0052 a-41672-a06c102 41672-0092 a-41672-a06a503 026486064 a-41672-a06b102 7 41672-0053 a-41672-a07c102 41672-0093 a-41672-a07a503 026486074 a-41672-a07b102 8 026582081 a-41672-a08c102 41672-0094 a-41672-a08a503 026486084 a-41672-a08b102 9 41672-0054 a-41672-a09c102 41672-0095 a-41672-a09a503 026486094 a-41672-a09b102 10 41672-0055 a-41672-a10c102 026586101 a-41672-a10a503 026486104 a-41672-a10b102 11 41672-0056 a-41672-a11c102 41672-0096 a-41672-a11a503 026486114 a-41672-a11b102 12 41672-0057 a-41672-a12c102 026586121 a-41672-a12a503 026486124 a-41672-a12b102 13 41672-0058 a-41672-a13c102 41672-0097 a-41672-a13a503 026486134 a-41672-a13b102 14 41672-0059 a-41672-a14c102 41672-0098 a-41672-a14a503 026486144 a-41672-a14b102 15 41672-0060 a-41672-a15c102 41672-0099 a-41672-a15a503 026486154 a-41672-a15b102 16 41672-0061 a-41672-a16c102 41672-0100 a-41672-a16a503 026486164 a-41672-a16b102 17 41672-0062 a-41672-a17c102 41672-0101 a-41672-a17a503 026486174 a-41672-a17b102 18 41672-0063 a-41672-a18c102 41672-0102 a-41672-a18a503 026486184 a-41672-a18b102 19 41672-0064 a-41672-a19c102 41672-0103 a-41672-a19a503 026486194 a-41672-a19b102 20 41672-0065 a-41672-a20c102 41672-0104 a-41672-a20a503 026486204 a-41672-a20b102 21 41672-0066 a-41672-a21c102 41672-0105 a-41672-a21a503 026486214 a-41672-a21b102 22 41672-0067 a-41672-a22c102 026586221 a-41672-a22a503 026486224 a-41672-a22b102 23 41672-0068 a-41672-a23c102 41672-0106 a-41672-a23a503 026486234 a-41672-a23b102 24 026582241 a-41672-a24c102 41672-0107 a-41672-a24a503 026486244 a-41672-a24b102
rev: ecr/ecn information: sheet no. ec no.: ucp2009-2938 ab4 date: 6/15/2009 title: kk 156 header assembly friction lock breakaway right angle - 4 - document number: created / revised by: checked by: approved by: sd - 41672 - 001 mkipper ssousek fsmith template filename: product_spec[size_a](v.1).doc header no: 41186-a-an header no: 41186-a-an head er no: 41186-a-an header no: 41186-a-an pin no: 2161-96(501) pin no: 2161-37(501) pin no : 2161-19(102) pin no: 2161-19(102) pin length l 1.531 / 38.89 pin length l 1.1 00 / 27.90 pin length l 1.032 / 26.21 pin leng th l 1.032 / 26.21 mating m .500 / 12.70 mating m .523 / 13.28 mating m .458/11.63 ref mat ing m .461 / 11.71 gold: overall gold: overall gold: na gold: na bend height: y .213 / 5.41 bend height: y .213 / 5.41 bend height: y .221 / 5.61 bend height: y .2 13 / 5.41 pc tail p .592 / 15.04 pc tail p .136 / 3.45 pc tail p .125+-.015 pc tail p .130 / 3.30 tin: na tin: na tin: overall tin: overall pack per pk-41672-001 pack per pk-41672-001 pac k per pk-41672-001 pack per pk-41672-001 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 41672-0109 a-41672-a02d501 026586020 a-41672-a02c501 026482029 a-41672-a02e102 41672-0151 a-41672-a02f102 3 41672-0110 a-41672-a03d501 026586030 a-41672-a03c501 026482039 a-41672-a03e102 41672-0152 a-41672-a03f102 4 41672-0111 a-41672-a04d501 41672-0131 a-41672-a04c501 026482049 a-41672-a04e102 41672-0153 a-41672-a04f102 5 41672-0112 a-41672-a05d501 41672-0132 a-41672-a05c501 026482059 a-41672-a05e102 41672-0154 a-41672-a05f102 6 41672-0113 a-41672-a06d501 41672-0133 a-41672-a06c501 026482069 a-41672-a06e102 41672-0155 a-41672-a06f102 7 41672-0114 a-41672-a07d501 41672-0134 a-41672-a07c501 026482079 a-41672-a07e102 41672-0156 a-41672-a07f102 8 41672-0115 a-41672-a08d501 026586080 a-41672-a08c501 026482089 a-41672-a08e102 41672-0157 a-41672-a08f102 9 41672-0116 a-41672-a09d501 41672-0135 a-41672-a09c501 026482099 a-41672-a09e102 41672-0158 a-41672-a09f102 10 41672-0117 a-41672-a10d501 41672-0136 a-41672-a10c501 026482109 a-41672-a10e102 41672-0159 a-41672-a10f102 11 41672-0118 a-41672-a11d501 41672-0137 a-41672-a11c501 026482119 a-41672-a11e102 41672-0160 a-41672-a11f102 12 41672-0119 a-41672-a12d501 41672-0138 a-41672-a12c501 026482129 a-41672-a12e102 41672-0161 a-41672-a12f102 13 41672-0120 a-41672-a13d501 41672-0139 a-41672-a13c501 026482139 a-41672-a13e102 41672-0162 a-41672-a13f102 14 41672-0121 a-41672-a14d501 41672-0140 a-41672-a14c501 026482149 a-41672-a14e102 41672-0163 a-41672-a14f102 15 41672-0122 a-41672-a15d501 41672-0141 a-41672-a15c501 026482159 a-41672-a15e102 41672-0164 a-41672-a15f102 16 41672-0123 a-41672-a16d501 41672-0142 a-41672-a16c501 026482169 a-41672-a16e102 41672-0165 a-41672-a16f102 17 41672-0124 a-41672-a17d501 41672-0143 a-41672-a17c501 026482179 a-41672-a17e102 41672-0166 a-41672-a17f102 18 41672-0125 a-41672-a18d501 41672-0144 a-41672-a18c501 026482189 a-41672-a18e102 41672-0167 a-41672-a18f102 19 41672-0126 a-41672-a19d501 41672-0145 a-41672-a19c501 026482199 a-41672-a19e102 41672-0168 a-41672-a19f102 20 41672-0127 a-41672-a20d501 41672-0146 a-41672-a20c501 026482209 a-41672-a20e102 41672-0169 a-41672-a20f102 21 41672-0128 a-41672-a21d501 41672-0147 a-41672-a21c501 026482219 a-41672-a21e102 41672-0170 a-41672-a21f102 22 41672-0129 a-41672-a22d501 41672-0148 a-41672-a22c501 026482229 a-41672-a22e102 41672-0171 a-41672-a22f102 23 41672-0130 a-41672-a23d501 41672-0149 a-41672-a23c501 026482239 a-41672-a23e102 41672-0172 a-41672-a23f102 24 026586242 a-41672-a24d501 41672-0150 a-41672-a24c501 026482249 a-41672-a24e102 41672-0173 a-41672-a24f102
rev: ecr/ecn information: sheet no. ec no.: ucp2009-2938 ab4 date: 6/15/2009 title: kk 156 header assembly friction lock breakaway right angle - 5 - document number: created / revised by: checked by: approved by: sd - 41672 - 001 mkipper ssousek fsmith template filename: product_spec[size_a](v.1).doc header no: 41186-a-an header no: 41186-a-an header no: 41186-a-an pin no: 2161-52(102) pin no: 2161-37(102) pin no: 2161-37(501) pin length l 1.063 / 27.00 pin length l 1.10 0 / 27.90 pin length l 1.100 / 27.90 mating m .450 / 11.43 mating m . 450 / 11.43 mating m .450 / 11.43 gold: na gold: na gold: overall bend height: y .213 / 5.41 bend height: y .213 / 5 .41 bend height: y .213 / 5.41 pc tail p .172 / 4.69 pc tail p .2 12 / 5.38 pc tail p .212 / 5.38 tin: overall tin: overall tin: na pack per pk-41672-001 pack per pk-41672-001 pack per pk-41672-001 ckts material no engineer number material no engin eer number void material no engineer number void 2 41672-0176 a-41672-a02g102 026504051 a-41672-a05 a102-51 2,4 026504121 a-41672-a12a501-51 4,6 3 41672-0177 a-41672-a03g102 41672-0047 a-41672-a0 2a102-1 1 026497063 a-41672-a06a501-5 5 4 41672-0178 a-41672-a04g102 41672-0174 a-41672-a2 3a102-51 18,20 ,22 5 41672-0179 a-41672-a05g102 026504042 a-41672-a04 a102-02 2 6 41672-0180 a-41672-a06g102 026504061 a-41672-a06 a102-4 4 7 41672-0181 a-41672-a07g102 026504043 a-41672-a04 a102-3 3 8 41672-0182 a-41672-a08g102 026504062 a-41672-a06 a102-5 5 9 41672-0183 a-41672-a09g102 416720048 a-41672-a09 a102-51 2,3.4, 6,7,8 10 41672-0184 a-41672-a10g102 416720049 a-41672-a1 4a102-12 12 11 41672-0185 a-41672-a11g102 026504102 a-41672-a1 0a102-5 5 12 41672-0186 a-41672-a12g102 026504072 a-41672-a0 7a102-2 2 13 41672-0187 a-41672-a13g102 41672-0175 a-41672-a 11a102-2 2 14 41672-0188 a-41672-a14g102 41672-0203 a-41672-a 14a102-51 2,6, 11,13 15 41672-0189 a-41672-a15g102 41672-0227 a-41672-a 05a102-2 2 16 41672-0190 a-41672-a16g102 17 41672-0191 a-41672-a17g102 18 41672-0192 a-41672-a18g102 19 41672-0193 a-41672-a19g102 20 41672-0194 a-41672-a20g102 21 41672-0195 a-41672-a21g102 22 41672-0196 a-41672-a22g102 23 41672-0197 a-41672-a23g102 24 41672-0198 a-41672-a24g102
rev: ecr/ecn information: sheet no. ec no.: ucp2009-2938 ab4 date: 6/15/2009 title: kk 156 header assembly friction lock breakaway right angle - 6 - document number: created / revised by: checked by: approved by: sd - 41672 - 001 mkipper ssousek fsmith template filename: product_spec[size_a](v.1).doc header no: 41186-a-an header no: 41186-a-an header no: pin no: 2161-37(102) pin no: 2161-64(102) pin no: pin length l 1.100 / 27.90 pin length l 1.175 / 29.85 pin length l mating m .523 / 13.28 mating m .523 / 13.28 mating m gold: na gold: na gold: bend height: y .213 / 5.41 bend height: y .217 / 5.51 bend height: y pc tail p .136 / 3.45 pc tail p .207 / 5.26 pc tail p tin: overall tin: overall tin: pack per pk-41672-001 pack per pk-41672-001 pack per material no engineer number void material no engineer number void material no engineer number void 026504041 a-41672-a04b102-3 3 026504141 a-41672-a14c102-51 2,4,8 ,12 416720108 a-41672-a03b102-3 3 026504181 a-41672-a18b102-13 13 026504182 a-41672-a18b102-9 9 026504101 a-41672-a10b102-7 7 026504183 a-41672-a18b102-51 4,11 026504184 a-41672-a18b102-52 3,14 026504185 a-41672-a18b102-53 4,11,14
rev: ecr/ecn information: sheet no. ec no.: ucp2009-2938 ab4 date: 6/15/2009 title: kk 156 header assembly friction lock breakaway right angle - 7 - document number: created / revised by: checked by: approved by: sd - 41672 - 001 mkipper ssousek fsmith template filename: product_spec[size_a](v.1).doc header no: 41186-a-an header no: 41186-a-an hea der no: 41186-a-an pin no: 2161-19(102) pin no: 2161-52(102) pin n o: 2161-19(154) pin length l 1.032 / 26.21 pin length l 1.0 63 / 27.00 pin length l 1.032 / 26.21 mating m .461 / 11.71 mating m .450 / 11.43 mating m .458 / 11.63 gold: na gold: na gold: na bend height: y .213 / 5.41 bend height: y .213 / 5.41 bend height: y .221 / 5.61 pc tail p .130 / 3.30 pc tail p . 172 / 4.69 pc tail p .125 / 3.18 tin: overall tin: overall tin: overall pack per pk-41672-001 pack per pk-41672-001 pac k per pk-41672-001 material no engineer number void material no engin eer number void material no engineer number void 026504044 a-41672-a04f102-3 3 41672-0199 a-41672-a 03g102-1 1 41672-0228 a-41672-a05e154-2 2 41672-0200 a-41672-a05g102-4 4 41672-0201 a-41672-a03g102-3 3 41672-0202 a-41672-a05g102-3 3
rev: ecr/ecn information: sheet no. ec no.: ucp2009-2938 ab4 date: 6/15/2009 title: kk 156 header assembly friction lock breakaway right angle - 8 - document number: created / revised by: checked by: approved by: sd - 41672 - 001 mkipper ssousek fsmith template filename: product_spec[size_a](v.1).doc header no: header no: header no: pin no: pin no: pin no: pin length l pin length l pin length l mating m mating m mating m gold: gold: gold: bend height: y bend height: y bend height: y pc tail p pc tail p pc tail p tin: tin: tin: pack per pack per pack per material no engineer number void material no engineer number void material no engineer number void

rev: ecr/ecn information: sheet no. ec no.: ucp2006-1776 a1 date: 4/11/2006 title: kk 156 header assembly friction lock breakaway right angle (lead-free) - 2 - document number: created / revised by: checked by: approved by: sd- 41672 -002 aderr ssousek fsmith template filename: product_ spec[size_a](v.1).doc header no: 41186-a-an header no: header no: header no: pin no: 43294-0570 pin no: pin no: pin no: pin length l 1.100 / 27.90 pin length l pin length l pin length l mating m .450 / 11.43 mating m mating m mating m gold: .270 / 6.86 gold: gold: gold: bend height: y .213 / 5.41 bend height: y bend height: y bend height: y pc tail p .212 / 5.38 pc tail p pc tail p pc tail p tin: .200 / 5.08 tin: tin: tin: pack per pk-41672-001 pack per pack per pack per ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 3 4 5 6 50-29-1898 a-41672-b06a228 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4


▲Up To Search▲   

 
Price & Availability of A-41672-A15A102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X