Part Number Hot Search : 
KBPC1005 P1C4F RSS070 IRFC130R VCX162 PST9332U 14D331K OV6620
Product Description
Full Text Search
 

To Download 90572-1402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0905721402 status: active description: 2.54mm (.100") pitch qf-50? header, right angle, dual row, shrouded, din keying, with latch/eject levers, 40 circuits, 0.76 m gold (au) documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family ribbon cable / wire trap connectors series 90572 comments eject levers component type pcb header glow-wire compliant no product name qf-50? physical circuits (loaded) 40 circuits (maximum) 40 color - resin black durability (mating cycles max) 300 entry angle 90 angle flammability 94v-0 lock to mating part none material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of rows 2 pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 120 plating min: termination (m) 3 polarized to mating part yes polarized to pcb no shrouded yes stackable yes surface mount compatible (smc) no temperature range - operating -25c to +85c termination interface: style through hole wire insulation diameter n/a wire size awg n/a series image - reference only eu rohs china rohs compliance status not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90572 series mates with 90635 qf-50? female housing
wire/cable type ribbon cable electrical current - maximum per contact 1a voltage - maximum 250v material info reference - drawing numbers sales drawing sda-90572 this document was generated on 06/08/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 90572-1402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X