Part Number Hot Search : 
3401A ZN470AE ASF140 ZHCS1000 H16245 AD5664R ADUM6132 MC92600
Product Description
Full Text Search
 

To Download 87369-0300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b-26 mx07 b 2.00 to 2.50mm (.079 to .098") pitch pcb and wire connectors www.molex.com/customer.html?seriesnumber=8940 0 2.00mm (.079") pitch wire-to-board crimp housing 87369 single row features and benefts sizes 2 to 16 circuits two friction locks positive polarization pull tab for easy insertion/extraction reference information product specification: ps-87369 packaging: tube or tape and reel accepts: 50212 crimp terminal mates with: 89400 and 89401 single row headers designed in: millimeters electrical voltage: 250v ac current: 2.0a max. contact resistance: 20 milliohms max. dielectric withstanding voltage: 500v ac/1 min. insulation resistance: 1000 megohms min. mechanical contact insertion force: 1kg max. contact retention to housing: 1kg min. wire pull-out force: 3kg max. durability: 30 cycles physical housing: 6/6 nylon, ul 94v-o contact: phosphor bronze operating temperature: -25 to +85?c circuits order no. 2 87369-020x 3 87369-030x 4 87369-040x 5 87369-050x 6 87369-060x 7 87369-070x 8 87369-080x 9 87369-090x circuits order no. 10 87369-100x 11 87369-110x 12 87369-120x 13 87369-130x 14 87369-140x 15 87369-150x 16 87369-160x replace x with color option (0 to 5) 0 natural 1 black 2 red 3 yellow 4 blue 5 green www.molex.com/customer.html?seriesnumber=8736 9 2.00mm (.079") pitch wire-to-board header 89400 vertical features and benefts sizes 2 to 15 circuits for standard version; sizes 2 to 15 circuits for coined version latch windows retain positive locks after mating standoffs minimize flux retention coined version available for positive pin retention to header for other color options, contact molex reference information product specification: ps-87369 packaging: bag ul file no.: e29179 csa file no.: lr19980a mates with: 87369 designed in: millimeters electrical voltage: 250v current: 4.0a contact resistance: 40 milliohms max. dielectric withstanding voltage: 500v ac/1 min. insulation resistance: 1000 megohms min. physical housing: thermoplastic, ul 94v-0 contact: brass plating: tin operating temperature: -25 to +85?c circuits order no. lead-free standard coined 2 89400-021x 89400-022x yes 3 89400-031x 89400-032x 4 89400-041x 89400-042x 5 89400-051x 89400-052x 6 89400-061x 89400-062x 7 89400-071x 89400-072x 8 89400-081x 89400-082x 9 89400-091x 89400-092x circuits order no. lead-free standard coined 10 89400-101x 89400-102x yes 11 89400-111x 89400-112x 12 89400-121x 89400-122x 13 89400-131x 89400-132x 14 89400-141x 89400-142x 15 89400-151x 89400-152x 16 89400-161x 89400-162x replace x with color option (0 to 6) 0 natural 1 black 2 red 3 yellow 4 blue 6 green


▲Up To Search▲   

 
Price & Availability of 87369-0300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X