Part Number Hot Search : 
9N03L S1215 CST534E YD8227 MBR1635 MSK0041 MIC94072 EL2020C
Product Description
Full Text Search
 

To Download 6-1415365-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  edition: 02/2003 accessories industrial power relay rt / rp / sr2m and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm features new retainer clip with ejection function easy replacement of relays on a densely packed din rail high quality rising clamp terminals captive combination terminal screws no reduction of protection class or creepage/clearance with plastic retainer simple plug-in indicator- and protection modules white snap-on tags not suitable for bistable relays with 2 coils accessories for sockets: rejector led- and protection modules marking tags rt 78 724 socket with screw-type terminals, pinning 3.5 mm for din rail mounting z technical data rated current 12 a rated voltage 250 vac insulation cat. (vde 0110b) c / 250 vac ambient temperature -25...85 c protection category ip 20 wire cross section 2 x 2.5 mm 2 with bootlace crimp 2 x 1.5 mm 2 terminal torque 0.5 nm max. 0.7 nm packaging unit 10 pcs. socket with screw-type terminals for din rail mounting f0228-a f0229-a s0416-aa rt 78 726 socket with screw-type terminals, pinning 5 mm for din rail mounting z technical data rated current 1 pole 12 a *) 2 pole 2 x 12 a rated voltage 250 vac insulation cat. (vde 0110b) c / 250 vac ambient temperature -25...85 c protection category ip 20 wire cross section 2 x 2.5 mm 2 with bootlace crimp 2 x 1.5 mm 2 terminal torque 0.5 nm max. 0.7 nm packaging unit 10 pcs. *) for 1 pole relays (16 a) the relay terminals 11-21, 12-22 and 14-24 have to be bridged for 1 pole relays (12 a) the relay terminals 11- 12-14 have to be connected to the socket terminals 21-12-24 f0230-a s0416-ab rt 78 724 and rt 78 726 logical setup of connections (input / output) safe separation to vde 0106 dimensions in mm socket with screw-type terminals for din rail mounting type part number rt 78 724 socket with screw-type terminals, pinning 3.5 mm for din rail mounting 8-1415035-1 rt 78 726 socket with screw-type terminals, pinning 5 mm for din rail mounting 6-1415035-1
edition: 02/2003 accessories industrial power relay rt / rp / sr2m and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm accessories for rt 78 724, rt 78 726 type part number rt 17 016 plastic retaining clip, relay height 15.7 and 25.5 mm 1-1415038-1 rt 17 040 marking tag 2-1415038-1 led- and protection modules for rt 78 724, rt 78 726 easy insertion of module into the socket wiring in parallel to the coil type part number ptm t0 0a0 protection diode (a1+, a2-) 9-1415036-1 ptm t0 0l0 protection diode (a1-, a2+) 0-1415037-1 ptm u0 524 rc-network 6...60 vac 1-1415037-1 ptm u0 730 rc-network 110...230 vac 2-1415037-1 ptm v0 524 varistor 24 vac 3-1415037-1 ptm v0 615 varistor 115 vac 6-1415365-1 ptm v0 730 varistor 230 vac 4-1415037-1 led ptm l0 524 red led 6...24 vdc/vac 6-1415036-1 ptm g0 524 green led 6...24 vdc/vac 3-1415036-1 ptm l0 024 red led 6...24 vdc w. prot.diode (a1+, a2-) 5-1415036-1 ptm g0 024 green led 6...24 vdc w. prot.diode (a1+, a2-) 2-1415036-1 ptm l1 024 red led 6...24 vdc w. prot. diode (a1-, a2+) 8-1415036-1 ptm l0 730 red led 110...230 vac 7-1415036-1 ptm g0 730 green led 110...230 vac 4-1415036-1 f0231-a f0232-a marking tags white marking area 15.5 x 6 mm snaps on socket in up to 4 positions s0416-ac
edition: 02/2003 z technical data rated current 12 a rated voltage 300 vac dielectric strength coil/cont. >4000 v rms insulation cat. (vde 0110b) c / 250 vac ambient temperature -25...85 c protection category ip 20 protection against accidental contact meets vbg 4 wire cross section 2 x 2.5 mm 2 with bootlace crimp 2 x 1.5 mm 2 packaging unit 10 pcs. rt 78 624 socket with screw-type terminals, pinning 3.5 mm for din rail mounting z technical data rated current 1 pole 12 a *) 2 pole 2 x 12 a rated voltage 300 vac dielectric strength coil/cont. >4000 v rms insulation cat. (vde 0110b) c / 250 vac ambient temperature -25...+80 c protection category ip 20 protection against accidental contact meets vbg 4 wire cross section 2 x 2.5 mm 2 with bootlace crimp 2 x 1.5 mm 2 packaging unit 10 pcs. *) for 1 pole relays (16 a) the terminals 11-21, 12-22 and 14-24 have to be bridged for 1 pole relays (12 a) the terminals 11-12-14 have to be connected to the socket terminals 21-12-24 rt 78 625 socket with screw-type terminals, pinning 5 mm for din rail mounting f0120-a f0121-a s0321-bc s0321-bd accessories industrial power relay rt / rp / sr2m and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm z technical data rated current 1 pole 12 a *) 2 pole 2 x 12 a rated voltage 300 vac dielectric strength coil/cont. >4000 v rms insulation cat. (vde 0110b) c / 250 vac ambient temperature -25...+80 c protection category ip 20 protection against accidental contact meets vbg 4 wire cross section 2 x 2.5 mm 2 with bootlace crimp 2 x 1.5 mm 2 packaging unit 10 pcs. *) for 1 pole relays (16 a) the terminals 11-21, 12-22 and 14-24 have to be bridged for 1 pole relays (12 a) the terminals 11-12-14 have to be connected to the socket terminals 21-12-24 rt 78 626 socket with screw-type terminals, pinning 5 mm for din rail mounting f0122-a s0321-be rt 78 624 and rt 78 626 logical setup of connections (input / output) safe separation to vde 0106 dimensions in mm socket with screw-type terminals, for din rail mounting type part number rt 78 624 socket with screw-type terminals, pinning 3.5 mm for din rail mounting 2-1419108-1 rt 78 625 socket with screw-type terminals, pinning 5 mm for din rail mounting 2-1419108-2 rt 78 626 socket with screw-type terminals, pinning 5 mm for din rail mounting 2-1419108-3
rights to change data / design reserved edition: 02/2003 rp 78 601 socket with pcb terminals, pinning 3.5 mm z technical data rated current 12 a rated voltage 300 vac dielectric strength coil/cont. >5000 v rms insulation cat. (vde 0110b) c / 250 vac ambient temperature -40...+80 c packaging unit 100 pcs. rp 78 602 socket with pcb terminals, pinning 5 mm z technical data rated current 1 pole 12 a 2 pole 2 x 12 a rated voltage 300 vac dielectric strength coil/cont. >5000 v rms insulation cat. (vde 0110b) c / 250 vac ambient temperature -40...+80 c packaging unit 100 pcs. f0116-a f0117-a s0322-ad s0322-ac marking tags white marking area 15.5 x 6 mm snaps on socket in up to 4 positions led- and protection modules for rt 78 624, rt 78 625, rt 78 626 and rp 78 623, ry 78 626 easy insertion of module into the socket wiring in parallel to the coil type part number rpm t0 0a0 protection diode 1n4007 1 ) 1-1393161-1 rpm u0 548 rc-network 24...48 vac 1-1393161-3 rpm u0 730 rc-network 110...230 vac 1-1393161-4 led rpm l0 024 red led 12...24 vdc w.prot.diode 1 ) 0-1393161-4 rpm g0 024 green led 12...24 vdc w.prot.diode 1 ) 0-1393161-3 rpm l0 524 red led 12...48 vdc / vac 0-1393161-7 rpm g0 524 green led 12...48 vdc / vac 2-1419152-4 rpm l0 110 red led 60...110 vdc w.prot.diode 1 ) 0-1393161-6 rpm g0 110 green led 60...110 vdc w.prot.diode 1 ) 2-1419152-3 rpm l0 730 red led 110...230 vac 0-1393161-8 rpm g0 730 green led 110...230 vac 2-1419152-5 1 ) standard polarity: a1:+, a2:- accessories industrial power relay rt / rp / sr2m and similar design: pinnings 3.5mm / 5mm; relay heights 15.7 / 25.5mm f0123-a s0321-bf accessories for rt 78 624, rt 78 625, rt 78 626 type part number rt 16 016 plastic retaining clip rt, relay height 15.7 mm 3-1393161-3 rp 16 104 plastic retaining clip rp, relay height 25.5 mm 1-1393161-8 ry 16 040 marking tag 6-1393161-8 socket with pcb terminals type part number rp 78 601 socket with pcb terminals,pinning 3.5 mm 8-1393234-4 rp 78 602 socket with pcb terminals,pinning 5 mm 8-1393234-5 accessories for rp 78 601, rp 78 602 type part number rt 16 041 plastic retaining clip rt, relay height 15.7 mm 3-1393161-4 rp 16 100 plastic retaining clip rp, relay height 25.5 mm 1-1393161-7 rt 28 516 metal retaining clip rt, relay height 15.7 mm 0-1419108-7 rp 28 500 metal retaining clip rp, relay height 25.5 mm 1-1393161-9 dimensions in mm view on solder pins socket with pcb terminals


▲Up To Search▲   

 
Price & Availability of 6-1415365-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X