Part Number Hot Search : 
62007 ZURMG98W C0603X IR340 T13009 904HW A3FF1ACP RS5C316B
Product Description
Full Text Search
 

To Download 2SA1841L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document no. d15590ej2v0ds00 (2nd edition) date published april 2002 n cp(k) printed in japan darlington power transistor 2sa1841 pnp silicon epitaxial transistor (darlington connection) for high-speed switching data sheet the information in this document is subject to change without notice. before using this document, please confirm that this is the latest version. not all devices/types available in every country. please check with local nec representative for availability and additional information. ? 2002 the 2sa1841 is a high-speed darlington power transistor. this transistor is ideal for high-precision control such as pwm control for pulse motors or brushless motors in oa and fa equipment. in addition, this transistor features a package that can be auto-mounted in radial taping specifications, thus contributing to mounting cost reduction. features ? auto-mounting possible in radial taping specifications  resin-molded insulation type package with power rating of 1.8 w in stand-alone conditions  high dc current amplifiers due to darlington connection h fe = 4,000 to 20,000 @v ce = ? 2.0 v, i c = ? 4.0 a  on-chip c-to-e reverse diode  fast switching speed absolute maximum ratings (ta = 25 c) parameter symbol conditions ratings unit collector to base voltage v cbo ? 100 v collector to emitter voltage v ceo ? 100 v emitter to base voltage v ebo ? 8.0 v collector current (dc) i c(dc) ? 8.0 a collector current (pulse) i c(pulse) pw 10 ms, duty cycle 2% ? 16 a base current (dc) i b(dc) ? 0.8 a total power dissipation p t ta = 25 c 1.8 w junction temperature t j 150 c storage temperature t stg ? 55 to +150 c

   2sa1841  
      parameter symbol conditions min. typ. max. unit collector cutoff current i cbo v cb = ? 100 v, i e = 0 ? 1.0 a collector cutoff current i ebo v eb = ? 5.0 v, i c = 0 ? 5.0 ma dc current gain h fe1 * v ce = ? 2.0 v, i c = ? 4.0 a 4,000 20,000 ? dc current gain h fe2 * v ce = ? 2.0 v, i c = ? 8.0a 500 ? collector saturation voltage v ce(sat) * ? 1.5 v base saturation voltage v be(sat) * i c = ? 4.0 a, i b = ? 4.0 ma ? 2.0 v turn-on time t on 0.2 s storage time t stg 1.5 s fall time t f i c = ? 4.0 a i b1 = ? i b2 = ? 4.0 ma r l = 12.5 ? , v cc = ? 50 v 0.7 s        fe   marking l k h fe2 4,000 to 10,000 8,000 to 20,000       electrode connection 1. base 2 . collector 3. emitter

   2sa1841  
      total power dissipation p t (w) ambient temperature ta ( c) pulse test dc current gain h fe collector to emitter voltage v ce (v) ambient temperature ta ( c) ic derating dt (%) collector c u rrent i c (a) collector current i c (a) transient thermal resistance r th(j-a) (t) ( c/w) pulse width pw (s) collector to emitter voltage v ce (v) collector current i c (a) single pulse collector current i c (a)

   2sa1841 collector current i c (a) collector current i c (a) collector current i c (a) pulse test pulse test collector saturation voltage v ce(sat) (v) base saturation voltage v be(sat) (v) gain bandwidth product f t (mhz) collector capacitance c ob (pf) collector to base voltage v cb (v)

   2sa1841 
   ! on " ! stg " ! f     base current waveform collector current waveform
2sa1841 m8e 00. 4 the information in this document is current as of july, 2001. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec's data sheets or data books, etc., for the most up-to-date specifications of nec semiconductor products. not all products and/or types are available in every country. please check with an nec sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without prior written consent of nec. nec assumes no responsibility for any errors that may appear in this document. nec does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec semiconductor products listed in this document or any other liability arising from the use of such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. nec assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec endeavours to enhance the quality, reliability and safety of nec semiconductor products, customers agree and acknowledge that the po ssibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. nec semiconductor products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. the recommended applications of a semiconductor product depend on its quality grade, as indicated below. customers must check the quality grade of each semiconductor product before using it in a particular application. "standard": com puters, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "special": transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "specific": aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. the quality grade of nec semiconductor products is "standard" unless otherwise expressly specified in nec's data sheets or data books, etc. if customers wish to use nec semiconductor products in applications not intended by nec, they must contact an nec sales representative in advance to determine nec's willingness to support a given application. (note) (1) "nec" as used in this statement means nec corporation and also includes its majority-owned subsidiaries. (2) "nec semiconductor products" means any semiconductor product developed or manufactured by or for nec (as defined above). ? ? ? ? ? ?


▲Up To Search▲   

 
Price & Availability of 2SA1841L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X