Part Number Hot Search : 
IBAADS TC0194A P2102 85C51 C3216 SDR628G LM150 20100C
Product Description
Full Text Search
 

To Download 1137870000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet creation date july 23, 2010 10:47:19 pm cest last update 28.05.2010 / we reserve the right to make technical changes. 1 ch20m6 lhz-smt l 1.5sn bk bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-2083 www.weidmueller.com general ordering data order no. 1137870000 part designation lhz-smt l 1.5sn bk bx version pcb terminal, no. of poles: , 90, solder pin length: 1.5 mm, tinned, black6 mm2, box gtin (ean) 4032248919741 qty. 306 pc(s). packaging box naturally, the ch20m system also shows its detailed perfection in the peripheral interface. if you are taking into consideration design options, processing, usability, reliability and security, then pin headers and connectors are just as critical in the real world as the entire system. in every sector, the connection technology is at the top of its class. ? 100% safe protected against accidental touch ? 100% efficient fully compatible with reflow soldering ? 100% time and cost savings during the installation: the quick all-purpose "multi-tool" screw head ensures a secure contact, user-friendly operation and less complexity. additional features, such as the "wire ready" technology, enable you to minimize wiring costs and increase customer satisfaction.
datasheet ch20m6 lhz-smt l 1.5sn bk bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-2083 www.weidmueller.com technical data creation date july 23, 2010 10:47:19 pm cest last update 28.05.2010 / we reserve the right to make technical changes. 2 dimensions (1) length 23.5 mm width 6 mm height 16.9 mm system parameters version connection element, left type of connection clamping yoke connection no. of connections 1 pcb thickness 0.8 mm type of contact to pcb reflow contact to terminal rail no protection class ip 20 connectable conductors clamping range, min. 0.13 mm2 clamping range, max. 6 mm2 conductor connection cross-section awg, min. awg 26 conductor connection cross-section awg, max. awg 10 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 2.5 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 2.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.25 mm2 with plastic collar ferrule, din 46228 pt 4, max. 2.5 mm2 material data flammability class ul 94 v-0 insulating material lcp colour black contact surface tinned highest continous operating temperature, min. -20 c highest continous operating temperature, max. 85 c rating data to din iec rated voltage for overvoltage class/pollution severity ii/2 400 v rated voltage for overvoltage class/pollution severity iii/2 320 v rated voltage at overvoltage category/ pollution degree iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv classifications eclass 6.0 27-26-11-01


▲Up To Search▲   

 
Price & Availability of 1137870000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X