Part Number Hot Search : 
2SC28 W91473CL 00900 TF21R TSB1424A P6KE12 FFCHLEH 218125
Product Description
Full Text Search
 

To Download SN54LS00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5-2 fast and ls ttl data quad 2-input nand gate ? esd > 3500 volts 14 13 12 11 10 9 1 2 3 4 5 6 v cc 8 7 gnd guaranteed operating ranges symbol parameter min typ max unit v cc supply voltage 54 74 4.5 4.75 5.0 5.0 5.5 5.25 v t a operating ambient temperature range 54 74 55 0 25 25 125 70 c i oh output current e high 54, 74 0.4 ma i ol output current e low 54 74 4.0 8.0 ma sn54/74ls00 quad 2-input nand gate low power schottky j suffix ceramic case 632-08 n suffix plastic case 646-06 14 1 14 1 ordering information sn54lsxxj ceramic sn74lsxxn plastic sn74lsxxd soic 14 1 d suffix soic case 751a-02
5-3 fast and ls ttl data sn54/74ls00 dc characteristics over operating temperature range (unless otherwise specified) symbol parameter limits unit test conditions symbol parameter min typ max unit test conditions v ih input high voltage 2.0 v guaranteed input high voltage for all inputs v il input low voltage 54 0.7 v guaranteed input low voltage for all inputs v il input low voltage 74 0.8 v guaranteed input low voltage for all inputs v ik input clamp diode voltage 0.65 1.5 v v cc = min, i in = 18 ma v oh output high voltage 54 2.5 3.5 v v cc = min, i oh = max, v in = v ih or v il per truth table v oh output high voltage 74 2.7 3.5 v v cc = min, i oh = max, v in = v ih or v il per truth table v ol output low voltage 54, 74 0.25 0.4 v i ol = 4.0 ma v cc = v cc min, v in = v il or v ih per truth table v ol output low voltage 74 0.35 0.5 v i ol = 8.0 ma v in = v il or v ih per truth table i ih input high current 20 m a v cc = max, v in = 2.7 v i ih input high current 0.1 ma v cc = max, v in = 7.0 v i il input low current 0.4 ma v cc = max, v in = 0.4 v i os short circuit current (note 1) 20 100 ma v cc = max i cc power supply current total, output high 1.6 ma v cc = max i cc total, output low 4.4 ma v cc = max note 1: not more than one output should be shorted at a time, nor for more than 1 second. ac characteristics (t a = 25 c) symbol parameter limits unit test conditions symbol parameter min typ max unit test conditions t plh turn-off delay, input to output 9.0 15 ns v cc = 5.0 v c l = 15 pf t phl turn-on delay, input to output 10 15 ns v cc = 5.0 v c l = 15 pf


▲Up To Search▲   

 
Price & Availability of SN54LS00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X