Part Number Hot Search : 
FSF0610 BLF546 FCF10H60 KF4N20LD TGF2952 B15E1 74AUP2 Z86C93
Product Description
Full Text Search
 

To Download SF2D-DC60V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 sf-relays double contact polarised, monostable safety relay mm inch 25.0 .984 2 form a 2 form b 4 form a 4 form b 16.5 0.5 .650 .020 53.3 0.3 2.098 .012 33 0.5 1.299 .020 16.5 0.5 .650 .020 53.3 0.3 2.098 .012 features ?high contact reliability high contact reliability is achieved through the use of a double contact. ?forced operation contacts (2 form a 2 form b) n.o. and n.c. side contacts are connected through a card so that one interacts with the other in movement. in case of a contact welding, the other keeps a min. 0.5mm .020inch contact gap. ?independent operation contacts (4 form a 4 form b) there are 4 points of forced operation contacts. each pair of contacts is free from the main armature and is independent from each other. so if a n.o. pair of contacts are welded, the other 3 n.o. contacts are not effected (operate properly) that enables to plan a circuit to detect welding or go back to the beginning condition. ?separated chamber structure (2 form a 2 form b, 4 form a 4 form b) n.o. and n.c. side contacts are put in each own space surrounded with a card and a body-separater. that prevents short circuit between contacts, which is caused by their springs welding or damaged. ?high breakdown voltage 2,500 vrms between contacts and coil ?high sensitivity realizes thin shape and high sensitivity (500 mw nominal operating power) by utilizing high-ef?iency polarized magnetic circuit with 4-gap balanced armature. ?complies with safety standards standard products are ul, csa, t?v and sev certi?d. comform to european standards. t?v certi?d (945/el, 178/ 88). complies with suva european standard. specifications contact coil remarks * speci?ations will vary with foreign standards certi?ation ratings. * 1 measurement at same location as ?nitial breakdown voltage section * 2 detection current: 10ma * 3 excluding contact bounce time * 4 half-wave pulse of sine wave: 11ms; detection time: 10 s * 5 half-wave pulse of sine wave: 6ms * 6 detection time: 10 s * 7 refer to 6. usage, transport and storage mentioned in notes characteristics contact arrangement 2 form a 2 form b 4 form a 4 form b initial contact resistance, max. (by voltage drop 6 v dc 1 a) 30 m ? contact material gold-?shed silver alloy rating (resistive) nominal switching capacity 6 a 250 v ac, 6 a 30 v dc max. switching power 1,500 va, 180 w max. switching voltage 440 v ac, 30 v dc max. carrying current 6 a expected life (min. operations) mechanical (at 180 cpm) 10 7 electrical (at 20 cpm) 10 5 nominal operating power 500 mw contact arrangement 2 form a 2 form b 4 form a 4 form b max. operating speed 180 cpm (at nominal voltage) initial insulation resistance* 1 min. 1,000 m ? at 500 v dc initial breakdown voltage* 2 between open contacts 1,300 vrms between contact sets 2,500 vrms between contact and coil 2,500 vrms operate time* 3 (at nominal voltage) approx. 17 ms approx. 18 ms release time (without diode)* 3 (at nominal voltage) approx. 7 ms approx. 6 ms temperature rise (at nominal voltage) (at 20?) max. 45? with nominal coil voltage and at 6 a carry current shock resistance functional* 4 min. 294 m/s 2 {30 g} destructive* 5 min. 980 m/s 2 {100 g} vibration resistance functional* 6 10 to 55 hz at double amplitude of 2 mm destructive 10 to 55 hz at double amplitude of 2 mm conditions for operation, transport and storage* 7 (not freezing and condensing at low temperature) ambient temp. ?0? to +70? ?0? to +158? humidity 5 to 85% r.h. unit weight approx. 38 g 1.34 oz approx. 47 g 1.66 oz (pending)
5 types and coil data (at 20? 68? ) mm inch dimensions 1. 2 form a 2 form b contact arrangement part no. nominal voltage, v dc pick-up voltage, vdc (max.) drop-out voltage, v dc (min.) coil resistance ? (10%) nominal operating current, ma (10%) nominal operating power, mw max. allowable voltage, v dc 2 form a 2 form b sf2d-dc5v 5 3.75 0.5 50 100 500 6 sf2d-dc12v 12 9 1.2 288 41.7 500 14.4 sf2d-dc24v 24 18 2.4 1.152 20.8 500 28.8 sf2d-dc48v 48 36 4.8 4.608 10.4 500 57.6 SF2D-DC60V 60 45 6.0 7.200 8.3 500 72 4 form a 4 form b sf4d-dc5v 5 3.75 0.75 50 100 500 6 sf4d-dc12v 12 9 1.8 288 41.7 500 14.4 sf4d-dc24v 24 18 3.6 1.152 20.8 500 28.8 sf4d-dc48v 48 36 7.2 4.608 10.4 500 57.6 sf4d-dc60v 60 45 9.0 7.200 8.3 500 72 general tolerance: 0.3 .012 12.7 .500 53.3 0.3 2.098 .012 12.7 .500 12.7 .500 5.08 .200 6 58 7 10 9 1 2 12 11 16 0.5 .630 .020 12.7 .500 3.0 0.5 .118 .020 0.5 .020 25.0 .984 7.62 .300 schematic (bottom view) pc board pattern (bottom view) tolerance: 0.1 .004 5 1 2 678 9 101112 2.54 .100 2.54 .100 10-1.4 dia. holes 10-.055 dia. holes 2. 4 form a 4 form b general tolerance: 0.3 .012 12.7 .500 53.3 0.3 2.098 .012 12.7 .500 12.7 .500 5.08 .200 6 5 18 17 20 19 8 7 10 9 14 13 16 15 1 2 12 11 16 0.5 .630 .020 12.7 .500 7.62 .300 7.62 .300 3.0 0.5 .118 .020 0.3 .012 33 0.5 1.299 .020 7.62 .300 schematic (bottom view) pc board pattern (bottom view) tolerance: 0.1 .004 1 13 5 2 14 6 15 7 16 8 9 17 10 18 11 19 12 20 2.54 .100 2.54 .100 18-1.4 dia. holes 18-.055 dia. holes ordering information ex. sf 2 d dc 5 v contact arrangement coil voltage dc 5, 12, 24, 48, 60 v 2: 2 form a 2 form b 4: 4 form a 4 form b ul/csa, t ? v, sev approved type is standard typical applications ?industrial equipment such as presses and machine tools
6 reference data 1. operate/release time (without diode) tested sample: sf2d-dc24v quantity: n = 20 2. temperature rise tested sample: sf4d-dc24v quantity: n = 6 coil applied voltage: 100%v, 120%v contact carry current: 6a 3. ambient temperature characteristics tested sample: sf4d-dc12v quantity: n = 6 10 20 30 0 40 50 80 70 100 90 120 130 110 coil applied voltage, %v operate/release time, ms operate time release time min. max. x min. max. x 5 10 15 0 20 25 30 120 100 110 coil applied voltage, %v inside the coil contact temperature rise, c -40 -20 0 20 40 60 80 -50 100 50 -100 drop-out voltage pick-up voltage ambient temperature, c rate of change, %
7 the operation of sf relays (when contacts are welded) sf relays work to maintain a normal operating state even when the contact welding occur by overloading or short-circuit currents. it is easy to make weld detection circuits and safety circuits in the design to ensure safety even if contacts weld. if the internal contacts (no. 2, 3, 6, and 7) weld of 4a4b type, the armature becomes non-operational and the contact gaps of e ach of the four form a contacts are maintained at greater than 0.5 mm .020 inch . reliable isolation is thus ensured. the 2a2b type operates in the same way. internal contacts weld if the no. 2 contact welds. each of the four form a contacts (no. 1, 3, 5, and 7) maintains a gap of greater than 0.5 mm .020 inch . no.1 no.2 no.3 no.4 no.8 no.7 no.6 no.5 non-energized no.1 no.2 no.3 no.4 no.8 no.7 no.6 no.5 energized (when no. 2 contact is welded) if the external contacts (no. 1, 4, 5, and 8) weld of 4a4b type, gaps of greater than 0.5 mm .020 inch are maintained between adjacent contacts and the other contacts return by an non-energized. external contacts weld if the no. 1 contact welds. the adjacent no. 2 contact maintains a gap of greater than 0.5 mm .020 inch . the other contacts, because the coil is not energized, return to their normal return state; each of form a contacts (no. 3, 5, and 7) maintains a contact gap of greater than 0.5 mm .020 inch ; each of the form b contacts (no. 4, 6, and 8) return to a closed state. if external connections are made in series. even if one of the contacts welds, the other contacts operate independently and the contact gaps are maintained at greater than 0.5 mm .020 inch . no.1 no.2 no.3 no.4 no.8 no.7 no.6 no.5 energized no.1 no.2 no.3 no.4 no.8 no.7 no.6 no.5 non-energized (when no. 1 contact is welded) energized contact gap min 0.5 mm .020 inch weld non-energized the table below shows the state of the other contacts. in case of form a contact weld the coil applied voltage is 0 v. in case of form b contact weld the coil applied voltage is nominal. contact operation table no.1 no.2 no.3 no.4 no.8 no.7 no.6 no.5 contact no. no.1 no.2 no.3 no.4 terminal no. 20 19 12 11 8 716 15 no.5 no.6 no.7 no.8 13 14 5 69 10 17 18 note: contact gaps are shown at the initial state. if the contact transfer is caused by load switching, it is necessary to check the actual loading. contact no. state of other contacts >0.5: contact gap is kept at min. 0.5 mm .020 inch : contact closed empty cells: either closed or open contact no. 1 2 3 4 5 6 7 8 welded contact no. 1 >0.5 >0.5 >0.5 >0.5 2 >0.5 >0.5 >0.5 >0.5 3 >0.5 >0.5 >0.5 >0.5 4 >0.5 >0.5 >0.5 >0.5 5 >0.5 >0.5 >0.5 >0.5 6 >0.5 >0.5 >0.5 >0.5 7 >0.5 >0.5 >0.5 >0.5 8 >0.5 >0.5 >0.5 >0.5
notes 1. coil operating power pure dc current should be applied to the coil. the wave form should be rectangular. if it includes ripple, the ripple factor should be less than 5%. however, check it with the actual circuit since the characteristics may be slightly different. 2. coil connection when connecting coils, refer to the wiring diagram to prevent mis-operation or malfunction. 3. cleaning for automatic cleaning, the boiling method is recommended. avoid ultrasonic cleaning which subjects the relays to high frequency vibrations, which may cause the contacts to stick. it is recommended that a uorinated hydrocarbon or other alcoholic solvents be used. 4. soldering we recommend the following soldering conditions 1) automatic soldering 1) preheating: 100 c 212 f , max. 60 s 2) soldering: 250 c 482 f , max. 5 s 5. others 1) if the relay has been dropped, the appearance and characteristics should always be checked before use. 2) the cycle lifetime is de ned under the standard test condition speci ed in the jis* c 5442-1986 standard (temperature 15 to 35 c 59 to 95 f , humidity 25 to 85%). check this with the real device as it is affected by coil driving circuit, load type, activation frequency, activation phase,ambient conditions and other factors. also, be especially careful of loads such as those listed below. (1) when used for ac load-operating and the operating phase is synchronous. rocking and fusing can easily occur due to contact shifting. (2) high-frequency load-operating when high-frequency opening and closing of the relay is performed with a load that causes arcs at the contacts, nitrogen and oxygen in the air is fused by the arc energy and hno 3 is formed. this can corrode metal materials. three countermeasures for these are listed here. 1. incorporate an arc-extinguishing circuit. 2. lower the operating frequency 3. lower the ambient humidity 3) for secure operations, the voltage applied to the coil should be nominal voltage. in addition, please note that pick- up and drop-out voltage will vary according to the ambient temperature and operation conditions. 4) heat, smoke, and even a re may occur if the relay is used in conditions outside of the allowable ranges for the coil ratings, contact ratings, operating cycle lifetime, and other speci cations. therefore, do not use the relay if these ratings are exceeded. also, make sure that the relay is wired correctly. 5) incorrect wiring may cause unexpected events or the generation of heat or ames. 6) check the ambient conditions when storing or transporting the relays and devices containing the relays. freezing or condensation may occur in the relay, causing functional damage. avoid subjecting the relays to heavy loads, or strong vibration and shocks. 6. usage, transport and storage conditions 1) ambient temperature, humidity, and atmospheric pressure during usage, transport, and storage of the relay: (1) temperature: 40 to +70 c 40 to +158 f (2) humidity: 5 to 85% rh (avoid freezing and condensation.) the humidity range varies with the temperature. use within the range indicated in the graph below. (3) atmospheric pressure: 86 to 106 kpa temperature and humidity range for usage, transport, and storage: 2) condensation condensation forms when there is a sudden change in temperature under high temperature and high humidity conditions. condensation will cause deterioration of the relay insulation. 3) freezing condensation or other moisture may freeze on the relay when the temperatures is lower than 0 c 32 f . this causes problems such as sticking of movable parts or operational time lags. 4) low temperature, low humidity environments the plastic becomes brittle if the relay is exposed to a low temperature, low humidity environment for long periods of time. tolerance range (avoid condensation when used at temperatures higher than 0 c 32 f ) (avoid freezing when used at temperatures lower than 0 c 32 f ) 85 5 40 40 0 +32 +70 +158 temperature, c f humidity, %r.h. 2 / 19 /200 3 all rights rese r v ed, ?co p y r ight matsushita elect r ic w o r k s , ltd. go to online catalog


▲Up To Search▲   

 
Price & Availability of SF2D-DC60V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X