po er tel:01635 521858 fax:01635 523771 www.powersolve.co.uk e-mail: sales@powersolve.co.uk 350 watts dc-ac power inverter psi350 series dc-ac power inverters features ? solid state design ? light weight & compact ?thermal protection ? high efficiency, typically 90% ? low battery shutdown & alarm ?on/off switch ? 350 watt versions ? integral cooling fan electrical specifications input volts: see table output volts: 230 vac (optional 120vac) output waveform: modified sinewave output frequency: 50hz, 60hz for 120v version efficiency: 90% typical battery low alarm: 10.5v +/- 0.5v (12v version) 21v +/- 0.8v (24v version) input connector: screw terminals net weight: 1.85 kilo max thermal protection: +50 +/- 5 degrees c overload protection: yes short circuit protection: via input fuse battery polarity protection: via input fuse dimensions: 205 x 175 x 65 mm battery shutdown: 10v +/- 0.5v (12v version) 20v +/- 0.5v (24v version) output connector: uk 13a socket - other versions available ordering information psi350 series model input input input current output power volts fuse standby full load full load peak psi350/12 10-15 35a 0.36a 35a 350w 550w psi350/24 20-28 20a 0.18a 20a 350w 550w
|